this document was generated on 05/19/2010 please check www.molex.com for latest part information part number: 0345661803 status: active overview: mx123_sealed_connection_systems description: 2.54mm (.100") pitch, mx123 female receptacle housing, keying option f, wire dress option 9, 73 circuits, natural tpa documents: drawing (pdf) rohs certificate of compliance (pdf) product specification ps-34566-0000 (pdf) general product family crimp housings series 34566 comments see sales drawing for number of open circuits overview mx123_sealed_connection_systems product name mx123 physical circuits (maximum) 73 circuits detail 73 color - resin natural gender female glow-wire compliant no keying to mating part yes lock to mating part yes material - resin nylon number of rows 4 packaging type tray panel mount no pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm pitch - term. interface (in) 0.100 in pitch - term. interface (mm) 2.54 mm polarized to mating part yes stackable no temperature range - operating -40c to +125c electrical current - maximum per contact 11a, 25a material info reference - drawing numbers application specification as-34566-001 product specification ps-34566-0000 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 34566 series mates with mx123 female header 31386 , 31387 use with mx64 female terminals 33467 this document was generated on 05/19/2010 please check www.molex.com for latest part information
|