Part Number Hot Search : 
NCP5306 1N5334A MIC2288 X9316WP B035C0 SM8013 BU508AFI D4NC5
Product Description
Full Text Search
 

To Download MN101DF08G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mad00032eem mn101d08e type mn101d08e MN101DF08G internal rom type mask rom flash rom (byte) 80k 128k ram (byte) 2k 4k package (lead-free) lqfp080-p-1414a minimum instruction execution time [with main clock operated] 0.1397 s (at 4.0 v to 5.5 v, 14.32 mhz) 71.5 s (at 2.7 v to 5.5 v, 14.32 mhz internal frequency di vision) [when sub-clock operated] 61 s (at 2.5 v to 5.5 v, 32.768 khz) 0.1397 s (at 4.0 v to 5.5 v, 14.32 mhz) 71.5 s (at 2.7 v to 5.5 v, 14.32 mhz internal frequency di vision) 61 s (at 2.5 v to 5.5 v, 32.768 khz) ? interrupts reset, runaway, external 0 to 4 , timer 0 to 3 , timer 6 , capstan fg, control, hsw, cylinder(drum) fg, servo v-sync, synchronous output, osd, xds, serial 1, serial 2, pwm 4 , osd v-sync ? timer counter timer counter 0 : 8-bit 1 (timer function) clock source ................ 1/4, 1/16 of system clock frequency interrupt source ........... over? ow of timer counter 0 timer counter 1 : 8-bit 1 (timer function, linear timer counter function) clock source ................ 1/4 of system clock frequency; ctl signal interrupt source ........... over? ow of timer counter 1 timer counter 2 : 16-bit 1 (timer function, input capture (ctl speci? ed edge), duty judgment of ctl signal) clock source ................ 1/4, 1/16, 1/24 of system clock frequency interrupt source ........... over? ow of timer counter 2 ; input of ctl speci? ed edge; under? ow of timer 2 shift register 4-bit counter; coincidence of timer 2 shift register with timer 2 shift register compare register timer counter 3 : 16-bit 1 (timer function) clock source ................ 1/4, 1/16 of system clock frequency interrupt source ........... over? ow of timer counter 3 timer counter 5 : 19-bit 1 (watchdog, stable oscillation waiting function) clock source ................ system clock watchdog interrupt source ... 1/2 1 6 , 1/2 1 9 of timer counter 5 frequency clear by stable oscillation ... after 256 counts by timer counter 5 (2 1 8 counts of osc oscillation clock) timer counter 6 : 16-bit 1 (clock function [max. 2 s]) clock source ................ 1/512 of osc oscillation clock frequency; xi oscillation clock; 1/8, 1/128 of system clock frequency interrupt source ........... 1/2 1 3 , 1/2 1 4 , 1/2 1 5 over? ow of timer counter 6 ? serial interface serial 1 : 8-bit 1 (synchronous type) (transfer direction of msb/lsb selectable, start condition function) clock source ................ 1/8, 1/16, 1/32, 1/64, 1/128, 1/256 of system clock frequency; nsbt1 pin input serial 2 : 8-bit 1 (i2c) (master transmission/reception, slave transmission/reception) clock source ................ 1/144 to 1/252 of system clock; sck pin input
mad00032eem mn101d08e ? osd display mode ........................... menu(internal synchronized ) display, super impose(external synchronized) display applicable broadcasting system .... ntsc, pal, pal-m, pal-n screen con? guration ................ 24 characters 2n rows (n = 1 to 6) character type .......................... max. 128 character types (variable, include special characters) character size ........................... 12 18 dots (vertical direction : 1 dot for 2 h at not enlargement.) enlarged characters .................. each 2 settings in horizontal and vertical character interpolation ............. none line background color ............. 8-hue settable (settable in the row unit at menu display) line background intensity ........ 8 gradations settable in the row unit screen background color .......... 8-hue settable at menu display character color ......................... white character intensity ................... 8 gradations settable in the row unit frame function ......................... 1-dot frame in 4 directions frame intensity ......................... 4 gradations settable in the row unit blinking .................................... none (covered by software) inverted character ..................... settable in the character unit halftone .................................... none input ......................................... composite video signal input (output level : 1 v[p-p] / 2 v[p-p]) clamp method .......................... sync tip clamp, clamp level in 4 levels output ...................................... composite video output measure against image ? uctuation ...... built-in afc circuit dot clock .................................. 1/2 of osc oscillation clock (automatic phase adjustment) ? i/o pins i/o 56 common use : 45 input 1 common use : 1 ? a/d converter 8-bit 11 -ch. (without s/h) ? pwm 13-bit 2-ch. (at repetition cycle 572 ms at 14.32 mhz), 8-bit 1-ch. (at repetition cycle 71.5 ms, 0.572 ms, 1.14 ms, 2.29 ms at 14.32 mhz) ? icr 16-bit 2-ch.(speed system), 18-bit 4 -ch.(phase system) ? ocr 16-bit 3 (synchronous output 2 , rec ctl 1 ) ? special ports 3 -state output (pto) vlp pin; ctl input; capstan fg input; cylinder(drum) pg/fg inputs; hsw output; head amp/ rotary control outputs; output of 1/4 osc oscillation clock (1 v[p-p]) ? rom correction correcting address designation : up to 3 addresses possible correction method : correction program being saved in internal ram
mad00032eem ? electrical charactreistics (supply current) parameter symbol condition limit unit min typ max operating supply current idd1 14.32 mhz operation without load, vdd = 5 v 50 100 ma idd2 1 / 1024 of 14 . 32 mhz operation without load, vdd = 2 . 7 v 2 5 ma idd3 stop of 14.32 mhz oscillation, vdd = 2.7 v 32 khz oscillation operation without load 50 100 a supply current at stop idsp stop of oscillation without load, vdd = 5 v 10 a supply current at halt idht0 14.32 mhz oscillation without load, vdd = 5 v 5 15 ma idht1 stop of 14.32 mhz oscillation, vdd = 2.7 v 32 khz oscillation operation without load 5 20 a (ta = 25 c 2 c , vss = 0 v) ? electrical charactreistics (a/d converter characteristics) parameter symbol condition limit unit min typ max conversion relative error ? nlad 3 lsb a/d conversion time tad fosc = 14.32 mhz 8 s analog input voltage 5 v (ta = 25 c 2 c , vdd = 5.0 v , vss = 0 v) ? development tools in-circuit emulator px-ice 101c/d + px-prb101d08-lqfp080-p-1414a ? pin assignment mn101d08e lqfp080-p-1414a 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 1 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 (p64 )irq 0 (p63 ? )irq 1 (p62 ? )irq 2 (p61 ? )irq 3 (p60 ? )irq 4 (p07 ? )nsbt 1 (p06 ? )nsbi1 (p05 ? )nsb01 p02 p01 p00 (p27 ? )sda (p26 ? )sck (p46 ? )hbufd6 (p44 ? )hbufd4 (p42 ? )hbufd2 (p40 ? )hbufd0 hsw vl p (p04 )nrst cvin (pb5 ?) vss2 cvout (pb6 ?) sxi x0 (p23 ?) xi (p24 ?) vs s osc i osc 0 vd d pwm4(p25 ?) pwm0 pwm1 sbufd1(p1 1 ?) sbufd2(p12 ?) sbufd3(p13 ?) sbufd4(tc60, p14 ?) sbufd5(p15 ?) sbufd6(p16 ?) sbufd7(oscdi v, p17 ?) ad9( ? pc 1 ) ad10( ? pc 2 ) c0 rctln rctlp av dd ctla av ss vr i vr 0 af g fgf ypg( ? pb 7 ) yfg(pfg) fsclpf( ? pb 0 ) fsci( ? pb 1 ) afclpf ( ? pb 2 ) afcc ( ? pb 3 ) vdd2 cvin2( ? pb 4 ) ( ? pc 0 ) ad 8 ( ? p87 ) ad 7 ( ? p86 ) ad 6 ( ? p85 ) ad 5 ( ? p84 ) ad 4 ( ? p83 ) ad 3 ( ? p82 ) ad 2 ( ? p81 ) ad 1 ( ? p80 ) ad 0 p77 p76 p75 p74 p73 p72 p71 p70 ( ? p67 ) ro ta ( ? p66 ) ham p ( ? p65 ) den v
request for your special attention and precautions in using the technical information and semiconductors described in this book (1) if any of the products or technical information described in this book is to be exported or provided to non-residents, the laws and regulations of the exporting country, especially, those with regard to security export control, must be observed. (2) the technical information described in this book is intended only to show the main characteristics and application circuit examples of the products, and no license is granted under any intellectual property right or other right owned by our company or any other company. therefore, no responsibility is assumed by our company as to the infringement upon any such right owned by any other company which may arise as a result of the use of technical information described in this book. (3) the products described in this book are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the prod- ucts may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (4) the products and product specifications described in this book are subject to change without notice for modification and/or im- provement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifications satisfy your requirements. (5) when designing your equipment, comply with the range of absolute maximum rating and the guaranteed operating conditions (operating power supply voltage and operating environment etc.). especially, please be careful not to exceed the range of absolute maximum rating on the transient state, such as power-on, power-off and mode-switching. otherwise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (6) comply with the instructions for use in order to prevent breakdown and characteristics change due to external factors (esd, eos, thermal stress and mechanical stress) at the time of handling, mounting or at customer's process. when using products for which damp-proof packing is required, satisfy the conditions, such as shelf life and the elapsed time since first opening the packages. (7) this book may be not reprinted or reproduced whether wholly or partially, without the prior written permission of matsushita electric industrial co., ltd. industrial co., ltd.


▲Up To Search▲   

 
Price & Availability of MN101DF08G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X