Part Number Hot Search : 
LD505 33063 KF410BS 6N13508 T55M6 AN1477 MAX3735A EGA16
Product Description
Full Text Search
 

To Download LQ5AW116 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  under development color tft -lcd module for a v/car navigation lq5a w116 (digital still camera/lcd camcorder/lcd tv) features n display size :13 cm [5"] n wide viewing angle : l/r 130 u/d 105 n extended temperature range: n compact structure utilizing acf-cog t opr :-30 c to + 85 c, t stg: -30 c to +85 c technology specifications parameter unit parameter unit display size 13 [5] cm [ "] backlight type 1ccft(e) - no. of pixels*1 74 880 pixel brightness 320 cd/m 2 dot format (h x v) 320 x rgb x 234 dot power consumption panel 5.4 w dot pitch (h x v) 0.1065 x 0.3195 mm & backlight active area (h x v) 102.2 x 74.8 mm outline dimensions (w x h x d) 126.8 x 89.6 x 16.5 mm input signal system ntsc/p al*1 - w eight 185 g input video signal standard analog rgb - operating temperature -30 to +85 c v iewing direction wide viewing angle - storage temperature -30 to +85 c *1...mbk-p al system is adopted as p al. lcd panel has 234 scanning lines but video-signals are d eleted for certain intervals, an d displays a picture of 273 virtual scanning lines. outline dimensions unit : mm 13 best viewing angle (6 o'clock) direction of 16.5 13 active area center gb r g 960hx234v dots datum line 0.2 r 2.2 5 126.8 13 active area 2.2 5 89.2 31.2 42.4 9.5 79.8 (bezel open area) datum line 33 89.6 107.4 (bezel open area) (102.24x74.763)


▲Up To Search▲   

 
Price & Availability of LQ5AW116

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X