|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
!" # ! $%&'()" # *" + ## + !+ !" # $% &'( )* ** + $,+ ,- # $% &, )* ** + $,+ , # . )* ** /' $% &'( 0 * )1 - " $% &'( 0 * )1 ( " 2 *) *34* "! + 5 6* +.3 7,8 + 9 63. . :.; 9 *3 8- # :.; ** ,, 9 1 : :.; 9 *3 ( :! <) : *:! ( +! % =1 *3 ((>,/( % 6*3 % 1 ** 3 6. *3% 1 ** ?*, ,8?* ! " # $ # % &'( ) $ # " * %) )# !+" # # ! )" * %)# # ,"-. " ! /01,+203# ! " ? 2 d pak to-262 s d g /!'! #!,- # www.irf.com 1 .com .com .com 4 .com u datasheet 2 www.irf.com + )* 6* * <0 +.3 (( + + &+# &'(@ ? ? * <0 +.3 % 1 ?? 8, +! ? * '( # &, 8 + &,+# &,, /( ? + &(+# &,, ,( + &+# &a + 5 %;* ;.+.3 , ' + + &+ # &'(@ 3 4*0* %* - 6 + &'(+# &,, '( + &((++ &+ '( + &++ &+% &,( 5 6* 4*0* 2 <3 , + &,8+ 5 6* : * 2 <3 , + & ,8+ b %.5 ;*3 ,( # &,, b 5 6* ;*3 / + &+ b 5 )*c.. *c ;*3 -( + &(+6 438, %* =) .% /, + &'-+ % / # &,, %* =??) .% ' &,' ?, + &(+ 4..% 'a &' ?, 6 43, 0 . * ? #1 1 - + &+ =1 1 , 14 + &'(+ : * %*? * 1 8, d&,ef6 43( !"# e # 6 )* 6* = 2 # *.6* # /( # )* 6* 2 <3 ** @ # 6* ** =649% . ) ;03 ; . 6* ** 3*. * : * ) 1 g + ) 4*0* +.3 , + % &'( # &,,+ &+ : * : *% 8 a % &'( # &,, b : * : * ;*3 , ' !& ,!@ 4*0* %* = % #** 3.3. * 2 >2 $% " s d g ,- /' . 0; @h. 'i uses irlz24n data and test conditions "; ,cj* 4 *5 , *. 4* * ?1*. *3 ;j * ? *11. kl aa i sd ,,! 'a!@+ + % ,/( + &'(+*3% &'( 2&/a@e &'( ? # &,,6 43* ,' 1 : *3h1. 0;. mg 1 ** 6 ?3,, .com .com .com .com 4 .com u datasheet www.irf.com 3 ! 0.1 1 10 100 0.1 1 10 10 0 i , drain-to-source current (a) d v , drain-to-source voltage (v) ds a 20s pulse width t = 25c j vgs top 15v 12v 10v 8.0v 6.0v 4.0v 3.0v bottom 2.5v 2.5v 0.1 1 10 100 0.1 1 10 10 0 i , drain-to-source current (a) d v , drain-to-source voltage (v) ds a 20s pulse width t = 175c vgs top 15v 12v 10v 8.0v 6.0v 4.0v 3.0v bottom 2.5v 2.5v j 0.1 1 10 100 2345678910 t = 25c j gs v , gate-to-source voltage (v) d i , drain-to-source current (a) t = 175c j a v = 15v 20s pulse width ds 0.0 0.5 1.0 1.5 2.0 2.5 3.0 -60 -40 -20 0 20 40 60 80 100 120 140 160 180 j t , junction temperature (c) r , drain-to-source on resistance ds(on) (normalized) v = 10v gs a i = 18a d .com .com .com .com 4 .com u datasheet 4 www.irf.com " ! " # $%"#& '# ! ' " # 0 200 400 600 800 1 10 100 c, capacitance (pf) ds v , drain-to-source voltage (v) a v = 0v, f = 1mhz c = c + c , c shorted c = c c = c + c gs iss gs gd ds rss gd oss ds gd c iss c oss c rss 0 3 6 9 12 15 048121620 q , total gate charge (nc) g v , gate-to-source voltage (v) gs a for test circuit see figure 13 v = 44v v = 28v i = 11a ds ds d 1 10 100 0.4 0.8 1.2 1.6 2. 0 t = 25c j v = 0v gs v , source-to-drain voltage (v) i , reverse drain current (a) sd sd a t = 175c j 1 10 100 1000 1 10 100 v , drain-to-source voltage (v) ds i , drain current (a) operation in this area limited by r d ds(on) 10s 100s 1ms 10ms a t = 25c t = 175c single pulse c j .com .com .com .com 4 .com u datasheet www.irf.com 5 $% ! "( # v ds 9 0% 1 0% v gs t d(on) t r t d(off) t f "( # )* $%+ * , -. + 1 ! 0.1 % + )n% (+ + - + 0 4 8 12 16 20 25 50 75 100 125 150 17 5 c i , drain current (amps) d t , case temperature (c) a 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 t , rectangular pulse duration (sec) 1 thjc d = 0.50 0.01 0.02 0.05 0.10 0.20 single pulse (thermal response) a thermal response (z ) p t 2 1 t dm notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c .com .com .com .com 4 .com u datasheet 6 www.irf.com / , * / , *)* 0 '#)* t p v ds i as v dd v (br)dss d.u.t. v d s i d i g 3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + - '# q g q gs q gd v g charge 12 $%&* +# ! 0 20 40 60 80 100 120 140 25 50 75 100 125 150 17 5 j e , single pulse avalanche energy (mj) as a starting t , junction temperature (c) v = 25v i top 4.5a 7.8a bottom 11a dd d v ds l d.u.t. v d d i as t p 0.01 ? r g + - "#$% .com .com .com .com 4 .com u datasheet www.irf.com 7 p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop r e-applied v oltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - - 34+53+ " 6 + &(+?*232 : .) : + ? :!*.. ? )*: * 1 )n% ? # *.. )4*c)c ? )n% ) : n *% *2 * ? 206*# ? 5*. ? 202 <3 # ** %*?* * 6 .com .com .com .com 4 .com u datasheet 8 www.irf.com dimensions are shown in millimeters (inches) note: "p" in as s embly line pos i ti on i ndi cates "l ead- f ree" f 530s t his is an irf 530s wit h lot code 8024 as s e mble d on ww 02, 2000 in the assembly line "l" assembly lot code international re ct if ie r logo part number dat e code ye ar 0 = 2000 we ek 02 line l f530s a = as s e mb l y s i t e cod e week 02 p = designates lead-free product (opt ional) rectifier inte rnat ional logo lot code assembly year 0 = 2000 dat e code part numbe r .com .com .com .com 4 .com u datasheet www.irf.com 9 to-262 part marking information to-262 package outline dimensions are shown in millimeters (inches) as s e mb l y lot code rect ifier int ernat ional as s e mb le d on ww 19, 1997 note: "p" in as s embly line pos i ti on i ndi cates "l ead- f r ee" in the assembly line "c" logo t his is an irl3103l lot code 1789 example: line c dat e code week 19 ye ar 7 = 1997 part number part number logo lot code assembly int ernat ional rect ifier product (optional) p = d e s i gn at e s l e ad - f r e e a = as s e mb l y s i t e code we e k 19 ye ar 7 = 1997 dat e code or .com .com .com .com 4 .com u datasheet 10 www.irf.com dimensions are shown in millimeters (inches) 3 4 4 trr f eed direction 1.85 (.073) 1.65 (.065) 1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153) trl f eed direction 10.90 (.429) 10.70 (.421) 16.10 (.634) 15.90 (.626) 1.75 (.069) 1.25 (.049) 11.60 (.457) 11.40 (.449) 15.42 (.609) 15.22 (.601) 4.72 (.136) 4.52 (.178) 24.30 (.957 ) 23.90 (.941 ) 0.368 (.0145) 0.342 (.0135) 1.60 (.063) 1.50 (.059) 13.50 (.532) 12.80 (.504) 330.00 (14.173) max. 27.40 (1.079) 23.90 (.941) 60.00 (2.362 ) min. 30.40 (1.197) max. 26.40 (1.039) 24.40 (.961) notes : 1. comforms to eia-418. 2. controlling dimension: millimeter. 3. dimension measured @ hub. 4. includes flange distortion @ outer edge. data and specifications subject to change without notice. ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . 07/04 .com .com .com 4 .com u datasheet |
Price & Availability of IRLZ24NLPBF |