Part Number Hot Search : 
3362M104 HCF4046 TD425 35LH011 AP1603 TA123 TLMS3101 ACTS374K
Product Description
Full Text Search
 

To Download IMS-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number 34045 revision 12-aug-02 IMS-2 vishay dale for technical questions, contact magnetics@vishay .com www.vishay.com 22 inductors military, mil-c-15305 qualified, type lt and commercial, molded, shielded, miniature features ? flame retardant coating. ? electromagnetic shield. ? small package for a shielded inductor. ? epoxy molded construction provides superior moisture protection. ? precision performance, excellent reliability, sturdy construction. standard electrical specifications tol. 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% military standard ms21426 -1 -2 -3 -4 -5 -6 -7 -8 -9 -10 -11 -12 -13 ms21426 -14 -15 -16 -17 -18 -19 -20 -21 -22 -23 -24 -25 -26 -27 -28 -29 -30 -31 -32 -33 -34 -35 -36 -37 ms21427 -1 -2 -3 -4 -5 -6 -7 -8 -9 ind. ( h) 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10.0 12.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0 56.0 68.0 82.0 100.0 120.0 150.0 180.0 220.0 270.0 330.0 390.0 470.0 560.0 military type lt10k 518 519 520 521 522 523 524 525 526 527 528 529 530 lt10k 531 532 533 534 535 536 537 538 539 540 541 542 543 544 545 546 547 548 549 550 551 552 553 554 lt10k 555 556 557 558 559 560 561 562 563 q min. (not qpl'd) 54 52 50 49 47 46 44 42 41 41 39 38 37 40 41 43 45 48 49 50 53 54 55 55 57 36 38 40 40 40 41 42 44 44 45 45 40 (not qpl'd) 31 33 33 35 37 40 38 36 36 test freq. l & q (mhz) 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 self-* resonant freq. min. (mhz) 490.0 430.0 415.0 375.0 330.0 300.0 260.0 230.0 220.0 210.0 180.0 165.0 150.0 130.0 115.0 105.0 95.0 90.0 80.0 75.0 70.0 60.0 55.0 53.0 50.0 35.0 30.0 26.0 24.0 21.0 20.0 19.0 16.0 15.0 13.0 11.0 10.5 13.0 12.0 11.0 10.0 9.0 8.0 7.8 7.5 7.0 dcr max. (ohms) 0.10 0.11 0.12 0.13 0.15 0.16 0.18 0.19 0.21 0.23 0.24 0.27 0.30 0.73 0.86 0.95 1.1 1.2 1.3 1.5 2.4 2.9 3.2 3.6 4.0 3.0 3.4 3.8 4.9 5.8 6.5 7.9 9.3 11.0 12.0 13.0 16.8 5.8 7.9 9.4 11.0 12.0 16.0 21.0 24.0 28.0 rated** dc current (ma) 670 635 610 585 545 530 495 485 460 440 430 405 385 247 228 217 202 193 185 173 136 124 118 111 106 122 115 108 96 88 83 75 69 64 61 59 51 88 75 69 64 61 53 46 43 40 incremental*** current 27 24 22 20 18 16 14 13 12 *measured with full length lead. ** rated dc current: based on the maximum temperature rise not to exceed 15 c at + 90 c ambient. *** incremental current: the minimum typical current at which the inductance will be decreased by 5% from its initial zero dc value. electrical specifications inductance tolerance: 10% standard. 5% available. insulation resistance: 1000 megohm minimum per mil-std-202, method 302, test condition b. dielectric withstanding voltage: 200 vac per mil-std-202, method 301 (sea level). percent coupling: 3% maximum per mil-c-15305. operating temperature range: - 55 c to + 105 c. iron core ferrite core iron core
IMS-2 vishay dale document number 34045 revision 12-aug-02 www.vishay.com 23 for technical questions, contact magnetics@vishay .com mechanical specifications terminal strength: 3 pounds pull per mil-std-202, method 211, test condition a except 180 rotation for a total of 540 c. weight: IMS-2 = 0.30 grams maximum. test equipment* ? h/p 4342a q-meter. ? measurements corporation megacycle meter, model 59. ? wheatstone bridge. *test procedures per mil-c-15305. dimensions in inches [millimeters] 0.020 0.0015 [0.508 0.038] 1.50 0.120 [38.10 3.05] 0.250 0.010 [6.35 0.254] 0.095 0.010 [2.41 0.254] material specifications encapsulant: epoxy. standard terminal: #24 awg tinned copper. inductance range and military standard material from 0.10 h 120 h to 100 h 560 h grade 1 1 core powdered iron ferrite shield powdered iron ferrite military standard ms21426 ms21427 classification class a a inductance range environmental performance test barometric pressure thermal shock flammability overload low temperature storage resistance to soldering heat resistance to solvents specifications mil-std-202, method 105 mil-std-202, method 107 mil-std-202, method 111 mil-c-15305 mil-c-15305 mil-std-202, method 210 mil-std-202, method 215 conditions test condition c test condition a-1 test condition a ordering information 10% inductance tolerance IMS-2 model 10 h inductance value ordering information - military part number ms21426 military standard 531 id number - 14 inductance value or k family 10 grade and class lt type note: listing of military standard does not imply qualification. contact factory for latest government qpl information. inductors, military, mil-c-15305 qualified, type lt and commercial, molded, shielded, miniature


▲Up To Search▲   

 
Price & Availability of IMS-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X