Part Number Hot Search : 
10406 UDZS27 TSM104A MIC842 10406 ST19SF04 52M16V1 AT17C010
Product Description
Full Text Search
 

To Download IM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  IM vishay dale document number 34030 revision 02-nov-01 www.vishay.com 8 for technical questions, contact magnetics@vishay .com inductors military, mil-c-15305 qualified, type lt and commercial, molded features ? wide inductance range in small package. ? flame retardant coating. ? precision performance, excellent reliability, sturdy construction. ? epoxy molded construction provides superior moisture protection. inductance range and military standard model to class grade military standard classification from inductance range mil. range in bold face b a a b a a b a a a a a 1 1 1 1 1 1 1 1 1 1 1 1 100 h 0.082 h 1 h 27 h 1000 h 4.7 h 33 h 240 h 1800 h 2.7 h 27 h 220 h 1000 h 3600 h 150 h 10,000 h 0.10 h 0.022 h 0.10 h 1.2 h 33 h 0.15 h 5.6 h 36 h 270 h 0.10 h 3.3 h 33 h 270 h 1100 h 68 h 3900 h IM-1 IM-2 IM-4 IM-6 IM-8 IM-9 IM-10 ms75083 ms75084 ms75085 ms18130 ms14046 ms90538 ms75008 not qpl'd ms75101 ms90539 not qpl'd ms90540 not qpl'd ms14047 not qpl'd ms90541 not qpl'd electrical specifications inductance tolerance: 1%, 3%, 5%, 10%, 20%. other tolerances available on request. insulation resistance: 1000 megohm minIMum per mil-std-202, method 302, test condition b. dielectric strength: per mil-std-202, method 301: 1000 vac for IM-2, -4, -6, -8, -9 and -10. 200 vac for IM-1. mechanical specifications terminal strength: per mil-std-202, method 211, test condition a: for IM-1, 3 pounds pull. for IM-2, -4, -6, -8, -9 and -10, 5 pounds pull and twist. weight: IM-1 = .25 gram maxIMum. IM-2 = .30 gram maxIMum. IM-4 = .65 gram maxIMum. IM-6 = .95 gram maxIMum. IM-8 = 1.5 gram maxIMum. IM-9 = 2.0 gram maxIMum. IM-10 = 2.5 gram maxIMum. material specifications encapsulant: epoxy. standard terminals: IM-1 and IM-2, 24 awg; IM-4, IM-6 and IM-9, 22 awg; IM-8, 21 awg; and IM-10, 20 awg, tinned copper. test equipment* ? h/p 4342a q-meter. ? measurements corporation megacycle meter, model 59. ? wheatstone bridge. *test procedures per mil-c-15305. model IM-1 IM-2 IM-4 IM-6 IM-8 IM-9 IM-10 maxIMum minIMum maxIMum minIMum maxIMum minIMum maxIMum minIMum maxIMum minIMum maxIMum minIMum maxIMum minIMum a (dia.) 0.086 [2.18] 0.070 [1.78] 0.105 [2.67] 0.085 [2.16] 0.165 [4.19] 0.145 [3.68] 0.200 [5.08] 0.180 [4.57] 0.225 [5.72] 0.205 [5.21] 0.260 [6.60] 0.240 [6.10] 0.250 [6.35] 0.230 [5.84] b 0.210 [5.33] 0.190 [4.83] 0.260 [6.60] 0.240 [6.10] 0.385 [9.78] 0.365 [9.27] 0.450 [11.43] 0.430 [10.92] 0.570 [14.48] 0.550 [13.97] 0.570 [14.48] 0.550 [13.97] 0.750 [19.05] 0.730 [18.54] c (typ.) 1.62 [41.15] 1.38 [35.05] 1.63 [41.40] 1.25 [31.75] 1.63 [41.40] 1.25 [31.75] 1.63 [41.40] 1.25 [31.75] 1.63 [41.40] 1.25 [31.75] 1.63 [41.40] 1.25 [31.75] 1.63 [41.40] 1.25 [31.75] dIMensions in inches [millIMeters] b c typ. d dia. a dia. d (dia.) 0.0215 [.546] 0.0185 [.470] 0.0215 [.546] 0.0185 [.470] 0.027 [.686] 0.023 [.584] 0.027 [.686] 0.023 [.584] 0.030 [.762] 0.026 [.660] 0.027 [.686] 0.023 [.584] 0.034 [.864] 0.030 [.762] test barometric pressure thermal shock flammability overload low temperature storage resistance to soldering heat resistance to solvents conditions test condition c test condition a-1 test condition a specifications mil-std-202, method 105 mil-std-202, method 107 mil-std-202, method 111 mil-c-15305 mil-c-15305 mil-std-202, method 210 mil-std-202, method 215 environmental performance
document number 34030 revision 02-nov-01 www.vishay.com 9 IM vishay dale for technical questions, contact magnetics@vishay .com standard electrical specifications note: listing of military standard does not IMply qualification. contact factory for latest government qpl information. note: products with dashes instead of military standard value and type designations are not qualified. *measured with full length lead. **rated dc current based on maxIMum temperature rise as shown in table. model ind. ( h) tol. mil. std. mil. type q min. test freq. l & q (mhz) self- resonant* freq. min. (mhz) dcr max. (ohms) rated** dc current (ma) phenolic core iron core phenolic core phenolic core iron core 895 835 760 705 645 525 460 420 410 510 485 465 435 410 310 290 257 236 198 178 150 130 122 104 95 126 118 112 105 100 95 83.5 76 69 64 54.5 52 2400 2200 2000 1900 1800 1700 1500 1400 1350 1270 1200 1105 1025 960 815 700 650 545 495 415 385 590 535 455 395 355 270 250 230 0.13 0.15 0.18 0.21 0.25 0.38 0.49 0.59 0.62 0.18 0.20 0.22 0.25 0.28 0.49 0.56 0.72 0.85 1.2 1.5 2.1 2.8 3.2 4.4 5.2 3.0 3.4 3.8 4.3 4.7 5.2 6.8 8.2 10.0 11.5 16.0 17.5 0.025 0.03 0.035 0.04 0.045 0.05 0.06 0.07 0.08 0.09 0.10 0.12 0.14 0.16 0.22 0.30 0.35 0.50 0.60 0.85 1.0 0.18 0.22 0.30 0.40 0.55 0x.85 1.0 1.2 680.0 650.0 560.0 540.0 500.0 440.0 410.0 380.0 340.0 250.0 215.0 200.0 190.0 170.0 150.0 135.0 130.0 110.0 100.0 95.0 88.0 78.0 69.0 52.0 47.0 31.0 26.0 23.0 20.0 17.0 15.0 13.5 12.5 11.5 10.5 10.0 9.5 900.0 875.0 850.0 825.0 800.0 775.0 750.0 725.0 680.0 640.0 600.0 550.0 510.0 430.0 410.0 365.0 330.0 300.0 275.0 250.0 230.0 150.0 140.0 125.0 115.0 100.0 90.0 80.0 75.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 50.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 35 35 35 35 30 30 25 25 25 40 40 40 40 35 40 40 45 45 45 50 55 55 55 45 45 40 40 40 45 45 45 45 45 45 45 45 45 50 40 40 40 40 40 40 40 40 40 38 35 33 33 30 30 30 30 28 28 25 25 28 30 30 37 45 45 45 lt4k 339 340 341 342 343 344 345 346 347 348 349 350 351 lt10k 061 062 063 064 065 066 067 068 ms75083 -1 -2 -3 -4 -5 -6 -7 -8 -9 -10 -11 -12 -13 ms75084 -01 -02 -03 -04 -05 -06 -07 -08 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 20% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10.0 12.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0 56.0 68.0 82.0 100.0 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 IM-1 IM-1 IM-1 IM-1 IM-1 IM-1 IM-1 IM-1 IM-1 IM-1 IM-1 IM-1 IM-1 IM-1 IM-1 IM-1 IM-1 IM-1 IM-1 IM-1 IM-1 IM-1 IM-1 IM-1 IM-1 IM-1 IM-1 IM-1 IM-1 IM-1 IM-1 IM-1 IM-1 IM-1 IM-1 IM-1 IM-1 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 inductors, military, mil-c-15305 qualified, type lt and commercial, molded
IM vishay dale document number 34030 revision 02-nov-01 www.vishay.com 10 for technical questions, contact magnetics@vishay .com standard electrical specifications note: listing of military standard does not IMply qualification. contact factory for latest government qpl information. note: products with dashes instead of military standard value and type designations are not qualified. *measured with full length lead. **rated dc current based on maxIMum temperature rise as shown in table. model ind. ( h) tol. mil. std. mil. type q min. test freq. l & q (mhz) self-resonant* freq. min. (mhz) dcr max. (ohms) rated** dc current (ma) ferrite core iron core phenolic core iron core IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-2 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 5.6 6.8 8.2 10.0 12.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0 56.0 68.0 82.0 100.0 120.0 150.0 180.0 220.0 270.0 330.0 390.0 470.0 560.0 680.0 820.0 1000.0 0.15 0.22 0.33 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10.0 12.0 15.0 18.0 22.0 27.0 33.0 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 20% 20% 20% 20% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% ms75084 -09 -10 -11 -12 -13 -14 -15 -16 -17 ms75085 -1 -2 -3 -4 -5 -6 -7 -8 -9 -10 -11 -12 -13 -14 -15 -16 -17 -18 -19 ms18130 -1 -2 -3 -4 -5 -6 -7 -8 -9 -10 -11 -12 -13 -14 -15 -16 ms14046 -1 -2 -3 -4 -5 -6 -7 -8 -9 -10 lt10k 069 070 071 072 073 074 075 076 077 lt10k 078 079 080 081 082 083 084 085 086 087 088 089 090 091 092 093 094 095 096 lt4k 074 075 076 077 078 079 080 081 082 083 084 085 086 087 088 089 lt10k 128 129 130 131 132 133 134 135 136 137 50 50 55 55 45 40 50 50 50 45 45 45 45 50 50 50 30 30 30 30 30 30 30 30 30 30 30 30 50 50 45 45 50 50 50 50 33 33 33 33 33 33 33 33 45 50 50 55 65 65 75 75 60 65 7.9 7.9 7.9 7.9 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 2.5 2.5 2.5 2.5 2.5 2.5 65.0 60.0 55.0 50.0 40.0 35.0 30.0 25.0 20.0 24.0 22.0 20.0 18.0 15.0 14.0 13.0 12.0 11.0 10.0 9.0 8.0 7.0 6.5 6.0 5.0 4.0 3.8 3.4 525.0 450.0 360.0 310.0 280.0 250.0 220.0 200.0 180.0 160.0 150.0 135.0 120.0 110.0 100.0 90.0 60.0 55.0 50.0 45.0 42.0 40.0 34.0 30.0 25.0 19.0 1.8 2.0 2.7 3.7 2.7 2.8 3.1 3.3 3.5 3.4 3.6 4.5 5.7 6.7 7.3 8.0 13.0 15.0 17.0 21.0 25.0 28.0 35.0 42.0 46.0 60.0 65.0 72.0 0.03 0.055 0.09 0.12 0.135 0.15 0.22 0.29 0.42 0.50 0.65 0.95 1.20 2.0 2.30 2.60 0.32 0.50 0.60 0.90 1.10 1.40 2.25 2.50 2.60 3.0 185 175 155 130 155 150 145 140 135 130 125 110 100 92 88 84 66 61 57 52 47 45 40 36 35 30 29 28 2450 1810 1400 1225 1150 1100 900 785 650 600 525 435 385 300 280 260 495 395 360 290 265 240 185 175 170 165 inductors, military, mil-c-15305 qualified, type lt and commercial, molded
document number 34030 revision 02-nov-01 www.vishay.com 11 IM vishay dale for technical questions, contact magnetics@vishay .com standard electrical specifications note: listing of military standard does not IMply qualification. contact factory for latest government qpl information. note: products with dashes instead of military standard value and type designations are not qualified. *measured with full length lead. **rated dc current based on maxIMum temperature rise as shown in table. ind. ( h) 36.0 39.0 43.0 47.0 51.0 56.0 62.0 68.0 75.0 82.0 91.0 100.0 110.0 120.0 130.0 150.0 160.0 180.0 200.0 220.0 240.0 270.0 300.0 330.0 360.0 390.0 430.0 470.0 510.0 560.0 620.0 680.0 750.0 820.0 910.0 1000.0 1100.0 1200.0 1300.0 1500.0 1600.0 1800.0 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 2.7 tol. 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 20% 20% 20% 20% 20% 20% 20% 20% 20% 10% 10% 10% 10% 10% 10% 10% 10% 10% model IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-4 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 mil. std. ms90538 -1 -2 -3 -4 -5 -6 -7 -8 -9 -10 -11 -12 -13 -14 -15 -16 -17 -18 -19 -20 -21 ms75008 -21 -22 -23 -24 -25 -26 -27 -28 -29 -30 -31 -32 -33 mil. type lt10k 001 002 003 004 005 006 007 008 009 010 011 012 013 014 015 016 017 018 019 020 021 lt4k 027 028 029 030 031 032 033 034 035 036 037 038 039 q min. 60 60 60 55 55 55 55 55 55 50 50 50 60 65 65 65 65 65 65 65 65 65 65 65 65 65 65 65 65 65 65 55 55 55 55 55 30 30 30 30 30 30 55 55 55 55 50 50 50 50 50 50 45 40 40 30 30 30 30 30 test freq. l & q (mhz) 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.25 0.25 0.25 0.25 0.25 0.25 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 7.9 7.9 7.9 7.9 7.9 self-resonant* freq. min. (mhz) 15.5 14.5 13.7 13.0 12.7 12.0 11.5 11.0 10.5 10.3 10.0 9.5 8.9 8.7 8.5 8.0 7.5 7.0 6.5 6.2 5.9 5.7 5.4 5.1 4.8 4.5 4.2 3.9 3.7 3.5 3.3 3.1 2.9 2.7 2.5 2.3 2.1 2.0 1.9 1.8 1.7 1.6 510.0 510.0 510.0 450.0 415.0 380.0 350.0 320.0 300.0 270.0 250.0 210.0 200.0 180.0 170.0 150.0 140.0 120.0 dcr max. (ohms) 2.50 2.60 2.70 2.75 2.85 3.0 3.15 3.30 3.70 3.90 4.30 4.50 4.90 5.20 5.45 6.05 6.40 6.75 7.10 7.45 7.80 11.0 11.5 12.0 15.5 16.3 17.1 17.9 18.8 24.7 25.9 27.2 28.6 30.0 31.5 33.1 43.5 45.7 49.0 52.5 54.0 56.7 .020 .025 .030 .030 .035 .050 .065 .080 .085 .125 .150 .205 .290 .400 .485 .740 .970 1.20 rated** dc current (ma) 180 176 172 170 167 164 160 156 147 143 136 133 128 124 121 114 111 108 106 103 101 129 125 123 108 105 102 100 98 85 83 81 79 77 76 74 64 63 61 59 58 56 3600 3300 3000 2900 2800 2400 2000 1800 1700 1450 1300 1100 930 785 700 580 505 460 iron core phenolic core (not qpl'd) inductors, military, mil-c-15305 qualified, type lt and commercial, molded
IM vishay dale document number 34030 revision 02-nov-01 www.vishay.com 12 for technical questions, contact magnetics@vishay .com standard electrical specifications model note: listing of military standard does not IMply qualification. contact factory for latest government qpl information. note: products with dashes instead of military standard value and type designations are not qualified. *measured with full length lead. **rated dc current based on maxIMum temperature rise as shown in table. ind. ( h) tol. mil. std. mil. type q min. test freq. l & q (mhz) self-resonant* freq. min. (mhz) dcr max. (ohms) rated** dc current (ma) iron core iron core iron core (not qpl'd) (not qpl'd) IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-6 IM-8 IM-8 IM-8 IM-8 IM-8 IM-8 IM-8 IM-8 IM-8 IM-8 IM-8 IM-8 IM-8 3.3 3.9 4.7 5.6 6.8 8.2 10.0 12.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0 56.0 68.0 82.0 100.0 120.0 150.0 180.0 220.0 270.0 300.0 330.0 360.0 390.0 430.0 470.0 510.0 560.0 620.0 680.0 750.0 820.0 910.0 1000.0 1100.0 1200.0 1300.0 1500.0 1600.0 1800.0 2000.0 2200.0 2400.0 2700.0 3000.0 3300.0 3600.0 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% ms75101 -01 -02 -03 -04 -05 -06 -07 -08 -09 -10 -11 -12 ms90539 -01 -02 -03 -04 -05 -06 -07 -08 -09 -10 -11 -12 -13 -14 -15 ms90540 -01 -02 -03 -04 -05 -06 -07 -08 -09 -10 -11 -12 -13 lt10k 169 170 171 172 173 174 175 176 177 178 179 180 lt10k 022 023 024 025 026 027 028 029 030 031 032 033 034 035 036 lt10k 037 038 039 040 041 042 043 044 045 046 047 048 049 30 30 30 30 30 30 30 50 55 60 60 65 75 75 75 75 75 75 65 65 65 65 65 65 65 65 65 65 65 65 65 65 60 60 60 60 60 60 60 60 60 65 65 65 65 70 70 70 70 70 70 lt10k 7.9 7.9 7.9 7.9 7.9 7.9 7.9 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 70.0 65.0 60.0 50.0 50.0 48.0 42.0 36.0 30.0 30.0 24.0 22.0 20.0 18.0 16.0 15.0 12.0 10.0 8.0 6.0 5.4 5.0 4.7 5.6 5.3 5.0 4.7 4.5 4.3 4.0 3.8 3.6 3.5 3.4 3.3 3.1 2.9 2.8 2.8 2.7 2.6 2.4 2.3 2.2 2.1 2.0 1.9 1.8 1.7 1.6 1.5 0.140 0.155 0.210 0.280 0.375 0.440 0.605 1.05 1.20 1.95 2.20 2.75 3.5 3.8 4.0 4.4 4.7 5.3 6.0 5.0 5.8 6.6 7.4 8.2 8.7 9.1 9.6 10.0 10.6 11.1 11.6 12.3 13.0 13.7 14.4 15.1 15.8 16.5 21.0 22.0 23.0 25.0 26.0 28.0 29.0 30.0 31.0 33.0 35.0 38.0 40.0 990 870 745 645 560 540 440 370 310 255 240 205 185 176 170 164 156 143 133 124 118 114 112 110 107 105 102 100 97 95 93 91 88 85 83 81 79 78 78 76 75 72 70 68 67 66 64 62 61 58 57 standard electrical specifications inductors, military, mil-c-15305 qualified, type lt and commercial, molded
document number 34030 revision 02-nov-01 www.vishay.com 13 IM vishay dale for technical questions, contact magnetics@vishay .com model IM-9 IM-9 IM-9 IM-9 IM-9 IM-10 IM-10 IM-10 IM-10 IM-10 IM-10 IM-10 IM-10 IM-10 IM-10 IM-10 note: listing of military standard does not IMply qualification. contact factory for latest government qpl information. note: products with dashes instead of military standard value and type designations are not qualified. *measured with full length lead. **rated dc current based on maxIMum temperature rise as shown in table. ind. ( h) 68.0 82.0 100.0 120.0 150.0 3900.0 4300.0 4700.0 5000.0 5600.0 6200.0 6800.0 7500.0 8200.0 9100.0 10000.0 tol. 10% 10% 10% 10% 10% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% mil. std. ms14047 -01 -02 -03 -04 -05 ms90541 -01 -02 -03 -04 -05 -06 -07 -08 -09 -10 -11 mil. type lt10k 138 139 140 141 142 lt10k 050 051 052 053 054 055 056 057 058 059 060 q min. 70 65 65 75 75 80 80 80 80 80 80 80 80 80 80 80 test freq. l & q (mhz) 2.5 2.5 2.5 0.79 0.79 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 self-resonant* freq. min. (mhz) 13.0 11.7 10.7 9.3 8.3 1.45 1.40 1.35 1.30 1.25 1.20 1.15 1.10 1.05 1.0 0.95 dcr max. (ohms) 3.3 3.5 3.8 4.7 5.3 44.0 46.0 48.0 50.0 53.0 56.0 59.0 62.0 65.0 68.0 72.0 rated** dc current (ma) 168 162 155 142 132 61 59 58 57 56 54 52 51 50 49 47 0.10 h to .47 h = 35 c at + 90 c ambient 0.56 h to 1000 h = 15 c at + 90 c ambient 0.1 h to 1.0 h = 35 c at + 90 c ambient 1.2 h to 27 h = 15 c at + 90 c ambient 33 h to 1000 h = 15 c at + 90 c ambient 0.15 h to 4.7 h = 35 c at + 90 c ambient 5.6 h to 33 h = 15 c at + 90 c ambient 36 h to 240 h = 15 c at + 90 c ambient 270 h to 1800 h = 35 c at + 90 c ambient 0.1 h to 2.7 h = 35 c at + 90 c ambient 3.3 h to 1000 h = 15 c at + 90 c ambient = 15 c at + 90 c ambient operating temperature range - 55 c to + 125 c - 55 c to + 105 c - 55 c to + 125 c - 55 c to + 105 c - 55 c to + 105 c - 55 c to + 125 c - 55 c to + 105 c - 55 c to + 105 c - 55 c to + 125 c - 55 c to + 125 c - 55 c to + 105 c - 55 c to + 105 c maxIMum temperature rise ordering information ordering information - military part number 10% inductance tolerance IM-2 model 10 h inductance value ms75084 military standard 072 id number - 12 inductance value k family 10 grade and class lt type IM-1 IM-2 IM-4 IM-6 IM-8, IM-9, IM-10 iron core (not qpl'd) iron core standard electrical specifications (not qpl'd) or inductors, military, mil-c-15305 qualified, type lt and commercial, molded


▲Up To Search▲   

 
Price & Availability of IM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X