Part Number Hot Search : 
MPL027 W34063 SMD0705 MAX1980 APW7136 TPCS8102 587B302 1002F
Product Description
Full Text Search
 

To Download DDZ9705S-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pb l ead -fr ee ds30409 rev. 3 - 2 1 of 7 ddz9689s - ddz9717s www.diodes.com  diodes incorporated  very sharp breakdown characteristics  very tight tolerance on v z  ideally suited for automated assembly processes  very low leakage current  lead free by design/rohs compliant (note 5) features maximum ratings @ t a = 25  c unless otherwise specified characteristic symbol value unit forward voltage @ i f = 10ma v f 0.9 v operating and storage temperature range t j, t stg -65 to +150  c mechanical data ddz9689s - ddz9717s surface mount precision zener diode a b c d e g h j  case: sod-323  case material: molded plastic. ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020c  terminals: finish - matte tin annealed over alloy 42 leadframe. solderable per mil-std-202, method 208  polarity: cathode band  marking & type code information: see electrical specifications table  ordering information: see last page  weight: 0.004 grams (approximate) notes: 1. device mounted on fr-4 pc board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. sod-323 dim min max a 2.30 2.70 b 1.60 1.80 c 1.20 1.40 d 1.05 typical e 0.25 0.35 g 0.20 0.40 h 0.10 0.15 j 0.05 typical  0  8  all dimensions in mm characteristic symbol value unit power dissipation (note 1) p d 200 mw thermal resistance, junction to ambient air (note 1) r  ja 625  c/w thermal characteristics @ t a = 25  c unless otherwise specified
ds30409 rev. 3 - 2 2 of 7 ddz9689s - ddz9717s www.diodes.com electrical characteristics table 1 @ t a = 25  c unless otherwise specified notes: 2. nominal zener voltage is measured with the device junction in thermal equilibrium at t t = 30  c  1  c. 3. short duration pulse test used to minimize self-heating effect. type number type code zener voltage range (note 2) maximum reverse leakage current (note 3) v z @i zt i zt i r @ v r nom (v) min (v) max (v)  a  a v ddz9689s hh 5.1 4.85 5.36 50 5 3 ddz9690s hj 5.6 5.32 5.88 50 2 4 ddz9691s hk 6.2 5.89 6.51 50 1 5 ddz9692s hl 6.8 6.46 7.14 50 0.1 5.1 ddz9693s hm 7.5 7.13 7.88 50 0.1 5.7 ddz9694s hn 8.2 7.79 8.61 50 0.1 6.2 ddz9696s hp 9.1 8.65 9.56 50 0.1 6.9 ddz9697s hq 10 9.50 10.50 50 0.1 7.6 ddz9698s hr 11 10.45 11.55 50 0.05 8.4 ddz9699s hs 12 11.40 12.60 50 0.05 9.1 ddz9700s ht 13 12.35 13.65 50 0.05 9.8 ddz9701s hu 14 13.30 14.70 50 0.05 10.6 ddz9702s hv 15 14.25 15.75 50 0.05 11.4 ddz9703s hw 16 15.20 16.80 50 0.05 12.1 ddz9705s hy 18 17.10 18.90 50 0.05 13.6 ddz9707s md 20 19.00 21.00 50 0.05 15.2 ddz9708s me 22 20.90 23.10 50 0.05 16.7 ddz9709s mf 24 22.80 25.20 50 0.05 18.2 ddz9711s mh 27 25.65 28.35 50 0.05 20.4 ddz9712s mj 28 26.60 29.40 50 0.05 21.2 ddz9713s mk 30 28.50 31.50 50 0.05 22.8 ddz9714s ml 33 31.35 34.65 50 0.05 25.0 ddz9715s mm 36 34.20 37.80 50 0.05 27.3 ddz9716s mn 39 37.05 40.95 50 0.05 29.6 ddz9717s mo 43 40.85 45.15 50 0.05 32.6
ds30409 rev. 3 - 2 3 of 7 ddz9689s - ddz9717s www.diodes.com 0 0.2 0.4 0.6 0.8 1.2 1.0 i , instantaneous forward current (ma ) f v , instantaneous forward voltage (v) fi g .2 t y pical forward characteristics f 100 10 1.0 0.1 0.01 1000 8.0 11.0 13.0 15.0 i , zener current (a) z v , zener breakdown voltage (v) fi g .5 t y pical reverse characteristics, ddz9696s - ddz9701s z 10.0 12.0 14.0 1m 100n 10m 100 m ddz9697s ddz9696s ddz9700s ddz9701s ddz9698s ddz9699s 0 40 80 120 160 200 25 050 75 100 125 150 p , power dissipation (mw) d t , ambient temperature ( c) fi g . 1 power dissipation vs ambient temperature a 2 4 0 1m 100n 10m 100m 3.0 5.0 7.0 9.0 i,zener c urrent (a) z v , zener breakdown voltage (v) fig. 4 typical reverse characteristics, ddz9692s - ddz9694 s z 4.0 6.0 8.0 ddz9692s ddz9694s ddz9693s 10n 100n 1m 05 i , zener current (a) z v , zener breakdown voltage (v) fi g .3 t y pical reverse characteristics z 10m 100 m 10 15 20 25 30 35 40 45 9692s 9693s 9694s 9696s 9697s 9698s 9699s 9700s 9701s 9703s 9702s 9705s 9707s 9708s 9709s 9711s 9714s 9716s 9717s 9715s
ds30409 rev. 3 - 2 4 of 7 ddz9689s - ddz9717s www.diodes.com 19 21 23 25 i,zener c urrent (a) z v , zener breakdown voltage (v) fig. 7 typical reverse characteristics, ddz9707s - ddz9709 s z 20 22 24 ddz9708s 1m 100n 10m 100m ddz9707s ddz9709s 26 30 34 38 i,zener c urrent (a) z v , zener breakdown voltage (v) fig. 8 typical reverse characteristics, ddz9711s - ddz9715 s z 28 32 36 ddz9711s ddz9714s 1m 100n 10m 100m ddz9715s 38 42 46 50 i,zener c urrent (a) z v , zener breakdown voltage (v) fig. 9 typical reverse characteristics, ddz9716s - ddz9717 s z 40 44 48 ddz9716s 1m 100n 10m 100m ddz9717s 0.1 10 100 1 1000 10 , 000 2 3 4 5 6 7 v , zener voltage (v) fig. 10 typical zener impedance characteristics, ddz9689s - ddz9692s z i=20ma z i=1ma z i=5ma z 0.1 10 100 1 1000 10 , 000 7 8 9 10 11 12 v , zener voltage (v) fig. 11 typical zener impedance characteristics, ddz969 3 s - ddz9699s z i=20ma z i=1ma z i=5ma z 14 16 18 20 i , zener current (a) z v , zener breakdown voltage (v) fi g .6 t y pical reverse characteristics, ddz9702s - ddz9705s z 15 17 19 ddz9703s 1m 100n 10m 100 m ddz9705s ddz9702s
ds30409 rev. 3 - 2 5 of 7 ddz9689s - ddz9717s www.diodes.com 0.1 10 100 1 1000 10 , 000 34 36 38 40 42 44 48 46 v , zener voltage (v) fig. 15 typical zener impedance characteristics, ddz9715s - ddz9717s z i=2ma z 0.1 10 100 1 1000 10 , 000 24 26 28 30 32 34 v , zener voltage (v) fig. 14 typical zener impedance characteristics, ddz9709s - ddz9714s z i=2ma z -0.08 0 . 12 -0.04 -0.06 0610 tc of v , temperature coefficient of zener voltage (%/c) z v , zener voltage (v) z fig. 16 typical temperature coefficient of zener volta g e vs. zener volta g e, ddz9692s - ddz9697s 4 2 8 -0.02 0 0.02 0.04 0.06 0.08 0.10 i=5ma zt 0.1 10 100 1 1000 10 , 000 18 19 20 21 22 23 24 v , zener voltage (v) fig. 13 typical zener impedance characteristics, ddz9705s - ddz9709s z i=5ma z i=1ma z -0.08 0 . 12 -0.04 -0.06 10 16 20 tc of v , temperature coefficient of zener voltage (%/c) z v , zener voltage (v) z fig. 17 typical temperature coefficient of zener volta g e vs. zener volta g e, ddz9697s - ddz9707s 14 12 18 -0.02 0 0.02 0.04 0.06 0.08 0.10 i=5ma zt 0.1 10 100 1 1000 10 , 000 12 13 14 15 16 17 18 v , zener voltage (v) fig. 12 typical zener impedance characteristics, ddz9699s - ddz9705s z i=5ma z i=1ma z
ds30409 rev. 3 - 2 6 of 7 ddz9689s - ddz9717s www.diodes.com -0.08 0 . 12 -0.04 -0.06 30 42 50 tc of v , temperature coefficient of zener voltage (%/c) z v , zener voltage (v) z fig. 19 typical temperature coefficient of zener volta g e, ddz9713s - ddz9717s 38 34 46 -0.02 0 0.02 0.04 0.06 0.08 0.10 i=2ma zt -0.08 0 . 12 -0.04 -0.06 20 26 30 tc of v , temperature coefficient of zener voltage (%/c) z v , zener voltage (v) z fig. 18 typical temperature coefficient of zener volta g e, ddz9707s - ddz9713s 24 22 28 -0.02 0 0.02 0.04 0.06 0.08 0.10 i=5ma zt i=2ma zt c , total capacitance (pf) t 1 10 100 10 100 1 v , nominal zener voltage (v) fig. 20 total capacitance vs nominal zener voltage z t=25c f = 1mhz j v=2v r v=1v r ordering information * example: the part number for the 6.2 volt device would be ddz9691s-7. notes: 4. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 5. no purposefully added lead. xx = product type marking code (see table 1) xx marking information device packaging shipping (type number)-7* sod-323 3000/tape & reel (note 4)
ds30409 rev. 3 - 2 7 of 7 ddz9689s - ddz9717s www.diodes.com important notice life support diodes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes witho ut further notice to any product herein. diodes incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. the user of products in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on our website, harmless against all damages. diodes incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written appr oval of the president of diodes incorporated.


▲Up To Search▲   

 
Price & Availability of DDZ9705S-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X