Part Number Hot Search : 
U200008 YB18T5 2SC44 220MC SLLS690C 32F100 SMAJ50A 1M250
Product Description
Full Text Search
 

To Download CSC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 31509 revision 02-aug-02 www.vishay.com 32 CSC vishay dale for technical questions, contact: ff2aresistors@vishay.com thick film resistor networks single-in-line, coated sip 01, 03, 05 schematics features ? 0.195" [4.95mm] "a", 0.250" [6.35mm] "b" ? "a" profile standard in 4 thru 12 pins ? highly stable thick film ? low temperature coefficient (- 55 c to + 125 c) 100ppm/ c ? reduces total assembly costs ? resistor elements protected by tough epoxy conformal coating ? wide resistance range ? available in bag pack or tube pack a = 0.195" [4.95mm] height 0.100" [2.54mm] lead spacing b = 0.250" [6.35mm] height 0.100" [2.54mm] lead spacing ordering information 01 and 03 schematics a package code 08 number of pins CSC model 08 number of pins g tolerance 331 resistance value r 2 221 resistance value r 1 first two digits are significant figures. the third digit specifies the number of zeros to follow. g= 2% CSC model 01 03 schematic 01 = pin #1 common to all resistors 03 = isolated resistors first 2 digits are significant figures. last digit specifies number of zeros to follow. g= 2% g tolerance 101 resistance value 05 schematic a = 0.195" [4.95mm] height 0.100" [2.54mm] lead spacing b = 0.250" [6.35mm] height 0.100" [2.54mm] lead spacing 05 schematic a package code standard electrical specifications model/ profile resistor resistance standard temperature tcr operating schematic power rating range tolerance coefficient tracking voltage max. @ 70 c* ? % (- 55 c to + 125 c) (- 55 c to + 125 c) vdc max. CSC01 a 0.20 w 10 - 2.2m 2 (1%*) 100ppm/ c 50ppm/ c 100 b 0.25 w CSC03 a 0.30 w 10 - 2.2m 2 (1%*) 100ppm/ c 50ppm/ c 100 b 0.40 w CSC05 a 0.20 w 10 - 2.2m 2 (1%*) 100ppm/ c 150ppm/ c 100 b 0.25 w * for resistor power ratings @ + 25 c see derating curves. ? see derating curves for package power rating. higher power rated c profile available. * contact factory for 1% parameter unit CSC series voltage coefficient of resistance v eff < 50ppm typical dielectric strength vac 200 isolation resistance (03 schematic) ? > 100m operating temperature range c - 55 to + 125 technical specifications
www.vishay.com 33 CSC vishay dale document number: 31509 revision 02-aug-02 for technical questions, contact: ff2aresistors@vishay.com dimensions in inches [millimeters] 1 2 3 n-1 n 1 2 3 4 n-1 n 1 2 3 n-1 n c max. b a max. 0.018 0.003 [0.457 0.076] 0.100 0.010 [2.54 0.254] non-accumulative 0.050 [1.27] max. 0.032 [0.813] 0.012 0.003 [0.305 0.076] (leads are along centerline of body) 0.098 [2.49] max. 0.045 [1.14] 0.130 0.010 [3.30 0.254] * "b" profile only. 01 schematic 03 schematic 05 schematic pin #1 thick film resistor networks, single-in-line, coated sip marking resistance permanency testing per mil-std- to solvents: 202, method 215. solderability: per mil-std-202, method 208e, rma flux. body: high alumina, epoxy coated. terminals: copper alloy, solder plated. standard e-24 resistance values stocked. consult factory. many dual terminator resistance values stocked. consult factory stocked resistance values in ohms (??tolerance) r 1 r 2 mechanical specifications model CSC04 CSC06 CSC08 CSC10 CSC12* model CSC04 CSC05 CSC06 CSC07 CSC08 CSC09 CSC10 CSC11* CSC12* model CSC04 CSC05 CSC06 CSC07 CSC08 CSC09 CSC10 CSC11* CSC12* number of resistors 2 3 4 5 6 number of resistors 3 4 5 6 7 8 9 10 11 number of resistors 4 6 8 10 12 14 16 18 20 a (maximum) 0.390 [9.90] 0.490 [12.45] 0.590 [14.99] 0.690 [17.53] 0.790 [20.07] 0.890 [22.61] 0.990 [25.15] 1.09 [27.69] 1.19 [30.23] a (maximum) 0.390 [9.90] 0.590 [14.99] 0.790 [20.07] 0.990 [25.15] 1.19 [30.23] a (maximum) 0.390 [9.90] 0.490 [12.45] 0.590 [14.99] 0.690 [17.53] 0.790 [20.07] 0.890 [22.61] 0.990 [25.15] 1.09 [27.69] 1.19 [30.23] b 0.300 [7.62] 0.400 [10.16] 0.500 [12.70] 0.600 [15.24] 0.700 [17.78] 0.800 [20.32] 0.900 [22.86] 1.00 [25.40] 1.100 [27.94] b 0.300 [7.62] 0.500 [12.70] 0.700 [17.78] 0.900 [22.86] 1.100 [27.94] b 0.300 [7.62] 0.400 [10.16] 0.500 [12.70] 0.600 [15.24] 0.700 [17.78] 0.800 [20.32] 0.900 [22.86] 1.00 [25.40] 1.100 [27.94] "a" profile = 0.195 [4.95] "b" profile = 0.250 [6.35] c (maximum) c (maximum) c (maximum) "a" profile = 0.195 [4.95] "b" profile = 0.250 [6.35] "a" profile = 0.195 [4.95] "b" profile = 0.250 [6.35]
document number: 31509 revision 02-aug-02 www.vishay.com 34 CSC vishay dale for technical questions, contact: ff2aresistors@vishay.com "a" profile 1.90 1.50 1.15 0.45 0.30 power rating (watts) - 50 + 25 + 70 + 125 + 150 CSC08a package CSC10a package CSC06a package 03 schematic 01 and 05 schematics single resistor ambient temperature c "b" profile - 50 + 25 + 70 + 125 + 150 2.50 2.00 1.50 0.60 0.38 CSC08b package 01 and 05 schematics 03 schematic single resistor CSC06b package CSC10b package thick film resistor networks, single-in-line, coated sip ambient temperature c derating power rating (watts) derating CSC12b CSC11b CSC10b CSC09b CSC08b CSC07b CSC06b CSC05b CSC04b "b" profile + 70 c package ratings 1.90 watts 1.75 watts 1.60 watts 1.45 watts 1.30 watts 1.15 watts 1.00 watts 0.80 watts 0.60 watts CSC12a CSC11a CSC10a CSC09a CSC08a CSC07a CSC06a CSC05a CSC04a "a" profile + 70 c package ratings 1.5 watts 1.37 watts 1.25 watts 1.12 watts 1.00 watts 0.87 watts 0.75 watts 0.62 watts 0.40 watts
www.vishay.com 35 CSC vishay dale document number: 31509 revision 02-aug-02 for technical questions, contact: ff2aresistors@vishay.com test thermal shock short time overload low temperature operation moisture resistance resistance to soldering heat shock vibration load life terminal strength insulation resistance dielectric withstanding voltage max. ? r (typical test lots) 0.50% ? r 0.25% ? r 0.25% ? r 1.00% ? r 0.25% ? r 0.25% ? r 0.25% ? r 1.00% ? r 0.25% ? r performance thick film resistor networks, single-in-line, coated sip 1 2 3 n-1 n circuit applications 01 schematic pulse squaring and ttl dual-line terminators the CSCxxx-05 circuits contain series pairs of resistors. each series pair is connected between two common lines. the junction of these resistor pairs is connected to the input terminals. the 05 circuits are designed for ttl dual- line termination and pulse squaring. * "b" profile available. odd pin available in 5, 7, 9 and 11. "a" profile = 2 through 6 isolated resistors the CSCxxx-03 single-in-line resistor networks provide the user with nomi- nally equal resistors. each resistor is isolated from all others. commonly used in the following applications: ? "wired or" pull-up ? long-line impedance balancing ? power driven pull-up ? led current limiting ? power gate pull-up ? ecl output pull-down ? line termination ? ttl input pull-down * "b" profile available. "a" profile = 3, 5, 7, 9 and 11 resistors with one pin common the CSCxxx-01 single-in-line resistor networks provide the user with nomi- nally equal resistors, each connected to a common pin (pin no. 1). com- monly used in the following applications: ? "wired or" pull-up ? open collector pull-up ? power gate pull-up ? ttl input pull-down ? mos/rom pull-up/pull-down ? ttl unused gate pull-up * "b" profile available. odd pin available in 5, 7, 9, and 11. 1 2 3 n-1 n 1 2 3 4 n-1 n 03 schematic 05 schematic r 1 r 2 conditions 5 cycles between - 65 c and + 125 c 2.5 x rated working voltage, 5 seconds 45 minutes at full rated working voltage at - 65 c 240 hours with humidity ranging from 80% rh to 98% rh leads immersed in + 350 c solder to within 1/16" of body for 3 seconds total of 18 shocks at 100 g's 12 hours at maximum of 20 g's between 10 and 2,000 hz 1,000 hours at + 70 c, rated power applied 1.5 hours on , 0.5 hour off for full 1000 hour period. derated according to the curve. 4.5 pound pull for 30 seconds 10,000 megohm (minimum) no evidence of arcing or damage (200 v rms for 1 minute)


▲Up To Search▲   

 
Price & Availability of CSC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X