Part Number Hot Search : 
HC00M PC924 H15H2 KSC945G 2SD1803 2203161 74HCT NSS4020
Product Description
Full Text Search
 

To Download CS206 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 31519 revision 06-aug-02 www.vishay.com 46 CS206 vishay dale for technical questions, contact: ff2aresistors@vishay.com model profile schematic resistor characteristics capacitor characteristics power resistance resistance temp. t.c.r. capacitance capacitance rating range tolerance coeff. tracking range tolerance p 70 c w ? % ppm/ c ppm/ c % CS206 b e 0.125 10-1m 2, 5 200 100 0.01 f 10(k), 20(m) m CS206 c t 0.125 10-1m 2, 5 200 100 33pf to 0.1 f 10(k), 20(m) CS206 e a 0.125 10-1m 2, 5 200 100 0.01 f 10(k), 20(m) e schematic e = 1 capacitor, pin #1 m = 1 capacitor, pin "n" a = 10 pin, 2 capacitors, 6 resistors t = series r/c pairs, pins 2 thru n CS206 model b = 0.250" [6.35mm] c = 0.350" [8.89mm] e = 0.325" [8.26mm] 4 to 18 pins are available. 08 number of pins b package code g = 2% j = 5% c = cog x = x7r first 2 digits are significant. last digit specifies number of zeros to follow. c capacitor characteristic rrr resistor code g resistor tolerance first 2 digits are significant. last digit specifies number of zeros to follow. ccc capacitor value (pf) k capacitor tolerance k= 10% m= 20% resistor/capacitor networks ecl terminators and line terminator, conformal coated, sip features ? 4 to 18 pins available ? x7r and cog capacitors available ? low cross talk ? custom design capability ? "b" 0.250" [6.35mm], "c" 0.350" [8.89mm] and "e" 0.325" [8.26mm] maximum seated height available, dependent on schematic ? 10k ecl terminators, circuits e and m. 100k ecl terminators, circuit a. line terminator, circuit t. schematics in inches [millimeters] 0.250" [6.35] high ("b" profile) 0.250" [6.35] high ("b" profile) 0.325" [8.26] high ("e" profile) 0.350" [8.89] high ("c" profile) 1 2 3 4 5 6 7 n circuit t 1 2 3 4 5 6 7 8 9 10 circuit a 1 2 3 4 5 6 7 n circuit m 1 2 3 4 5 6 7 n circuit e ordering information standard electrical specifications parameter unit CS206 operating voltage (at + 25 c) vac 50 maximum dissipation factor (maximum) % c0g = 0.15; x7r = 2.5 insulation resistance (at + 25c /rated voltage) m ? 100,000 dielectric test v 2.5 x rated voltage operating temperature range c - 55 to + 125 c technical specifications capacitor temperature coefficient: cog maximum 0.15%, x7r maximum 2.5% package power rating (maximum at 70 c): 8 pins = 0.80 watt 9 pins = 0.90 watt 10 pins = 1.00 watt eia characteristics: cog and x7r (cog capacitors may be substituted for x7r capacitors). ... ... ...
www.vishay.com 47 CS206 vishay dale document number: 31519 revision 06-aug-02 for technical questions, contact: ff2aresistors@vishay.com condition subject to 5 cycles from - 65 c to + 125 c. 2.5 x rated working voltage for 5 seconds at + 25 c. cycle from + 25 c to + 65 c to + 25 c over 8 hours at 90 - 98% relative humidity, with 10% of rated power applied, for 20 cycles. stop cycling after an even number of cycles and stabilize networks at high humidity for 1 to 4 hours. condition networks at -10 c for 3 hours, then return to temperature cycling. on completion of cycling condition networks at + 25 c at 50% r.h. for 22 to 24 hours. immerse pins in melted solder to the lead standoffs at + 350 c for 3 seconds max. 18 shocks of 100 g and 6 ms. 12 cycles varied logarithmically from 10hz to 2000hz to 10hz over 20 minutes. 1000 hours at + 70 c, rated power applied 1.5 hours on, 0.5 hour off. immerse and scrub samples with isopropyl alcohol, trichlorethylene and freon tmc. immerse leads in 60/40 tin-lead solder using r flux at + 245 c for 5 seconds maximum. withstand 2.2 kg pull 1 minute. 100 v applied between case and terminals tied together. test thermal shock short time overload moisture resistance resistance to soldering heat mechanical shock vibration load life resistance to solvents solderability terminal strength case insulation resistance performance max. ? r (typical test lots) 0.5% ? r 0.25% ? r 0.5% ? r 0.25% ? r 0.25% ? r 0.25% ? r 1.0% ? r marking remains legible minimum 95% solder coverage 0.25% ? r ir = 10,000 megohm minimum pin #1 is extreme left-hand terminal on side with marking. dimensions in inches [millimeters] number of pins 4 pin 5 pin 6 pin 7 pin 8 pin 9 pin 10 pin 11 pin 12 pin 13 pin 14 pin 15 pin 16 pin 17 pin 18 pin l maximum 0.400 [10.16] 0.500 [12.70] 0.600 [15.24] 0.700 [17.78] 0.800 [20.32] 0.900 [22.86] 1.000 [25.40] 1.100 [27.94] 1.200 [30.48] 1.300 [33.02] 1.400 [35.56] 1.500 [38.10] 1.600 [40.64] 1.700 [43.18] 1.800 [45.72] 0.100 0.005 [2.54 0.127] non-cumulative at point of egress h max. l max. 0.020 [0.508] 0.050 [1.27] 0.135 [3.43] max. 0 . 007 [0.178] ref. seating plane for 0.040 [1.016] hole 0.085 [2.160] typ. 0.050 [1.27] typ. 0.135 + 0.015 - 0.010 [3.43 + 0.381 - 0.254] 0.010 [0.254] h (height) maximum: b = 0.250" [6.35] (circuit e and m) c = 0.350" [8.89] (circuit t) e = 0.325" [8.26] (circuit a) derating 150 100 50 0 power dissipation % 0 25 50 75 100 125 150 ambient temperature c res/capnetworks, ecl terminators and line terminator flammability: ul 94v-0. lead material: phosphorus-bronze, tin plated. body material: epoxy coated. solderability: per mil-std-202, method 208e. part marking: pin #1 identification, part number (abbreviated as space allows), dale ? or d, date code moisture resistance: meets requirements of mil-std- 202, method 106. 70 material specifications c l


▲Up To Search▲   

 
Price & Availability of CS206

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X