Part Number Hot Search : 
2M25V PC745 2N6344 SWF8N60 A8450KLB 2221A 10001 A1020
Product Description
Full Text Search
 

To Download CLT130W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  clairex technologies, inc. 1301 east plano parkway plano, texas 75074-8524 phone: 972-265-4900 fax: 972-265-4949 www.clairex.co m CLT130W, clt131w, clt132w npn silicon phototransistors electrical characteristics (t a = 25c unless otherwise noted) symbol parameter min typ max units test conditions i l light current (1) CLT130W clt131w clt132w 0.4 1.0 2.5 - - - - - - ma ma ma v ce =5v, e e =5mw/cm 2 v ce =5v, e e =5mw/cm 2 v ce =5v, e e =5mw/cm 2 i ceo collector dark current CLT130W clt131w clt132w - - - - - - 25 25 100 na na na v ce =10v, e e =0 v ce =10v, e e =0 v ce =10v, e e =0 v (br)ceo collector-emitter breakdown 30 - - v i c =100 a v (br)cbo collector-base breakdown 60 - - v i c =100 a v (br)eco emitter-collector breakdown 5 - - v i c =100 a v ce(sat) collector-emitter saturation voltage - - 0.30 v i c =10ma, i b =0.5ma, e e =0 t r , t f output rise and fall time (2) - 3 - s i c =1.0ma hp total angle at half sensitivity points - 70 - deg. notes: 1. radiation source is a frosted tungsten incandesc ent lamp operating at 2854k or an equivalent source. 2. v cc =5v, r l =100 ? . the light source is a pulsed gallium ar senide ired with rise and fall times of 0.3 s. clairex ? technologies, inc . july, 2001 features ? high sensitivity ? 70 acceptance angle ? to-18 hermetically sealed package ? transistor base is bonded description the CLT130W, clt131w and clt132w are silicon npn planar epitaxial phototransistors mounted in to-18 flat window packages. the wide acceptance angle provided by the flat window enables even reception over a relatively large area. for additional information, call clairex. absolute maximum ratings (t a = 25c unless otherwise stated) storage temperature?????????????????????????.-65c to +200c operating temperature????????????????????????..-65c to +150c lead soldering temperature (1) ??????????????????????????.260c collector-emitter voltage?????????????????????????????.30v continuous collector current?????????????????????.????...50ma (2) maximum continuous power dissipation????????????????????250mw (3) notes: 1. 0.06? (1.5mm) from the header for 5 seconds maximum. 2. 200ma when pulsed at 300 s, 2% duty cycle. 3. derate linearly 1.6mw/c from 25c free air temperature to t a = +150c. ? 0.147 (3.73) 0.137 (3.48) 0.205 (5.21) 0.215 (5.46) 0.190 (4.83) 0.210 (5.33) 0.019 (0.48) 0.016 (0.41) emitter base collector 0.500 (12.7) min 0.100 (2.54) dia 0.160 (4.06) 0.150 (3.81) 0.190 (4.83) 0.176 (4.47) 0.010 (0.25) max 0.025 (0.64) max case 18 all dimensions are in inches (millimeters) the CLT130W, clt131w and clt132w are exact replacements for obsolete part numbers clt2020, clt2030 and clt2035. clairex reserves the right to make changes at any time to improve design and to provide the best possible product . collector electrically connected to case. revised 12/01/04


▲Up To Search▲   

 
Price & Availability of CLT130W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X