Part Number Hot Search : 
MAX9178 TC7MA NX6307GH STM32 LTC1747 8116S LIA101 LB11825M
Product Description
Full Text Search
 

To Download CLR130W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  clairex technologies, inc. 1301 east plano parkway plano, texas 75074-8524 phone: 972-265-4900 fax: 972-265-4949 www.clairex.co m CLR130W,clr131w,clr132w npn silicon photodarlingtons electrical characteristics (t a = 25c unless otherwise noted) symbol parameter min typ max units test conditions i l light current (1) CLR130W clr131w clr132w 2.0 6.0 14.0 - - - - - - ma ma ma v ce =5v, e e =0.6mw/cm 2 i ceo collector dark current - - 100 na v ce =10v, e e =0 v (br)ceo collector-emitter breakdown 30 - - v i c =100 a t r output rise time - 100 - s v cc =5v, r l =100 ? . t f output fall time - 150 - s v cc =5v, r l =100 ? . hp total angle at half sensitivity points - 70 - deg. note: 1. radiation source for all light current testing is a 940nm ired. clairex ? technologies, inc . april, 2002 features ? high sensitivity ? 70 acceptance angle ? to-18 hermetically sealed package ? transistor base is bonded description the CLR130W-clr132w series are npn silicon photodarlingtons mounted in to-18 flat window packages. the wide acceptance angle provided by the flat window enables even reception over a relatively large area. photodarlingtons allow high sensitivity at low irradiance levels these devices are mechanically and spectrally matched to the cle130- cle133 series ireds. for additional information, call clairex. absolute maximum ratings (t a = 25c unless otherwise stated) storage temperature ........................................................................................ -65c to +150c operating temperature..................................................................................... -65c to +125c lead soldering temperature (1) ............................................................................................260c collector-emitter voltage ................................................................................................... ... 30v continuous collector current ............................................................................................. 50m a maximum continuous power dissipation (2) ..................................................................... 250mw notes: 1. 0.06? (1.5mm) from the header for 5 seconds maximum 2. derate linearly 2.0mw/c from 25c free air temperature to t a = +125c. clairex reserves the right to make changes at any time to improve design and to provide the best possible product . ? CLR130W, clr131w, and clrw132 are exact replacements for obsolete part numbers clr2049, clr2050 and clr2060. 0.147 (3.73) 0.137 (3.48) 0.205 (5.21) 0.215 (5.46) 0.190 (4.83) 0.210 (5.33) 0.019 (0.48) 0.016 (0.41) emitter base collector 0.500 (12.7) min 0.100 (2.54) dia 0.160 (4.06) 0.150 (3.81) 0.190 (4.83) 0.176 (4.47) 0.010 (0.25) max 0.025 (0.64) max case 18 all dimensions are in inches (millimeters) revised 12/01/04


▲Up To Search▲   

 
Price & Availability of CLR130W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X