Part Number Hot Search : 
VA4ASG 78R33 B1524 MPSW6306 P1300 MS2472 MPSW6306 C3216X7
Product Description
Full Text Search
 

To Download CLL134 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  clairex technologies, inc. 1301 east plano parkway plano, texas 75074-8524 phone: 972-265-4900 fax: 972-265-4949 www.clairex.com cll series photo-ic sensors digital output clairex ? technologies, inc . march , 2003 ? clairex reserves the right to ma ke changes at any time to improve design and to prov ide the best possible product. page 1 of 4 case 21 1 2 3 2. vcc 3. ground 4. adjust 1. output 4 0.028 (0.71) 0.048 (1.22) 0.046 (1.17) 0.036 (0.91) 45 0.209 (5.31) 0.230 (5.84) 0.060 (1.52) max 0.210 (5.33) 0.500(12.7) min. 0.190 (4.83) 0.187 (4.75) 0.179 (4.55) 0.030 (0.76) max. 0.210 (5.33) 0.500(12.7) min. 0.190 (4.83) 0.187 (4.75) 0.179 (4.55) 0.030 (0.76) max. 0.010 (0.25) max 1 2 3 2. vcc 3. ground 4. adjust 1. output 4 0.028 (0.71) 0.048 (1.22) 0.046 (1.17) 0.036 (0.91) 45 0.209 (5.31) 0.230 (5.84) case 22 case 21 1 2 3 2. vcc 3. ground 4. adjust 1. output 4 0.028 (0.71) 0.048 (1.22) 0.046 (1.17) 0.036 (0.91) 45 0.209 (5.31) 0.230 (5.84) 0.060 (1.52) max 0.210 (5.33) 0.500(12.7) min. 0.190 (4.83) 0.187 (4.75) 0.179 (4.55) 0.030 (0.76) max. 0.210 (5.33) 0.500(12.7) min. 0.190 (4.83) 0.187 (4.75) 0.179 (4.55) 0.030 (0.76) max. 0.010 (0.25) max 1 2 3 2. vcc 3. ground 4. adjust 1. output 4 0.028 (0.71) 0.048 (1.22) 0.046 (1.17) 0.036 (0.91) 45 0.209 (5.31) 0.230 (5.84) case 22 to-72 cll130 cll131 cll133 to-72 cll130w cll131w cll133w to-18 CLL134 cll135 cll136 cll137 to-18 CLL134w cll135w cll136w cll137w a ll dimensions are in inches ( millimeters ) features ? output stages: a. buffer or inverter b. open collector or internal 10k ? pull-up ? supply voltage 4.5v to 18v ? 7:1 user sensitivity adjustment on cll130-cll133 and cll130w-cll133w series ? acceptance angle: a. 15 high dome lens can b. 35 flat window lens can ? operates to 125c description the cll series are monolithic integrated circuits incorporating a photodiode, linear amplifier, schmitt trigger for hysteresis and pulse shaping, and digital output with either 10k ? pull-up or open collector. the series includes to-72 four leaded packages (with user adjustable gain) and to-18 three leaded packages in both high dome and flat window configurations. alternate pin-outs are available. contact clairex. 0.210 ( 5.33 ) 0.190 ( 4.83 ) revised 12/01/04 1 2 3 2. vcc 3. ground 4. adjust 1. output 4 0.028 (0.71) 0.048 (1.22) 0.046 (1.17) 0.036 (0.91) 45 0.209 (5.31) 0.230 (5.84) 0.060 (1.52) max 0.157 (3.99) 0.500(12.7) min. 0.137 (3.48) 0.187 (4.75) 0.179 (4.55) 0.030 (0.76) max.
clairex technologies, inc. 1301 east plano parkway plano, texas 75074-8524 phone: 972-265-4900 fax: 972-265-4949 www.clairex.com cll series photo-ic sensors digital output schematics clairex ? technologies, inc . ? v cc adj v out gnd cll133/cll133w open collector ? inverter with adjust v cc adj 10k ? v out gnd cll131/cll131w 10k ? pull-up ? inverter with adjust v cc adj 10k ? v out gnd cll130/cll130w 10k ? pull-up ? buffer with adjust v reg la v cc v out gnd cll135/cll135w open collector - inverter v cc v out gnd CLL134/CLL134w open collector - buffer v reg la v reg v reg la v reg la v cc 10k ? v out gnd cll137/cll137w 10k ? pull-up ? inverter v reg la v cc 10k ? v out gnd cll136/cll136w 10k ? pull-up ? buffer v reg la clairex reserves the right to ma ke changes at any time to improve design and to prov ide the best possible product. page 2 of 4 la
clairex technologies, inc. 1301 east plano parkway plano, texas 75074-8524 phone: 972-265-4900 fax: 972-265-4949 www.clairex.com cll series photo-ic sensors digital output absolute maximum ratings (t a = 25c unless otherwise stated) storage temper ature ........................................................................................................ -65 c to +150c operating tem perature ..................................................................................................... -55 c to +125c lead soldering temperature (1) ............................................................................................................240c v cc supply voltage................................................................................................................ ...4.5v to 18v v adj (cll130-cll133 and cll130 w-cll133w onl y) ......................................................................... 3v v out (10k ? pull-up series) (2) ................................................................................................................ 18v v out (open collector series) (2) .............................................................................................................. 30v i sink (3) ............................................................................................................................... ................. 25ma power dissipation (4) ....................................................................................................................... 250m w notes: 1. 1/16? from the case for 5 second s maximum. maximum temperature can be 260c if wave soldering. 2. this rating applies when the output is in the off state only. 3. this rating applies when the output is in the on state only. 4. derate linearly 2.0mw/c from 25c free air to t a = 125c. 5. cll130-cll133 and cll130w-cll133w photo-ic sensors are tested with the adj lead open. 6. light source is an algaas ired with peak wavelength at 880nm. definitions: ? e e (+) is the minimum irradiance requir ed to cause the output to change state. ? buffer: output is high when input irradiance is >e e (+). ? inverter: output is low when input irradiance is >e e (+). electrical characteristics (t a = 25c unless otherwise noted) parameter symbol min typ max units test conditions operating supply voltage v cc 4.5 - 18 v positive going threshold irradiance (6) e e (+) 0.005 - 0.05 mw/cm 2 4.5v v cc 18v, adj open hysteresis ratio e et (+) e et (-) 1.2 - 1.8 operate point/release point supply current i cc - - 12 ma 4.5v v cc 18v, ee = 0 or 0.5mw, adj open total acceptance angle p - - 30 70 - - deg. deg. all non-suffix w parts all suffix w parts gain threshold can be adjusted on the cll13 0-cll133 and cll130w-cll133w series by placing a resistor between the adj and gnd lead s in accordance with the following table. decreasing the resistance causes the output to switch at a higher threshold level. adj resistor normalized threshold open 1.00 10k 2.00 4.7k 2.75 2.2k 3.75 1k 5.00 connected to gnd 7.25 clairex ? technologies, inc . ? clairex reserves the right to ma ke changes at any time to improve design and to prov ide the best possible product. page 3 of 4
clairex technologies, inc. 1301 east plano parkway plano, texas 75074-8524 phone: 972-265-4900 fax: 972-265-4949 www.clairex.com cll series photo-ic sensors digital output electrical characteristics (t a = 25c unless otherwise noted) parameter symbol min typ max units test conditions cll130/cll130w and cll136/cll136w (buffer, 10k ? pull-up) high state output voltage v oh 4.5 - - v v cc = 5.0v, e e (+) 0.5mw/cm 2 low state output voltage v ol - - 0.4 v v cc = 5.0v, e e (+) = 0 output rise and fall time t r , t f - 75 - ns propagation delay t phl, t plh - 5 - s v cc = 5.0v, e e = 0 or 0.5mw/cm 2 , f = 10khz, d.c. = 50%, r l = 330 ? cll131/cll131w and cll137/cll137w (inverter, 10k ? pull-up) high state output voltage v oh 4.5 - - v v cc = 5.0v, e e (+) = 0 low state output voltage v ol - - 0.4 v v cc = 5.0v, e e (+) 0.5mw/cm 2 output rise and fall time t r , t f - 75 - ns propagation delay t phl, t plh - 5 - s v cc = 5.0v, e e = 0 or 0.5mw/cm 2 , f = 10khz, d.c. = 50%, r l = 330 ? CLL134/CLL134w (buffer, open collector) high state output current i oh - - 100 a v cc = 5.0v, v oh = 30v e e (+) 0.5mw/cm 2 low state output voltage v ol - - 0.4 v v cc = 5.0v, e e (+) = 0 r l = 330 ? output rise and fall time t r , t f - 75 - ns propagation delay t phl, t plh - 5 - s v cc = 5.0v, e e = 0 or 0.5mw/cm 2 , f = 10khz, d.c. = 50%, r l = 330 ? cll133/cll133w and cll135/cll135w (inverter, open collector) high state output current i oh - - 100 a v cc = 5.0v, v oh = 30v e e (+) = 0 low state output voltage v ol - - 0.4 v v cc = 5.0v, r l = 330 ? e e (+) 0.5mw/cm 2 output rise and fall time t r , t f - 75 - ns propagation delay t phl, t plh - 5 - s v cc = 5.0v, e e = 0 or 0.5mw/cm 2 , f = 10khz, d.c. = 50%, r l = 330 ? note: due to the high sensitivity of the cll series, when used in high speed switching applications, clairex recommends installing a 0.1f capacitor between v cc and gnd. clairex reserves the right to ma ke changes at any time to improve design and to prov ide the best possible product. page 4 of 4 clairex ? technologies, inc . ?


▲Up To Search▲   

 
Price & Availability of CLL134

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X