Part Number Hot Search : 
06N60E C4747 CQYP95 20036 MAN6740 1N2230 15DW1T1 1S1212
Product Description
Full Text Search
 

To Download C20642106 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c2064.21.06 product sku: hook-up wire, ul 1007, ul 1569, csa tr-64, gauge size (awg): 18, conductor/strands: 16/30, product description: jacket: premium grade pvc, temperature range: -20ac to +105ac - green - 1000 ft. spool product category: electronics - hook-up wire - ul 1007, ul 1569, csa tr-64 - stranded conductors - green product construction: conductor: 24 thru 16 awg fully-annealed, tinned copper per astm b-33 solid or stranded insulation: color code: see chart below premium grade color-coded pvc temperature range: -20ac to +105ac product specification: conductor size (awg): 18 conductor/strands: 16/30 no. of pairs: 1 jacket color: green nominal insulation thickness 0.016 (in): nominal insulation thickness 0.40 (mm): nominal outside diameter (in): 0.080 nominal outside diameter 2.03 (mm): standard packaging: 1000' spool
standard package quantity: 1 upc #: 079407767045 put-up: 1000 scc-14: 50079407767044 cube: 338.1 weight per unit of measure: .01 coloroption: green product information: applications: internal wiring of electrical and electronic equipment internal wiring of panels and meters point-to-point wiring suggested voltage rating: 300 volts compliances: csa tr-64 - 90aoc, 300v designed to meet ul vw-1 vertical wire flame test ul style 1007 - 80ac, 300v ul style 1569 - 105ac, 300v packaging: 10,000 foot (3048m) reels 1000' (305m) spools other put-ups available- consult customer service reference charts color code chart technical specifications unit conversion factors cable design equations - balanced pair insulation and jacket properties temperature conversion chart decimal and unit conversion factors cable design equations - braid shield
awg conductor chart conduit capacity chart cable design equations - coaxial cable engineering prefixes coax connector cross reference glossary


▲Up To Search▲   

 
Price & Availability of C20642106

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X