Part Number Hot Search : 
LUR6100 TAC97 CPSM12 E008284 OPL1264A 40270 74271222 SK1929
Product Description
Full Text Search
 

To Download 90075-0139 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/08/2010 please check www.molex.com for latest part information part number: 0900750139 status: active overview: modular_plugs_jacks description: modular plug, short body, 8/8 documents: 3d model product specification ps-90075 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification ul e107635 general product family modular jacks/plugs series 90075 component type wire plug magnetic no overview modular_plugs_jacks performance category 3 power over ethernet (poe) n/a product name rj45 physical boot color n/a breakaway no circuits (maximum) 8 color - resin clear durability (mating cycles max) 500 flammability 94v-0 inverted / top latch n/a lightpipes/leds none material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin polycarbonate number of rows 1 orientation n/a pcb retention none packaging type reel pitch - mating interface (in) 0.040 in pitch - mating interface (mm) 1.02 mm pitch - term. interface (in) 0.040 in pitch - term. interface (mm) 1.02 mm plating min: mating (in) 50.8 plating min: mating (m) 1.27 plating min: termination (in) 50 plating min: termination (m) 1.27 ports 1 positions / loaded contacts 8/8 surface mount compatible (smc) no temperature range - operating -40c to +60c termination interface: style n/a waterproof / dustproof no wire/cable type flat oval electrical series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 90075 series mates with fcc 68 jacks... application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # arbor press fixture for 90075, modular plug, fcc 68, short body, 8/8 circuit 0690200140 parallel action handtool for 90075 modular plug, fcc 68, 8/8 circuit, short body 0690081124
current - maximum per contact 1.5a grounding to panel n/a shielded no voltage - maximum 125v dc material info reference - drawing numbers application specification as-90075 product specification ps-90075 sales drawing sda-90075 mini-mac? fully tooled 0690371190 this document was generated on 06/08/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 90075-0139

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X