Part Number Hot Search : 
8A218 ADCMP350 RF316506 GV2SN35 RC806 SG2540Y BTLV3 VP553
Product Description
Full Text Search
 

To Download 406005G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  infratrol avg 5x5 versatile averaging node for hvac applications calon associates limited po box 148 runcorn wa7 1fw, uk ! calon@infranet-partners.com " http://www.infranet-partners.co.uk product number : 406005G general description: most main plant control systems within large buildings require feedback variables such as temperature from the fan coil units (fcus) or variable air volume (vavs) units on each floor, to give the correct demand signal to the boilers, chillers and air handling units (ahus). in a typical building with over 500 floor controls, it is not feasible to connect the feedback temperature from each controller back to the main plant. this would flood the backbone network with messages as each sensor in the entire building transmits its data back to one controller in the plant room. the infratrol avg 5x5 averaging module collects all the temperatures for five individual zones and provides the average value of each zone for transmission to the main plant, greatly reducing network traffic on the backbone. the unit also provides a relay function for a enable signals from the main plant controls. a single enable message is sent to each floor via the infratrol avg relay function block using acknowledged service, and the output of this network relay function is connected to each floor control. the relay can repeatedly (using a configurable heartbeat timer) broadcast the signal to the floor controls without using up network bandwidth on the backbone. features: - 5 individual averaging objects each reading up to 5 variables (changeable snvt type) - 5 relay function objects for ?enable? variables - simple, configuration - optimises use of backbone bandwidth specification: dimensions: 69mm wide x 90mm high x 58mm deep self-extinguishing material (ul94-vo) housing: din rail, m36 format enclosure, 4m module width network: ftt-10a power supply: 24v dc 10% environmental condition: operating temperature: 0 c to + 70 c storage temperature: -50 c to + 95 c max. humidity : 90 % , not condensing micro processor: tlon mcm 1060-02 (toshiba tmpn3150b1af) memory: 64k flash, 32k ram
mechanical layout and pinout connectors: 1: lon network, ft-10 2: dc power, 24v dc both connectors are 2-pole wieland type lonmark? objects and network variables, 5 x 5 point averaging objects available from the following infranet partners: a loytec stoltzenthalergasse 24/3, 1080 wien # +43 14020 8050 $ +43 1 4020 80599 ch ibt kasernenstrasse 5, 3600 thun # +41 33 223 00 80 $ +41 33 223 00 84 d tlon karl kurz stra?e 36, 74523 schw?bisch hall # +49 791 93050 0 $ +49 791 93050 50 dk lk netlon bouet m?llevej 16, dk-9400 nr sundby # +45 96 32 31 80 $ +45 96 32 31 88 e elva frederic soler 109, 08224 terrassa # +34 93 736 8081 $ +34 93 736 8166 f ciac 18 rue joseph bara, 92130 issy les moulineaux # +33 1 46 48 70 00 $ +33 1 46 48 45 00 fin fatman oy p.o. box 26, 01621 vantaa # +358 9 725 49 50 $ +358 9 725 49 555 gb calon associates p.o. box 148, runcorn wa7 1fw # +44 870 747 3150 $ +44 870 747 3120 ind i.s.p.l. 49 1 st floor, jp nagar 1 st phase, bangalore 560078 # +91 80 63 40 122 $ +91 80 66 44 150 nl hitechnologies postbus 242, 3400 ae ijsselstein # +31 30 687 5335 $ +31 30 687 5333 5pt averaging object scpt49 - ncisendheartbeat snvt_xxx nv 01 nviavg snvt_xxx nv 06 nvoavg snvt_xxx nv 01 nviavg snvt_xxx nv 01 nviavg snvt_xxx nv 01 nviavg snvt_xxx nv 01 nviavg


▲Up To Search▲   

 
Price & Availability of 406005G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X