Part Number Hot Search : 
CL705L2 C4704 GEM019 FCT16 TS972 TC554161 APEXX04 TS972
Product Description
Full Text Search
 

To Download 2SD1275 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SD1275 2SD1275a d escription with to-220fa package complement to type 2sb949/ 949a high dc current gain high-speed switching applications for power amplification pinning absolute maximum ratings (ta=25 ) symbol parameter conditions value unit 2SD1275 60 v cbo collector- base voltage 2SD1275a open emitter 80 v 2SD1275 60 v ceo collector-emitter voltage 2SD1275a open base 80 v v ebo emitter-base voltage open collector 5 v i c collector current 2 a i cm collector current-peak 4 a t c =25 35 p c collector power dissipation t a =25 2 w t j junction temperature 150  t stg storage temperature -55~150  pin description 1 base 2 collector 3 emitter fig.1 simplified outline (to-220fa) and symbol
savantic semiconductor product specification 2 silicon npn power transistors 2SD1275 2SD1275a characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit 2SD1275 60 v (br)ceo collector- emitter breakdown voltage 2SD1275a i c =30ma , i b =0 80 v v cesat collector-emitter saturation voltage i c =2a; i b =8ma 2.5 v v be base-emitter voltage v ce =4v; i c =2a 2.8 v 2SD1275 v cb =60v; i e =0 i cbo collector cut-off current 2SD1275a v cb =80v; i e =0 1.0 ma 2SD1275 v ce =30v; i b =0 i ceo collector cut-off current 2SD1275a v ce =40v; i b =0 2.0 ma i ebo emitter cut-off current v eb =5v; i c =0 2.0 ma h fe-1 dc current gain i c =1a ; v ce =4v 1000 h fe-2 dc current gain i c =2a ; v ce =4v 2000 10000 f t transition frequency i c =0.5a; v ce =10v;f=1mhz 20 mhz switching times t on turn-on time 0.5 s t s storage time 4.0 s t f fall time i c =2a ;i b1 =8ma i b2 =-8ma;v cc =50v 1.0 s  h fe-2 classifications q r 2000-5000 4000-10000
savantic semiconductor product specification 3 silicon npn power transistors 2SD1275 2SD1275a package outline fig.2 outline dimensions (unindicated tolerance:0.15 mm)


▲Up To Search▲   

 
Price & Availability of 2SD1275

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X