Part Number Hot Search : 
70N10A MAX3229 MM1414 SAC10 0Q101 MB356W TY272MX 0Q101
Product Description
Full Text Search
 

To Download 0190030061 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/13/2010 please check www.molex.com for latest part information part number: 0190030061 status: active description: insulkrimp? quick disconnect, female, for 14-16 (2.00-1.30), mylar tape, tab 4.75mm (.187") x 0.81mm (.032") documents: drawing (pdf) rohs certificate of compliance (pdf) product specification ps-19902-008 (pdf) agency certification csa lr18689 ul e79133 general product family quick disconnects series 19003 comments funnel entry crimp quality equipment yes product name insulkrimp? type quick disconnect physical barrel type closed color - resin natural flammability 94v-2 gender female glow-wire compliant no insulation nylon (pa) lock to mating part none material - metal brass material - plating mating tin material - plating termination tin material - resin nylon orientation straight packaging type adhesive tape on reel plating min: mating (in) 160 plating min: mating (m) 4 plating min: termination (in) 160 plating min: termination (m) 4 polarized to mating part no tab thickness 0.81mm (.032") tab width 4.75mm (.187") temperature range - operating -65c to +105c termination interface: style crimp or compression wire insulation diameter 6.60mm (.260") max. wire size awg 14, 16 wire size mm2 1.30 - 2.00 electrical voltage - maximum 600v material info old part number bb-2208xt reference - drawing numbers product specification ps-19902-008 sales drawing sd-19003-006 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 19003 series application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # crimp dies for the atp-301 air crimping press for mylar tape mounted terminals and mta-106 tape applicator used in wire processing machine 0192880105 mini-mac? applicator 0638854200
this document was generated on 04/13/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0190030061

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X