Part Number Hot Search : 
00568 XMXXX V1C101MF KBPC1502 RPM2CP24 TL432B D307M BA4558F
Product Description
Full Text Search
 

To Download UT7500G-XX-AB3-C-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd ut7500 preliminary cmos ic www.unisonic.com.tw 1 of 7 copyright ? 2010 unisonic technologies co., ltd qw-r502-303.c high driver regulator ? description the utc ut7500 series is a low voltage regulator implemented by cmos technology which is composed of a three-terminal high current. the input voltage for it is allowed as high as 24v and the output voltage ar e fixed at 3.0v 3.3v and 5.0v. besides, it delivers 100ma output current. other out standing features of utc ut7500 include low voltage drop and low quiescent current. when being used with external components, utc ut7500 can obtain variable voltages and currents. utc ut7500 series is very suitable for applications, such as battery-powered equipment, communication equipment and audio/video equipment. ? features * very low power consumption * very low voltage drop * very low temperature coefficient * up to 24v input voltage * 100ma @ p d 250mw output current * tolerance 3% * halogen free sot-89 1 ? ordering information pin assignment ordering number package 1 2 3 packing UT7500G-XX-AB3-C-R sot-89 g i o tape reel note: pin assignment: i:v in o:v out g:gnd xx: output voltage, refe r to marking information. (1) r: tape reel (2) refer to pin assignment (3) ab3: sot-89 (4) xx: refer to marking information (5) g: halogen free ut7500g -xx -ab3 -c -r (1) packing type (2) pin code (3) package type (4) output voltage code (5) halogen free
ut7500 preliminary cmos ic unisonic technologies co., ltd 2 of 7 www.unisonic.com.tw qw-r502-303.c ? marking information package voltage code marking sot-89 30 :3.0v 33 :3.3v 50 :5.0v 123 xx ut7500g date code voltage code pin code ? pin configuration gnd v in v out 1 23 ? pin description pin no pin name i/o description 1 gnd g ground 2 v in i input pin of voltage supply. 3 v out o output pin of regulator.
ut7500 preliminary cmos ic unisonic technologies co., ltd 3 of 7 www.unisonic.com.tw qw-r502-303.c ? block daigram
ut7500 preliminary cmos ic unisonic technologies co., ltd 4 of 7 www.unisonic.com.tw qw-r502-303.c ? absolute maximum rating (t a =25 ) parameter symbol ratings unit supply voltage v in -0.3 ~ +26 v power consumption p c 250 mw junction temperature t j +125 operating temperature t orp 0 ~ +70 storage temperature t stg -50 ~ +125 note: absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. ? electrical characteristics (t a =25 , unless otherwise specified ) for ut7500-30 parameter symbol test conditions min typ max unit output voltage tolerance v out v in =5.0v, i out =10ma 2.91 3.0 3.09 v input voltage v in 24 v output current i out v in =5.0v 60 100 ma load regulation v out v in =5.0v, 1ma Q i out Q 50ma 60 150 mv line regulation out n i out v v v 4v Q v in Q 12v, i out =1ma 0.2 %/v voltage drop v d i out =1ma 100 mv current consumption i ss v in =5.0v , no load 10 20 a temperature coefficient a out t v v in =5.0v , i out =10ma 0 t a 70 0.45 mv/ for ut7500-33 parameter symbol test conditions min typ max unit output voltage tolerance v out v in =5.5v, i out =10ma 3.20 3.3 3.40 v input voltage v in 24 v output current i out v in =5.5v 60 100 ma load regulation v out v in =5.5v, 1ma Q i out Q 50ma 60 150 mv line regulation out n i out v v v 4.5v Q v in Q 12v, i out =1ma 0.2 %/v voltage drop v d i out =1ma 100 mv current consumption i ss v in =5.5v , no load 10 20 a temperature coefficient a out t v v in =5.5v , i out =10ma 0 t a 70 0.5 mv/ for ut7500-50 parameter symbol test conditions min typ max unit output voltage tolerance v out v in =7.0v, i out =10ma 4.85 5.0 5.15 v input voltage v in 24 v output current i out v in =7.0v 100 150 ma load regulation v out v in =7.0v, 1ma Q i out Q 70ma 60 150 mv line regulation out n i out v v v 6v Q v in Q 15v, i out =1ma 0.2 %/v voltage drop v d i out =1ma 100 mv current consumption i ss v in =7.0v , no load 10 20 a temperature coefficient a out t v v in =7.0v , i out =10ma 0 t a 70 0.75 mv/
ut7500 preliminary cmos ic unisonic technologies co., ltd 5 of 7 www.unisonic.com.tw qw-r502-303.c ? typical application circuits basic circuit ut7500-xx v in common v in gnd v out single point gnd common v out c2 10f c1 10f ++ high output current positive voltage regulator ut7500-xx v in common r1 t r1 v in gnd v out v out common c1 10f c2 10f + + short-circuit protection for t r1 ut7500-xx common r1 v in gnd v out v out common c1 10f c2 10f + + v in r s t r1
ut7500 preliminary cmos ic unisonic technologies co., ltd 6 of 7 www.unisonic.com.tw qw-r502-303.c ? typical application circuits(cont.) circuit for increasing output voltage circuit for increasing output voltage ut7500-xx common v in c1 10f + v in gnd i ss v out c2 10f + v x r1 common v out d1 v out = v x +v d1 constant current regulator ut7500-xx v in gnd v out v in c2 10f + v x c1 10f + common r a i out r l i ss ss a x out i r v i + =
ut7500 preliminary cmos ic unisonic technologies co., ltd 7 of 7 www.unisonic.com.tw qw-r502-303.c ? typical application circuits(cont.) dual supply utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of UT7500G-XX-AB3-C-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X