Part Number Hot Search : 
HIP2106 BAW75 FP150 FP150 11SRW PMB01 R5150 ICX229
Product Description
Full Text Search
 

To Download TLYH16T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tlrmh16t,tlsh16t,tloh16t,TLYH16T 2002-01-18 1 toshiba ingaa ? p led tlrmh16t,tlsh16t,tloh16t,TLYH16T panel circuit indicator  5 mm package  ingaa ? p technology  all plastic mold type  transparent lens  lineup: 3colors (red, orange, yellow)  high intensity light emission  excellent low current light output  applications: traffic signals, safety equipment, backlight  straight lead type is also available tlrmh 1 6tp, tlsh 1 6tp, tloh 1 6tp, tlyh 1 6tp line-up product name color material tlrmh16t red tlsh16t red tloh16t orange TLYH16T yellow p ingaa  maximum ratings (ta     25c) product name forward current i f (ma) reverse voltage v r (v) power dissipation p d (mw) operating temperature t opr (c) storage temperature t stg (c) tlrmh16t tlsh16t tloh16t TLYH16T 50 4 120  40~100  40~120 unit: mm jedec D jeita D toshiba D weight: 0.31 g
tlrmh16t,tlsh16t,tloh16t,TLYH16T 2002-01-18 2 electrical and optical characteristics (ta     25c) typ. emission wavelength luminous intensity i v forward voltage v f reverse current i r product name  d  p  i f min typ. i f typ. max i f max v r tlrmh16t 626 (636) 13 20 476 1500 20 1.9 2.4 20 50 4 tlsh16t 613 (623) 13 20 850 1900 20 2.0 2.4 20 50 4 tloh16t 605 (612) 13 20 850 2300 20 2.0 2.4 20 50 4 TLYH16T 587 (590) 13 20 850 2200 20 2.0 2.4 20 50 4 unit nm ma mcd ma v ma  a v precautions please be careful of the following:  soldering temperature: 260c max, soldering time: 3 s max (soldering portion of lead: below the lead stopper)  if the lead is formed, the lead should be formed up to 5 mm from the body of the device without forming stress to the resin. soldering should be performed after lead forming.  this visible led lamp also emits some ir light. if a photodetector is located near the led lamp, please ensure that it will not be affected by this ir light.
tlrmh16t,tlsh16t,tloh16t,TLYH16T 2002-01-18 3 tlrmh16t 30  0  60  90 90  30  60  1.0 0.8 0.6 0.4 0.2 0 80  70  50  40  20  10  70  80  50  40  20  10  relative luminous intensity forward voltage v f (v) i f ? v f forward current i f (ma) forward current i f (ma) i v ? i f luminous intensity i v (mcd) case temperature tc (c) i v ? tc relative luminous intensity i v wavelength  (nm) relative luminous intensity ? wavelength ambient temperature ta (c) i f ? ta allowable forward current i f (ma) radiation pattern ta  25c 40 0 120 60 0 40 80 20 20 60 80 100 0.1 3 1 0.3 0.5 5 10 20  20 80 0 40 60 2.0 1.6 2.3 50 30 10 3 1 1.7 2.1 5 100 1.8 1.9 2.2 ta  25c 10 1 100 10 10000 3 5 30 50 100 ta  25c 1000 30 50 300 500 3000 5000 620 580 700 0.8 0 0.6 1.0 0.2 0.4 600 640 660 680 i f  20 ma ta  25c
tlrmh16t,tlsh16t,tloh16t,TLYH16T 2002-01-18 4 tlsh16t 30  0  60  90 90  30  60  1.0 0.8 0.6 0.4 0.2 0 80  70  50  40  20  10  70  80  50  40  20  10  40 0 120 60 0 40 80 20 20 60 80 100 ambient temperature ta (c) i f ? ta allowable forward current i f (ma) relative luminous intensity forward voltage v f (v) i f ? v f forward current i f (ma) forward current i f (ma) i v ? i f luminous intensity i v (mcd) case temperature tc (c) i v ? tc relative luminous intensity i v wavelength  (nm) relative luminous intensity ? wavelength 50 30 10 3 1 5 100 2.0 1.6 2.3 1.7 2.1 1.8 1.9 2.2 ta  25c radiation pattern ta  25c 20  20 80 0.1 1 0.3 0.5 0 40 60 3 10 1 100 10 10000 3 5 30 50 100 ta  25c 1000 30 50 300 500 3000 5000 0.8 0 0.6 1.0 0.2 0.4 i f  20 ma ta  25c 600 560 680 580 620 640 660
tlrmh16t,tlsh16t,tloh16t,TLYH16T 2002-01-18 5 tloh16t 30  0  60  90 90  30  60  1.0 0.8 0.6 0.4 0.2 0 80  70  50  40  20  10  70  80  50  40  20  10  40 0 120 60 0 40 80 20 20 60 80 100 ambient temperature ta (c) i f ? ta allowable forward current i f (ma) relative luminous intensity forward voltage v f (v) i f ? v f forward current i f (ma) forward current i f (ma) i v ? i f luminous intensity i v (mcd) case temperature tc (c) i v ? tc relative luminous intensity i v wavelength  (nm) relative luminous intensity ? wavelength radiation pattern ta  25c i f  20 ma ta  25c 580 540 660 0.8 0 0.6 1.0 0.2 0.4 560 600 620 640 50 30 10 3 1 5 100 2.0 1.6 2.3 1.7 2.1 1.8 1.9 2.2 ta  25c 20  20 80 0.1 1 0.3 0.5 0 40 60 3 10 1 100 10 10000 3 5 30 50 100 ta  25c 1000 30 50 300 500 3000 5000
tlrmh16t,tlsh16t,tloh16t,TLYH16T 2002-01-18 6 TLYH16T 30  0  60  90 90  30  60  1.0 0.8 0.6 0.4 0.2 0 80  70  50  40  20  10  70  80  50  40  20  10  20  20 80 0 40 60 0.1 0.3 0.5 3 1 allowable forward current i f (ma) 40 0 120 60 0 40 80 20 20 60 80 100 ambient temperature ta (c) i f ? ta relative luminous intensity forward voltage v f (v) forward current i f (ma) case temperature tc (c) i v ? tc relative luminous intensity i v wavelength  (nm) relative luminous intensity ? wavelength radiation pattern ta  25c i f ? v f i f  20 ma ta  25c 580 540 660 0.8 0 0.6 1.0 0.2 0.4 560 600 620 640 forward current i f (ma) i v ? i f luminous intensity i v (mcd) 10 1 100 10 10000 3 5 30 50 100 ta  25c 1000 30 50 300 500 3000 5000 50 30 10 3 1 5 100 2.0 1.6 2.3 1.7 2.1 1.8 1.9 2.2 ta  25c
tlrmh16t,tlsh16t,tloh16t,TLYH16T 2002-01-18 7  toshiba is continually working to improve the quality and reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshiba products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconductor devices,? or ?toshiba semiconductor reliability handbook? etc..  the toshiba products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. unintended usage of toshiba products listed in this document shall be made at the customer?s own risk.  gallium arsenide (gaas) is a substance used in the products described in this document. gaas dust and fumes are toxic. do not break, cut or pulverize the product, or use chemicals to dissolve them. when disposing of the products, follow the appropriate regulations. do not dispose of the products with other industrial waste or with domestic garbage.  the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba corporation for any infringements of intellectual property or other rights of the third parties which may result from its use. no license is granted by implication or otherwise under any intellectual property or other rights of toshiba corporation or others.  the information contained herein is subject to change without notice. 000707e a c restrictions on product use


▲Up To Search▲   

 
Price & Availability of TLYH16T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X