Part Number Hot Search : 
ESAD33C BH5510 2808J 74LVC3 IF389A1M X912CPE OM6002SR 11SRW
Product Description
Full Text Search
 

To Download STB11NM80T4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/14 september 2004 stp11nm80 - stf11nm80 stb11nm80 - stw11nm80 n-channel 800v - 0.35 ? - 11 a to-220 /fp/d 2 pak/to-247 mdmesh? mosfet table 1: general features  typical r ds (on) = 0.35 ?  low gate input resistance  low input capacitance and gate charge  best r ds (on)*qg in the industry description the mdmesh? associates the multiple drain pro- cess with the company?s powermesh? horizontal layout assuring an oustanding low on-resistance. the adoption of the company?s proprietary strip technique yields overall dynamic performance that is significantly better than that of similar competi- tion?s products. applications the 800 v mdmesh? family is very suitable for single switch applications in particular for flyback and forward converter topologies and for ignition circuits in the field of lighting. table 2: order codes figure 1: package figure 2: internal schematic diagram type v dss r ds(on) r ds(on) *q g i d stp11nm80 stf11nm80 stb11nm80 stw11nm80 800 v 800 v 800 v 800 v < 0.40 ? < 0.40 ? < 0.40 ? < 0.40 ? 14 ?? nc 14 ?? nc 14 ?? nc 14 ?? nc 11 a 11 a 11 a 11 a 1 2 3 1 3 1 2 3 1 2 3 to-220 d 2 pak to-247 to-220fp sales type marking package packaging stp11nm80 p11nm80 to-220 tube stf11nm80 f11nm80 to-220fp tube STB11NM80T4 b11nm80 d 2 pak tape & reel stw11nm80 w11nm80 to-247 tube rev. 2
stp11nm8o - stf11nm80 - stb11nm80 - stw11nm80 2/14 table 3: absolute maximum ratings (  ) pulse width limited by safe operating area (*) limited only by the maximum temperature allowed table 4: thermal data table 5: avalanche characteristics symbol parameter value unit to-220/d 2 pak to-247 to-220fp v ds drain-source voltage (v gs = 0) 800 v v dgr drain-gate voltage (r gs = 20 k ? ) 800 v v gs gate- source voltage 30 v i d drain current (continuous) at t c = 25 c 11 11 (*) a i d drain current (continuous) at t c = 100 c 4.7 4.7 (*) a i dm (  ) drain current (pulsed) 44 44 (*) a p tot total dissipation at t c = 25 c 150 35 w derating factor 1.2 0.28 w / c t j t stg operating junction temperature storage temperature -65 to 150 c to-220/d 2 pak to-247 to-220fp unit rthj-case thermal resistance junction-case max 0.83 3.6 c/w rthj-amb thermal resistance junction-ambient max 62.5 c/w t l maximum lead temperature for soldering purpose 300 c symbol parameter max value unit i ar avalanche current, repetitive or not-repetitive (pulse width limited by t j max) 2.5 a e as single pulse avalanche energy (starting t j = 25 c, i d = 2.5a, v dd = 50 v) 400 mj
3/14 stp11nm8o - stf11nm80 - stb11nm80 - stw11nm80 electrical characteristics (t case =25 c unless otherwise specified) table 6: on/off table 7: dynamic table 8: source drain diode note: 1. pulsed: pulse duration = 300 s, duty cycle 1.5 %. 2. pulse width limited by safe operating area. symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 250 a, v gs = 0 800 v i dss zero gate voltage drain current (v gs = 0) v ds = max rating v ds = max rating, t c = 125 c 10 100 a a i gss gate-body leakage current (v ds = 0) v gs = 30v 100 na v gs(th) gate threshold voltage v ds = v gs , i d = 250 a 345v r ds(on) static drain-source on resistance v gs = 10v, i d =5.5 a 0.35 0.40 ? symbol parameter test conditions min. typ. max. unit g fs (1) forward transconductance v ds > i d(on) x r ds(on)max, i d = 7.5 a 8s c iss c oss c rss input capacitance output capacitance reverse transfer capacitance v ds = 25 v, f = 1 mhz, v gs = 0 1630 750 30 pf pf pf r g gate input resistance f=1 mhz gate dc bias = 0 test signal level = 20mv open drain 2.7 ? t d(on) t r t d(off) t f turn-on delay time rise time turn-off delay time fall time v dd = 400 v, i d = 5.5 a r g =4.7 ? v gs = 10 v (resistive load see, figure 4) 22 17 46 15 ns ns ns ns q g q gs q gd total gate charge gate-source charge gate-drain charge v dd = 640 v, i d = 11 a, v gs = 10v 43.6 11.6 21 nc nc nc symbol parameter test conditions min. typ. max. unit i sd i sdm (2) source-drain current source-drain current (pulsed) 11 44 a a v sd (1) forward on voltage i sd = 11 a, v gs = 0 0.86 v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 11 a, di/dt = 100 a/s v dd = 50 v, t j = 25 c (see test circuit, figure 5) 612 7.22 23.6 ns c a t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 11 a, di/dt = 100 a/s v dd = 50 v, t j = 150 c (see test circuit, figure 5) 970 11.25 23.2 ns c a
stp11nm8o - stf11nm80 - stb11nm80 - stw11nm80 4/14 figure 3: safe operating area for d 2 pak/ to-247 / to-220 figure 4: thermal impedance for d 2 pak/ to-247 / to-220 figure 5: output characteristics figure 6: safe operating area for to-220fp figure 7: thermal impedance for to-220fp figure 8: output characteristics
5/14 stp11nm8o - stf11nm80 - stb11nm80 - stw11nm80 figure 9: transfer characteristics figure 10: transconductance figure 11: gate charge vs gate-source voltage figure 12: normalized gate threshold voltage vs temperature figure 13: static drain-source on resistance figure 14: capacitance variations
stp11nm8o - stf11nm80 - stb11nm80 - stw11nm80 6/14 figure 15: normalized on resistance vs tem- perature figure 16: source-drain forward characteris- tics figure 17: normalized bv dss vs temperature
7/14 stp11nm8o - stf11nm80 - stb11nm80 - stw11nm80 figure 18: unclamped inductive load test cir- cuit figure 19: switching times test circuit for resistive load figure 20: test circuit for inductive load switching and diode recovery times figure 21: unclamped inductive wafeform figure 22: gate charge test circuit
stp11nm8o - stf11nm80 - stb11nm80 - stw11nm80 8/14 dim. mm. inch min. typ max. min. typ. max. a 4.40 4.60 0.173 0.181 b 0.61 0.88 0.024 0.034 b1 1.15 1.70 0.045 0.066 c 0.49 0.70 0.019 0.027 d 15.25 15.75 0.60 0.620 e 10 10.40 0.393 0.409 e 2.40 2.70 0.094 0.106 e1 4.95 5.15 0.194 0.202 f 1.23 1.32 0.048 0.052 h1 6.20 6.60 0.244 0.256 j1 2.40 2.72 0.094 0.107 l 13 14 0.511 0.551 l1 3.50 3.93 0.137 0.154 l20 16.40 0.645 l30 28.90 1.137 ? p 3.75 3.85 0.147 0.151 q 2.65 2.95 0.104 0.116 to-220 mechanical data
9/14 stp11nm8o - stf11nm80 - stb11nm80 - stw11nm80 l2 a b d e h g l6 f l3 g1 123 f2 f1 l7 l4 l5 dim. mm. inch min. typ max. min. typ. max. a 4.4 4.6 0.173 0.181 b 2.5 2.7 0.098 0.106 d 2.5 2.75 0.098 0.108 e 0.45 0.7 0.017 0.027 f 0.75 1 0.030 0.039 f1 1.15 1.7 0.045 0.067 f2 1.15 1.7 0.045 0.067 g 4.95 5.2 0.195 0.204 g1 2.4 2.7 0.094 0.106 h 10 10.4 0.393 0.409 l2 16 0.630 l3 28.6 30.6 1.126 1.204 l4 9.8 10.6 .0385 0.417 l5 2.9 3.6 0.114 0.141 l6 15.9 16.4 0.626 0.645 l7 9 9.3 0.354 0.366 ? 3 3.2 0.118 0.126 to-220fp mechanical data
stp11nm8o - stf11nm80 - stb11nm80 - stw11nm80 10/14 dim. mm. inch min. typ max. min. typ. max. a 4.32 4.57 0.178 0.180 a1 0.00 0.25 0.00 0.009 b 0.71 0.91 0.028 0.350 b2 1.15 1.40 0.045 0.055 c 0.46 0.61 0.018 0.024 c2 1.22 1.40 0.048 0.055 d 8.89 9.02 9.40 0.350 0.355 0.370 d1 8.01 0.315 e 10.04 10.28 0.395 0.404 e 2.54 0.010 h 13.10 13.70 0.515 0.540 l 1.30 1.70 0.051 0.067 l1 1.15 1.39 0.045 0.054 l2 1.27 1.77 0.050 0.069 l4 2.70 3.10 0.106 0.122 v2 0 8 0 8 to-263 (d 2 pak) mechanical data
11/14 stp11nm8o - stf11nm80 - stb11nm80 - stw11nm80 dim. mm. inch min. typ max. min. typ. max. a 4.85 5.15 0.19 0.20 a1 2.20 2.60 0.086 0.102 b 1.0 1.40 0.039 0.055 b1 2.0 2.40 0.079 0.094 b2 3.0 3.40 0.118 0.134 c 0.40 0.80 0.015 0.03 d 19.85 20.15 0.781 0.793 e 15.45 15.75 0.608 0.620 e5.45 0.214 l 14.20 14.80 0.560 0.582 l1 3.70 4.30 0.14 0.17 l2 18.50 0.728 ? p 3.55 3.65 0.140 0.143 ? r 4.50 5.50 0.177 0.216 s5.50 0.216 to-247 mechanical data
stp11nm8o - stf11nm80 - stb11nm80 - stw11nm80 12/14 tape and reel shipment (suffix ?t4?)* tube shipment (no suffix)* d 2 pak footprint * on sales type dim. mm inch min. max. min. max. a 330 12.992 b 1.5 0.059 c 12.8 13.2 0.504 0.520 d 20.2 0795 g 24.4 26.4 0.960 1.039 n 100 3.937 t 30.4 1.197 base qty bulk qty 1000 1000 reel mechanical data dim. mm inch min. max. min. max. a0 10.5 10.7 0.413 0.421 b0 15.7 15.9 0.618 0.626 d 1.5 1.6 0.059 0.063 d1 1.59 1.61 0.062 0.063 e 1.65 1.85 0.065 0.073 f 11.4 11.6 0.449 0.456 k0 4.8 5.0 0.189 0.197 p0 3.9 4.1 0.153 0.161 p1 11.9 12.1 0.468 0.476 p2 1.9 2.1 0.075 0.082 r 50 1.574 t 0.25 0.35 0.0098 0.0137 w 23.7 24.3 0.933 0.956 tape mechanical data
13/14 stp11nm8o - stf11nm80 - stb11nm80 - stw11nm80 figure 23: revision history date revision description of changes 29-jul-2004 1 final document
stp11nm8o - stf11nm80 - stb11nm80 - stw11nm80 14/14 information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the co nsequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specifications mentioned in this publicati on are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics prod ucts are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectro nics. the st logo is a registered trademark of stmicroelectronics all other names are the property of their respective owners ? 2004 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - singapore - spain - sweden - switzerland - united kingdom - united states of america


▲Up To Search▲   

 
Price & Availability of STB11NM80T4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X