Part Number Hot Search : 
25VF064C APL3517 KSR1103 15500 2N2060JX AD628 STN1NF10 09SQR4
Product Description
Full Text Search
 

To Download STA3350Q Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ksd-t5a008-000 1 STA3350Q pnp silicon transistor pin connection sot-223 applications ? power amplifier application ? high current switching application features ? low saturation voltage: v ce(sat) =-0.15v typ. @ i c =-1a, i b =-50ma ? large collector current capacity: i c =-3a ? small and compact smd type package ? ?green? device and rohs compliant device ? available in full lead (pb)-free device ordering information type no. marking package code STA3350Q sta3350 yww sot-223 sta3350: device code, yww(y : year code, ww : weekly code) absolute maximum ratings [ta=25 ] characteristic symbol rating unit collector-base voltage v cbo -50 v collector-emitter voltage v ceo -50 v emitter-base voltage v ebo -6 v collector current i c -3 a(dc) i cp * -6 a(pulse) collector power dissipation p c 1.1 w p c ** 1.5 w junction temperature t j 150 c storage temperature range t stg -55~150 c * : single pulse, tp= 300 ? ** : when mounted on copper substrate(250 ? 0.8t) characteristic symbol typ. max unit thermal resistance junction-ambient r th(j-a) - 113.6 /w - 83.3 ** /w
ksd-t5a008-000 2 sta3350 q electrical characteristics [ta=25 ] characteristic symbol test condition min. typ. max. unit collector-emitter breakdown voltage bv ceo i c =-1ma, i b =0 -50 - - v collector cut-off current i cbo v cb =-50v, i e =0 - - -1 a emitter cut-off current i ebo v eb =-6v, i c =0 - - -1 a dc current gain h fe v ce =-2v, i c =-0.5a * 120 - 240 h fe v ce =-2v, i c =-2a * 40 - - collector-emitter saturation voltage v ce(sat) i c =-1a, i b =-0.05a * - - -0.35 v base-emitter saturation voltage v be(sat) i c =-2a, i b =-0.1a * - -0.97 -1.2 v transition frequency f t v ce =-10v, i c =-0.05a - 250 - mhz collector output capacitance c ob v cb =-10v, i e =0, f=1mhz - 28 - pf switching time tu r n - o n t i m e t on - 100 - ns storage time t stg - 300 - fall time t f - 50 - *: pulse test : t p 300s, duty cycle 2% <
ksd-t5a008-000 3 sta3350 q electrical characteristic curves fig. 1 p c - t a fig. 2 i c - v be fig. 3 i c - v ce fig. 4 h fe - i c fig. 5 v ce ( sat ) - i c fig. 6 v be ( sat ) - i c
ksd-t5a008-000 4 sta3350 q electrical characteristic curves fig. 7 c ob - v cb fig. 8 safe operating area
ksd-t5a008-000 5 sta3350 q outline dimension recommend pcb solder land [unit: mm]
ksd-t5a008-000 6 sta3350 q the auk corp. products are intended for the use as components in general electronic equipment (office and co mmunication equipment, m easuring equipment, home appliance, etc.). please make sure that you consult with us before you use these auk corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to th e welfare of human life(atomi c energy control, airplane, spaceship, transportation, co mbustion control, all types of safety device, etc.). auk corp. cannot accept liability to any damage which may occur in case these auk corp. products were used in the mentioned equipm ents without prior consultation with auk corp.. specifications mentioned in this publicati on are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of STA3350Q

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X