Part Number Hot Search : 
1N5231B 02205 P3055L CS147 F0515 DUR09A P3055L 2SC1622
Product Description
Full Text Search
 

To Download STA3350F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ksd-t5b006-004 1 STA3350F pnp silicon transistor sot-89 pin connection applications ? power amplifier application ? high current switching application features ? low saturation voltage: v ce(sat) =-0.15v typ. @ i c =-1a, i b =-50ma ? large collector current capacity: i c =-3a ? small and compact smd type package ? complementary pair with stc4350f ? ?green? device and rohs compliant device ? available in full lead (pb)-free device ordering information type no. marking package code STA3350F hw7 yww sot-89 hw1: device code, yww(y : year code, ww : weekly code) absolute maximum ratings [ta=25 ] characteristic symbol rating unit collector-base voltage v cbo -50 v collector-emitter voltage v ceo -50 v emitter-base voltage v ebo -6 v collector current i c -3 a p c 0.5 w collector power dissipation p c 1 w junction temperature t j 150 c storage temperature range t stg -55~150 c characteristic symbol typ. max unit - 250 /w thermal resistance junction-ambient r th(j-a) - 125 /w device mounted on ceramic substrate (250mm 2 0.8t )
ksd-t5b006-004 2 STA3350F electrical characteristics [ta=25 ] characteristic symbol test condition min. typ. max. unit collector-emitter breakdown voltage bv ceo i c =-1ma, i b =0 -50 - - v collector cut-off current i cbo v cb =-50v, i e =0 - - -1 a emitter cut-off current i ebo v eb =-6v, i c =0 - - -1 a h fe v ce =-2v, i c =-0.5a * 120 - 240 dc current gain h fe v ce =-2v, i c =-2a * 40 - - collector-emitter saturation voltage v ce(sat) i c =-1a, i b =-0.05a * - - -0.35 v base-emitter saturation voltage v be(sat) i c =-2a, i b =-0.1a * - -0.97 -1.2 v transition frequency f t v ce =-10v, i c =-0.05a - 250 - mhz collector output capacitance c ob v cb =-10v, i e =0, f=1mhz - 28 - pf tu r n - o n t i m e t on - 100 - storage time t stg - 300 - switching time fall time t f - 50 - ns *: pulse test : t p 300s, duty cycle 2% <
ksd-t5b006-004 3 STA3350F ? electrical characteristic curves fig. 1 p c - t a fig. 2 i c - v be fig. 3 i c - v ce fig. 4 h fe - i c fig. 5 v ce ( sat ) - i c fig. 6 v be ( sat ) - i c
ksd-t5b006-004 4 STA3350F electrical characteristic curves fig. 7 c ob - v cb fig. 8 safe operating area
ksd-t5b006-004 5 STA3350F outline dimension(mm) recommend pcb solder land [unit: mm]
ksd-t5b006-004 6 STA3350F the auk corp. products are intended for the use as components in general electronic equipment (office and co mmunication equipment, m easuring equipment, home appliance, etc.). please make sure that you consult with us before you use these auk corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to th e welfare of human life(atomi c energy control, airplane, spaceship, transportation, co mbustion control, all types of safety device, etc.). auk corp. cannot accept liability to any damage which may occur in case these auk corp. products were used in the mentioned equi pments without prior consultation with auk corp.. specifications mentioned in this publicati on are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of STA3350F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X