Part Number Hot Search : 
4740AP BT5551 MC68HC9 PQ208 IS200 C1514 02003 MJF45H11
Product Description
Full Text Search
 

To Download STA3350D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ksd-t6o035-000 1 STA3350D pnp silicon transistor to-252 pin connection applications ? power amplifier application ? high current switching application features ? low saturation voltage: v ce(sat) =-0.15v typ. @ i c =-1a, i b =-50ma ? large collector current capacity: i c =-3a ? ?green? device and rohs compliant device ? available in full lead (pb)-free device ordering information type no. marking package code STA3350D sta3350 to-252 marking information absolute maximum ratings [ta=25 ] characteristic symbol rating unit collector-base voltage v cbo -50 v collector-emitter voltage v ceo -50 v emitter-base voltage v ebo -6 v collector current i c -3 a(dc) i cp * -6 a(pulse) collector power dissipation p c (ta= 25 c) 1.2 w p c (t c = 25 c) 15 w junction temperature t j 150 c storage temperature range t stg -55~150 c * : single pulse, tp= 300 ? characteristic symbol typ. max unit thermal resistance junction-ambient r th(j-a) - 104.1 /w junction-case r th(j-c) - 8.3 /w column 1, 2 : device code column 3: year & week code sta 3350 yww
ksd-t6o035-000 2 STA3350D electrical characteristics [ta=25 ] characteristic symbol test condition min. typ. max. unit collector-emitter breakdown voltage bv ceo i c =-1ma, i b =0 -50 - - v collector cut-off current i cbo v cb =-50v, i e =0 - - -1 a emitter cut-off current i ebo v eb =-6v, i c =0 - - -1 a dc current gain h fe v ce =-2v, i c =-0.5a * 120 - 240 h fe v ce =-2v, i c =-2a * 40 - - collector-emitter saturation voltage v ce(sat) i c =-1a, i b =-0.05a * - - -0.35 v base-emitter saturation voltage v be(sat) i c =-2a, i b =-0.1a * - -0.97 -1.2 v transition frequency f t v ce =-10v, i c =-0.05a - 250 - mhz collector output capacitance c ob v cb =-10v, i e =0, f=1mhz - 28 - pf switching time tu r n - o n t i m e t on - 100 - ns storage time t stg - 300 - fall time t f - 50 - *: pulse test : t p 300s, duty cycle 2% <
ksd-t6o035-000 3 s t a3350d fig. 1 p c - t a fig. 2 i c - v be fig. 3 i c - v ce fig. 4 h fe - i c fig. 5 v ce ( sat ) - i c fig. 6 v be ( sat ) - i c
ksd-t6o035-000 4 STA3350D electrical characteristic curves fig. 7 c ob - v cb fig. 8 safe operating area
ksd-t6o035-000 5 STA3350D outline dimension recommend pcb solder land [unit: mm] 4.60 1.50 2 . 5 0 7 . 0 0 7.00
ksd-t6o035-000 6 s t a3350d the auk corp. products are intended for the use as components in general electronic equipment (office and co mmunication equipment, m easuring equipment, home appliance, etc.). please make sure that you consult with us before you use these auk corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to th e welfare of human life(atomi c energy control, airplane, spaceship, transportation, co mbustion control, all types of safety device, etc.). auk corp. cannot accept liability to any damage which may occur in case these auk corp. products were used in the mentioned equipm ents without prior consultation with auk corp.. specifications mentioned in this publicati on are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of STA3350D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X