Part Number Hot Search : 
AD883B SZ526 TDA1013B 30N10 P4KE350A BYV26BZ PA1220 74FCT
Product Description
Full Text Search
 

To Download SF20HG-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  e 3 ds24013 rev. 3 - 2 1 of 3 sf20ag - sf20jg www.diodes.co m ? diodes incorporated sf20ag - s f20jg 2.0a super- fast glass passi vated rectifi er features a a b c d do-15 dim min max a 25.40 ? b 5.50 7.62 c 0.686 0.889 d 2.60 3.6 all dimensions in m m maximum ratings and elect rical char acterist ics @ t a = 25 c unless otherwise s pecified glass pass ivated die construction super-fast switching for high efficiency surge overload rating to 60a peak low reverse leak age current lead free finish, roh s complia nt (note 4) mechanical data case: do-15 case material: molded plastic. ul flammabili ty classification rating 94v-0 moisture sensitivity: level 1 per j- std-020c terminals: finish ? tin. solderable per mil-std-202, method 208 polarity: cathode band marking: type number ordering information: see page 3 weight: 0.35 grams (approximate) single phase, half wave, 60hz, resistive or inductive load. for capac itive load, derate current by 20% . characteristic symbol sf20 ag sf20 bg sf20 cg sf20 dg sf20 fg sf20 gg sf20 hg sf20 jg unit peak repetitive revers e voltage working peak revers e voltage dc blocking voltage (note 5) v rrm v rwm v r 50 100 150 200 300 400 500 600 v rms reverse voltage v r (rms) 35 70 105 140 210 280 350 420 v average rectified output curr ent @ t a = 75 c (note 1) i o 2.0 a non-repetitive peak forward surge curr ent 8.3ms single half sine-wave superimposed on rated load i fsm 60 a forward voltage @ i f = 2.0a v fm 0.95 1.3 1.5 v peak reverse cur rent @ t a = 25 c at rated dc blocking voltage (note 5) @ t a = 100 c i rm 10 100 m a reverse rec overy t ime (note 2) t rr 35 40 50 ns typical total capacitance (n ote 3) c t 75 50 pf typical thermal resistanc e junction to ambient r q ja 40 c/w operating and storage temperature range t j , t stg -65 to +150 c notes: 1. valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case. 2. measured with i f = 0.5a, i r = 1.0a, i rr = 0.25a. see figure 5. 3. measured at 1.0mhz and applied reverse v oltage of 4.0v dc. 4. rohs revision 13.2.2003. glass and high temperature solder exemptions applied, see eu directive annex n otes 5 and 7 . 5. short durat ion pulse test used to minimize self-heating effect.
ds24013 rev. 3 - 2 2 of 3 sf20ag - sf20jg www.diodes.co m 0 0 . 4 0 . 8 1 . 2 1 . 6 2 . 0 2 5 5 0 7 5 1 0 0 1 2 5 1 5 0 1 7 5 2 0 0 i , a v e r a g e f o r w a r d r e c t i f i e d ( a v ) c u r r e n t ( a ) t , a m b i e n t t e m p e r a t u r e ( c ) a f i g . 1 f o r w a r d c u r r e n t d e r a t i n g c u r v e s in g le p h a s e h a lf - w a v e 6 0 h z r e s is ti v e o r i n d u c ti v e l o a d 0 . 0 1 0 . 1 1 . 0 1 0 0 . 6 0 . 8 1 . 0 1 . 2 1 . 4 i , i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a ) f v , i n s t a n t a n e o u s f o r wa r d v o l t a g e ( v ) f f ig . 2 t y p ic a l f o r w a r d c h a r a c t e r is t ic s t = 2 5 c j s f 2 0 a g - s f 2 0 d g s f 2 0 h g - s f 2 0 j g s f 2 0 f g - s f 2 0 g g 1 1 0 1 0 0 1 1 0 1 0 0 c , t o t a l c a p a c i t a n c e ( p f ) t v , d c r e v e r s e v o l t a g e ( v ) r f ig . 4 t y p ic a l t o ta l c a p a c ita n c e t = 2 5 c j f = 1 .0 m h z s f 2 0 a g - s f 2 0 g g s f 2 0 h g - s f 2 0 j g 5 0 v d c a p p r o x o s c i l l o s c o p e ( n o t e 1 ) p u l s e g e n e r a t o r ( n o t e 2 ) d e v i c e u n d e r t e s t t rr s e t ti m e b a s e f o r 5 0 /1 0 0 n s /c m + 0 .5 a 0 a -0 .2 5 a -1 .0 a f ig . 5 r e v e r s e r e c o v e r y t im e c h a r a c te r is ti c a n d t e s t c ir c u it (+ ) (+ ) (- ) (- ) i , p e a k f o r w a r d s u r g e c u r r e n t ( a ) f s m 0 2 0 4 0 6 0 1 1 0 1 0 0 n u m b e r o f c y c l e s a t 6 0 h z f ig . 3 p e a k f o r w a r d s u r g e c u r r e n t
ds24013 rev. 3 - 2 3 of 3 sf20ag - sf20jg www.diodes.co m notes: 6. for packaging details, visit our website at http:/ /www.diodes.com/datasheets/ap02008.pdf. device packaging shipping sf20ag-t do-15 4k/tape & reel, 13-inch sf20bg-t do-15 4k/tape & reel, 13-inch sf20cg-t do-15 4k/tape & reel, 13-inch sf20dg-t do-15 4k/tape & reel, 13-inch sf20fg-t do-15 4k/tape & reel, 13-inch sf20gg-t do-15 4k/tape & reel, 13-inch SF20HG-T do-15 4k/tape & reel, 13-inch sf20jg-t do-15 4k/tape & reel, 13-inch (note 6) orderi ng inform ation i m p o r t a n t n o t i c e d i o d e s i n c o r p o r a t e d a n d i t s s u b s i d i a r i e s r e s e r v e t h e r i g h t t o m a k e m o d i f i c a t i o n s , e n h a n c e m e n t s , i m p r o v e m e n t s , c o r r e c t i o n s o r o t h e r c h a n g e s w i t h o u t f u r t h e r n o t i c e t o a n y p r o d u c t h e r e i n . d i o d e s i n c o r p o r a t e d d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g o u t o f t h e a p p l i c a t i o n o r u s e o f a n y p r o d u c t d e s c r i b e d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y l i c e n s e u n d e r i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f p r o d u c t s i n s u c h a p p l i c a t i o n s s h a l l a s s u m e a l l r i s k s o f s u c h u s e a n d w i l l a g r e e t o h o l d d i o d e s i n c o r p o r a t e d a n d a l l t h e c o m p a n i e s w h o s e p r o d u c t s a r e r e p r e s e n t e d o n o u r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s . l i f e s u p p o r t d i o d e s i n c o r p o r a t e d p r o d u c t s a r e n o t a u t h o r i z e d f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u p p o r t d e v i c e s o r s y s t e m s w i t h o u t t h e e x p r e s s e d w r i t t e n a p p r o v a l o f t h e p r e s i d e n t o f d i o d e s i n c o r p o r a t e d .


▲Up To Search▲   

 
Price & Availability of SF20HG-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X