Part Number Hot Search : 
405GP 10100CT ED302T 11014 UP6018 E09BT3 MM1038 NTE713
Product Description
Full Text Search
 

To Download MK13-1B90-500W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  246 www.meder.com meder electronic reed sensors with screw fastening mounting holes description applications mk13 series ? position and limit switch pneumatic or hydraulic actuator position ? end motion detection for linear drive indication and end travel limit switch ? machine industry end motion detection and door/fap control dimensions all dimensions in mm [inch] features form a, b, and c available high power switches available other cables, connectors and colors available various case sizes available five operate sensitivities available a choice of cable terminations and lengths are available high voltage versions upon request. ? ? ? ? ? ? ? mk13 sensors are magnetically operated reed proximity switches in a case with an interconnect cable. the sensor should be mounted on a fxed surface with the actuating magnet on the moving surface. introduction or removal of the magnetic feld determines the closing and opening of the reed switch.
247 www.meder.com meder electronic mk13 series magnetic sensitivity termination part number example mk13 - 1a66 c - 500 w 1a is the contact form 66 is the switch model c is the magnetic sensitivity 500 is the cable length (mm) w is the termination order information for wire and termination details please consult factory. form c version requires 3 conductors. reed sensors with screw fastening mounting holes series contact form switch model magnetic sensitivity cable length (mm) termination mk13 - xx xx x - xxx x options 1 form a 66 b, c, d, e 500 * w 1 form b 1 form c 90 * other cable lengths available sensitivity class pull in at range b 10 - 15 c 15 - 20 d 20 - 25 e 25 - 30 w the cable cut length includes: 5 mm of wire stripped and tinned
248 www.meder.com meder electronic reed sensors with screw fastening mounting holes mk13 series contact data all data at 20 c switch model contact form switch 66 form a contact ratings conditions min. typ. max. unit switching power any dc combination of v & a not to exceed their individual max.s 10 w switching voltage dc or peak ac 200 v switching current dc or peak ac 0.5 a carry current dc or peak ac 1.25 a static contact resistance w/ 0.5 v & 10ma 150 p dynamic contact resistance measured w/ 0.5 v & 50ma , 1.5 ms after closure 200 p insulation resistance across contacts 100 volts applied 10 10 * breakdown voltage across contact voltage applied for 60 sec. min. 225 * vdc operate time incl. bounce measured w/ 100 % overdrive 0.5 ms release time measured w/ no coil suppression 0.1 ms capacitance at 10 khz cross contact 0.2 pf contact operation ** must operate condition 6whdvwdwhho 10 30 at must release condition 6whdvwdwhho 4 27 at environmental data shock resistance 1/2 sinus wave duration 11 ms 50 g vibration resistance from 10 - 2000 hz 20 g ambient temperature 10c/ minute max. allowable -20 85 o c stock temperature 10c/ minute max. allowable -35 85 o c soldering temperature 5 sec. dwell 260 o c please note: the indicated electrical data are maximum values and can vary downwards when using a more sensitive switch. * insulation resistance of 10 12 and breakdown voltage of 480 vdc is available. 7khvhdhvhihwrwkhfwprh5hh6wfkhvhvfehr5hh6wfkvhfwr consult factory if more detail is required.
249 www.meder.com meder electronic mk13 series contact data reed sensors with screw fastening mounting holes all data at 20 c switch model contact form switch 90 form b / c contact ratings conditions min. typ. max. unit switching power any dc combination of v & a not to exceed their individual max.s 20 w switching voltage dc or peak ac 175 v switching current dc or peak ac 0.5 a carry current dc or peak ac 1.0 a static contact resistance w/ 0.5 v & 10ma 150 p dynamic contact resistance measured w/ 0.5 v & 50ma , 1.5 ms after closure 250 p insulation resistance across contacts 100 volts applied 10 9 breakdown voltage across contact voltage applied for 60 sec. min. 200 vdc operate time incl. bounce measured w/ 100 % overdrive 0.7 ms release time measured w/ no coil suppression 1.5 ms capacitance at 10 khz cross contact 1.0 pf contact operation ** must operate condition 6whdvwdwhho 15 40 at must release condition 6whdvwdwhho at environmental data shock resistance 1/2 sinus wave duration 11 ms 50 g vibration resistance from 10 - 2000 hz 20 g ambient temperature 10c/ minute max. allowable -20 85 o c stock temperature 10c/ minute max. allowable -35 85 o c soldering temperature 5 sec. dwell 260 o c please note: the indicated electrical data are maximum values and can vary downwards when using a more sensitive switch. 7khvhdhvhihwrwkhfwprh5hh6wfkhvhvfehr5hh6wfkvhfwr consult factory if more detail is required.


▲Up To Search▲   

 
Price & Availability of MK13-1B90-500W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X