Part Number Hot Search : 
TFS110D 60101BAN 18VNV E2001 KI2328DS FS9701B MAX639 DLQ5245B
Product Description
Full Text Search
 

To Download MC74VHC1GT125-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2002 march, 2002 rev. 7 1 publication order number: mc74vhc1gt125/d mc74vhc1gt125 noninverting buffer / cmos logic level shifter with lsttlcompatible inputs the mc74vhc1gt125 is a single gate noninverting buffer fabricated with silicon gate cmos technology. it achieves high speed operation similar to equivalent bipolar schottky ttl while maintaining cmos low power dissipation. the mc74vhc1gt125 requires the 3state control input (oe ) to be set high to place the output into the high impedance state. the device input is compatible with ttltype input thresholds and the output has a full 5 v cmos level output swing. the input protection circuitry on this device allows overvoltage tolerance on the input, allowing the device to be used as a logiclevel translator from 3.0 v cmos logic to 5.0 v cmos logic or from 1.8 v cmos logic to 3.0 v cmos logic while operating at the highvoltage power supply. the mc74vhc1gt125 input structure provides protection when voltages up to 7 v are applied, regardless of the supply voltage. this allows the mc74vhc1gt125 to be used to interface 5 v circuits to 3 v circuits. the output structures also provide protection when v cc = 0 v. these input and output structures help prevent device destruction caused by supply voltage input/output voltage mismatch, battery backup, hot insertion, etc. ? high speed: t pd = 3.5 ns (typ) at v cc = 5 v ? low power dissipation: i cc = 1 m a (max) at t a = 25 c ? ttlcompatible inputs: v il = 0.8 v; v ih = 2.0 v ? cmoscompatible outputs: v oh > 0.8 v cc ; v ol < 0.1 v cc @load ? power down protection provided on inputs and outputs ? balanced propagation delays ? pin and function compatible with other standard logic families ? chip complexity: fets = 62; equivalent gates = 16 figure 1. pinout (top view) in a out y v cc oe in a out y gnd oe figure 2. logic symbol 1 2 3 4 5 pin assignment 1 2 3 gnd oe in a 4 5v cc out y see detailed ordering and shipping information in the package dimensions section on page 4 of this data sheet. ordering information function table l h x a input y output l h z oe input l l h sc88a / sot353/sc70 df suffix case 419a pin 1 d = date code w1 d tsop5/sot23/sc59 dt suffix case 483 pin 1 d = date code w1 d marking diagrams http://onsemi.com
mc74vhc1gt125 http://onsemi.com 2 maximum ratings (note 1) symbol characteristics value unit v cc dc supply voltage 0.5 to +7.0 v v in dc input voltage 0.5 to +7.0 v v out dc output voltage v cc = 0 high or low state 0.5 to 7.0 0.5 to v cc + 0.5 v i ik input diode current 20 ma i ok output diode current v out < gnd; v out > v cc +20 ma i out dc output current, per pin +25 ma i cc dc supply current, v cc and gnd +50 ma p d power dissipation in still air sc88a, tsop5 200 mw  ja thermal resistance sc88a, tsop5 333  c/w t l lead temperature, 1 mm from case for 10 s 260 c t j junction temperature under bias +150 c t stg storage temperature 65 to +150 c v esd esd withstand voltage human body model (note 2) machine model (note 3) charged device model (note 4) > 2000 > 200 n/a v i latchup latchup performance above v cc and below gnd at 125 c (note 5) 500 ma 1. maximum ratings are those values beyond which damage to the device may occur. exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. functional operation under absolutemaximumrated conditions is not implied. functional operation should be restricted to the recommended operating conditions. 2. tested to eia/jesd22a114a 3. tested to eia/jesd22a115a 4. tested to jesd22c101a 5. tested to eia/jesd78 recommended operating conditions symbol characteristics min max unit v cc dc supply voltage 3.0 5.5 v v in dc input voltage 0.0 5.5 v v out dc output voltage 0.0 v cc v t a operating temperature range 55 +125 c t r , t f input rise and fall time v cc = 5.0 v 0.5 v 0 20 ns/v device junction temperature versus time to 0.1% bond failures junction temperature c time, hours time, years 80 1,032,200 117.8 90 419,300 47.9 100 178,700 20.4 110 79,600 9.4 120 37,000 4.2 130 17,800 2.0 140 8,900 1.0 1 1 10 100 1000 time, years normalized failure rate t j = 80 c t j = 90 c t j = 100 c t j = 110 c t j = 130 c t j = 120 c failure rate of plastic = ceramic until intermetallics occur figure 3. failure rate vs. time junction temperature
mc74vhc1gt125 http://onsemi.com 3 ????????????????????????????????? ????????????????????????????????? dc electrical characteristics ???? ???? ??????? ??????? ??????? ??????? ??? ??? v cc ??????? ??????? t a = 25 c ???? ???? t a 85 c ?????? ?????? 55 t a 125 c ?? ?? ???? ???? symbol ??????? ??????? parameter ??????? ??????? test conditions ??? ??? v cc (v) ??? ??? min ?? ?? typ ??? ??? max ?? ?? min ??? ??? max ???? ???? min ??? ??? max ?? ?? unit ???? ? ?? ? ? ?? ? ???? v ih ??????? ? ????? ? ? ????? ? ??????? minimum highlevel input voltage ??????? ? ????? ? ? ????? ? ??????? ??? ? ? ? ? ? ? ??? 3.0 4.5 5.5 ??? ? ? ? ? ? ? ??? 1.4 2.0 2.0 ?? ?? ?? ?? ??? ? ?? ? ?? ??? ?? ? ? ? ? ?? 1.4 2.0 2.0 ??? ? ? ? ? ? ? ??? ???? ? ?? ? ? ?? ? ???? 1.4 2.0 2.0 ??? ? ? ? ? ? ? ??? ?? ?? ?? ?? v ???? ? ?? ? ???? v il ??????? ? ????? ? ??????? maximum lowlevel input voltage ??????? ? ????? ? ??????? ??? ? ? ? ??? 3.0 4.5 5.5 ??? ? ? ? ??? ?? ?? ?? ??? ? ?? ??? 0.53 0.8 0.8 ?? ? ? ?? ??? ? ? ? ??? 0.53 0.8 0.8 ???? ? ?? ? ???? ??? ? ? ? ??? 0.53 0.8 0.8 ?? ?? ?? v ???? ???? v oh ??????? ??????? minimum highlevel output voltage vv v ??????? ??????? v in = v ih or v il i oh = 50 m a ??? ??? 3.0 4.5 ??? ??? 2.9 4.4 ?? ?? 3.0 4.5 ??? ??? ?? ?? 2.9 4.4 ??? ??? ???? ???? 2.9 4.4 ??? ??? ?? ?? v ???? ? ?? ? ? ?? ? ???? ??????? ? ????? ? ? ????? ? ??????? g v in = v ih or v il ??????? ? ????? ? ? ????? ? ??????? v in = v ih or v il i oh = 4 ma i oh = 8 ma ??? ? ? ? ? ? ? ??? 3.0 4.5 ??? ? ? ? ? ? ? ??? 2.58 3.94 ?? ?? ?? ?? ??? ? ?? ? ?? ??? ?? ? ? ? ? ?? 2.48 3.80 ??? ? ? ? ? ? ? ??? ???? ? ?? ? ? ?? ? ???? 2.34 3.66 ??? ? ? ? ? ? ? ??? ?? ?? ?? ?? ???? ???? v ol ??????? ??????? maximum lowlevel output voltage vv v ??????? ??????? v in = v ih or v il i ol = 50 m a ??? ??? 3.0 4.5 ??? ??? ?? ?? 0.0 0.0 ??? ??? 0.1 0.1 ?? ?? ??? ??? 0.1 0.1 ???? ???? ??? ??? 0.1 0.1 ?? ?? v ???? ? ?? ? ???? ??????? ? ????? ? ??????? g v in = v ih or v il ??????? ? ????? ? ??????? v in = v ih or v il i ol = 4 ma i ol = 8 ma ??? ? ? ? ??? 3.0 4.5 ??? ? ? ? ??? ?? ?? ?? ??? ? ?? ??? 0.36 0.36 ?? ? ? ?? ??? ? ? ? ??? 0.44 0.44 ???? ? ?? ? ???? ??? ? ? ? ??? 0.52 0.52 ?? ?? ?? ???? ? ?? ? ???? i in ??????? ? ????? ? ??????? maximum input leakage current ??????? ? ????? ? ??????? v in = 5.5 v or gnd ??? ? ? ? ??? 0 to 5.5 ??? ? ? ? ??? ?? ?? ?? ??? ? ?? ??? 0.10 ?? ? ? ?? ??? ? ? ? ??? 1.0 ???? ? ?? ? ???? ??? ? ? ? ??? 1.0 ?? ?? ?? m a ???? ???? i cc ??????? ??????? maximum quiescent supply current ??????? ??????? v in = v cc or gnd ??? ??? 5.5 ??? ??? ?? ?? ??? ??? 1.0 ?? ?? ??? ??? 20 ???? ???? ??? ??? 40 ?? ?? m a ???? ? ?? ? ???? i cct ??????? ? ????? ? ??????? quiescent supply current ??????? ? ????? ? ??????? input: v in = 3.4 v other input: v cc or gnd ??? ? ? ? ??? 5.5 ??? ? ? ? ??? ?? ?? ?? ??? ? ?? ??? 1.35 ?? ? ? ?? ??? ? ? ? ??? 1.50 ???? ? ?? ? ???? ??? ? ? ? ??? 1.65 ?? ?? ?? ma ???? ? ?? ? ???? i opd ??????? ? ????? ? ??????? output leakage current ??????? ? ????? ? ??????? v out = 5.5 v ??? ? ? ? ??? 0.0 ??? ? ? ? ??? ?? ?? ?? ??? ? ?? ??? 0.5 ?? ? ? ?? ??? ? ? ? ??? 5.0 ???? ? ?? ? ???? ??? ? ? ? ??? 10 ?? ?? ?? m a ???? ???? i oz ??????? ??????? maximum 3state leakage current ??????? ??????? v in = v ih or v il v out = v cc or gnd ??? ??? 5.5 ??? ??? ?? ?? ??? ??? 0.25 ?? ?? ??? ??? 2.5 ???? ???? ??? ??? 2.5 ?? ?? m a ???? ? ?? ? ???? i opd ??????? ? ????? ? ??????? output leakage current ??????? ? ????? ? ??????? v out = 5.5 v ??? ? ? ? ??? 0.0 ??? ? ? ? ??? ?? ?? ?? ??? ? ?? ??? 0.5 ?? ? ? ?? ??? ? ? ? ??? 5.0 ???? ? ?? ? ???? ??? ? ? ? ??? 10 ?? ?? ?? m a ????????????????????????????????? ????????????????????????????????? ac electrical characteristics input t r = t f = 3.0 ns ???? ???? ???????? ???????? ???????? ???????? ??????? ??????? t a = 25 c ???? ???? t a 85 c ?????? ?????? 55 t a 125 c ?? ?? ???? ???? symbol ???????? ???????? parameter ???????? ???????? test conditions ??? ??? min ??? ??? typ ?? ?? max ?? ?? min ??? ??? max ???? ???? min ??? ??? max ?? ?? unit ???? ? ?? ? ???? t plh , t phl ???????? ? ?????? ? ???????? maximum propagation delay, a to y (fi 3 d 5 ) ???????? ? ?????? ? ???????? v cc = 3.3 0.3 v c l = 15pf c l = 50pf ??? ? ? ? ??? ??? ? ? ? ??? 5.6 8.1 ?? ? ? ?? 8.0 11.5 ?? ? ? ?? 1.0 1.0 ??? ? ? ? ??? 9.5 13.0 ???? ? ?? ? ???? ??? ? ? ? ??? 12.0 16.0 ?? ?? ?? ns ???? ???? phl ???????? ???????? y (figures 3. and 5.) ???????? ???????? v cc = 5.0 0.5 v c l = 15pf c l = 50pf ??? ??? ??? ??? 3.8 5.3 ?? ?? 5.5 7.5 ?? ?? 1.0 1.0 ??? ??? 6.5 8.5 ???? ???? ??? ??? 8.5 10.5 ?? ?? ???? ? ?? ? ???? t pzl , t pzh ???????? ? ?????? ? ???????? maximum output enable time,oe to y (fi 4 d 5 ) ???????? ? ?????? ? ???????? v cc = 3.3 0.3 v c l = 15pf r l = r i = 500  c l = 50pf ??? ? ? ? ??? ??? ? ? ? ??? 5.4 7.9 ?? ? ? ?? 8.0 11.5 ?? ? ? ?? 1.0 1.0 ??? ? ? ? ??? 9.5 13.0 ???? ? ?? ? ???? ??? ? ? ? ??? 11.5 15.0 ?? ?? ?? ns ???? ???? pzh ???????? ???????? (figures 4. and 5.) ???????? ???????? v cc = 5.0 0.5 v c l = 15pf r l = r i = 500  c l = 50pf ??? ??? ??? ??? 3.6 5.1 ?? ?? 5.1 7.1 ?? ?? 1.0 1.0 ??? ??? 6.0 8.0 ???? ???? ??? ??? 7.5 9.5 ?? ?? ???? ? ?? ? ???? t plz , t phz ???????? ? ?????? ? ???????? maximum output disable time,oe to y (fi 4 d 5 ) ???????? ? ?????? ? ???????? v cc = 3.3 0.3 v c l = 15pf r l = r i = 500  c l = 50pf ??? ? ? ? ??? ??? ? ? ? ??? 6.5 8.0 ?? ? ? ?? 9.7 13.2 ?? ? ? ?? 1.0 1.0 ??? ? ? ? ??? 11.5 15.0 ???? ? ?? ? ???? ??? ? ? ? ??? 14.5 18.0 ?? ?? ?? ns ???? ???? phz ???????? ???????? (figures 4. and 5.) ???????? ???????? v cc = 5.0 0.5 v c l = 15pf r l = r i = 500  c l = 50pf ??? ??? ??? ??? 4.8 7.0 ?? ?? 6.8 8.8 ?? ?? 1.0 1.0 ??? ??? 8.0 10.0 ???? ???? ??? ??? 10.0 12.0 ?? ?? ???? ???? c in ???????? ???????? maximum input capacitance ???????? ???????? ??? ??? ??? ??? 4 ?? ?? 10 ?? ?? ??? ??? 10 ???? ???? ??? ??? 10 ?? ?? pf ???? ? ?? ? ???? c out ???????? ? ?????? ? ???????? maximum threestate output capacitance (output in high impedance state) ???????? ? ?????? ? ???????? ??? ? ? ? ??? ??? ? ? ? ??? 6 ?? ? ? ?? ?? ? ? ?? ??? ? ? ? ??? ???? ? ?? ? ???? ??? ? ? ? ??? ?? ?? ?? pf typical @ 25 c, v cc = 5.0 v c pd power dissipation capacitance (note 6) 14 pf 6. c pd is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption with out load. average operating current can be obtained by the equation: i cc(opr ) = c pd  v cc  f in + i cc /4 (per buffer). c pd is used to determine the noload dynamic power consumption; p d = c pd  v cc 2  f in + i cc  v cc .
mc74vhc1gt125 http://onsemi.com 4 switching waveforms figure 4. figure 5. y 50% 50% 50% 3.0v @ v cc = 4.5v, 5.5v 1.8v @ v cc = 3.0v gnd high impedance v ol +0.3v v oh 0.3v y y oe t pzl t plz t pzh t phz figure 6. test circuit high impedance 50% 50% gnd t plh t phl a v oh v ol pulse generator r t dut v cc r l r 1 c l c l = 50 pf equivalent (includes jig and probe capacitance) or 15 pf r l = r 1 = 500 w or equivalent r t = z out of pulse generator (typically 50 w ) v cc x 2 open gnd test switch t pzl , t plz t pzh , t phz v cc x 2 gnd t plh , t phl open 3.0v @ v cc = 4.5v, 5.5v 1.8v @ v cc = 3.0v device ordering information device nomenclature device order number circuit indicator temp range identifier technology device function package suffix tape & reel suffix package type (name/sot#/ common name) tape and reel size mc74vhc1gt125df1 mc 74 vhc1g t125 df 1 sc88a / sot353 / sc70 178 mm (7o) 3000 unit mc74vhc1gt125df2 mc 74 vhc1g t125 df 2 sc88a / sot353 / sc70 178 mm (7o) 3000 unit mc74vhc1gt125dt1 mc 74 vhc1g t125 dt 1 tsops / sot23 / sc59 178 mm (7o) 3000 unit
mc74vhc1gt125 http://onsemi.com 5 tape trailer (connected to reel hub) no components 160 mm min tape leader no components 400 mm min components direction of feed cavity tape top tape figure 7. tape ends for finished goods 1 4.00 2.00 1.75  1.00 min 4.00 figure 8. sc705/sc88a/sot353 df1 reel configuration/orientation direction of feed tape dimensions mm  1.50 typ 8.00  0.30 3.50  0.50 1 4.00 2.00 1.75  1.00 min 4.00 figure 9. sc70/sc88a/sot353 df2 and sot235/tsop5/sc595 dt1 reel configuration/orientation direction of feed tape dimensions mm  1.50 typ 8.00  0.30 3.50  0.50
mc74vhc1gt125 http://onsemi.com 6 figure 10. reel dimensions 13.0 mm  0.2 mm (0.512 in  0.008 in) 1.5 mm min (0.06 in) 50 mm min (1.969 in) 20.2 mm min (0.795 in) full radius t max g a reel dimensions tape size 8 mm t and r suffix 1, 2 a max 178 mm (7 in) g 8.4 mm, + 1.5 mm, 0.0 (0.33 in + 0.059 in, 0.00) t max 14.4 mm (0.56 in) figure 11. reel winding direction direction of feed barcode label hole pocket
mc74vhc1gt125 http://onsemi.com 7 package dimensions sc88a / sot353 / sc70 df suffix 5lead package case 419a02 issue f notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. 419a-01 obsolete. new standard 419a-02. dim a min max min max millimeters 1.80 2.20 0.071 0.087 inches b 1.15 1.35 0.045 0.053 c 0.80 1.10 0.031 0.043 d 0.10 0.30 0.004 0.012 g 0.65 bsc 0.026 bsc h --- 0.10 --- 0.004 j 0.10 0.25 0.004 0.010 k 0.10 0.30 0.004 0.012 n 0.20 ref 0.008 ref s 2.00 2.20 0.079 0.087 b 0.2 (0.008) mm 12 3 4 5 a g s d 5 pl h c n j k b 0.5 mm (min) 0.4 mm (min) 0.65 mm 0.65 mm 1.9 mm
mc74vhc1gt125 http://onsemi.com 8 package dimensions tsop5 / sot23 / sc59 dt suffix 5lead package case 48301 issue a notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. maximum lead thickness includes lead finish thickness. minimum lead thickness is the minimum thickness of base material. dim min max min max inches millimeters a 2.90 3.10 0.1142 0.1220 b 1.30 1.70 0.0512 0.0669 c 0.90 1.10 0.0354 0.0433 d 0.25 0.50 0.0098 0.0197 g 0.85 1.00 0.0335 0.0413 h 0.013 0.100 0.0005 0.0040 j 0.10 0.26 0.0040 0.0102 k 0.20 0.60 0.0079 0.0236 l 1.25 1.55 0.0493 0.0610 m 0 10 0 10 s 2.50 3.00 0.0985 0.1181 0.05 (0.002) 123 54 s a g l b d h c k m j    mm inches 1.9 0.039 1.0 0.094 0.7 0.074 2.4 0.028 0.95 0.037 0.95 0.037 on semiconductor is a trademark and is a registered trademark of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circui t, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. atypicalo parameters which may b e provided in scillc data sheets and/or specifications can and do vary in dif ferent applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its paten t rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indem nify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and re asonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized u se, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employ er. publication ordering information japan : on semiconductor, japan customer focus center 4321 nishigotanda, shinagawaku, tokyo, japan 1410031 phone : 81357402700 email : r14525@onsemi.com on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. mc74vhc1gt125/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 3036752175 or 8003443860 toll free usa/canada fax : 3036752176 or 8003443867 toll free usa/canada email : onlit@hibbertco.com n. american technical support : 8002829855 toll free usa/canada


▲Up To Search▲   

 
Price & Availability of MC74VHC1GT125-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X