|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
LH28F400SU-NC 1 4m (512k 8, 256k 16) flash memory figure 1. 56-pin tsop configuration features ? user-configurable x8 or x16 operation ? 5 v write/erase operation (5 v v pp ) C no requirement for dc/dc converter to write/erase ? 60 ns maximum access time (v cc = 5.0 v 0.25 v) ? 80ns maximum access time (v cc = 5.0 v 0.5 v) ? 32 independently lockable blocks (16k) ? 100,000 erase cycles per block ? automated byte write/block erase C command user interface C status register Cry ? /by ? status output ? system performance enhancement C erase suspend for read C two-byte write C full chip erase ? data protection C hardware erase/write lockout during power transitions C software erase/write lockout ? independently lockable for write/erase on each block (lock block and protect set/reset) ? 5 a (typ.) i cc in cmos standby ? 0.2 a (typ.) deep power-down ? state-of-the-art 0.45 m etox? flash technology ? 56-pin, 1.2 mm 14 mm 20 mm tsop (type i) package ? 48-pin, 1.2 mm 12 mm 18 mm tsop (type i) package ? 44-pin, 600-mil sop package 28f400sut-nc60-1 top view 56-pin tsop 2 3 4 5 8 9 a 10 a 13 a 14 a 15 53 52 51 50
49 48 45 42 6 7 a 11 a 12 47 46 gnd dq 15 /a -1 a 16 dq 14
10 11 12 55 54 byte 13 44 v cc 43 v cc dq 7 14 15 16 17 18 19 20 39 36 41 40 38 37 dq 10 dq 2 dq 9 ry/by nc v pp nc nc rp a 17 dq 1 dq 8 dq 6 dq 5 dq 13 dq 3 56 1 nc nc nc 21 22 23 24 25 26 27 28 a 4 a 3 a 5 a 7 a 6 a 2 a 1 nc 34 oe 35 dq 0 31 33 32 30 29 ce nc nc gnd nc a 8 a 9 nc we dq 12 dq 4 dq 11 a 0
LH28F400SU-NC 4m (512k 8, 256k 16) flash memory 2 figure 2. 48-pin tsop configuration figure 3. 44-pin sop configuration top view 2 3 4 5 8 9 a 3 a 6 41 40 39 38 37 36 33 30 a 17 a 7 6 7 a 4 a 5 35 34 a 9 a 10 a 12 a 14 byte gnd 10 11 12 43 42 a 8 a 2 13 32 31 ce a 1 a 0 a 11 44-pin sop 14 15 16 17 18 19 20 21 27 24 29 28 26 25 dq 13 dq 6 dq 14 dq 7 dq 15 /a -1 dq 5 dq 12 dq 2 dq 10 dq 3 dq 11 dq 9 dq 8 dq 1 dq 0 v cc a 13 a 15 a 16 44 1 rp/by v pp 22 23 dq 4 gnd oe we rp 28f400sut-nc60-23 28f400sut-nc60-24 top view 48-pin tsop 2 3 4 5 8 9 a 8 a 11 45 44 43 42 41 40 37 34 6 7 a 9 a 10 a 12 a 15 a 13 a 14 39 38 dq 15 /a -1 dq 6 10 11 12 47 46 gnd 13 36 dq 11 dq 3 dq 10 35 dq 14 dq 7 a 16 14 15 16 17 18 19 20 31 33 32 30 29 dq 9 dq 1 dq 8 dq 0 a 7 a 6 a 17 a 5 21 22 23 24 a 3 a 2 a 4 a 1 nc nc byte dq 13 dq 5 dq 12 dq 4 dq 2 48 1 we v pp nc rp nc v cc ry/by 27 28 26 25 oe gnd ce a 0 4m (512k 8, 256k 16) flash memory LH28F400SU-NC 3 figure 4. LH28F400SU-NC block diagram output buffer output buffer input buffer input buffer dq 0 - dq 7 dq 8 - dq 15 id register output multiplexer csr esrs data comparator data queue registers register i/o logic cui wsm 16kb block 0 16kb block 1 16kb block 30 16kb block 31 . . . . . . y gating/sensing y-decoder x-decoder oe ce we rp program/ erase voltage switch v pp v cc gnd ry/by address counter address queue latches input buffer a -1,0 - a 17 . . . 28f400sut-nc60-2 byte LH28F400SU-NC 4m (512k 8, 256k 16) flash memory 4 pin description symbol type name and function dq 15 - a -1 input byte-select addresses: selects between high and low byte when device is in x8 mode. this address is latched in x8 data writes. not used in x16 mode (i.e., the dq 15 /a -1 input buffer is turned off when byte is high). a 0 - a 12 input word-select addresses: select a word within one 16k block. these addresses are latched during data writes. a 13 - a 17 input block-select addresses: select 1 of 32 erase blocks. these addresses are latched during data writes, erase and lock-block operations. dq 0 - dq 7 input/output low-byte data bus: inputs data and commands during cui write cycles. outputs array, buffer, identifier or status data in the appropriate read mode. floated when the chip is de-selected or the outputs are disabled. dq 8 - dq 15 input/output high-byte data bus: inputs data during x16 data write operations. outputs array, buffer or identifier data in the appropriate read mode; not used for status register reads. floated when the chip is de-selected or the outputs are disabled. dq 15 /a -1 is address. ce ? input chip enable input: activate the devices control logic, input buffers, decoders and sense amplifiers. ce ? must be low to select the device. rp ? input reset/power-down: with rp ? low, the device is reset, any current operation is aborted and device is put into the deep power down mode. when the power is turned on, rp ? pin is turned to low in order to return the device to default con- figuration. when the power transition is occurred, or the power on/off, rp ? is required to stay low in order to protect data from noise. when returning from deep power-down, a recovery time of 430 ns is required to allow these circuits to power up. when rp ? goes low, any current or pending wsm operation(s) are terminated, and the device is reset. all status registers return to ready (with all status flags cleared). after returning, the device is in read array mode. oe ? input output enable: gates device data through the output buffers when low. the outputs float to tri-state off when oe ? is high. we input write enable: controls access to the cui, data queue registers and address queue latches. we is active low, and latches both address and data (command or array) on its rising edge. ry ? /by ? open drain output ready/busy: indicates status of the internal wsm. when low, it indicates that the wsm is busy performing an operation. when the wsm is ready for new operation or erase is suspended, or the device is in deep power-down mode ry ? /by ? pin is floated. byte input byte enable : byte low places device in x8 mode. all data is then input or output on dq 0 - dq 7 , and dq 8 - dq 15 float. address a -1 selects between the high and low byte. byte high places the device in x16 mode, and turns off the a -1 input buffer. address a 0 , then becomes the lowest order address. v pp supply erase/write power supply (5.0 v 0.5 v): for erasing memory array blocks or writing words/bytes into the flash array. v cc supply device power supply (3.3 v 0.3 v): do not leave any power pins floating. gnd supply ground for all internal circuitry: do not leave any ground pins floating. nc no connect: no internal connection to die, lead may be driven or left floating. 4m (512k 8, 256k 16) flash memory LH28F400SU-NC 5 introduction sharps LH28F400SU-NC 4m flash memory is a revolutionary architecture which enables the design of truly mobile, high performance, personal computing and communication products. with innovative capabilities, 5 v single voltage operation and very high read/write performance, the LH28F400SU-NC is also the ideal choice for designing embedded mass storage flash memory systems. the LH28F400SU-NCs independently lockable 32 symmetrical blocked architecture (16k each) extended cycling, low power operation, very fast write and read performance and selective block locking provide a highly flexible memory component suitable for cellular phone, facsimile, game, pc, printer and handy terminal. the LH28F400SU-NCs single power supply operation en- ables the design of memory cards which can be read/ written in 5.0 v systems. its x8/x16 architecture allows the optimization of memory to processor interface. the flexible block locking option enables bundling of execut- able application software in a resident flash array or memory card. manufactured on sharps 0.45 m etox? process technology, the LH28F400SU-NC is the most cost-effective, high-density 5.0 v flash memory. description the LH28F400SU-NC is a high performance 4m (4,194,304) block erasable non-volatile random access memory organized as either 256k 16 or 512k 8. the LH28F400SU-NC includes thirty-two 16k (16,384) blocks. a chip memory map is shown in figure 5. the implementation of a new architecture, with many enhanced features, will improve the device operating characteristics and results in greater product reliability and ease of use. among the significant enhancements of the LH28F400SU-NC: ? 5 v read, write/erase operation (5 v v cc , v pp ) ? low power capability ? improved write performance ? dedicated block write/erase protection ? command-controlled memory protection set/reset capability a command user interface (cui) serves as the sys- tem interface between the microprocessor or microcontroller and the internal memory operation. internal algorithm automation allows byte wr ites and block erase operations to be executed using a two- write command sequence to the cui in the same way as the lh28f008sa 8m flash memory. a superset of commands have been added to the basic lh28f008sa command-set to achieve higher write performance and provide additional capabilities. these new commands and features include: ? software locking of memory blocks ? memory protection set/reset capability ? two-byte serial writes in 8-bit systems ? erase all unlocked blocks writing of memory data is performed typically within 13 s per byte or within 20 s per word. a block erase operation erases one of the 32 blocks in typically 0.6 seconds, independent of the other blocks. LH28F400SU-NC allows to erase all unlocked blocks. it is desirable in case of which you have to implement erase operation maximum 32 times. only in x8 mode, LH28F400SU-NC enables two-byte ser ial wr ite which is operated by three times command input. writing of memory data is performed typically within 20 s per two-byte. this feature can im- prove 8-bit system write performance by up to typically 10 s per byte. all operations are started by a sequence of write commands to the device. status register (described in detail later) and a ry ? /by ? output pin provide informa- tion on the progress of the requested operation. same as the lh28f008sa, LH28F400SU-NC requires an operation to complete before the next operation can be requested, also it allows to suspend block erase to read data from any other block, and allow to resume erase operation. the LH28F400SU-NC provides user-selectable block locking to protect code or data such as device drivers, pcmcia card information, rom-executable os or ap- plication code. each block has an associated non-vola- tile lock-bit which determines the lock status of the block. in addition, the LH28F400SU-NC has a software con- trolled master write protect circuit which prevents any modifications to memory blocks whose lock-bits are set. when the device power-up or rp ? turns high, write protect set/confirm command must be written. other- wise, all lock bits in the device remain being locked, cant perform the write to each block and single block erase. write protect set/confirm command must be written to reflect the actual lock status. however, when the device power-on or rp ? turns high, erase all un- locked blocks can be used. if used, erase is performed with reflecting actual lock status, and after that write and block erase can be used. LH28F400SU-NC 4m (512k 8, 256k 16) flash memory 6 figure 5. memory map memory map the LH28F400SU-NC contains a compatible status register (csr) which is 100% compatible with the lh28f008sa flash memorys status register. this register, when used alone, provides a straightforward upgrade capability to the lh28f004sut-nc from a lh28f008sa-based design. the LH28F400SU-NC incorporates an open drain ry ? /by ? output pin. this feature allows the user to or- tie many ry ? /by ? pins together in a multiple memory con- figuration such as a resident flash array. the LH28F400SU-NC is specified for a maximum access time of 60 ns (t acc ) at 5 v operation (4.75 to 5.25 v), and 70 ns (t acc ) at 5 v operation (4.5 to 5.5 v) over the commercial temperature range (0 to +70c). the LH28F400SU-NC incorporates an automatic power saving (aps) feature which substantially reduces the active current when the device is in static mode of operation (addresses not switching). in aps mode, the typical i cc current is 2 ma at 5 v. a deep power-down mode of operation is invoked when the rp ? (called pwd on the lh28f008sa) pin transitions low, any current operation is aborted and the device is put into the deep power down mode. this mode brings the device power consumption to less than 5 a and provides additional write protection by acting as a device reset pin during power transitions. when the power is turned on, rp ? pin is turned to low in order to return the device to default configuration. when the power transition is occured, or at the power on/off rp ? pin is required to stay low in order to protect data from noise. a recovery time of 480 ns is required from rp ? switching high until outputs are again valid. in the deep power-down state, the wsm is reset (any current operation will abort) and the csr register is cleared. a cmos standby mode of operation is enabled when ce ? transitions high and rp ? stays high with all input control pins at cmos levels. in this mode, the device draws an i cc standby current of 10 a. 15 7c000h 7ffffh 7bfffh 78000h 77fffh 74000h 73fffh 70000h 6ffffh 6c000h 6bfffh 68000h 67fffh 64000h 63fffh 60000h 5ffffh 5c000h 5bfffh 58000h 57fffh 54000h 53fffh 50000h 4ffffh 4c000h 4bfffh 48000h 47fffh 44000h 43fffh 40000h 3ffffh 3c000h 3bfffh 38000h 37fffh 34000h 33fffh 30000h 2ffffh 2c000h 2bfffh 28000h 27fffh 24000h 23fffh 20000h 1ffffh 1c000h 1bfffh 18000h 17fffh 14000h 13fffh 10000h 0ffffh 0c000h 0bfffh 08000h 07fffh 04000h 03fffh 00000h 14 13 12 11 10 9 8 7 6 5 4 3 2 0 16kb block 16 16kb block 17 16kb block 18 16kb block 19 16kb block 20 16kb block 21 16kb block 22 16kb block 23 16kb block 24 16kb block 25 16kb block 26 16kb block 27 16kb block 28 16kb block 29 16kb block 30 16kb block 31 16kb block 16kb block 16kb block 16kb block 16kb block 16kb block 16kb block 16kb block 16kb block 16kb block 16kb block 16kb block 16kb block 16kb block 1 16kb block 16kb block 28f400sut-nc60-3 note: in byte-wide (x8) mode a 1 is the lowest order address. in word-wide (x16) mode a 1 don't care, address values are ignored a 1 . 4m (512k 8, 256k 16) flash memory LH28F400SU-NC 7 bus operations, commands and status register definitions bus operations for word-wide mode (by ? te ? = v ih ) mode rp ? ce ? oe ? we a 0 dq 0-15 ry ? /by ? note read v ih v il v il v ih xd out x1, 2, 7 output disable v ih v il v ih v ih x high-z x 1, 6, 7 standby v ih v ih x x x high-z x 1, 6, 7 deep power-down v il xxxxhigh-zv oh 1, 3 manufacturer id v ih v il v il v ih v il 00b0h v oh 4 device id v ih v il v il v ih v ih id v oh 4 write v ih v il v ih v il xd in x1, 5, 6 mode rp ? ce ? oe ? we a 0 dq 0-7 ry ? /by ? note read v ih v il v il v ih xd out x1, 2, 7 output disable v ih v il v ih v ih x high-z x 1, 6, 7 standby v ih v ih x x x high-z x 1, 6, 7 deep power-down v il xxxxhigh-zv oh 1, 3 manufacturer id v ih v il v il v ih v il b0h v oh 4 device id v ih v il v il v ih v ih id v oh 4 write v ih v il v ih v il xd in x1, 5, 6 notes: 1. x can be v ih or v il for address or control pins except for ry ? /by ? , which is either v ol or v oh . 2. ry ? /by ? output is open drain. when the wsm is ready, erase is suspended or the device is in deep power-down mode, ry ? /by ? will be at v ol if it is tied to v cc through a resistor. when the ry ? /by ? at v ol is independent of oe ? while a wsm operation is in progress. 3. rp ? at gnd 0.2 v ensures the lowest deep power-down current. 4. a 0 at v il provide manufacturer id codes. a 0 at v ih provide device id codes. device id code= 21h (x8). device id code = 6621h (x16). all other addresses are set to zero. 5. commands for different erase operations, d ata wr ite operations, and lock-block operations can only be successfully completed when v pp = v pph . 6. while the wsm is running, ry ? /by ? in level-mode (default) stays at v ol until all operations are complete. ry ? /by ? goes to v oh when the wsm is not busy or in erase suspend mode. 7. ry ? /by ? may be at v ol while the wsm is busy performing various operations. for example, a status register read during a write operation. 8. only to rp ? , v ih (min.) = 2.4 v at ttl-level input. bus operations for byte-wide mode (by ? te ? = v il ) LH28F400SU-NC 4m (512k 8, 256k 16) flash memory 8 command first bus cycle second bus cycle note oper. address data oper. address data read array write x ffh read aa ad intelligent identifier write x 90h read ia id 1 read compatible status register write x 70h read x csrd 2 clear status register write x 50h 3 word write write x 40h write wa wd alternate word write write x 10h write wa wd block erase/confirm write x 20h write ba d0h 4 erase suspend/resume write x b0h write x d0h 4 lh28f008sa-compatible mode command bus definitions command mode first bus cycle second bus cycle third bus cycle note oper. add. data oper. add. data oper. add. data protect set/confirm write x 57h write 0ffh d0h 1, 2 protect reset/confirm write x 47h write 0ffh d0h 3 lock block/confirm write x 77h write ba d0h 1, 2, 4 erase all unlocked blocks write x a7h write x d0h 1, 2 two-byte write x8 write x fbh write a -1 wd (l, h) write wa wd (h, l) 1, 2, 5 address data aa = array address ad = array data ba = block address csrd = csr data ia = identifier address id = identifier data wa = write address wd = write data x = dont care notes: 1. following the intelligent identifier command, two read operations access the manufacturer and device signature codes. 2. the csr is automatically available after device enters data write, erase or suspend operations. 3. clears csr.3, csr.4, and csr.5. see status register definitions. 4. while device performs block erase, if you issue erase suspend command (b0h), be sure to confirm ess (erase-suspend-status) is set to 1 on compatible status register. in the case, ess bit was not set to 1, also completed the erase (ess = 0, wsms = 1), be sure to issue resume command (d0h) after completed next erase command. beside, when the erase suspend command is issued, while the device is not in erase, be sure to issue resume command (d0h) after the next erase complete. LH28F400SU-NC performance enhancement command bus definitions address data ba = block address ad = array data wa = write address wd (l, h) = write data (low, high) x = dont care wd (h, l) = write data (high, low) notes: 1. after initial device power-up, or return from deep power-down mode, the block lock status bits default to the locked state independent of the data in the corresponding lock bits. in order to upload the lock bit status, it requires to write protect set/confirm command. 2. to reflect the actual lock-bit status, the protect set/confirm command must be written after lock block/confirm command. 3. when protect reset/confirm command is written, all blocks can be written and erased regardless of the state of the lock-bits. 4. the lock block/confirm command must be written after protect reset/confirm command was written. 5. a 1 is automatically complemented to load second byte of data. a 1 value determines which wd is supplied first: a 1 = 0 looks at the wdl, a 1 = 1 looks at the wdh. in word-wide (x16) mode a 1 , don't care. 6. second bus cycle address of protect set/confirm and protect reset/confirm command is 0ffh. specifically a 9 - a 8 = 0, a 7 - a 0 = 1, others are dont care. 4m (512k 8, 256k 16) flash memory LH28F400SU-NC 9 wsms ess es dws vpps r r r 76543210 compatible status register csr.7 = write state machine status (wsms) 1 = ready 0 = busy csr.6 = erase-suspend status (ess) 1 = erase suspended 0 = erase in progress/completed csr.5 = erase status (es) 1 = error in block erasure 0 = successful block erase csr.4 = data-write status (dws) 1 = error in data write 0 = data write successful csr.3 = v pp status (vpps) 1 = v pp low detect, operation abort 0 = v pp ok notes: 1. ry ? /by ? output or wsms bit must be checked to determine completion of an operation (erase suspend, erase or data write) before the appropriate status bit (ess, es or dws) is checked for success. 2. if dws and es are set to 1 during an erase attempt, an improper command sequence was entered. clear the csr and attempt the operation again. 3. the vpps bit, unlike an a/d converter, does not provide continuous indication of v pp level. the wsm interrogates v pp s level only after the data-write or erase command sequences have been entered, and informs the system if v pp has not been switched on. vpps is not guaranteed to report accurate feedback between v ppl and v pph . 4. csr.2 - csr.0 = reserved for further enhancements. these bits are reserved for future use and should be masked out when polling the csr. 4m flash memory software algorithms overview with the advanced command user interface, its per- formance enhancement commands and status regis- ters, the software code required to perform a given operation may become more intensive but it will result in much higher write/erase performance compared with current flash memory architectures. the software flowcharts describing how a given op- eration proceeds are shown here. figures 4 through 6 depict flowcharts using the 2nd generation flash device in the lh28f008sa-compatible mode. figures 7 through 12 depict flowcharts using the 2nd generation flash devices performance enhancement commands mode. when the device power-up or the device is reset by rp ? pin, all blocks come up locked. therefore, word/ byte write, two byte serial write and block erase can not be performed in each block. however, at that time, erase all unlocked block is performed normally, if used, and reflect actual lock status, also the unlocked block data is erased. when the device power-up or the device is reset by rp ? pin, set write protect command must be written to reflect actual block lock status. reset wr ite protect command must be written be- fore wr ite block lock command. to reflect actual block lock status, set write protect command is succeeded. the compatible status register (csr) is used to determine which blocks are locked. in order to see lock status of a certain block, a word/byte write command (wa = block address, wd = fhh) is written to the cui, after issuing set write protect command. if csr.7, csr.5 and csr.4 (wsms, es and dws) are set to '1s, the block is locked. if csr.7 is set to '1', the block is not locked. reset write protect command enables write/erase operation to each block. in the case of block erase is performed, the block lock information is also erased. block lock command and set write protect command must be written to pro- hibit write/erase operation to each block. there are unassigned commands. it is not recom- mended that the customer use any command other than the valid commands specified in command bus defi- nitions. sharp reserved the right to redefine these codes for future functions. please do not execute reprogramming 0 for the bit which has already been programmed 0. overwrite op- eration may generate unerasable bit. in case of repro- gramming 0 to the byte data which has been pro- grammed 1. ? program 0 for the bit in which you want to change data from 1 to 0. ? program 1 for the bit which has already been pro- grammed 0. for example, changing byte data from 10111101 to 10111100 requires 11111110 programming. LH28F400SU-NC 4m (512k 8, 256k 16) flash memory 10 figure 6. word/byte writes with compatible status register start bus operation command comments write 40h or 10h write data/address csr.7 = 0 1 0 1 0 1 csr full status check if desired operation complete clear csrd retry/error recovery data write successful v pp low detect read csrd (see above) csr.4, 5 = csr.3 = write write read standby word/byte write d = 40h or 10h a = x d = wd a = wa q = csrd toggle ce or oe to update csrd. a = x repeat for subsequent word/byte writes. csr full status check can be done after each word/byte write, or after a sequence of word/byte writes. write ffh after the last operation to reset device to read array mode. see command bus cycle notes for description of codes. check csr.7 1 = wsm ready 0 = wsm busy bus operation command csr full status check procedure comments standby standby check csr.4, 5 1 = data write unsuccessful 0 = data write successful check csr.3 1 = v pp low detect 0 = v pp ok csr.3, 4, 5 should be cleared, if set, before further attempts are initiated. 28f400sut-nc60-4 read compatible status register 4m (512k 8, 256k 16) flash memory LH28F400SU-NC 11 figure 7. block erase with compatible status register 28f400sut-nc60-5 start bus operation command comments write 20h write d0h and block address csr.7 = 0 no yes 1 0 1 0 1 csr full status check if desired operation complete clear csrd retry/error recovery (note) erase successful v pp low detect read csrd (see above) suspend erase suspend erase loop csr.4, 5 = csr.3 = write write read standby block erase confirm d = 20h a = x d = d0h a = ba q = csrd toggle ce or oe to update csrd. a = x repeat for subsequent block erasures. csr full status check can be done after each block erase, or after a sequence of block erasures. write ffh after the last operation to reset device to read array mode. see command bus cycle notes for description of codes. check csr.7 1 = wsm ready 0 = wsm busy bus operation command csr full status check procedure comments standby standby check csr.4, 5 1 = erase error 0 = erase successful both 1 = command sequence error csr.3, 4, 5 should be cleared, if set, before further attempts are initiated. note: if csr.3 (vpps) is set to '1', after clearing csr.3/4/5, 1. issue reset wp command. 2. retry single block erase command. 3. set wp command is issued, if necessary. if csr.3 (vpps) is set to '0', after clearing csr.3/4/5, 1. retry single block erase command. if power is off or rp is low during erase operation, 1. clear csr.3/4/5 and issue reset wp command, 2. retry single block erase command. 3. set wp command is issued, if necessary. read compatible status register check csr.3 1 = v pp low detect 0 = v pp ok LH28F400SU-NC 4m (512k 8, 256k 16) flash memory 12 figure 8. erase suspend to read array with compatible status register start bus operation command comments write b0h csr.7 = 0 1 0 1 read array data erase resumed erase completed write read standby erase suspend d = b0h a = x q = csrd toggle ce or oe to update csrd. a = x see command bus cycle notes for description of codes. check csr.7 1 = wsm ready 0 = wsm busy standby check csr.6 1 = erase suspended 0 = erase completed write read array d = ffh a = x write erase resume d = d0h a = x read q = ad read must be from block other than the one suspended. 28f400sut-nc60-6 write ffh write d0h read compatible status register csr.6 = done reading? read array data write ffh no yes 4m (512k 8, 256k 16) flash memory LH28F400SU-NC 13 figure 9. block locking scheme start bus operation command comments csr.7 = 0 1 operation complete read read read write reset write protect q = csrd toggle ce or oe to update csrd. 1 = wsm ready 0 = wsm busy d = d0h a = ba q = csrd toggle ce or oe to update csrd. 1 = wsm ready 0 = wsm busy q = csrd toggle ce or oe to update csrd. 1 = wsm ready 0 = wsm busy note: see csr full status check for data-write operation. if csr.4, 5 is set, as it is command sequence error, should be cleared before further attempts are initiated. write ffh after the last operation to reset device to read array mode. see command bus definitions for description of codes. after write d = 47h a = x, write d = d0h a = 0ffh write lock block confirm set write protect d = 77h a = x after write d = 57h a = x, write d = d0h a = 0ffh write write 28f400sut-nc60-7 read compatible status register reset wp read compatible status register write d0h and block address read compatible status register csr.7 = csr.7 = csr.4, 5 = 0 1 1 0 1 0 lock another block? no yes (note) write 77h set wp LH28F400SU-NC 4m (512k 8, 256k 16) flash memory 14 figure 10. updating data in a locked block start operation complete operation complete flow to add data notes: 1. use reset-write-protect flowchart. enable write/erase operation to all blocks. 2. use block-erase flowchart. erasing a block clears any previously established lockout for that block. 3. use set-write-protect flowchart. this step re-implements protection to locked blocks. 4. use word/byte-write or 2-byte-write flowchart sequences to write data. 5. use block-lock flowchart to write lock bit if desired. flow to rewrite data 28f400sut-nc60-8 reset wp (note 1) erase block (note 2) set wp (note 3) start reset wp (note 1) write more data to block (note 4) set wp (note 3) write new data to block (note 4) relock block (note 5) 4m (512k 8, 256k 16) flash memory LH28F400SU-NC 15 figure 11. two-byte serial writes with compatible status registers (lh28f400su) start bus operation command comments csr.7 = 0 1 operation complete read write write (apply to lh28f400su, x16/x8, 48tsop/56tsop/44sop) 2-byte write q = csrd toggle ce or oe to update csrd. 1 = wsm ready 0 = wsm busy q = csrd toggle ce or oe to update csrd. 1 = wsm ready 0 = wsm busy d = wd a -1 = 0 loads low byte of data register. a -1 = 1 loads high byte of data register. other addresses = x note: if csr.4, 5 is set, as it is command sequence error, should be cleared before further attempts are initiated. csr full status check can be done after each 2-byte write, or after a sequence of 2-byte writes. write ffh after the last operation to reset device to read array mode. see command bus cycle notes for description of codes. d = fbh a = x write d = wd a = wa internally, a -1 is automatically complemented to load the alternate byte location of the data register. read 28f400sut-nc60-9 read compatible status register write fbh write data/a -1 csr.7 = csr.4, 5 = 1 0 1 0 another 2-byte write no yes (note) write data/address read compatible status register LH28F400SU-NC 4m (512k 8, 256k 16) flash memory 16 figure 12. erase all unlocked blocks with compatible status registers 28f400sut-nc60-10 start (note) bus operation command comments write a7h csr.7 = 0 yes no 1 0 1 0 1 csr full status check if desired operation complete write d0h clear csrd retry/error recovery (note) erase successful v pp low detect read csrd (see above) suspend erase suspend erase loop csr.4, 5 = csr.3 = write write read standby erase all unlocked blocks confirm d = a7h a = x d = d0h a = x q = csrd toggle ce or oe to update csrd a = x csr full status check can be done after erase all unlocked block, or after a sequence of erasures. write ffh after the last operation to reset device to read array mode. see command bus cycle notes for description of codes. note: where power off or rp is set low during erase operation, 1. clear csr.3/4/5 and issue reset wp command, 2. retry erase all unlocked block erase command to erase all blocks, or issue single block erase to erase all of the unlocked blocks in sequence. 3. set wp command is issued, if necessary. check csr.7 1 = wsm ready 0 = wsm busy bus operation command csr full status check procedure comments standby standby check csr.4, 5 1 = erase error 0 = erase successful both 1 = command sequence error csr.3, 4, 5 should be cleared, if set, before further attempts are initiated. note: if csr.3 (vpps) is set to '1', after clearing csr.3/4/5, 1. issue reset wp command, 2. retry erase all unlocked block erase command to erase all blocks, or issue single block erase to erase all of the unlocked blocks in sequence. 3. set wp command is issued, if necessary. if csr.3 (vpps) is set to '0', after clearing csr.3/4/5, 1. retry erase all unlocked block erase command. read compatible status register check csr.3 1 = v pp low detect 0 = v pp ok 4m (512k 8, 256k 16) flash memory LH28F400SU-NC 17 figure 13. set write protect start csr.7 = 0 1 write 57h write confirm data/address read compatible status register csr.7 = 0 0 1 1 (note) csr.4, 5 = 28f400sut-nc60-11 read compatible status register operation complete bus operation command comments read write write set write protect set confirm check csr.7 1 = wsm ready 0 = wsm busy d = d0h a = 0ffh (a 9 - a 8 = 0, a 7 - a 0 = 1, others = x) note: if csr.4, 5 is set, as it is command sequence error, should be cleared before further attempts are initiated. upon device power-up or toggle rp, set write protect command must be written to reflect the actual lock-bit status. write ffh after the last operation to reset device to read array mode. see command bus cycle notes for description of codes. d = 57h a = x read check csr.7 1 = wsm ready 0 = wsm busy read check csr.4, 5 1 = unsuccesful 0 = successful LH28F400SU-NC 4m (512k 8, 256k 16) flash memory 18 figure 14. reset write protect start csr.7 = 0 1 write 47h write confirm data/address read compatible status register csr.7 = 0 0 1 1 (note) csr.4, 5 = 28f400sut-nc60-12 read compatible status register operation complete bus operation command comments read write write reset write protect reset confirm check csr.7 1 = wsm ready 0 = wsm busy d = d0h a = 0ffh (a 9 - a 8 = 0, a 7 - a 0 = 1, others = x) note: if csr.4, 5 is set, as it is command sequence error, should be cleared before further attempts are initiated. reset write protect command enables write/erase operation to all blocks. write ffh after the last operation to reset device to read array mode. see command bus cycle notes for description of codes. d = 47h a = x read check csr.7 1 = wsm ready 0 = wsm busy read check csr.4, 5 1 = unsuccesful 0 = successful 4m (512k 8, 256k 16) flash memory LH28F400SU-NC 19 * warning: stressing the device bey ond the abso- lute maximum ratings may cause permanent dam- age. these are stress ratings only. operation beyond the operating conditions is not recommended and extended exposure beyond the oper ating conditions may affect device reliability. electrical specifications absolute maximum ratings* temperature under bias ......................... 0c to +80c storage temperature ......................... -65c to +125c v cc = 5.0 v 0.5 v systems symbol parameter min. max. units test conditions note t a operating temperature, commercial 0 70.0 c ambient temperature 1 v cc v cc with respect to gnd -0.2 7.0 v 2 v pp v pp supply voltage with respect to gnd -0.2 7.0 v 2 v voltage on any pin (except v cc , v pp ) with respect to gnd -0.5 7.0 v 2 i current into any non-supply pin 30 ma i out output short circuit current 100.0 ma 3 notes: 1. operating temperature is for commercial product defined by this specification. 2. minimum dc voltage is -0.5 v on input/output pins. during transitions, this level may undershoot to -2.0 v for periods < 20 ns. maximum dc voltage on input/output pins is v cc + 0.5 v which, during transitions, may overshoot to v cc + 2.0 v for periods < 20 ns. 3. output shorted for no more than one second. no more than one output shorted at a time. capacitance for 5.0 v systems symbol parameter typ. max. units test conditions note c in capacitance looking into an address/control pin 710pft a = 25c, f = 1.0 mhz 1 capacitance looking into an address/control pin a 1 912pft a = 25c, f = 1.0 mhz 1 c out capacitance looking into an output pin 9 12 pf t a = 25c, f = 1.0 mhz 1 c load load capacitance driven by outputs for timing specifications 100 pf for v cc = 5.0 v 0.5 v 1 equivalent testing load circuit v cc 10% 2.5 ns 25 w transmission line delay note: 1. sampled, not 100% tested. LH28F400SU-NC 4m (512k 8, 256k 16) flash memory 20 timing nomenclature for 5.0 v systems use the standard jedec cross point definitions. each timing parameter consists of 5 characters. some common examples are defined below: t ce t elqv time (t) from ce ? (e) going low (l) to the outputs (q) becoming valid (v) t oe t glqv time (t) from oe ? (g) going low (l) to the outputs (q) becoming valid (v) t acc t avqv time (t) from address (a) valid (v) to the outputs (q) becoming valid (v) t as t avwh time (t) from address (a) valid (v) to we ? (w) going high (h) t dh t whdx time (t) from we ? (w) going high (h) to when the data (d) can become undefined (x) figure 15. transient input/output reference waveform (v cc = 5.0 v 0.5 v) figure 17. transient equivalent testing load circuit (v cc = 5.0 v 0.5 v) pin characters pin states a address inputs h high d data inputs l low q data outputs v valid ece ? (chip enable) x driven, but not necessarily valid goe ? (output enable) z high impedance w we (write enable) prp ? (deep power-down pin) rry ? /by ? (ready/busy) v any voltage level 5 v v cc at 4.5 v min. input test points output 2.4 0.45 2.0 0.8 2.0 0.8 28f400sut-nc60-13 note: ac test inputs are driven at v oh (2.4 v ttl ) for a logic '1' and v ol (0.45 v ttl ) for a logic '0'. input timing begins at v ih (2.0 v ttl ) and v il (0.8 v ttl ). output timing ends at v ih and v il . input rise and fall times (10% to 90%) < 10 ns. figure 16. transient input/output reference waveform (v cc = 5.0 v .25 v) 2.5 ns of 25 w transmission line total capacitance = 100 pf from output under test test point 28f400sut-nc60-15 figure 18. transient equivalent testing load circuit (v cc = 5.0 v .25 v) 2.5 ns of 83 w transmission line total capacitance = 30 pf from output under test test point 28f400sut-nc60-16 input test points output 3.0 0.0 1.5 1.5 28f400sut-nc60-14 note: ac test inputs are driven at 3.0 v for a logic '1' and 0.0 v for a logic '0'. input timing begins, and output timing ends at 1.5 v. input rise and fall times (10% to 90%) < 10 ns. 4m (512k 8, 256k 16) flash memory LH28F400SU-NC 21 dc characteristics v cc = 5.0 v 0.5 v, t a = 0c to +70c symbol parameter typ. min. max. units test conditions note i il input load current 1 a v cc = v cc max., v in = v cc or gnd 1 i lo output leakage current 10 a v cc = v cc max., v in = v cc or gnd 1 i ccs v cc standby current 510a v cc = v cc max., ce ? , rp ? = v cc 0.2 v byte = v cc 0.2 v or gnd 0.2 v 1, 4 14ma v cc = v cc max., ce ? , rp ? = v ih byte = v ih or v il i ccd v cc deep power-down current 0.2 5 a rp ? = gnd 0.2 v 1 i ccr 1 v cc read current 60 ma v cc = v cc max., cmos: ce ? = gnd 0.2 v byte = gnd 0.2 v or v cc 0.2 v inputs = gnd 0.2 v or v cc 0.2 v ttl: ce ? = v il, byte = v il or v ih inputs = v il or v ih f = 10 mhz, i out = 0 ma 1, 3, 4 i ccr 2 v cc read current 16 30 ma v cc = v cc max., cmos: ce ? = gnd 0.2 v byte = v cc 0.2 v or gnd 0.2 v inputs = gnd 0.2 v or v cc 0.2 v ttl: ce ? = v il, byte = v ih or v il inputs = v il or v ih , f = 5 mhz, i out = 0 ma 1, 3, 4 i ccw v cc write current 18 35 ma word/byte write in progress 1 i cce v cc block erase current 18 25 ma block erase in progress 1 i cces v cc erase suspend current 510ma ce ? = v ih block erase suspended 1, 2 i pps v pp standby current 1 10 a v pp v cc 1 i ppd v pp deep power-down current 0.2 5 a rp ? = gnd 0.2 v 1 LH28F400SU-NC 4m (512k 8, 256k 16) flash memory 22 dc characteristics (continued) v cc = 5.0 v 0.5 v, t a = 0c to +70c notes: 1. all currents are in rms unless otherwise noted. typical values at v cc = 5.0 v, v pp = 5.0 v, t = 25c. these currents are valid for all product versions (package and speeds). 2. i cces is specified with the device de-selected. if the device is read while in erase suspend mode, current draw is the sum of i cces and i ccr . 3. automatic power saving (aps) reduces i ccr to less than 2 ma in static operation. 4. cmos inputs are either v cc 0.2 v or gnd 0.2 v. ttl inputs are either v il or v ih . 5. only to rp ? , v ih (min.) = 2.4 v at vttl-level input. symbol parameter typ. min. max. units test conditions note i ppr v pp read current 200 a v pp > v cc 1 i ppw v pp write current 15 35 ma v pp = v pph , word/byte write in progress 1 i ppe v pp erase current 20 40 ma v pp = v pph , block erase in progress 1 i ppes v pp erase suspend current 65 200 a v pp = v pph , block erase suspended 1 v il input low voltage -0.5 0.8 v v ih input high voltage 2.0 v cc + 0.5 v 5 v ol output low voltage 0.45 v v cc = v cc min. and i ol = 5.8 ma v oh 1 output high voltage 0.85 v cc v i oh = 2.5 ma v cc = v cc min. v oh 2 v cc - 0.4 v i oh = 100 a v cc = v cc min. v ppl v pp during normal operations 0.0 5.5 v v pph v pp during write/erase operations 5.0 4.5 5.5 v v lko v cc erase/write lock voltage 1.4 v 4m (512k 8, 256k 16) flash memory LH28F400SU-NC 23 ac characteristics - read only operations 1 v cc = 5.0 v 0.5 v, t a = 0c to +70c symbol parameter v cc = 5.0 v 0.25 v v cc = 5.0 v 0.5 v units note min. max. min. max. t avav read cycle time 60 70 ns t avgl address setup to oe ? going low 0 0 ns 3 t avqv address to output delay 60 70 ns t elqv ce ? to output delay 60 70 ns 2 t phqv rp ? high to output delay 400 430 ns t glqv oe ? to output delay 30 35 ns 2 t elqx ce ? to output in low z 0 0 ns 3 t ehqz ce ? to output in high z 25 30 ns 3 t glqx oe ? to output in low z 0 0 ns 3 t ghqz oe ? to output in high z 25 30 ns 3 t oh output hold from address, ce ? or oe ? change, whichever occurs first 0 0 ns 3 t flgz byte low to output in high z 40 45 ns 3 t flel t fhel byte high or low to ce ? low 15 15 ns 3 notes: 1. see ac input/output reference waveforms for timing measurements. 2. oe ? may be delayed up to t elqv - t glqv after the falling edge of ce ? without impact on t elqv . 3. sampled, not 100% tested. 4. only to rp ? , v ih (min.) = 2.4 v. LH28F400SU-NC 4m (512k 8, 256k 16) flash memory 24 figure 19. read timing waveforms 28f400sut-nc60-17 t avav addresses stable v cc power-up standby device and address selection outputs enabled data valid standby v cc power-down addresses (a) v ih v il ce (e) v ih v il t avgl t glqv t elqv t glqx t elqx t avqv t phqv t ehqz t ghqz t oh oe (g) v ih v il we (w) v ih v il data (d/q) v oh v ol v cc 5.0 v gnd rp (p) v ih v il high-z high-z valid output . . . . . . . . . . . . . . . . . . . . . 4m (512k 8, 256k 16) flash memory LH28F400SU-NC 25 figure 20. by ? te ? timing waveforms 28f400sut-nc60-18 t avav addresses stable addresses (a) v ih v il ce (e) v ih v il t flel t avgl t avqv t glqv t elqv t glqx t elqx t avqv t flqz t ehqz t ghqz t oh oe (g) v ih v il byte (f) v ih v il data (dq 0 - dq 7 ) data (dq 8 - dq 15 ) v oh v ol v oh v ol high-z high-z high-z high-z data output data output data output . . . . . . . . . . . . . . . . . . . . . LH28F400SU-NC 4m (512k 8, 256k 16) flash memory 26 power-up and reset timings figure 21. v cc power-up and rp ? reset waveforms symbol parameter min. max. units note t pl5v rp ? low to v cc at 4.5 v min. 0 s 1 t avqv address valid to data valid for v cc = 5 v 10% 75 ns 2 t phqv rp ? high to data valid for v cc = 5 v 10% 430 ns 2 notes: ce ? and oe ? are switched low after power-up. 1. the power supply may start to switch concurrently with rp ? going low. rp ? is required to stay low, until v cc stays at recommended operating voltage. 2. the address access time and rp ? high to data valid time are shown for 5.0 v v cc operation. refer to the ac characteristics read only operations also. 28f400sut-nc60-19 address (a) rp (p) data (q) t pl5v v cc (5 v) valid valid 5.0 v outputs 4.5 v 5.0 v t phqv t avqv v cc power up 0 v 4m (512k 8, 256k 16) flash memory LH28F400SU-NC 27 ac characteristics for we ? - controlled command write operations 1 v cc = 5.0 v 0.5 v, t a = 0c to +70c notes: 1. read timing during write and erase are the same as for normal read. 2. refer to command definition tables for valid address and data values. 3. sampled, but not 100% tested. 4. write/erase durations are measured to valid status register (csr) data. 5. byte write operations are typically performed with 1 programming pulse. 6. address and data are latched on the rising edge of we ? for all command write operations. symbo- l parameter typ. v cc = 5.0 v 0.25 v v cc = 5.0 v 0.5 v units note min. max. min. max. t avav write cycle time 60 70 ns t vpwh v pp set up to we going high 100 100 ns 3 t phel rp ? setup to ce ? going low 400 430 ns t elwl ce ? setup to we going low 0 0 ns t avwh address setup to we going high 55 60 ns 2, 6 t dvwh data setup to we going high 55 60 ns 2, 6 t wlwh we pulse width 55 60 ns t whdx data hold from we high 0 0 ns 2 t whax address hold from we high 10 10 ns 2 t wheh ce ? hold from we high 10 10 ns t whwl we pulse width high 30 30 ns t ghwl read recovery before write 0 0 ns t whrl we high to ry ? /by ? going low 100 100 ns t rhpl rp ? hold from valid status register data and ry ? /by ? high 00ns3 t phwl rp ? high recovery to we going low 1 1 s t whgl write recovery before read 60 65 ns t qvvl v pp hold from valid status register data and ry ? /by ? high 00s t whqv 1 duration of byte write operation 13 4.5 4.5 s 4, 5 t whqv 2 duration of block erase operation 0.3 0.3 s 4 LH28F400SU-NC 4m (512k 8, 256k 16) flash memory 28 figure 22. ac waveforms for command write operations addresses (a) (note 1) v ih v il a in v ih v il a in d in d in d in d in d out ce (e) v ih v il oe (g) v ih v il we (w) v ih v il data (d/q) v ih v il ry/by (r) v oh v ol rp (p) v ih v il t avav t avav t whgl t whwl t wlwh t dvwh t phwl t rhpl t qvvl addresses (a) (note 2) t avwh t whax t avwh t whax t elwl t wheh t whqv 1, 2 t ghwl t whdx t whrl (note 4) t vpwh 28f400sut-nc60-20 (note 3) high-z write data-write or erase setup command deep power-down write valid address and data (data-write) or erase confirm command automated data-write or erase delay notes: 1. this address string depicts data-write/erase cycles with corresponding verification via esrd. 2. this address string depicts data-write/erase cycles with corresponding verification via csrd. 3. this cycle is invalid when using csrd for verification during data-write/erase operations. 4. rp low transition is only to show t rhpl ; not valid for above read and write cycles. v pp (v) v pph v ppl read compatible status register data 4m (512k 8, 256k 16) flash memory LH28F400SU-NC 29 ac characteristics for ce ? - controlled command write operations 1 v cc = 5.0 v 0.5 v, t a = 0c to +70c notes: 1. read timing during write and erase are the same as for normal read. 2. refer to command definition tables for valid address and data values. 3. sampled, but not 100% tested. 4. write/erase durations are measured to valid status register (csr) data. 5. byte write operations are typically performed with 1 programming pulse. 6. address and data are latched on the rising edge of ce ? for all command write operations. symbol parameter typ. v cc = 5.0 v 0.25 v v cc = 5.0 v 0.5 v units note min. max. min. max. t avav write cycle time 60 70 ns t phwl rp ? setup to we going low 400 430 ns 3 t vpeh v pp set up to ce ? going high 100 100 ns 3 t wlel we setup to ce ? going low 0 0 ns t aveh address setup to ce ? going high 55 60 ns 2, 6 t dveh data setup to ce ? going high 55 60 ns 2, 6 t eleh ce ? pulse width 55 60 ns t ehdx data hold from ce ? high 0 0 ns 2 t ehax address hold from ce ? high 10 10 ns 2 t ehwh we hold from ce ? high 10 10 ns t ehel ce ? pulse width high 30 30 ns t ghel read recovery before write 0 0 ns t ehrl ce ? high to ry ? /by ? going low 100 100 ns t rhpl rp ? hold from valid status register data and ry ? /by ? high 00ns3 t phel rp ? high recovery to ce ? going low 1 1 s t ehgl write recovery before read 60 65 ns t qvvl v pp hold from valid status register data and ry ? /by ? high 00s t ehqv1 duration of byte write operation 13 4.5 4.5 s 4, 5 t ehqv2 duration of block erase operation 0.3 0.3 s 4 LH28F400SU-NC 4m (512k 8, 256k 16) flash memory 30 figure 23. alternate ac waveforms for command write operations addresses (a) (note 1) v ih v il a in v ih v il a in d in d in d in d in d out ce (e) v ih v il oe (g) v ih v il we (w) v ih v il data (d/q) v ih v il ry/by (r) v oh v ol rp (p) v ih v il t avav t avav t ehgl t ehel t eleh t dveh t phel t rhpl t qvvl addresses (a) (note 2) t aveh t ehax t aveh t ehax t wlel t ehwh t ehqv 1, 2 t ghel t ehdx t ehrl (note 4) t vpeh 28f400sut-nc60-21 (note 3) high-z write data-write or erase setup command deep power-down write valid address and data (data-write) or erase confirm command automated data-write or erase delay notes: 1. this address string depicts data-write/erase cycles with corresponding verification via esrd. 2. this address string depicts data-write/erase cycles with corresponding verification via csrd. 3. this cycle is invalid when using csrd for verification during data-write/erase operations. 4. rp low transition is only to show t rhpl ; not valid for above read and write cycles. v pp (v) v pph v ppl read compatible status register data 4m (512k 8, 256k 16) flash memory LH28F400SU-NC 31 erase and byte write performance v cc = 5.0 v 0.5 v, t a = 0c to +70c notes: 1. 25c, v pp = 5.0 v sampled. 2. excludes system-level overhead. 3. two-byte ser ial write mode is valid at x8-bit configuration only. 4. word wr ite mode is valid at x16-bit configuration only. 5. depends on the number of protected blocks. symbol parameter typ. (1) min. max. units test conditions note t whrh 1 byte write time 13 s 2 t whrh 2 two-byte serial write time 20 s 2, 3 t whrh 3 word write time 20 s 2, 4 t whrh 4 16kb block write time 0.22 1.0 s byte write mode 2 t whrh 5 16kb block write time 0.17 1.0 s two-byte serial write mode 2, 3 t whrh 5 16kb block write time 0.17 1.0 s word write mode 2, 4 block erase time (16kb) 0.6 10 s 2 full chip erase time 8.8 - 14.4 s 2, 5 LH28F400SU-NC 4m (512k 8, 256k 16) flash memory 32 56 0.50 [0.020] typ. 29 28 1 package base plane 0.28 [0.011] 0.12 [0.005] 20.30 [0.799] 19.70 [0.776] 18.60 [0.732] 18.20 [0.717] 19.30 [0.760] 18.70 [0.736] 0.49 [0.019] 0.39 [0.015] 0.22 [0.009] 0.02 [0.001] 1.10 [0.043] 0.90 [0.035] 1.19 [0.047] max. 0.13 [0.005] 0.18 [0.007] 0.08 [0.003] 14.20 [0.559] 13.80 [0.543] 56tsop 56tsop (tsop056-p-1420) dimensions in mm [inches] maximum limit minimum limit 4m (512k 8, 256k 16) flash memory LH28F400SU-NC 33 dimensions in mm [inches] maximum limit minimum limit 48tsop (tsop048-p-1218) 18.40 [0.724] 17.60 [0.693] 16.60 [0.654] 16.20 [0.638] 17.00 [0.669] 12.20 [0.480] 11.80 [0.465] 0.15 [0.006] 0.425 [0.017] 0.20 [0.008] 0.00 [0.000] 1.20 [0.047] max. 1.10 [0.043] 0.90 [0.035] 0.20 [0.008] 0.10 [0.004] 0.30 [0.012] 0.10 [0.004] 48 25 24 1 0.425 [0.017] 48tsop 0.50 [0.020] typ. LH28F400SU-NC 4m (512k 8, 256k 16) flash memory 34 ordering information dimensions in mm [inches] maximum limit minimum limit 44sop (sop044-p-0600) 16.40 [0.646] 15.60 [0.614] 13.40 [0.528] 13.00 [0.512] 14.40 [0.567] 28.40 [1.118] 28.00 [1.102] 0.15 [0.006] 1.275 [0.050] 0.25 [0.010] 0.05 [0.002] 1.275 [0.050] 2.9 [0.114] 2.5 [0.098] 0.20 [0.008] 0.10 [0.004] 0.50 [0.020] 0.30 [0.012] 1.27 [0.050] typ. 44 23 22 1 3.25 [0.128] 2.45 [0.096] 44sop 2.9 [0.114] 2.5 [0.098] 1.275 [0.050] 0.25 [0.010] 0.05 [0.002] 0.80 [0.031] 0 - 10 see detail detail t 56-pin, 1.2 mm x 14 mm x 20 mm tsop (type i) (tsop056-p-1420) e 48-pin, 1.2 mm x 12 mm x 18 mm tsop (type i) (tsop048-p-1218) n 44-pin, 600-mil sop (sop044-p-0600) lh28f400su device type x package 28f400sut-nc60-22 example: lh28f400sut-nc60 (4m (512k x 8, 256k x 16) flash memory, 60 ns, 56-pin tsop) 4m (512k x 8, 256k x 16) flash memory -nc## speed access time (ns) 60 (v cc = 5.0 v 0.25 v) 80 (v cc = 5.0 v 0.50 v) sharp reserves the right to make changes in specifications at any time and without notice. sharp does not assume any responsibility for the use of any circuitry described; no circuit patent licenses are implied. north america europe asia sharp electronics corporation microelectronics group 5700 nw pacific rim blvd., m/s 20 camas, wa 98607, u.s.a. phone: (360) 834-2500 telex: 49608472 (sharpcam) facsimile: (360) 834-8903 http://www.sharpmeg.com sharp electronics (europe) gmbh microelectronics division sonninstra? 3 20097 hamburg, germany phone: (49) 40 2376-2286 telex: 2161867 (heeg d) facsimile: (49) 40 2376-2232 life support policy sharp components should not be used in medical devices with life support functions or in safety equipment (or similiar applications where component failure would result in loss of life or physical harm) without the written approval of an officer of the sharp corporation. sharp corporation integrated circuits group 2613-1 ichinomoto-cho tenri-city, nara, 632, japan phone: (07436) 5-1321 telex: labometa-b j63428 facsimile: (07436) 5-1532 warranty sharp warrants to customer that the products will be free from defects in material and workmanship under normal use and service for a period of one year from the date of invoice. customer's exclusive remedy for breach of this warranty is that sharp will either (i) repair or replace, at its option, any product which fails during the warranty period because of such defect (if customer promptly reported the failure to sharp in writing) or, (ii) if sharp is unable to repair or replace, sharp will refund the purchase price of the product upon its return to sharp . this warranty does not apply to any product which has been subjected to misuse, abnormal service or handling, or which has been altered or modified in design or construction, or which has been serviced or repaired by anyone other than sharp . the warranties set forth herein are in lieu of, and exclusive of, all other warranties, express or implied. all express and implied warranties of merchantability, fitness for use and fitness for a particular purpose are specifically excluded. ? ?1997 by sharp corporation reference code smt96116 issued july 1996 LH28F400SU-NC 4m (512k 8, 256k 16) flash memory |
Price & Availability of LH28F400SU-NC |