Part Number Hot Search : 
78L07 R1020 LF2805A T200A BSCD32H C2SS001A APT30D4 IRF823
Product Description
Full Text Search
 

To Download LANE515ND12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lan e & f series to 1.8 watts www . wallindustries . com 1 603 778 2300 1.8 watt sip for lan applications product features ? ultra miniature sip: 7 and 12 pin compatible  three levels of i/o isolation available  single and dual outputs  low reflected ripple current  regulated and non-regulated versions the lan e and f series when board space is at a premium and volt- age conversions require low power, the lan e and lan f series, miniature converters, offer superior solutions for an economical cost. between the two series you have a multitude of options and operational ratings to choose from in custom-tailoring the converter to the demands of the application. populating 0.179 or 0.516 square inches of board space , the lan e and f series, respectively, provide up to 1.5 watts of power while maintaining speci- fication over the entire commercial operation temperature range. input specifications input voltage range 5,12,15,24vdc lane 5% ......................................................lanf 10% input filtering: lane..................low esr capacitors lanf ................................pi network output specifications output current ..........................................see table voltage tolerance..............5%(nom. line 100% load) regulation: line: lan e&f non-regulated ........1.3%/% of vin line: lan f regulated ..................................0.5% load: lan e&f non-regulated ..........(e=10%)8% ........................................................(20-100% load) load: lan f regulated ................................0.5% short circuit protection ............................short term ripple/noise (20mhz bw) regulated:50mv p-p max. non-regulated ......100mv p-p max. general specifications efficiency (typical) regulated ....................55 to 65% non-regulated ..................................70 to 85% isolation voltage (input to output) lan e......1000vdc lan f ................................500vdc or 3000vdc switching frequency ........................20khz minimum environmental specifications operating temperature ............................0 to +71c storage temperature ..........................-40 to +100c cooling ......................................free air convection physical specifications dimensions lan e ..................0.765 x 0.235 x 0.37? dimensions - lan f ....................1.29 x 0.40 x 0.55? case material ..............non-conductive black plastic due to advances in technology, specifications subject to change without notice. specifications: lan e and f series all specifications apply @ +25 c ambient unless otherwise noted. 2/26/02
to 1.8 watts lan e & f series 2 www . wallindustries . com 603 778 2300 i i n n p p u u t t o o u u t t p p u u t t o o u u t t p p u u t t m m o o d d e e l l v v o o l l t t a a g g e e v v o o l l t t a a g g e e c c u u r r r r e e n n t t n n u u m m b b e e r r ( ( v v d d c c ) ) ( ( v v d d c c ) ) ( ( m m a a ) ) ( ( s s e e e e n n o o t t e e 2 2 ) ) 5 5 200 lane505n 5 5 300 lanf505n 5 9 170 lanf509n 5 12 85 lane512n 5 12 125 lanf512n 5 15 66 lane515n 5 15 100 lanf515n 5 24 65 lanf524n 5 5 100 lane505nd 5 5 100 lanf505nd 5 12 42 lane512nd 5 12 60 lanf512nd 5 15 33 lane515nd 5 15 40 lane515nd1.2 5 15 50 lanf515nd 12 5 200 lane1205n 12 5 300 lanf1205n 12 9 170 lanf1209n 12 12 85 lane1212n 12 12 125 lanf1212n 12 15 60 lane1215n 12 15 100 lanf1215n 12 24 65 lanf1224n 12 5 100 lane1205nd 12 5 100 lanf1205nd 12 12 42 lane1212nd 12 12 60 lanf1212nd 12 15 33 lane1215nd 12 15 50 lanf1215nd 15 5 200 lane1505n 15 5 300 lanf1505n 15 9 170 lanf1509n 15 12 85 lane1512n 15 12 125 lanf1512n 15 15 66 lane1515n 15 15 100 lanf1515n 15 24 65 lanf1524n 15 5 100 lane1505nd 15 5 100 lanf1505nd 15 12 42 lane1512nd 15 12 60 lanf1512nd 15 15 33 lane1515nd 15 15 50 lanf1515nd 24 5 200 lane2405n 24 5 300 lanf2405n 24 9 170 lanf2409n 24 12 85 lane2412n 24 12 125 lanf2412n 24 15 66 lane2415n 24 15 100 lanf2415n 24 24 65 lanf2424n 24 5 100 lane2405nd 24 5 100 lanf2405nd 24 12 42 lane2412nd 24 12 60 lanf2412nd 24 15 33 lane2415nd 24 15 50 lanf2415nd pin connections lan e single dual 1 + vin +vin 2 -vin -vin 4 -vout -vout 5 omitted common 6 + vout + vout pin connections lan f ?h option? single dual 1 +vin + vin consult 2 -vin nc factory 3 nc n/c for 9 -vout nc dual 10 -vout - vout pin-out 11 + vout + vout 12 + vout - vin notes: 1. all case and pin-to-case dimensions reference only unless otherwise noted. 2. all lanf models can be regulated, substitute ?r? for ?n? in last digits of part number 3. add?h? onto end of lanf part number for 3000vdc isolation. 2/26/02
3 www . wallindustries . com 603 778 2300 to 1.8 watts lan e & f series lan e lan f 2/26/02


▲Up To Search▲   

 
Price & Availability of LANE515ND12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X