Part Number Hot Search : 
CXD2401R A6812SA BPC2508 TT425N MC74AC TS2GSDG MC74AC R100KL
Product Description
Full Text Search
 

To Download CMKT3904 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  CMKT3904 npn/npn cmkt3906 pnp/pnp cmkt3946 npn/pnp surface mount dual small signal silicon switching transistors description: the central semiconductor CMKT3904 (two single npn), cmkt3906 (two single pnp), and cmkt3946 (one each npn and pnp complementary) are combinations of transistors in a space saving sot-363 ultramini? package, designed for small signal general purpose amplifier and switching applications. CMKT3904 marking code: k04 cmkt3906 marking code: k06 cmkt3946 marking code: k46 maximum ratings: (t a =25c) symbol npn pnp units collector-base voltage v cbo 60 40 v collector-emitter voltage v ceo 40 40 v emitter-base voltage v ebo 6.0 5.0 v continuous collector current i c 200 ma power dissipation p d 350 mw operating and storage junction temperature t j , t stg -65 to +150 c thermal resistance ja 357 c/w electrical characteristics per transistor: (t a =25c unless otherwise noted) npn pnp symbol test conditions min max min max units i cev v ce =30v, v eb =3.0v - 50 - 50 na i bl v ce =30v, v eb =3.0v - 50 - - na bv cbo i c =10a 60 - 40 - na bv ceo i c =1.0ma 40 - 40 - na bv ebo i e =10a 6.0 - 5.0 - na v ce(sat) i c =10ma, i b =1.0ma - 0.20 - 0.25 v v ce(sat) i c =50ma, i b =5.0ma - 0.30 - 0.40 v v be(sat) i c =10ma, i b =1.0ma 0.65 0.85 0.65 0.85 v v be(sat) i c =50ma, i b =5.0ma - 0.95 - 0.95 v h fe v ce =1.0v, i c =0.1ma 40 - 60 - h fe v ce =1.0v, i c =1.0ma 70 - 80 - h fe v ce =1.0v, i c =10ma 100 300 100 300 h fe v ce =1.0v, i c =50ma 60 - 60 - h fe v ce =1.0v, i c =100ma 30 - 30 - f t v ce =20v, i c =10ma, f=100mhz 300 - 250 - mhz c ob v cb =5.0v, i e =0, f=1.0mhz - 4.0 - 4.5 pf c ib v be =0.5v, i c =0, f=1.0mhz - 8.0 - 10 pf features: ? ultramini? space saving package ? one npn (3904) and one pnp (3906) ? two npn (3904) or two pnp (3906) complementary transistor in a single package transistors in a single package sot-363 case r4 (13-january 2010) www.centralsemi.com
CMKT3904 npn/npn cmkt3906 pnp/pnp cmkt3946 npn/pnp surface mount dual small signal silicon switching transistors electrical characteristics per transistor - continued: (t a =25c) npn pnp symbol test conditions min max min max units h ie v ce =10v, i c =1.0ma, f=1.0khz 1.0 10 2.0 12 k h re v ce =10v, i c =1.0ma, f=1.0khz 0.5 8.0 0.1 10 x10 -4 h fe v ce =10v, i c =1.0ma, f=1.0khz 100 400 100 400 h oe v ce =10v, i c =1.0ma, f=1.0khz 1.0 40 3.0 60 s nf v ce =5.0v, i c =100a, r s =1.0k, f=10hz to 15.7khz - 5.0 - 4.0 db t d v cc =3.0v, v be =0.5v, i c =10ma, i b1 =1.0ma - 35 - 35 ns t r v cc =3.0v, v be =0.5v, i c =10ma, i b1 =1.0ma - 35 - 35 ns t s v cc =3.0v, i c =10ma, i b1 =i b2 =1.0ma - 200 - 225 ns t f v cc =3.0v, i c =10ma, i b1 =i b2 =1.0ma - 50 - 75 ns sot-363 case - mechanical outline lead codes: 1) emitter q1 2) base q1 3) collector q2 4) emitter q2 5) base q2 6) collector q1 CMKT3904 (npn/npn) marking code: k04 cmkt3906 (pnp/pnp) marking code: k06 cmkt3946 (npn/pnp) marking code: k46 pin configurations www.centralsemi.com r4 (13-january 2010)


▲Up To Search▲   

 
Price & Availability of CMKT3904

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X