Part Number Hot Search : 
T1613NH H57V1262 MSM511 P6KE33A IT132 IRF830B EDZ20B V07E130P
Product Description
Full Text Search
 

To Download BTA12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 1 of 5 http://www.rootech.com.cn BTA12 main features symbol value unit i t(rms) 12 a v drm /v rrm 600 and 800 v i g (q 1 ) 5 to 50 ma description suitable for ac switching operations, can be used as an on/off function in applications such as static relays, heating regulation, induction motor starting circuits... or for phase control in light dimmers, motor speed controllers,... the snubberless and logic level versions are specially recommended for use on inductive loads, thanks to their high commutation performances. by using an internal ceramic pad, the bta series provides voltage insulated tab (rated at 2500v rms) complying with ul standards. absolute maximum ratings symbol parameter value unit i t(rms) rms on-state current (full sine wave) tc = 105c 12 a f = 50 hz t = 20 ms 120 i tsm non repetitive surge peak on-state current (full cycle, tj initial = 25c) f = 60 hz t = 16.7 ms 126 a i 2 t i 2 t value for fusing tp = 10 ms 78 a 2 s di/dt critical rate of rise of on-state current i g = 2 x igt , tr 100 ns f = 120 hz tj = 125c 50 a/s i gm peak gate current tp = 20 s tj = 125c 4 a p g(av) average gate power dissipation tj = 125c 1 w t stg t j storage junction temperature range operating junction temperature range - 40 to + 150 - 40 to + 125 c www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com
page 2 of 5 http://www.rootech.com.cn BTA12 electrical characteristics (tj = 25c, unless otherwise specified) n snubberless ? and logic level (3 quadrants) value symbol test conditions quadrant tw sw cw bw unit i gt (1) i - ii - iii max. 5 10 35 50 ma v gt v d = 12 v r l = 30 w i - ii - iii max. 1.3 v v gd v d = vdrm r l = 3.3 kw tj = 125c i - ii - iii min. 0.2 v i h (2) i t = 100 ma max. 10 15 35 50 ma i - iii 10 25 50 70 i l i g = 1.2 i gt ii max. 15 30 60 80 ma dv/dt (2) v d = 67 %vdrm gate open tj = 125c min. 20 40 500 1000 v/s (dv/dt)c = 0.1 v/s tj = 125c 3.5 6.5 - - (dv/dt)c = 10 v/s tj = 125c 1.0 2.9 - - (di/dt)c (2) without snubber tj = 125c min. - - 6.5 12 a/ms n standard (4 quadrants) value symbol test conditions quadrant c b unit i g (1) i - ii - iii iv max. 25 50 50 100 ma v gt v d = 12 v r l = 30 w all max. 1.3 v v gd v d = vdrm r l = 3.3 kw tj = 125c all min. 0.2 v i h (2) i t = 500 ma max. 25 50 ma i - iii - iv 40 50 i l i g = 1.2 i gt ii max. 80 100 ma dv/dt (2) v d = 67 %vdrm gate open tj = 125c min. 200 400 v/s (dv/dt)c (2) (di/dt)c = 2.7 a/ms tj = 125c min. 5 10 v/s static characteristics symbol test conditions value unit v t (2) i tm = 5.5 a tp = 380 s tj = 25c max. 1.55 v v to (2) threshold voltage tj = 125c max. 0.85 v r d (2) dynamic resistance tj = 125c max. 35 mw tj = 25c 5 a i drm i rrm v drm = v rrm tj = 125c max. 1 ma note 1: minimum igt is guaranted at 5% of igt max. note 2: for both polarities of a2 referenced to a1 thermal resistances symbol parameter value unit r th(j-c) junction to case (ac) 2.3 c/w r th(j-a) junction to ambient 60 c/w www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com
page 3 of 5 http://www.rootech.com.cn BTA12 www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com
page 4 of 5 http://www.rootech.com.cn BTA12 www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com
page 5 of 5 http://www.rootech.com.cn BTA12 package mechanical data dimensions millimeters inches ref. min. typ. max. min. typ. max. a 15.20 15.90 0.598 0.625 a1 3.50 3.75 4.00 0.147 a2 13.00 14.00 0.511 0.551 b 10.00 10.40 0.393 0.409 b1 0.61 0.88 0.024 0.034 b2 1.23 1.32 0.048 0.051 c 4.40 4.60 0.173 0.181 c1 0.49 0.70 0.019 0.027 c2 2.40 2.72 0.094 0.107 e 2.40 2.70 0.094 0.106 f 6.20 6.60 0.244 0.259 i 3.75 3.85 0.147 0.151 i4 15.80 16.40 16.80 0.622 0.646 0.661 l 2.65 2.95 0.104 0.116 l2 1.14 1.70 0.044 0.066 l3 1.14 1.70 0.044 0.066 m 2.50 2.60 2.70 0.102 www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com


▲Up To Search▲   

 
Price & Availability of BTA12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X