Part Number Hot Search : 
E004846 KIA78L05 DD502 KA22136 R6522 BZV85130 21M10 3015BGC
Product Description
Full Text Search
 

To Download BA7612NF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 multimedia ics video signal switcher ba7612n / ba7612f the ba7612n and ba7613f are three-channel analog multiplexers with built-in mute, 6db amplifier and 75 w driver. the ics designed for use in video cassette recorders, and feature a large dynamic range and wide operating fre- quency range. all inputs are terminated with 20k w (typ.) input impedance. applications video cassette recorders and televisions features 1) 3-input / 1-output switches. 2) built-in 6db amplifier and 75 w driver. 3) built-in mute. 4) large input impedance (20k w typ.). 5) wide operating supply voltage range (4.5v ~ 13.0v ba7612n) (4.5v ~ 9.5v ba7613f). 6) low power dissipation (103mw typ.). 7) excellent frequency characteristics (10mhz, 0db typ.). 8) wide dynamic range (3.5v p-p typ.). 9) low interchannel crosstalk ( ?65db typ., f = 4.43mhz). block diagram truth table mute 12345678 ctla ctlb in2 gnd in3 logic in1 v out v cc 6db amp 75 w driver ba7612n 1 2 3 4 8 7 6 5 in1 ctla ctlb in2 gnd in3 v cc v out ba7612f mute logic 75 w 6db out in1 h in2 h in3 h h mute l (open) l (open) l (open) l (open) ctl a ctl b
2 multimedia ics ba7612n / ba7612f absolute maximum ratings (ta = 25?) parameter symbol limits unit * 1 13.5 / * 2 10.0 v mw topr c tstg c pd v cc * 1 900 * 3 / * 2 550 * 4 ? 25 ~ + 75 ? 55 ~ + 125 power supply voltage power dissipation operating temperature storage temperature * 1 ba7612n * 2 ba7612f * 3 reduced by 9mw for each increase in ta of 1 c over 25 c. * 4 reduced by 5.5mw for each increase in ta of 1 c over 25 c. electrical characteristics (unless otherwise noted, ta = 25? and v cc = 5v) parameter symbol min. typ. max. unit conditions v cc 4.5 13.0 v i cc 20.5 29.0 ma 3.0 3.5 v p-p f = 1khz, thd = 0.5 % ba7612f is max.9.5v g v db c t 65 db c f ? 3.0 0 db 14 20 26 k w v th-a 1.0 2.0 3.0 v v th-b 1.0 2.0 3.0 v 5.5 6.0 6.5 1.0 v om z in f = 4.43mhz, v in = 1.0v p-p f = 1mhz, v in = 1.0v p-p f = 10mhz / 1mhz, v in = 1.0v p-p operating voltage range supply current maximum output level voltage gain interchannel crosstalk frequency characteristic input impedance ctl pin switching level a ctl pin switching level b s not designed for radiation resistance.
3 multimedia ics ba7612n / ba7612f measurement circuit sw 1 50 w osc 1 m f 1 m f 1 2 sw 2 50 w osc 1 m f 1 m f 1 2 v sw 3 50 w osc 1 m f 1 m f 1 2 47 m f 1000 m 43 75 0.022 m f sw 4 v cc v cc p p 1 2 3 sw 5 v cc 1 2 3 1 2 3 4 5 6 7 8 logic mute 6db amp 75 w driver a fig. 1 ~ ~ ~ ~ + +
4 multimedia ics ba7612n / ba7612f measurement conditions sw 1 sw 2 sw 3 sw 4 sw 5 i cc 22222 i n1 i n2 i n3 v om v om v om 1 2 2 2 1 2 2 2 1 3 3 2 3 2 3 i n1 i n2 i n3 g v g v g v 1 2 2 2 1 2 2 2 1 3 3 2 3 2 3 i n1 ? i n2 i n1 ? i n3 i n1 ? mute i n2 ? i n3 i n2 ? mute i n3 ? mute c t c t c t c t c t c t 1 1 1 2 2 2 2 2 2 1 1 2 2 2 2 2 2 1 3 2 2 2 2 2 2 3 2 3 2 2 i n1 i n2 i n3 g f g f g f 1 2 2 2 1 2 2 2 1 3 3 2 3 2 3 ctla ctlb v th v th 2 2 2 1 1 2 1 3 3 1 f = 1khz thd = 0.5 % f = 1mhz, v = 1v p-p f = 4.43mhz, v = 1v p-p v = 1v p-p f = 10mhz / f = 1mhz, * 1 * 2 * 3 * 4 * 5 parameter symbol switch settings measurement method current dissipation ammeter maximum output level voltage gain interchannel crosstalk frequency characteristic ctl pin switching level * 1: connect a distortion meter to the output, and input a f = 1khz sine wave. adjust the input level until the output distortion is 0.5%. this output voltage at this time multiplied by 2 is the maximum output level v om (v p-p ). * 2: input a 1v p-p , 1mhz sine wave. the voltage gain is given by g v = 20 log (v out / v in ) + 6. * 3: input a 1v p-p , 4.43mhz sine wave. the interchannel crosstalk is given by c t = 20 log (v out / v in ). * 4: input 1v p-p , 1mhz and 10mhz sine waves. the frequency characteristic is given by g f = 20 log (v out (f = 10mhz) / v out (f = 1mhz)). * 5: input a 1v p-p , 1mhz sine wave. reduce the ctl pin voltage from v cc . the ctl pin switching level (vth) is the ctl pin voltage at which the v out level drops below 20mv p-p . electrical characteristic curves 123456 v cc = 9v v cc = 5v 6 5 4 3 2 1 0 f = 1khz v cc = 12v input voltage : v in (v) output voltage : v out (v) fig. 2 v in vs. v out caracteristics (f = 1khz) 8 6 4 2 0 ? 2 ? 4 ? 6 ? 8 1m 10m 100m 100k signal attenuate level : (db) frequency : (hz) v cc = 5v v in = 1v p-p fig. 3 frequency characteristics 1m 10m 100m 0 ? 20 ? 40 ? 60 ? 80 100k signal attenuate level : (db) frequency : (hz) v cc = 5v v in = 1v p-p fig. 4 interchannel crosstalk
5 multimedia ics ba7612n / ba7612f operation notes the output impedance is approximately 32 w . therefore, to ensure output matching, connect an external resistor of 43 w . external dimensions (units: mm) sip8 sop8 ba7612n ba7612f 10.5 0.5 1 8 2.54 3.5 0.5 1.3 0.8 0.6 0.3 0.1 2.8 0.2 19.3 0.2 1.2 5.8 0.2 0.4 0.1 1.27 0.15 0.3min. 0.15 0.1 0.11 6.2 0.3 4.4 0.2 5.0 0.2 85 4 1 1.5 0.1


▲Up To Search▲   

 
Price & Availability of BA7612NF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X