this document was generated on 05/25/2010 please check www.molex.com for latest part information part number: 0533751510 status: active overview: minilock description: 2.50mm (.098") pitch mini-lock? wire-to-board header, vertical, friction and positive lock, 15 circuits, lead-free documents: 3d model product specification ps-51163-001 (pdf) drawing (pdf) product specification ps-51163-002 (pdf) product specification ps-51103-005 (pdf) rohs certificate of compliance (pdf) product specification ps-51103-007 (pdf) agency certification csa lr19980 tuv r72081037 ul e29179 general product family pcb headers series 53375 application wire-to-board overview minilock product name mini-lock? physical breakaway no circuits (loaded) 15 circuits (maximum) 15 color - resin natural durability (mating cycles max) 30 first mate / last break no flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part yes material - plating mating tin material - plating termination tin material - resin polyester number of rows 1 orientation vertical pc tail length (in) 0.134 in pc tail length (mm) 3.40 mm pcb locator yes pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type bag pitch - mating interface (in) 0.098 in pitch - mating interface (mm) 2.50 mm polarized to pcb yes shrouded fully stackable no surface mount compatible (smc) no temperature range - operating -40c to +105c termination interface: style through hole series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 53375 series mates with mini-lock? wire-to-board and wire-to-wire crimp terminal 51103 , 51102 , 51163
electrical current - maximum per contact 3a voltage - maximum 250v material info reference - drawing numbers packaging specification spk-53375-001 product specification ps-51103-005, ps-51103-007, ps-51163-001, ps-51163-002, rps-51103-009, rps-51103-010, rps-51103-011, rps-51103-028, rps-51103-030, rps-51103-032, rps-51103-041, rps-51103-046, rps-51103-047, rps-51103-050, rps-51103-056, rps-51163-002 sales drawing sd-53375-001 this document was generated on 05/25/2010 please check www.molex.com for latest part information
|