Part Number Hot Search : 
68HC7 GSW3809X FDS7064A DMN100 15100 RTF010 F070G01 NTE828
Product Description
Full Text Search
 

To Download 2SC4940 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
    
 
     

      


  !"
 !!  
                              !      "  #  # "$ % #    &  #  # &$  # &   "  #  # &"$ '#    (   )    * +  * , "   (  " %  "   * +  "* )      (     *  - . (   / #      0     % +#
  1 $ 2  13 424-3 56  &   /     2 7%  3              &     #  # &$ 23   7 4
  #   88   "$   # "$
4   &$   # &$
4 &  88   &"$   # &"$
4  (  9  / :& # & 7 #0   7 %
  / :&; # & 7 #0   7 
     &      #  # & 2 3   7 %
4 # "   &      #  # "& 2 3  " 7 4)
4 # /       !     
)4<  =.     :1  8  # & 7 #0   7 4) >* 
?@        7 %
4,        " 7 4)0  "% 7 4,
-4   :    8  ; 7 '  0 # ""% 7 )#
4-
1 10 100 2SC4940 0.01 0.1 1 0.05 0.5 0.2 20 50 5 2 200 500 2000 5000 v ce = 5v pulse width = 300 m s 0.02 0.05 0.5 0.2 20 5 2 0.005 0.002 tc = 150 c 100 c 50 c 25 c 0 c - 25 c - 55 c h fe - i c 8 collector current i c [a] dc current gain h fe
0 0.5 1 1.5 2 2.5 3 2SC4940 0.01 0.1 1 0 0.5 1 1.5 2 2.5 3 0.05 0.5 0.2 20 50 5 2 200 500 2000 5000 0.02 0.05 0.5 0.2 20 5 2 0.005 0.002 0.5a 1a 2a 4a tc = 25 c saturation voltage i c = 0.25a 0.5a 1a 2a 4a 4 base current i b [a] collector-emitter voltage v ce [v] base-emitter voltage v be [v] i c = 0.25a
switching time - i c 0.1 1 10 0 0.5 1 1.5 2 2.5 3 3.5 4 2SC4940 i b1 = 0.2i c i b2 = 0.4i c v bb2 = 4v v cc = 150v tc = 25 c t s t on t f collector current i c [a] switching time t sw [ m s]
0.1 1 10 0 50 100 150 2SC4940 i c = 2a i b1 = 0.4a i b2 = 0.8a v bb2 = 4v r l = 75 w t s t on t f switching time - tc case temperature tc [ c] switching time t sw [ m s]
forward bias soa 0.01 0.1 1 10 100 2SC4940 100 m s tc = 25 c single pulse 200 m s 1ms 10ms dc 8 550 collector-emitter voltage v ce [v] collector current i c [a] p t limit i s/b limit
0 20 40 60 80 100 0 50 100 150 2SC4940 collector current derating collector current derating [%] v ce = fixed p t limit i s/b limit case temperature tc [ c]
0 1 2 3 4 5 6 7 8 0 200 400 600 800 1000 1200 2SC4940 i b1 = 0.3i c i b2 = 1.2a v bb2 = 5v tc < 150 c reverse bias soa collector-emitter voltage v ce [v] collector current i c [a]
transient thermal impedance 0.01 0.1 1 10 2SC4940 10 -4 10 -3 10 -2 10 -1 10 0 10 1 0.05 0.5 0.2 20 50 5 2 200 500 2000 5000 0.02 0.05 0.5 0.2 20 5 2 0.005 0.002 time t [s] transient thermal impedance q jc(t) [ c/w]


▲Up To Search▲   

 
Price & Availability of 2SC4940

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X