Part Number Hot Search : 
ASO24111 1N4736A HZD5C2N LTC1400 170M5442 SL2541B LTC1400 2SA1096
Product Description
Full Text Search
 

To Download 2SC4359 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  power transistors 1 publication date: july 2004 sjd00317aed 2SC4359 silicon npn triple diffusion planar type for high breakdown voltage high-speed switching features ? high-speed switching ? high collector-base voltage (emitter open) v cbo ? wide safe oeration area ? satisfactory linearity of forward current transfer ratio h fe absolute maximum ratings t c = 25 c electrical characteristics t c = 25 c 2 c unit: mm note) measuring methods are based on japanese industrial standard jis c 7030 measuring methods for transistors. parameter symbol conditions min typ max unit collector-emitter voltage (base open) v ceo i c = 10 ma, i b = 0 800 v collector-base cutoff current (emitter open) i cbo v cb = 900 v, i e = 050 a emitter-base cutoff current (collector open) i ebo v eb = 7 v, i c = 050 a forward current transfer ratio h fe1 v ce = 5 v, i c = 0.1 a 8 ? h fe2 v ce = 5 v, i c = 0.8 a 6 collector-emitter saturation voltage v ce(sat) i c = 0.8 a, i b = 0.16 a 0.6 v base-emitter saturation voltage v be(sat) i c = 0.8 a, i b = 0.16 a 1.2 v transition frequency f t v ce = 5 v, i c = 0.15 a, f = 1 mhz 10 mhz turn-on time t on i c = 0.8 a 0.7 s storage time t stg i b1 = 0.16 a, i b2 = ? 0.32 a 2.5 s fall time t f v cc = 250 v 0.3 s parameter symbol rating unit collector-base voltage (emitter open) v cbo 900 v collector-emitter voltage (e-b short) v ces 900 v collector-emitter voltage (base open) v ceo 800 v emitter-base voltage (collector open) v ebo 7v base current i b 1a collector current i c 3a peak collector current i cp 5a collector power dissipation p c 70 w t a = 25 c 3.0 junction temperature t j 150 c storage temperature t stg ? 55 to + 150 c 15.0 0.3 5.0 0.2 11.0 0.2 2.0 0.2 2.0 0.1 0.6 0.2 1.1 0.1 5.45 0.3 10.9 0.5 123 21.0 0.5 16.2 0.5 solder dip (3.5) 15.0 0.2 (0.7) 3.2 0.1 (3.2) 1: base 2: collector 3: emitter eiaj: sc-92 top-3f-a1 package
2SC4359 2 sjd00317aed p c ? t a safe operation area 80 50 40 30 10 20 60 70 0 025 75 50 125 100 150 ambient temperature t a ( c ) collector power dissipation p c ( w ) (1) (3) (2) (1) t c = t a (2) with a 100 100 2 mm al heat sink (3) without heat sink p c = 3.0 w collector current i c ( a ) collector-emitter voltage v ce ( v ) 0.1 0.01 1 100 10 1 10 100 1 000 i cp i c non repetitive pulse, t c = 25 c t = 1 s t = 10 ms t = 0.01 ms t = 0.02 ms t = 0.1 ms t = 1 ms
request for your special attention and precautions in using the technical information and semiconductors described in this material (1) an export permit needs to be obtained from the competent authorities of the japanese government if any of the products or technical information described in this material and controlled under the "foreign exchange and foreign trade law" is to be exported or taken out of japan. (2) the technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. it neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) we are not liable for the infringement of rights owned by a third party arising out of the use of the technical information as described in this material. (4) the products described in this material are intended to be used for standard applications or general elec- tronic equipment (such as office equipment, communications equipment, measuring instruments and house- hold appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combus- tion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (5) the products and product specifications described in this material are subject to change without notice for modification and/or improvement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifica- tions satisfy your requirements. (6) when designing your equipment, comply with the guaranteed values, in particular those of maximum rat- ing, the range of operating power supply voltage, and heat radiation characteristics. otherwise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) when using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) this material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of matsushita electric industrial co., ltd. 2003 sep


▲Up To Search▲   

 
Price & Availability of 2SC4359

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X