Part Number Hot Search : 
BAS19 003775 N54LS B0922BT1 SC1631CS 03800 D2300 OAH5027T
Product Description
Full Text Search
 

To Download 0757300119 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/31/2010 please check www.molex.com for latest part information part number: 0757300119 status: active overview: extreme_micropower description: 4.00mm (.157") extreme micropower? header, 19 circuits, 3.06mm (.120") tail length documents: 3d model product specification ps-75730-999 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family pcb headers series 75730 application board-to-board overview extreme_micropower product name extreme micropower? physical breakaway no circuits (loaded) 19 circuits (maximum) 19 color - resin black first mate / last break no glow-wire compliant no guide to mating part no keying to mating part none lock to mating part no material - metal copper material - plating mating tin material - plating termination tin material - resin high temperature thermoplastic number of rows 1 orientation right angle pc tail length (in) 0.120 in pc tail length (mm) 3.06 mm pcb locator no pcb retention yes pcb thickness recommended (in) 0.066 in, 0.096 in pcb thickness recommended (mm) 1.67 mm, 2.44 mm packaging type tray pitch - mating interface (in) 0.157 in pitch - mating interface (mm) 4.00 mm pitch - term. interface (in) 0.157 in pitch - term. interface (mm) 4.00 mm plating min: mating (in) 100 plating min: mating (m) 2.5 plating min: termination (in) 100 plating min: termination (m) 2.5 polarized to mating part no polarized to pcb no shrouded no stackable no surface mount compatible (smc) yes temperature range - operating -40c to +105c termination interface: style through hole series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 75730 series
electrical current - maximum per contact 16a voltage - maximum 250v material info reference - drawing numbers packaging specification pk-75730-118 product specification ps-75730-999 sales drawing sd-75730-118 this document was generated on 05/31/2010 please check www.molex.com for latest part information




▲Up To Search▲   

 
Price & Availability of 0757300119

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X