Part Number Hot Search : 
MMSZ526 L8150 2SC3995 EDREDRED EUP2570 17S682K BT138 CL766
Product Description
Full Text Search
 

To Download 0190160100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/13/2010 please check www.molex.com for latest part information part number: 0190160100 status: active description: krimptite? quick disconnect, female, for 24-26 (0.20-0.12) wire, mylar tape, tab 4.75mm (.187") x 0.51mm (.020") documents: drawing (pdf) rohs certificate of compliance (pdf) general product family quick disconnects series 19016 comments butted seam crimp quality equipment yes product name krimptite? type quick disconnect physical barrel type closed gender female glow-wire compliant no insulation none lock to mating part none material - metal brass material - plating mating tin material - plating termination tin orientation straight packaging type adhesive tape on reel plating min: mating (in) 100 plating min: mating (m) 2.5 plating min: termination (in) 100 plating min: termination (m) 2.5 polarized to mating part no tab thickness 0.51mm (.020") tab width 4.75mm (.187") temperature range - operating per wire specification termination interface: style crimp or compression wire size awg 24, 26 wire size mm2 0.12 - 0.20 electrical voltage - maximum per wire specification material info old part number m-1136t reference - drawing numbers sales drawing sd-19016-004 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 19016 series application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # atp perishable tool kit used in atp presses that process product on tape 0190270178 this document was generated on 04/13/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0190160100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X