Part Number Hot Search : 
C5803 BP1042 5920A SPX431 M54977 WP711 WP711 WP711
Product Description
Full Text Search
 

To Download TSV611 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  preliminary data this is preliminary information on a new product now in deve lopment or undergoing evaluation. details are subject to change without notice. may 2009 doc id 15768 rev 1 1/16 16 TSV611, tsv612 rail-to-rail input/output 11 a, 120 khz cmos operational amplifiers features rail-to-rail input and output low power consumption: 11 a typ at 5 v low supply voltage: 1.5 to 5.5 v gain bandwidth product: 120 khz typ unity gain stable low input offset voltage: 1 mv max (a version) low input bias current: 1 pa typ temperature range: -40 to +85 c applications battery-powered applications portable devices signal conditioning active filtering medical instrumentation description the tsv61x family of single and dual operational amplifiers offers low voltage, low power operation and rail-to-rail in put and output. the devices also feature an ultra-low input bias current as well as a low input offset voltage. the tsv61x have a gain bandwidth product of 120 khz while consuming only 11 a at 5 v. these features make the tsv61x family ideal for sensor interfaces, battery-supplied and portable applications, as well as active filtering. sot23-5 / sc70-5 mso8 / so8 tsv612ist - tsv612id/dt TSV611ilt - TSV611ict vdd vcc in+ in- out 1 2 3 5 4 + _ vdd vcc in+ in- out 1 2 3 5 4 + _ 1 2 3 5 4 + _ in2+ v cc- 1 2 3 5 4 8 7 6 in1+ in1- out2 + _ out1 in2- + _ v cc+ in2+ v cc- 1 2 3 5 4 8 7 6 in1+ in1- out2 + _ out1 in2- + _ v cc+ www.st.com
absolute maximum ratings and operating conditions TSV611, tsv612 2/16 doc id 15768 rev 1 1 absolute maximum ratings and operating conditions table 1. absolute maximum ratings symbol parameter value unit v cc supply voltage (1) 1. all voltage values, except differential volt age are with respect to network ground terminal. 6v v id differential input voltage (2) 2. differential voltages are the non-inverting input termi nal with respect to the inverting input terminal. v cc v v in input voltage (3) 3. vcc-vin must not exceed 6 v. v cc- -0.2 to v cc+ +0.2 v t stg storage temperature -65 to +150 c r thja thermal resistance junction to ambient (4)(5) 4. short-circuits can c ause excessive heating and destructive dissipation. 5. rth are typical values. c/w sc70-5 205 sot23-5 250 miniso-8 250 so-8 125 t j maximum junction temperature 150 c esd hbm: human body model (6) 6. human body model: 100 pf discharged through a 1.5 k resistor between two pins of the device, done for all couples of pin combinati ons with other pins floating. 4kv mm: machine model (7) 7. machine model: a 200 pf cap is charged to the spec ified voltage, then discharged directly between two pins of the device with no external se ries resistor (internal resistor < 5 ), done for all couples of pin combinations with other pins floating. 300 v cdm: charged device model (8) 8. charged device model: all pins plus package ar e charged together to the specified voltage and then discharged directly to ground. 1.5 kv latch-up immunity 200 ma table 2. operating conditions symbol parameter value unit v cc supply voltage 1.5 to 5.5 v v icm common mode input voltage range v cc- -0.1 to v cc+ +0.1 v t oper operating free air temperature range -40 to +85 c
TSV611, tsv612 electrical characteristics doc id 15768 rev 1 3/16 2 electrical characteristics table 3. electrical characteristics at v cc+ = +1.8 v with v cc- = 0 v, v icm = v cc /2, t amb = 25 c, and r l connected to v cc /2 (unless otherwise specified) symbol parameter conditions min. typ. max. unit dc performance v io offset voltage tsv61x tsv61xa 5 1 mv t min. < t op < t max. tsv61x t min. < t op < t max tsv61xa 6 2 dv io input offset voltage drift 2 v/c i io input offset current (v out =v cc /2) 110 pa t min. < t op < t max. 1 100 pa i ib input bias current (v out =v cc /2) 110 pa t min. < t op < t max. 1 100 pa cmr common mode rejection ratio 20 log ( v ic / v io ) 0 v to 1.8 v, v out = 0.9 v 55 db t min. < t op < t max. db a vd large signal voltage gain r l = 10 k , vout = 0.5 v to 1.3 v tbd 87 db t min. < t op < t max. tbd db v oh high level output voltage r l =10k t min. < t op < t max. 35 50 3 mv v ol low level output voltage r l =10k t min. < t op < t max. 335 50 mv i out isink v o = 1.8 v t min. < t op < t max. 5 5 10 ma isource v o = 0 v t min. < t op < t max. 5 5 10 i cc supply current (per operator) no load, v out =v cc /2 8 12 a t min. < t op < t max. 12 a ac performance gbp gain bandwidth product r l =10k , c l =20pf, f=100khz, av = 1 105 khz f u unity gain frequency r l =10k , c l =20pf, av = 1 100 khz m phase margin r l =10k , c l =20pf, av = 1 45 degrees g m gain margin r l =10k , c l =20pf, av = 1 tbd db
electrical characteristics TSV611, tsv612 4/16 doc id 15768 rev 1 sr slew rate r l =10k , c l =20pf av = 1, tsv61x 0.03 v/ s e n equivalent input noise voltage f = 1 khz 156 thd+e n total harmonic distortion tbd tbd % table 3. electrical characteristics at v cc+ = +1.8 v with v cc- = 0 v, v icm = v cc /2, t amb = 25 c, and r l connected to v cc /2 (unless otherwise specified) (continued) symbol parameter conditions min. typ. max. unit nv hz ----------- -
TSV611, tsv612 electrical characteristics doc id 15768 rev 1 5/16 table 4. v cc+ = +3.3 v, v cc- = 0 v, v icm = v cc /2, t amb = 25 c, r l connected to v cc /2 (unless otherwise specified) symbol parameter min. typ. max. unit dc performance v io offset voltage tsv61x tsv61xa 5 1 mv t min electrical characteristics TSV611, tsv612 6/16 doc id 15768 rev 1 e n equivalent input noise voltage f=1khz 156 thd total harmonic distortion tbd tbd % table 4. v cc+ = +3.3 v, v cc- = 0 v, v icm = v cc /2, t amb = 25 c, r l connected to v cc /2 (unless otherwise specified) (continued) symbol parameter min. typ. max. unit nv hz ----------- -
TSV611, tsv612 electrical characteristics doc id 15768 rev 1 7/16 table 5. v cc+ = +5 v, v cc- = 0 v, v icm = v cc /2, t amb = 25 c, r l connected to v cc /2 (unless otherwise specified) symbol parameter min. typ. max. unit dc performance v io offset voltage tsv61x tsv61xa 5 1 mv t min electrical characteristics TSV611, tsv612 8/16 doc id 15768 rev 1 e n equivalent input noise voltage f=1khz 156 thd total harmonic distortion fin = 1 khz, av = 1, vout = 2 vpp 0.1 % table 5. v cc+ = +5 v, v cc- = 0 v, v icm = v cc /2, t amb = 25 c, r l connected to v cc /2 (unless otherwise specified) (continued) symbol parameter min. typ. max. unit nv hz ----------- -
TSV611, tsv612 package information doc id 15768 rev 1 9/16 3 package information in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com . ecopack ? is an st trademark.
package information TSV611, tsv612 10/16 doc id 15768 rev 1 3.1 sot23-5 package information figure 1. sot23-5l package mechanical drawing table 6. sot23-5l package mechanical data ref. dimensions millimeters inches min. typ. max. min. typ. max. a 0.90 1.20 1.45 0.035 0.047 0.057 a1 0.15 0.006 a2 0.90 1.05 1.30 0.035 0.041 0.051 b 0.35 0.40 0.50 0.013 0.015 0.019 c 0.09 0.15 0.20 0.003 0.006 0.008 d 2.80 2.90 3.00 0.110 0.114 0.118 d1 1.90 0.075 e 0.95 0.037 e 2.60 2.80 3.00 0.102 0.110 0.118 f 1.50 1.60 1.75 0.059 0.063 0.069 l 0.10 0.35 0.60 0.004 0.013 0.023 k 0 degrees 10 degrees
TSV611, tsv612 package information doc id 15768 rev 1 11/16 3.2 sc70-5 (or sot323-5) package information figure 2. sc70-5 (or sot323-5) package mechanical drawing table 7. sc70-5 (or sot323-5) package mechanical data ref dimensions millimeters inches min typ max min typ max a 0.80 1.10 0.315 0.043 a1 0.10 0.004 a2 0.80 0.90 1.00 0.315 0.035 0.039 b 0.15 0.30 0.006 0.012 c 0.10 0.22 0.004 0.009 d 1.80 2.00 2.20 0.071 0.079 0.087 e 1.80 2.10 2.40 0.071 0.083 0.094 e1 1.15 1.25 1.35 0.045 0.049 0.053 e 0.65 0.025 e1 1.30 0.051 l 0.26 0.36 0.46 0.010 0.014 0.018 <0 8 s eating plane gauge plane dimen s ion s in mm s ide view top view coplanar lead s
package information TSV611, tsv612 12/16 doc id 15768 rev 1 3.3 so-8 package information figure 3. so-8 package mechanical drawing table 8. so-8 package mechanical data ref. dimensions millimeters inches min. typ. max. min. typ. max. a1.750.069 a1 0.10 0.25 0.004 0.010 a2 1.25 0.049 b 0.28 0.48 0.011 0.019 c 0.17 0.23 0.007 0.010 d 4.80 4.90 5.00 0.189 0.193 0.197 e 5.80 6.00 6.20 0.228 0.236 0.244 e1 3.80 3.90 4.00 0.150 0.154 0.157 e 1.27 0.050 h 0.25 0.50 0.010 0.020 l 0.40 1.27 0.016 0.050 l1 1.04 0.040 k1 81 8 ccc 0.10 0.004
TSV611, tsv612 package information doc id 15768 rev 1 13/16 3.4 miniso-8 package information figure 4. miniso-8 package mechanical drawing table 9. miniso-8 package mechanical data ref. dimensions millimeters inches min. typ. max. min. typ. max. a 1.1 0.043 a1 0 0.15 0 0.006 a2 0.75 0.85 0.95 0.030 0.033 0.037 b 0.22 0.40 0.009 0.016 c 0.08 0.23 0.003 0.009 d 2.80 3.00 3.20 0.11 0.118 0.126 e 4.65 4.90 5.15 0.183 0.193 0.203 e1 2.80 3.00 3.10 0.11 0.118 0.122 e 0.65 0.026 l 0.40 0.60 0.80 0.016 0.024 0.031 l1 0.95 0.037 l2 0.25 0.010 k0 80 8 ccc 0.10 0.004
ordering information TSV611, tsv612 14/16 doc id 15768 rev 1 4 ordering information table 10. order codes order code temperature range package packing marking TSV611ilt -40 c to 85 c sot23-5 tape & reel k12 TSV611ailt k11 TSV611ict sc70-5 k12 TSV611aict k11 tsv612id/dt so-8 tube & tape & reel v612i tsv612aid/dt v612ai tsv612ist mso-8 tape & reel k113 tsv612aist k115
TSV611, tsv612 revision history doc id 15768 rev 1 15/16 5 revision history table 11. document revision history date revision changes 28-may-2009 1 initial release.
TSV611, tsv612 16/16 doc id 15768 rev 1 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by an authorized st representative, st products are not recommended, authorized or warranted for use in milita ry, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2009 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of TSV611

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X