Part Number Hot Search : 
T2140 3512W 1N754 DG447 AAT1108 DCX114EK DG445 5DU121
Product Description
Full Text Search
 

To Download TC55VD818FFI-133 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TC55VD818FFI-133,-143 2003-02-20 1/21 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 99 97 95 93 91 89 87 85 83 81 100 98 96 94 92 90 88 86 84 82 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 32 34 36 38 40 42 44 46 48 50 31 33 35 37 39 41 43 45 47 49 a6 a7 /ce ce2 nc nc /bw2 /bw1 /ce2 v dd v ss clk /we /cke /oe adv nc a17 a8 a9 a18 nc nc v ddq v ssq nc i/o9 i/o8 i/o7 v ssq v ddq i/o6 i/o5 v ss v dd v dd zz i/o4 i/o3 v ddq v ssq i/o2 i/o1 nc nc v ssq v ddq nc nc nc nc nc nc v ddq v ssq nc nc i/o10 i/o11 v ssq v ddq i/o12 i/o13 v dd v dd v dd v ss i/o14 i/o15 v ddq v ssq i/o16 i/o17 i/o18 nc v ssq v ddq nc nc nc mode a5 a4 a3 a2 a1 a0 nu nc v ss v dd nc nc a10 a11 a12 a13 a14 a15 a16 toshiba mos digital integrated circuit silicon gate cmos 524,288-word by 18-bit synchronous no-turnaround static ram description the tc55vd818ffi is a synchronous static random access memory (sram) organized as 524,288 words by 18 bits. ntram tm (no-turnaround sram) offers high bandwidth by eliminating dead cycles during the transition from a read to a write and vice versa. all inputs except output enable oe and the snooze pin zz are synchronized with the rising edge of the clk input. a read operation is initiated by the adv address advanced input signal ; the input from the address pins and all control pins except the oe and zz pins are loaded into the internal registers on the rising edge of clk in the cycle in which adv is asserted. the output data is available two clock cycles later. write operations are internally self-timed and are initiated by the rising edge of clk in the cycle in which adv is asserted. the input from the address pins and all control pins except the oe and zz pins are loaded into the internal registers on the rising edge of clk in the cycle in which adv is asserted. input data is loaded in the third cycle after the cycle in which adv is asserted. byte write enables ( bw1 to bw2 ) allow from one to two byte write operations to be performed. a 2-bit burst address counter and control logic are integrated into this sram. the tc55vd818ffi uses a single power supply (3.3 v) or dual power supplies (3.3 v for core and 2.5 v for output buffer) and is available in a 100-pin low-profile plastic qfp (lqfp). the tc55vd818ffi guarantees ? 40 to 85c operating temperature so it is suitable for use in wide operating temperature system. features ? organized as 524,288 words by 18 bits ? fast cycle time of 7.0 ns minimum (143 mhz maximum) ? fast access time of 4.0 ns maximum (from clock edge to data output) ? no-turnaround operation with pipeline data output ? 2-bit burst address counter (support for interleaved or linear burst sequences) ? synchronous self-timed write ? byte write control ? snooze mode pin (zz) for power down ? lvttl-compatible interface ? single power supply (3.3 v) or dual power supplies (3.3 v for core and 2.5 v for output buffer) ? available in 100-pin lqfp package (lqfp100-p-1420-0.65k ; pitch:0.65 mm, height:1.6 mm, weight:0.56 grams (typical)) pin assignment (top view) pin names clk clock input a0 to a18 address inputs ce , ce2 , ce2 chip enable inputs oe output enable input we write enable input bw1 to bw2 byte write enable adv address advance input cke clock enable zz snooze input i/o1 to i/o18 data inputs/outputs mode mode select input nc no connection nu not usable v dd power supply for core v ddq power supply for output buffer v ss ground for core v ssq ground for output buffer note : ntram tm and no-turnaround random access memory are trademarks of samsung electronics co., ltd..
TC55VD818FFI-133,-143 2003-02-20 2/21 block diagram binary counter and logic a0 /a1 read/write control logic & coherency control logic memory cell array 512 k 18 bits (9,437,184 bits) address register address register 1 address register 2 din register 2 din register 1 output register 19 19 18 18 18 ad v bw1 to bw2 we data-out control a0 to a18 mode data-out control 18 i/o cl k cke ce2 ce oe ce2
TC55VD818FFI-133,-143 2003-02-20 3/21 pin descriptions pin number symbol type description 89 clk input (na) clock input all synchronous input signals are registered on the rising edge of clk. when the chip is enabled, address inputs and control pins except for oe and zz must meet the specified setup and hold times with respect to the clk rising edge. 37, 36, 35, 34, 33, 32, 100, 99, 82, 81, 44, 45, 46, 47, 48, 49, 50, 83, 80 a0 to a18 input (synchronous) address inputs these address inputs are registered on the rising edge of clk. when the chip is enabled, address inputs must meet the specified setup and hold times with respect to the clk rising edge. 98 ce input (synchronous) chip enable input this active-low signal controls the chip status (enabled or disabled). it is sampled only when a new external address is loaded. 92 ce2 input (synchronous) chip enable input this active-low signal controls the chip status (enabled or disabled). it is sampled only when a new external address is loaded. 97 ce2 input (synchronous) chip enable input this active-high signal controls the chip status (enabled or disabled). it is sampled only when a new external address is loaded. 86 oe input (asynchronous) output enable input this active-low signal controls all 18 bits of the i/o output buffer. 88 we input (synchronous) write enable input this active-low input controls read/write operations. 93, 94 bw1 to bw2 input (synchronous) byte write enable these active-low inputs control byte write operations when a write cycle is active. a byte write pin controls i/o pins as follows. bw1 : i/o1 to i/o9 bw2 : i/o10 to i/o18 85 adv input (synchronous) address advance input this is used to load the internal registers with the input from the address and control signals when it is low on the rising edge of clk. when it is high, the internal burst address counter is incremented. the external address inputs are ignored when this signal is high. 87 cke input (synchronous) clock enable when high, clk input is ignored and outputs retain the same state. 64 zz input (asynchronous) snooze input this active-high signal is used to place the device into sleep mode (low-power standby mode). when low, the device remains in the active state. when high, the device goes into the sleep state and memory data is retained. after this signal has been de-asserted, the device will wake up when a read or write operation is initiated by adv.
TC55VD818FFI-133,-143 2003-02-20 4/21 pin number symbol type description 58, 59, 62, 63, 68, 69, 72, 73, 74, 8, 9, 12, 13, 18, 19, 22, 23, 24 i/o1 to i/o18 i/o (synchronous) data input/output 31 mode input (synchronous) mode select input this signal selects the burst sequence. when high, the burst sequence is interleaved. when low, it is linear. 1, 2, 3, 6, 7, 25, 28, 29, 30, 39, 42, 43, 51, 52, 53, 56, 57, 75, 78, 79, 84, 95, 96 nc nc not connected 38 nu input (asynchronous) not usable 14, 15, 16, 41, 65, 66, 91 vdd supply power supply for core 4, 11, 20, 27, 54, 61, 70, 77 vddq supply power supply for output buffers 17, 40, 67, 90 vss ground ground for core 5, 10, 21, 26, 55, 60, 71, 76 vssq ground ground for output buffers
TC55VD818FFI-133,-143 2003-02-20 5/21 operating mode (1) synchronous input truth table operation we adv ce bw addr. used cke zz i/o (2 cycles later) read (begin burst) h l select x external l l output read (continue burst) x h x x internal l l output write (begin burst) l l select l external l l input write (continue burst) x h x l internal l l input nop/write abort (begin burst) l l select h x l l hi-z write abort (continue burst) x h x h internal l l hi-z deselected x l deselect x x l l hi-z deselect continue (note 2) x h x x x l l hi-z ignore clock edge (note 3) x x x x x h l previous value snooze x x x x x x h hi-z notes: 1. h means logical high and l means logical low. x means don?t care. 2. a deselect continue cycle can only be entered if a deselect cycle is executed before it. 3. when the ignore clock edge command is asserted during a read operation, the output data for the previous cycle still appear on the i/o pins. when the command is asserted during a write operation, the i/o pins remain at hi-z and the write operation is not executed. 4. all synchronous inputs must exhibit adequate setup and hold times either side of the rising edge of the clk pin. 5. zz input is asynchronous, but is included is this table. (2) write enable truth table operation we bw1 bw2 i/o1 to i/o9 i/o10 to i/o18 read h x x output output l l l input input l l h input hi-z l h l hi-z input write l h h hi-z hi-z notes: 1. h means logical high and l means logical low. x means don?t care. 2. the status for i/o pins described in this column appears two clock cycles after the cycle in which the read or write command is asserted. (3) asynchronous inputs truth table operation oe zz i/o l l dout read h l hi-z write x l din, hi-z h l hi-z stop clock (note 2) l l low-z snooze (note 3) x h hi-z notes: 1. h means logical high and l means logical low. x means don?t care. 2. the stop clk mode achieves low-power standby by stopping the input clock. 3. the snooze mode achieves low-power standby by asserting the zz pin. 4. the cycle immediately prior to a snooze brought about by the zz pin must be a read mode or deselect mode cycle. 5. memory data is retained during snooze mode cycles.
TC55VD818FFI-133,-143 2003-02-20 6/21 (4) burst sequence mode pin burst operation l linear burst order h or nc interleaved burst order a) linear burst sequence (mode input = v ss ) bit order : a 18 - - - - - - - - - - - a 1 a 0 1st address (external) 2nd address (internal) 3rd address (internal) 4th address (internal) xx - - - - - - xx00 xx - - - - - - xx01 xx - - - - - - xx10 xx - - - - - - xx11 xx - - - - - - xx01 xx - - - - - - xx10 xx - - - - - - xx11 xx - - - - - - xx00 xx - - - - - - xx10 xx - - - - - - xx11 xx - - - - - - xx00 xx - - - - - - xx01 xx - - - - - - xx11 xx - - - - - - xx00 xx - - - - - - xx01 xx - - - - - - xx10 b) interleaved burst sequence (mode input = v dd or nc) bit order : a 18 - - - - - - - - - - - a 1 a 0 1st address (external) 2nd address (internal) 3rd address (internal) 4th address (internal) xx - - - - - - xx00 xx - - - - - - xx01 xx - - - - - - xx10 xx - - - - - - xx11 xx - - - - - - xx01 xx - - - - - - xx00 xx - - - - - - xx11 xx - - - - - - xx10 xx - - - - - - xx10 xx - - - - - - xx11 xx - - - - - - xx00 xx - - - - - - xx01 xx - - - - - - xx11 xx - - - - - - xx10 xx - - - - - - xx01 xx - - - - - - xx00 device operation (1) read operation cycle address we bw adv ce oe cke i/o operation n a0 h x l l x l x address & control valid n + 1 x x x x x x l x n + 2 x x x x x l x q0 read out a0 notes: 1. h means logical high and l means logical low. x means don?t care. q is data output. (2) burst read operation cycle address we bw adv ce oe cke i/o operation n a0 h x l l x l x address & control valid n + 1 x x x h x x l x n + 2 x x x h x l l q0 read out a0 n + 3 x x x h x l l q0 + 1 read out a0 + 1 n + 4 x x x h x l l q0 + 2 read out a0 + 2 n + 5 a1 h x l l l l q0 + 3 read out a0 + 3 n + 6 x x x h x l l q0 read out a0 n + 7 x x x h x l l q1 read out a1 n + 8 a2 h x l l l l q1 + 1 read out a1 + 1 n + 9 a3 h x l l l l q1 + 2 read out a1 + 2 n + 10 x x x x x l l q2 read out a2 notes: 1. h means logical high and l means logical low. x means don?t care. q is data output.
TC55VD818FFI-133,-143 2003-02-20 7/21 (3) write operation cycle address we bw adv ce oe cke i/o operation n a0 l l l l x l x address & control valid n + 1 x x x x x x l x n + 2 x x x x x x l d0 write to a0 notes: 1. h means logical high and l means logical low. x means don?t care. d is data input. (4) burst write operation cycle address we bw adv ce oe cke i/o operation n a0 l l l l x l x address & control valid n + 1 x x l h x x l x n + 2 x x l h x x l d0 write a0 n + 3 x x l h x x l d0 + 1 write a0 + 1 n + 4 x x l h x x l d0 + 2 write a0 + 2 n + 5 a1 l l l l x l d0 + 3 write a0 + 3 n + 6 x x l h x x l d0 write a0 n + 7 x x l h x x l d1 write a1 n + 8 a2 l l l l x l d1 + 1 write a1 + 1 n + 9 a3 l l l l x l d1 + 2 write a1 + 2 n + 10 x x l x x x l d2 write a2 notes: 1. h means logical high and l means logical low. x means don?t care. d is data input. (5) read operation with clock enable cycle address we bw adv ce oe cke i/o operation n a0 h x l l x l x address & control valid n + 1 x x x x x x h x ignore cycle n + 2 a1 h x l l x l x address & control valid n + 3 x x x x x l h q0 ignore clock, q0 is on bus n + 4 x x x x x l h q0 ignore clock, q0 is on bus n + 5 a2 h x l l l l q0 read out a0 n + 6 a3 h x l l l l q1 read out a1 n + 7 x x x x x l l q2 read out a2 notes: 1. h means logical high and l means logical low. x means don?t care. q is data output.
TC55VD818FFI-133,-143 2003-02-20 8/21 (6) write operation with clock enable cycle address we bw adv ce oe cke i/o operation n a0 l l l l x l x address & control valid n + 1 x x x x x x h x ignore clock n + 2 a1 l l l l x l x address & control valid n + 3 x x x x x x h x ignore clock n + 4 x x x x x x h x ignore clock n + 5 a2 l l l l x l d0 address & control valid n + 6 a3 l l l l x l d1 write a1 n + 7 x x x x x x l d2 write a2 notes: 1. h means logical high and l means logical low. x means don?t care. d is data input. (7) read operation with chip enable cycle address we bw adv ce oe cke i/o operation n a0 h x l l x l x address & control valid n + 1 x x x l h x l x deselect n + 2 a1 h x l l l l q0 read a0 n + 3 x x x l h x l z deselect n + 4 x x x l h l l q1 read a1 n + 5 a2 h x l l x l z deselect n + 6 x x x l h x l z deselect n + 7 x x x l h l l q2 read a2 notes: 1. h means logical high and l means logical low. x means don?t care. q is data output. z means hi-z. (8) write operation with chip enable cycle address we bw adv ce oe cke i/o operation n a0 l l l l x l x address & control valid n + 1 x x x l h x l x deselect n + 2 a1 l l l l x l d0 write a0 n + 3 x x x l h x l z deselect n + 4 x x x l h x l d1 write a1 n + 5 a2 l l l l x l z deselect n + 6 x x x l h x l z deselect n + 7 x x x l h x l d2 write a2 notes: 1. h means logical high and l means logical low. x means don?t care. d is data input. z means hi-z.
TC55VD818FFI-133,-143 2003-02-20 9/21 maximum ratings symbol rating value unit v dd power supply voltage ? 0.5 to 4.6 v v ddq output buffer power supply voltage ? 0.5 to v dd + 0.5 ( 4.6 v max) v v in input terminal voltage ? 0.5 * to 4.6 v v i/o input/output terminal voltage ? 0.5 * to v ddq + 0.5 ** ( 4.6 v max) v p d power dissipation 1.5 w t solder soldering temperature (10s) 260 c t stg storage temperature ? 65 to 150 c t opr operating temperature ? 40 to 85 c * : ? 1.0 v with a pulse width of 20% of t kc min (3 ns max) ** : v ddq + 1.0 v with a pulse width of 20% of t kc min (3 ns max) dc recommended operating conditions (ta = = = = ? ? ? ? 40 to 85c) symbol parameter min typ. max unit v dd power supply voltage 3.135 3.3 3.465 v v ddq output buffer power supply voltage 3.135 3.3 3.465 v v ih input high voltage 2.0 ? v dd + 0.3 ** v v ih1 input high voltage for mode pin v dd ? 0.3 v dd v dd + 0.3 v v il input low voltage ? 0.3 * ? 0.8 v v il1 input low voltage for mode and nu pins ? 0.3 0.0 0.3 v * : ? 0.7 v with a pulse width of 20% of t kc min (3 ns max) ** : v ddq + 0.7 v with a pulse width of 20% of t kc min (3 ns max) note: the nu pin must be low or not connected. you must not apply a voltage of more than 0.8 v to the nu.
TC55VD818FFI-133,-143 2003-02-20 10/21 dc characteristics (ta = = = = ? ? ? ? 40 to 85c, v dd = = = = v ddq = = = = 3.3 v 5 %) symbol parameter test conditions min typ. max unit i il input leakage current v in = 0 to v dd ? 1 ? 1 a i nu input current (nu pin) v in = 0 to 0.3 v ? 1 ? 1 a i lo output leakage current device deselected or output deselected, v out = 0 to v ddq ? 1 ? 1 a i oh = ? 8 ma 2.4 ? ? v oh output high voltage i oh = ? 100 a v ddq ? 0.2 ? ? v i ol = 8 ma ? ? 0.4 v ol output low voltage i ol = 100 a ? ? 0.2 v 143 mhz ? ? 400 i ddo1 operating current i out = 0 ma, all inputs = v dd ? 0.2 v/0.2 v clock t kc minimum 133 mhz ? ? 380 ma 143 mhz ? ? 170 i ddo2 operating current (idle) device deselected i out = 0 ma, all inputs = v dd ? 0.2 v/0.2 v clock t kc minimum 133 mhz ? ? 160 ma i dds1 standby current (ttl level) clock = v ss all inputs = v ih or v il ? ? 60 ma i dds2 standby current (mos level) clock = v ss all inputs = v dd ? 0.2 v or 0.2 v ? ? 10 ma i dds3 standby current (snooze mode) zz v dd ? 0.2 v all inputs = v dd ? 0.2 v or 0.2 v clock t kc minimum ? ? 10 ma i dds4 standby current ( cke mode) cke v ih all inputs = v dd ? 0.2 v or 0.2 v clock t kc minimum ? ? 10 ma note: operating current (i ddo1 ) is specified with 50% read cycles and 50% write cycles. capacitance (ta = = = = 25c, f = = = = 1 .0 mhz) symbol parameter test conditions max unit c in input capacitance v in = gnd 5 pf c i/o input/output capacitance v i/o = gnd 7 pf c nu input capacitance of nu v in = gnd 10 pf note: this parameter is periodically sampled and is not 100% tested.
TC55VD818FFI-133,-143 2003-02-20 11/21 i/o pin c l = 5 pf 217 ? (for enable/disable spec) 3.3 v 295 ? i/o pin c l = 20 pf z 0 = 50 ? 50 ? 1.5 v ac characteristics (ta = = = = ? ? ? ? 40 to 85c, v dd = = = = v ddq = = = = 3.3 v 5 %) tc55vd818ffi -143 -133 symbol parameter min max min max unit t kc clk cycle time 7.0 ? 7.5 ? t kh clk high pulse width 2 ? 2.3 ? t kl clk low pulse width 2 ? 2.3 ? t kqv clk high to output valid ? 4 ? 4.2 t kqx clk high to output invalid 1.5 ? 1.5 ? t kqlz clk high to output low-z 2.0 ? 2.0 ? t kqhz clk high to output high-z 1.5 3.5 1.5 3.5 t gqv oe low to output valid ? 4 ? 4.2 t gqlz oe low to output low-z 1.5 ? 1.5 ? t gqhz oe high to output high-z 1.5 4 1.5 4.2 t as address setup time from clk 2 ? 2 ? t ds data setup time from clk 1.5 ? 1.7 ? t ws we setup time from clk 2 ? 2 ? t ces ce setup time from clk 2 ? 2 ? t advs adv setup time from clk 2 ? 2 ? t bws bw setup time from clk 2 ? 2 ? t ckes cke setup time from clk 2 ? 2 ? t ah address hold time from clk 0.5 ? 0.5 ? t dh data hold time from clk 0.5 ? 0.5 ? t wh we hold time from clk 0.5 ? 0.5 ? t ceh ce hold time from clk 0.5 ? 0.5 ? t advh adv hold time from clk 0.5 ? 0.5 ? t bwh bw hold time from clk 0.5 ? 0.5 ? t ckeh cke hold time from clk 0.5 ? 0.5 ? t zz zz high to input ignored 0 2t kc 0 2t kc t zzr zz low to input sampled 0 2t kc 0 2t kc t zzhz zz high to output high-z 0 2t kc 0 2t kc t zzlz zz low to output low-z 0 ? 0 ? ns ac test conditions fig.1 :ac test load fig.2 :ac test load parameter test condition input pulse level 3.0 v/ 0.0 v input pulse rise and fall time 1 v/ns (20%/80%) input timing measurement reference level 1.5 v output timing measurement reference level 1.5 v output load as shown in fig.1 and fig.2
TC55VD818FFI-133,-143 2003-02-20 12/21 timing diagrams (1) read cycle cl k address t kh read read read continue deselect read a1 ad v t as bw1 to bw2 cke t gqlz t gqv i/o : don?t care : indeterminate a0 t kl t kc t ah t advs t advh t advs t advh t ws t wh t ckes t ckeh t ces t ceh t ces t ceh t kqx t kqv t kqx t kqhz t kqlz t kqv t kqlz t kqv ce we oe a2 q0 q1 q1 + 1 q1 + 2 q2 read continue read continue
TC55VD818FFI-133,-143 2003-02-20 13/21 (2) write cycle cl k address t kh write write deselect write a1 ad v t as bw1 to bw2 cke i/o : don?t care : indeterminate a0 t kl t kc t ah t advs t advh t advs t advh t ws t wh t ckes t ckeh t ces t ceh t ces t ceh t ds hi-z ce we oe a2 d0 d1 d1 + 1 d1 + 2 t bws t bwh d2 t dh write continue write continue write continue
TC55VD818FFI-133,-143 2003-02-20 14/21 (3) write/read cycle cl k address t kh write read write write ad v t as bw1 to bw2 cke i/o : don?t care : indeterminate read t kl t kc t ah t advs t advh t ws t wh t ckes t ckeh t ces t ceh ce we oe read a0 a1 a2 a3 a4 a5 t bws t bwh d4 + 1 d0 q1 d2 q3 q3 + 1 d4 t ds t dh t gqv t gqlz t gqhz t kqlz t kqv t kqhz t kqx write continue read continue
TC55VD818FFI-133,-143 2003-02-20 15/21 (4) clock ignore/deselect cycle cl k address t kh read read read deselect ad v t as bw1 to bw2 cke i/o : don?t care : indeterminate read t kl t kc t ah t ckes t ckeh t ces t ceh ce we t kqlz t kqv t kqhz t kqx write a0 a1 a2 a3 a4 t advs t advh t ws t wh t bws t bwh t kqx t kqv t kqhz t kqx t ces t ceh q4 d3 q2 q1 q0 clock ignore deselect continue clock ignore deselect continue
TC55VD818FFI-133,-143 2003-02-20 16/21 (5) snooze cycle notes: 1. the 2 cycles immediately prior to a snooze brought about by the zz pin must be read or deselect cycles. 2. memory data is retained during snooze cycles. : don?t care : indeterminate cl k adv t kh zz all inputs (except zz pin) t kl t kc t zzhz t zz deselect or read deselect or read normal t zzr t zzlz dou t
TC55VD818FFI-133,-143 2003-02-20 17/21 notes: 1. do not apply opposite data polarity to the i/o pins when they are in the output state. 2. output enable and output disable times are specified as follows using the output load shown in fig.1. (a) t kqlz , t kqhz notes: 1. input states are defined in the synchronous input truth table. 2. if the device was previously deselected, when the device is selected, the output remains in a high impedance state in the present clock cycle regardless of oe because of the output enable delay register. valid data appears in the second clock cycle when oe is low. 3. when the device is deselected, the output goes into a high impedance state in the next clock cycle regardless of oe . (b) t gqlz , t gqhz , t zzhz ce , ce2 , ce2 dout t gqlz valid data out 0.2 v 0.2 v t gqhz 0.2 v 0.2 v oe , zz t zzhz cl k adv dou t t kqlz deselect or read t kqhz valid data out (see note 1) 0.2 v 0.2 v 0.2 v 0.2 v (see note 1) (see note 2) (see note 3)
TC55VD818FFI-133,-143 2003-02-20 18/21 v ddq = = = = 2.5 v interface specification dc recommended operating conditions (ta = = = = ? ? ? ? 40 to 85c) symbol parameter min typ. max unit v dd power supply voltage 3.135 3.3 3.465 v v ddq output buffer power supply voltage 2.375 2.5 2.9 v input high voltage for address and control pins 1.7 ? v dd + 0.3 ** v ih input high voltage for i/o pins 1.7 ? v ddq + 0.3 *** v v ih1 input high voltage for mode pin v dd ? 0.3 v dd v dd + 0.3 v v il input low voltage ? 0.3 * ? 0.7 v v il1 input low voltage for mode and nu pins ? 0.3 0.0 0.3 v * : ? 0.7 v with a pulse width of 20% of t kc min (3 ns max) ** : v dd + 0.7 v with a pulse width of 20% of t kc min (3 ns max) *** : v ddq + 0.7 v with a pulse width of 20% of t kc min (3 ns max) note: the nu pin must be low or not connected. you must not apply a voltage of more than 0.8 v to the nu. dc characteristics (ta = = = = ? ? ? ? 40 to 85c, v dd = = = = 3.3 v 5 %, v ddq = = = = 2.375 v to 2.9 v) symbol parameter test conditions min typ. max unit i il input leakage current v in = 0 to v dd ? 1 ? 1 a i nu input current (nu pin) v in = 0 to 0.3 v ? 1 ? 1 a i lo output leakage current device deselected or output deselected, v out = 0 to v ddq ? 1 ? 1 a i oh = ? 2 ma 1.7 ? ? v oh output high voltage i oh = ? 100 a v ddq ? 0.2 ? ? v i ol = 2 ma ? ? 0.7 v ol output low voltage i ol = 100 a ? ? 0.2 v 143 mhz ? ? 400 i ddo1 operating current i out = 0 ma, all inputs = v dd ? 0.2 v/0.2 v clock t kc minimum 133 mhz ? ? 380 ma 143 mhz ? ? 170 i ddo2 operating current (idle) device deselected i out = 0 ma, all inputs = v dd ? 0.2 v/0.2 v clock t kc minimum 133 mhz ? ? 160 ma i dds2 standby current (mos level) clock = v ss all inputs = v dd ? 0.2 v or 0.2 v ? ? 10 ma i dds3 standby current (snooze mode) zz v dd ? 0.2 v all inputs = v dd ? 0.2 v or 0.2 v clock t kc minimum ? ? 10 ma i dds4 standby current ( cke mode) cke v ih all inputs = v dd ? 0.2 v or 0.2 v clock t kc minimum ? ? 10 ma note: operating current (i ddo1 ) is specified with 50% read cycles and 50% write cycles.
TC55VD818FFI-133,-143 2003-02-20 19/21 i/o pin c l = 5 pf 217 ? (for enable/disable spec) 2.5 v 295 ? i/o pin c l = 20 pf z 0 = 50 ? 50 ? 1.15 v ac characteristics (ta = = = = ? ? ? ? 40 to 85c, v dd = = = = 3.3 v 5 %, v ddq = = = = 2.375 v to 2.9 v) tc55vd818ffi -143 -133 symbol parameter min max min max unit t kc clk cycle time 7.0 ? 7.5 ? t kh clk high pulse width 2 ? 2.3 ? t kl clk low pulse width 2 ? 2.3 ? t kqv clk high to output valid ? 4 ? 4.2 t kqx clk high to output invalid 1.5 ? 1.5 ? t kqlz clk high to output low-z 2.0 ? 2.0 ? t kqhz clk high to output high-z 1.5 3.5 1.5 3.5 t gqv oe low to output valid ? 4 ? 4.2 t gqlz oe low to output low-z 1.5 ? 1.5 ? t gqhz oe high to output high-z 1.5 4 1.5 4.2 t as address setup time from clk 2 ? 2 ? t ds data setup time from clk 1.5 ? 1.7 ? t ws we setup time from clk 2 ? 2 ? t ces ce setup time from clk 2 ? 2 ? t advs adv setup time from clk 2 ? 2 ? t bws bw setup time from clk 2 ? 2 ? t ckes cke setup time from clk 2 ? 2 ? t ah address hold time from clk 0.5 ? 0.5 ? t dh data hold time from clk 0.5 ? 0.5 ? t wh we hold time from clk 0.5 ? 0.5 ? t ceh ce hold time from clk 0.5 ? 0.5 ? t advh adv hold time from clk 0.5 ? 0.5 ? t bwh bw hold time from clk 0.5 ? 0.5 ? t ckeh cke hold time from clk 0.5 ? 0.5 ? t zz zz high to input ignored 0 2t kc 0 2t kc t zzr zz low to input sampled 0 2t kc 0 2t kc t zzhz zz high to output high-z 0 2t kc 0 2t kc t zzlz zz low to output low-z 0 ? 0 ? ns ac test conditions fig.1 :ac test load fig.2 :ac test load parameter test condition input pulse level 2.3 v/ 0.0 v input pulse rise and fall time 1 v/ns (20%/80%) input timing measurement reference level 1.15 v output timing measurement reference level 1.15 v output load as shown in fig.1 and fig.2
TC55VD818FFI-133,-143 2003-02-20 20/21 package dimensions weight: 0.56 g (typ)
TC55VD818FFI-133,-143 2003-02-20 21/21 ? toshiba is continually working to improve the quality and reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshiba products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconductor devices,? or ?toshiba semiconductor reliability handbook? etc.. ? the toshiba products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. unintended usage of toshiba products listed in this document shall be made at the customer?s own risk. ? the products described in this document are subject to the foreign exchange and foreign trade laws. ? the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba corporation for any infringements of intellectual property or other rights of the third parties which may result from its use. no license is granted by implication or otherwise under any intellectual property or other rights of toshiba corporation or others. ? the information contained herein is subject to change without notice. 000707eb a restrictions on product use


▲Up To Search▲   

 
Price & Availability of TC55VD818FFI-133

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X