Part Number Hot Search : 
AN30X0A T1501 SA3418B HA13135 70N20 PT2329 LM64C391 BUJ105AX
Product Description
Full Text Search
 

To Download STV6400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  STV6400 double scart interface may 1996 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 nc out 1 video in 1 dig buffer 1 video in 2 dig buffer 2 video in 3 sda video in 4 v cc nc out 2 out 3 gnd dig buffer 3 video in 5 scl pv pv pv cc1 cc2 cc3 6400-01.eps pin connections dip20 (0.25) (plastic package) order code : STV6400 . two periplugs i/o sources manage- ment . two 150 w integrated buffers for plug drive . one output with muting capability . 3 digital buffer outputs for exter- nal switches control . large supply voltage range . bandwidth : 19mhz typ. . crosstalk : 50db min. . i 2 c bus control description the STV6400 is a bipolar circuit for tv and vcr applications. it is intended to process all switches relating to a 2 periplugs i/o application so20 (plastic package) order code : STV6400d 1/9
2 3 4 9 18 19 20 11 14 clamp bus decoder clamp clamp clamp clamp 6 8 10 12 -6db 5 7 13 dig buffer 1 dig buffer 2 dig buffer 3 bus bus bus bus bus bus 15 16 75 w 75 w 75 w 75 w 75 w 75 w 75 w 75 w 75 w 0db 6db 6db out 1 out 2 out 3 sda scl vpv cc cc1 pv cc2 pv cc3 in 1 in 2 in 3 in 4 in 5 switch 1 switch 2 switch 3 pos 1 pos 2 pos 3 pos 4 pos 5 pos 6 pos 1 pos 2 pos 3 pos 1 pos 2 pos 3 pos 4 mute STV6400 4.7k w typical coupling capacitors = 100nf 6400-02.eps block diagram absolute maximum ratings symbol parameter value unit v cc supply voltage 12.0 v t oper operating temperature -10, + 70 o c t stg storage temperature -55, + 150 o c 6400-01.tbl STV6400 2/9
thermal data symbol parameter value unit r th (j-a) junction-ambient thermal resistance dip20 so20 70 100 o c/w o c/w 6400-02.tbl dc and ac electrical characteristics v cc =5v,t amb =25 o c (unless otherwise specified) r load out 1 = 4.7k w ,r load out2 out3 = 150 w ,v in =1v pp symbol parameter test conditions min. typ. max. unit v cc operating supply voltage 4,75 5 11.0 v i cc supply current without loads 27 40 ma svr supply voltage rejection 1khz -36 db video inputs v dcin dc input voltage (black level) 1,4 v i lcak leakage current input 1 3 m a capin input capacitance 5 pf v in0 input signal amplitude video 4 2.5 v pp v in6 input signal amplitude video 1 2 3 5 1.5 v pp video outputs dyn dynamic output signal (out 1) v cc = 5v 2,5 v pp dyn dynamic output signal (out 1) v cc = 4.75v 2,3 v pp dyn dynamic output signal (out 2,3) v cc =5v v cc = 4.75v 3 2.8 v pp v pp bw0 0db gain bandwidth at -3db v in =1v pp 10 23 mhz bw6 6db gain bandwidth at - 3db v in =1v pp 10 19 mhz ct* crosstalk between input 1, 2, 3, 5 and output 2,3 v in =1v pp , f = 5mhz -62 -53 db ct* crosstalk between input 4, and output 2,3 v in4 =2v pp , f = 5mhz -60 -52 db ct* crosstalk between input 1, 2, 3, 5 and output 1 v in =1v pp , f = 5mhz -60 -55 db ct* crosstalk between input 4 and output 1 v in4 =2v pp , f = 5mhz -53 -50 db z out output impedance 4 10 w g 0 0db gain -0.5 0 +0.5 db g 6 6db gain 5.5 6 6.5 db dcout dc output voltage 0.7 v dph10 differential phase 0db output v in =1v pp 0.25 dphl6 differential phase 6db output v in =1v pp 0.5 dgain0 differential gain 0db output v in =1v pp 1.5 % dgain6 differential gain 6db output v in =1v pp 1.8 % mute muting suppression at output 1 v in =1v pp , f = 5mhz -50 -45 db digital buffers v ol low level output voltage i = 3 ma 0,4 v z out output resistance at high level 30 k w dcmax max dc voltage v cc v * dip20 package. 6400-03.tbl STV6400 3/9
t buf t low t high t f t r t hd,sta t hd,dat t su,dat t su,sta t su,sto sda scl sda 6400-03.eps figure 1 : i 2 c bus timing i 2 c bus characteristics symbol parameter test conditions min. max. unit scl v il low level input voltage - 0.3 + 1.5 v v ih high level input voltage 3.0 v cc + 0.5 v i li input leakage current v i = 0 to v cc -10 +10 m a f scl clock frequency 0 100 khz t r input rise time 1.5v to 3v 1000 ns t f input fall time 1.5v to 3v 300 ns c i input capacitance 10 pf sda v il low level input voltage - 0.3 + 1.5 v v ih high level input voltage 3.0 v cc + 0.5 v i li input leakage current v i = 0 to v cc -10 +10 m a c i input capacitance 10 pf t r input rise time 1.5v to 3v 1000 ns t f input fall time 1.5v to 3v 300 ns v ol low level output voltage i ol = 3ma 0.4 v t f output fall time 3v to 1.5v 250 ns c l load capacitance 400 pf timing t low clock low period 4.7 m s t high clock high period 4.0 m s t su, dat data set-up time 250 ns t hd, dat data hold time 0 340 ns t su, sto set-up time from clock high to stop 4.0 m s t buf start set-up time following a stop 4.7 m s t hd, sta start hold time 4.0 m s t su, sta start set-up time following clock low-to high transition 4.7 m s 6400-04.tbl STV6400 4/9
software specification i 2 c address byte 92 hexa data byte b7 b6 b5 b4 b3 b2 b1 b0 xx0 0 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 switch 1 position 1 video in 1 position 2 video in 2 position 3 video in 3 position 4 video in 4 position 5 video in 5 position 6 mute not allowed not allowed xx0 1 x x x x 0 0 1 1 0 1 0 1 switch 2 position 1 video in 3 position 2 video in 4 position 3 video in 5 not allowed xx1 0 x x x x 0 0 1 1 0 1 0 1 switch 2 position 1 video in 1 position 2 video in 2 position 3 video in 4 position 4 video in 5 xx1 1 x x 1/0 x 1/0 x 1/0 x x digital buffer dig buffer 1 dig buffer 2 dig buffer 3 remark : the letter oxo means dont't care. example : xx00x100 means. the switch 1 is connected to video input 5 example : xx11x011 means. digital buffer 1 is at high level digital buffer 2 is at high level digital buffer 3 is at low level the starting condition upon power-on is undetermined. in this case 4 words of 16 bits are necessary to fix the device configuration. in other case only one word of 16 bits is necessary to modify one configuration of the device. STV6400 5/9
pins 4-6 8-10-1 2 6400-04.eps pins 4-6-8-10-12 video input pins 5 7-13 30k w 6400-05.eps pins 5-7-13 digital buffer output pins 9-11 sda only esd prot 6400-06.eps pins 9 - 11 bus inputs circuit esd prot 3 14 v cc ground 6400-07.eps pins 3-14 supply voltage pins 18 19-20 4pf 1pf 5.4k w 5k w pins 2 15-16 6400-08.eps pins 2-15-16-18-19-20 video outputs and pv cc input/output pin configuration STV6400 6/9
6db g mute 6db a digital buffer digital buffer digital buffer main processing out1 to audio cmos switching in1 tuner out2 in2 peritv 1 out3 in3 peritv 2 in4 camcorder in5 satellite decoder gnd sda scl power ic decoder 2 STV6400 v cc v cc a = -6db g = 0db 6400-09.eps typical application STV6400 7/9
pm-dip20.eps package mechanical data 20 pins - plastic dip20 (0.25) dimensions millimeters inches min. typ. max. min. typ. max. a1 0.254 0.010 b 1.39 1.65 0.055 0.065 b 0.45 0.018 b1 0.25 0.010 d 25.4 1.000 e 8.5 0.335 e 2.54 0.100 e3 22.86 0.900 f 7.1 0.280 i 3.93 0.155 l 3.3 0.130 z 1.34 0.053 dip20.tbl STV6400 8/9
pm-so20.eps package mechanical data 20 pins - plastic micropackage (so) dimensions millimeters inches min. typ. max. min. typ. max. a 2.65 0.104 a1 0.1 0.3 0.004 0.012 a2 2.45 0.096 b 0.35 0.49 0.014 0.019 b1 0.23 0.32 0.009 0.013 c 0.5 0.020 c1 45 o (typ.) d 12.6 13.0 0.496 0.512 e 10 10.65 0.394 0.419 e 1.27 0.050 e3 11.43 0.450 f 7.4 7.6 0.291 0.299 l 0.5 1.27 0.020 0.050 m 0.75 0.030 s8 o (max.) so20.tbl information furnished is believed to be accurate and reliable. however, sgs-thomson microelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. no licence is granted by implication or otherwise under any patent or patent rights of sgs-thomson microelectronics. specifications mentioned in this publication are subject to change without noti ce. this publication supersedes and replaces all information previously supplied. sgs-thomson microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of sgs-thomson microelectronics. ? 1996 sgs-thomson microelectronics - all rights reserved purchase of i 2 c components of sgs-thomson microelectronics, conveys a license under the philips i 2 c patent. rights to use these components in a i 2 c system, is granted provided that the system confo rms to the i 2 c standard specifications as defined by philips. sgs-thomson microelectronics group of companies australia - brazil - canada - china - france - germany - hong kong - italy - japan - korea - malaysia - malta - morocco the netherlands - singapore - spain - sweden - switzerland - taiwan - thailand - united kingdom - u.s.a. STV6400 9/9


▲Up To Search▲   

 
Price & Availability of STV6400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X