vishay S505TY/S505TYr/S505TYrw document number 85096 rev. 1, 21-oct-02 vishay semiconductors www.vishay.com 1 21 4 3 2 1 43 2 1 3 4 16904 sot 143 sot 143r sot 343r electrostatic sensitive device. observe precautions for handling. mosmic ? for tv-tuner prestage with 5 v supply voltage comments mosmic - mos m onolithic i ntegrated c ircuit features ? easy gate 1 switch-off with pnp switching transis- tors inside pll integrated gate protection diodes low noise figure, high gain typical forward transadmittance of 31 ms partly internal self biasing-network on chip superior cross modulation at gain reduction high agc-range with soft slope main agc control range from 3 v to 0.5 v supply voltage 5 v (3 v to 7 v) smd package, standard and reverse pinning applications low noise gain controlled vhf and uhf input stages, such as in digital and analog tv tuners. mechanical data typ: S505TY case: plastic case (sot 143) weight: 8 mg pinning: 1 = source, 2 = drain, 3 = gate 2, 4 = gate 1 typ: S505TYr case: plastic case (sot 143r) weight: 8 mg pinning: 1 = source, 2 = drain, 3 = gate 2, 4 = gate 1 typ: S505TYrw case: plastic case (sot 343r) weight: 6 mg pinning: 1 = source, 2 = drain, 3 = gate 2, 4 = gate 1 g2 g1 rf in s d v dd (v ds ) c block rfc rf out 13650 c block c block rg1 v gg (v rg1 ) agc
document number 85096 rev. 1, 21-oct-02 www.vishay.com 2 vishay S505TY/S505TYr/S505TYrw vishay semiconductors parts table absolute maximum ratings t amb = 25 c, unless otherwise specified maximum thermal resistance 1) on glass fibre printed board (25 x 20 x 1.5) mm 3 plated with 35 m cu electrical dc characteristics t amb = 25 c, unless otherwise specified electrical ac characteristics t amb = 25 c, unless otherwise specified v ds = v rg1 = 5 v, v g2s = 4 v, r g1 = 68 k ? , i d = i dso, f = 1 mhz part marking package S505TY y05 sot143 S505TYr y5r sot143r S505TYrw wy5 sot343r parameter te s t c o n d i t i o n symbol value unit drain - source voltage v ds 8 v drain current i d 25 ma gate 1/gate 2 - source peak current i g1/g2sm 10 ma gate 1 - source voltage + v g1sm 6 v - v g1sm 1.5 v gate 2 - source voltage v g2sm 6 v total power dissipation t amb 60 c p tot 200 mw channel temperature t ch 150 c storage temperature range t stg - 55 to + 150 c parameter te s t c o n d i t i o n symbol value unit channel ambient 1) r thcha 450 k/w parameter te s t c o n d i t i o n symbol min typ. max unit drain - source breakdown voltage i d = 10 a, v g1s = v g2s = 0 v (br)dss 12 v gate 1 - source breakdown voltage +i g1s = 10 ma, v g2s = v ds = 0 + v (br)g1ss 7 10 v gate 2 - source breakdown voltage i g2s = 10 ma, v g1s = v ds = 0 v (br)g2ss 7 10 v gate 1 - source leakage current +v g1s = 5 v, v g2s = v ds = 0 + i g1ss 20 na gate 2 - source leakage current v g2s = 5 v, v g1s = v ds = 0 i g2ss 20 na drain - source operating current v ds = v rg1 = 5 v, v g2s = 4 v, r g1 = 68 k ? i dso 8 12 17 ma gate 1 - source cut-off voltage v ds = 5 v, v g2s = 4, i d = 20 a v g1s(off) 0.3 1.0 v gate 2 - source cut-off voltage v ds = v rg1 = 5 v, r g1 = 68 k ? , i d = 20 a v g2s(off) 0.3 1.0 1.2 v parameter te s t c o n d i t i o n symbol min typ. max unit forward transadmittance |y 21s | 27 31 35 ms gate 1 input capacitance c issg1 1.9 2.3 pf feedback capacitance c rss 20 ff output capacitance c oss 0.9 pf
vishay S505TY/S505TYr/S505TYrw document number 85096 rev. 1, 21-oct-02 vishay semiconductors www.vishay.com 3 package dimensions in mm power gain g s = 2 ms, b s = b sopt , g l = 0.5 ms, b l = b lopt , f = 200 mhz g ps 33 db g s = 2 ms, b s = b sopt , g l = 1 ms, b l = b lopt , f = 400 mhz g ps 30 db g s = 3.3 ms, b s = b sopt , g l = 1 ms, b l = b lopt , f = 800 mhz g ps 25 db agc range v ds = 5 v, v g2s = 0.5 to 4 v, f = 800 mhz g ps 40 50 db noise figure g s = g l = 20 ms, b s = b l = 0, f = 50 mhz f 6.0 8.0 db g s = 2 ms, g l = 1 ms, b s = b sopt , f = 400 mhz f 1.0 1.5 db g s = 3.3 ms, g l = 1 ms, b s = b sopt , f = 800 mhz f 1.3 2.0 db cross modulation input level for k = 1 % @ 0 db agc f w = 50 mhz, f unw = 60 mhz x mod 90 dbv input level for k = 1 % @ 40 db agc f w = 50 mhz, f unw = 60 mhz x mod 100 105 dbv parameter test condition symbol min ty p. max unit 96 12240 96 12239
document number 85096 rev. 1, 21-oct-02 www.vishay.com 4 vishay S505TY/S505TYr/S505TYrw vishay semiconductors 96 12238
vishay S505TY/S505TYr/S505TYrw document number 85096 rev. 1, 21-oct-02 vishay semiconductors www.vishay.com 5 ozone depleting substances policy statement it is the policy of vishay semiconductor gmbh to 1. meet all present and future national and international statutory requirements. 2. regularly and continuously improve the performance of our products, processes, distribution and operatingsystems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. it is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (odss). the montreal protocol (1987) and its london amendments (1990) intend to severely restrict the use of odss and forbid their use within the next ten years. various national and international initiatives are pressing for an earlier ban on these substances. vishay semiconductor gmbh has been able to use its policy of continuous improvements to eliminate the use of odss listed in the following documents. 1. annex a, b and list of transitional substances of the montreal protocol and the london amendments respectively 2. class i and ii ozone depleting substances in the clean air act amendments of 1990 by the environmental protection agency (epa) in the usa 3. council decision 88/540/eec and 91/690/eec annex a, b and c (transitional substances) respectively. vishay semiconductor gmbh can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances. we reserve the right to make changes to improve technical design and may do so without further notice. parameters can vary in different applications. all operating parameters must be validated for each customer application by the customer. should the buyer use vishay semiconductors products for any unintended or unauthorized application, the buyer shall indemnify vishay seminconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. vishay semiconductor gmbh, p.o.b. 3535, d-74025 heilbronn, germany telephone: 49 (0)7131 67 2831, fax number: 49 (0)7131 67 2423
|