Part Number Hot Search : 
D473J M1330 FPF1016 FN3277 40151 1N4448W 2SK10 AT29LV
Product Description
Full Text Search
 

To Download RGP10DHE373 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rgp10a thru rgp10m vishay general semiconductor document number: 88700 revision: 09-apr-08 for technical questions within your r egion, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com www.vishay.com 1 glass passivated junction fast switching rectifier features ? superectifier structur e for high reliability condition ? cavity-free glass-passivated junction ? fast switching for high efficiency ? low leakage current ? high forward surge capability ? meets environmental standard mil-s-19500 ? solder dip 260 c, 40 s ? component in accordance to rohs 2002/95/ec and weee 2002/96/ec typical applications for use in fast switching re ctification of power supply, inverters, converters and freewheeling diodes for consumer, automotive and telecommunication. mechanical data case: do-204al, molded epoxy over glass body epoxy meets ul 94v-0 flammability rating terminals: matte tin plated leads, solderable per j-std-002 and jesd22-b102 e3 suffix for consumer grade, meets jesd 201 class 1a whisker test, he3 suffix for high reliability grade (aec q101 qualified), meets jesd 201 class 2 whisker test polarity: color band denotes cathode end primary characteristics i f(av) 1.0 a v rrm 50 v to 1000 v i fsm 30 a t rr 150 ns, 250 ns, 500 ns i r 5.0 a v f 1.3 v t j max. 175 c patented* do-204al (do-41) ? * glass-plastic encapsulation technique is covered by patent no. 3,996,602, brazed-lead assembly by patent no. 3,930,306 maximum ratings (t a = 25 c unless otherwise noted) parameter symbol rgp10a rgp10b rgp10d rgp10g rgp10j rgp10k rgp10m unit maximum repetitive peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current 0.375" (9.5 mm) lead length at t a = 55 c i f(av) 1.0 a peak forward surge current 8.3 ms single half sine-wave superimposed on rated load i fsm 30 a maximum full load reverse current, full cycle average 0.375" (9.5 mm) lead length t a = 55 c i r(av) 100 a operating junction and storage temperature range t j , t stg - 65 to + 175 c
rgp10a thru rgp10m vishay general semiconductor www.vishay.com for technical questions within your region, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com document number: 88700 revision: 09-apr-08 2 note: (1) thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length, p.c.b. mounted note: (1) automotive grade aec q101 qualified ratings and characteristics curves (t a = 25 c unless otherwise noted) electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol rgp10a rgp 10b rgp10d rgp10g rgp10j rgp10k rgp10m unit maximum instantaneous forward voltage 1.0 a v f 1.3 v maximum dc reverse current at rated dc blocking voltage t a = 25 c t a = 150 c i r 5.0 200 a maximum reverse recovery time i f = 0.5 a, i r = 1.0 a, i rr = 0.25 a t rr 150 250 500 ns typical junction capacitance 4.0 v, 1 mhz c j 15 pf thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol rgp10a rgp10b rg p10d rgp10g rgp10j rgp10k rgp10m unit typical thermal resistance (1) r ja 55 c/w ordering information (example) preferred p/n unit weight (g) preferred package code base quantity delivery mode rgp10j-e3/54 0.336 54 5500 13" diameter paper tape and reel rgp10j-e3/73 0.336 73 3000 ammo pack packaging rgp10jhe3/54 (1) 0.336 54 5500 13" diameter paper tape and reel rgp10jhe3/73 (1) 0.336 73 3000 ammo pack packaging figure 1. forward current derating curve a v erage for w ard rectified c u rrent (a) am b ient temperat u re (c) 25 50 75 100 125 150 175 0 0.25 0.50 0.75 1.00 0.375" (9.5 mm) lead length resisti v e or ind u cti v e load figure 2. maximum non-repetitive peak forward surge current for w ard s u rge c u rrent (a) 10 100 0 10 20 30 nu m b er of cycles at 60 hz t j = t j max. 8 .3 ms single half sine- w a v e 1
rgp10a thru rgp10m vishay general semiconductor document number: 88700 revision: 09-apr-08 for technical questions within your r egion, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com www.vishay.com 3 package outline dimensions in inches (millimeters) figure 3. typical instantaneous forward characteristics figure 4. typical reve rse characteristics instantaneo u s for w ard v oltage ( v ) instantaneo u s for w ard c u rrent (a) 0.4 0.6 0. 8 1.0 1.2 1.4 1.6 0.01 0.1 1 10 t j = 25 c p u lse w idth = 300 s 1 % d u ty cycle percent of rated peak re v erse v oltage (%) 0 20 40 60 8 0 100 0.01 0.1 1 10 100 instantaneo u s re v erse c u rrent ( a) t j = 125 c t j = 25 c t j = 75 c figure 5. typical junction capacitance figure 6. typical transient thermal impedance re v erse v oltage ( v ) j u nction capacitance (pf) 1 1 10 10 100 100 t j = 25 c f = 1.0 mhz v sig = 50 m v p-p 0.01 0.1 1 10 100 0.1 1 10 100 t - p u lse d u ration (s) transient thermal impedance (c/ w ) do-204al (do-41) 1.0 (25.4) mi n . 1.0 (25.4) mi n . 0.205 (5.2) 0.160 (4.1) 0.107 (2.7) 0.0 8 0 (2.0) dia. 0.034 (0. 8 6) 0.02 8 (0.71) dia. note: lead diameter is for s u ffix ?e? part n u m b ers 0.026 (0.66) 0.023 (0.5 8 )
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of RGP10DHE373

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X