Part Number Hot Search : 
DM631 U1000 78M12CDT 3842D S9015 TMP87 00AXC TSOP484
Product Description
Full Text Search
 

To Download PD54003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/18 advance data july, 23 2001 PD54003 PD54003s rf power transistors the ldmost family n-channel enhancement-mode lateral mosfets ? excellent thermal stability ? common source configuration ? p out = 3 w with 12 db gain @ 500 mhz ? new rf plastic package description the PD54003 is a common source n-channel, en- hancement-mode lateral field-effect rf power transistor. it is designed for high gain, broad band commercial and industrial applications. it operates at 7 v in common source mode at frequencies of up to 1 ghz. PD54003 boasts the excellent gain, linearity and reliability of sts latest ldmos tech- nology mounted in the first true smd plastic rf power package, powerso-10rf. PD54003s su- perior linearity performance makes it an ideal so- lution for portable radio. the powerso-10 plastic package, designed to of- fer high reliability, is the first st jedec approved, high power smd package. it has been specially optimized for rf needs and offers excellent rf performances and ease of assembly. powerso-10rf (formed lead) order code PD54003 branding PD54003 powerso-10rf (straight lead) order code PD54003s branding PD54003s absolute maximum ratings (t case = 25 c) symbol parameter value unit v (br)dss drain-source voltage 25 v v gs gate-source voltage 20 v i d drain current 4 a p diss power dissipation (@ tc = 70 c) 52.8 w tj max. operating junction temperature 165 c t stg storage temperature -65 to +150 c thermal data r th(j-c) junction -case thermal resistance 1.8 c/w mounting recommendations are available in www.st.com/rf/ (look for application note an1294)
PD54003 - PD54003s 2/18 electrical specification (t case = 25 c) static (per section) dynamic impedance data symbol test conditions min. typ. max. unit i dss v gs = 0 v v ds = 25 v 1 m a i gss v gs = 20 v v ds = 0 v 1 m a v gs(q) v ds = 10 v i d = 50 ma 2.0 5.0 v v ds(on) v gs = 10 v i d = 1 a 1.3 v g fs v ds = 10 v i d = 3.2 a 1.7 mho c iss v gs = 0 v v ds = 7.5 v f = 1 mhz 59 pf c oss v gs = 0 v v ds = 7.5 v f = 1 mhz 43 pf c rss v gs = 0 v v ds = 7.5 v f = 1 mhz 4.0 pf symbol test conditions min. typ. max. unit p out v dd = 7.5 v i dq = 50 ma f = 500 mhz 3w g ps v dd = 7.5 v i dq = 50 ma p out = 3 w f = 500 mhz 10 12 db h d v dd = 7.5 v i dq = 50 ma p out = 3 w f = 500 mhz 50 55 % load mismatch v dd = 9.5 v i dq = 50 ma p out = 3 w f = 500 mhz all phase angles 20:1 vswr pin connection gate source drain sc15200 typical input impedance typical drain load impedance g d s z dl zin sc13140 PD54003s freq. mhz z in ( w )z dl ( w ) 480 1.400 - j 3.986 2.805 + j 2.724 500 1.209 - j 2.451 3.192 + j 3.147 520 1.534 - j 2.104 2.524 + j 2.369 PD54003 freq. mhz z in ( w )z dl ( w ) 480 2.245 - j 0.077 3.436 + j 1.013 500 1.553 - j 1.251 2.661 + j 0.139 520 1.993 - j 1.098 2.564 + j 0.656
3/18 PD54003 - PD54003s -25 0 25 50 75 100 tc, case temperature (c) 0.92 0.94 0.96 0.98 1 1.02 1.04 1.06 vgs, gate-source voltage (normalized) vds= 10 v i d = 1.5 a i d = 2a i d = 0.5 a i d = 0.25 a i d = 1 a typical performance capacitance vs. drain voltage 0 5 10 15 vdd, drain voltage (v) 1 10 100 1000 c, capacitance (pf) f = 1 m hz ciss coss crss drain current vs. gate voltage 123456 vgs, gate-source voltage (v) 0 1 2 3 4 id, drain current(a) vds = 10 v gate-source voltage vs. case temperature
PD54003 - PD54003s 4/18 typical performance output power vs. input power 0 0.1 0.2 0.3 0.4 pin, input power (w) 0 1 2 3 4 5 pout, output power (w) 480 mhz 500 mhz 520 mhz vdd= 7.5 v idq= 50 ma power gain vs. output power 01234 pout, output power (w) 6 8 10 12 14 16 pg, power gain (db) 480 mhz 500 mhz 520 mhz vdd= 7.5 v idq= 50 ma drain efficiency vs. output power drain voltage vs. bias current 01234 pout, output power (w) 10 20 30 40 50 60 70 80 nd, drain efficiency (%) 480 mhz 500 mhz 520 mhz vdd= 7.5 v idq= 50 ma 01234 pout, output power (w) -40 -30 -20 -10 0 rtl, return loss(db) 480 mhz 500 mhz 520 mhz vdd= 7.5 v idq= 50 ma 0 100 200 300 400 500 600 700 800 idq, bias current (ma) 2.9 3 3.1 3.2 3.3 3.4 3.5 3.6 3.7 3.8 pout, output power (w) 480 mhz 500 mhz 520 mhz pin= 23.3 dbm vdd= 7.5 v 0 100 200 300 400 500 600 700 800 idq, bias current (ma) 10 20 30 40 50 60 70 nd, drain efficiency (%) 480 mhz 500 mhz 520 mhz pin= 23.3 dbm vdd= 7.5 v return loss vs. output power output power vs. bias current PD54003
5/18 PD54003 - PD54003s typical performance output power vs.supply voltage 5678910 vdd, supply voltage (v) 1.5 2 2.5 3 3.5 4 4.5 5 5.5 pout, output power (w) 480 mhz 500 mhz 520 mhz pin= 23.3 dbm idq= 50 ma drain efficiency vs. supply voltage 5678910 vdd, supply voltage (v) 20 30 40 50 60 70 nd, drain efficiency (%) 480 mhz 500 mhz 520 mhz pin= 23.3 dbm idq= 50 ma output power vs. gate-source voltage 01234 vgs, gate-source voltage (v) 0 1 2 3 4 5 pout, output power (w) 480 mhz 500 mhz 520 mhz pin= 23.3 dbm vdd= 7.5 v
PD54003 - PD54003s 6/18 0 0.1 0.2 0.3 0.4 0.5 pin, input power (w) 0 1 2 3 4 5 pout, output power (w) 480 mhz 500 mhz 520 mhz vdd= 7.5 v idq= 50 ma output power vs. input power PD54003s 01234 pout, output power (w) 6 8 10 12 14 16 pg, power gain (db) 480 mhz 500 mhz 520 mhz vdd= 7.5 v idq= 50 ma power gain vs. output power 01234 pout, output power (w) 10 20 30 40 50 60 70 nd, efficiency (%) 480 mhz 500 mhz 520 mhz vdd= 7.5 v idq= 50 ma drain efficiency vs. output power typical performance return loss vs. output power 01234 pout, output power (w) -40 -30 -20 -10 0 rtl, return loss (db) 480 mhz 500 mhz 520 mhz vdd= 7.5 v idq= 50 ma output power vs. bias current 0 100 200 300 400 500 600 700 800 idq, bias current(ma) 2.6 2.7 2.8 2.9 3 3.1 3.2 3.3 3.4 3.5 pout, output power (w) 480 mhz 500 mhz 520 mhz pin= 22 dbm vdd= 7.5 v drain efficiency vs. bias current 0 100 200 300 400 500 600 700 800 idq, bias current (ma) 10 20 30 40 50 60 nd, drain efficiency(%) 480 mhz 500 mhz 520 mhz pin= 22 dbm vdd= 7.5 v
7/18 PD54003 - PD54003s typical performance 5678910 vdd, supply voltage (v) 1 2 3 4 5 6 pout, output power (w) 480 mhz 500 mhz 520 mhz pin= 22 dbm idq= 50 ma output power vs. gate-source voltage output power vs. supply voltage drain efficiency vs. supply volatge 01234 vgs, gate-source voltage (v) 0 1 2 3 4 pout, output power (w) 480 mhz 500 mhz 520 mhz pin= 22 dbm vdd= 7.5 v 5678910 vdd, supply voltage (v) 30 40 50 60 70 nd, drain efficiency (%) 480 mhz 500 mhz 520 mhz pin= 22 dbm idq= 50 ma
PD54003 - PD54003s 8/18 test circuit schematic test circuit component part list component description b1,b2 short ferrite bead, fair rite products (2743021446) c1,c13 240 pf, 100 mil chip capacitor c2,c3,c4,c10,c11,c12 0 to 20 pf trimmer capacitor c5 130 pf, 100 mil chip capacitor c6,c17 120 pf, 100 mil chip capacitor c7,c14 10 m f, 50 v electrolitic capacitor c8,c15 1.200 pf, 100 mil chip capacitor c9,c16 0.1 f, 100 mil chip capacitor l1 55,5 nh, 5 turn, coilcraft n1,n2 type n flange mount r1 15 w , 0805 chip resistor r2 1.0 k w , 1/8 w resistor r3 15 w , 0805 chip resistor r4 33 k w , 1/8 w resistor z1 0.175 x 0.080 microstrip z2 1.049 x 0.080 microstrip z3 0.289 x 0.080 microstrip z4 0.026 x 0.080 microstrip z5 0.192 x 0.223 microstrip z6,z7 0.260 x 0.223 microstrip z8 0.064 x 0.080 microstrip z9 0.334 x 0.080 microstrip z10 0.985 x 0.080 microstrip z11 0.472 x 0.080 microstrip board roger, ultra lam 2000 thk 0.030, e r = 2.55 2oz. ed cu 2 sides.
9/18 PD54003 - PD54003s test circuit test circuit photomaster 6.4 inches 4 inches
PD54003 - PD54003s 10/18 common source s-parameter (PD54003) (v ds = 7.5v i ds = 50ma) freq is 11 iis 21 iis 12 is 12 ef is 22 is 22 ef (mhz) 50 0.729 -127 10.26 94 0.058 5 0.702 -122 100 0.759 -146 4.91 72 0.056 -15 0.706 -141 150 0.807 -154 3.02 59 0.050 -28 0.749 -149 200 0.845 -159 2.06 48 0.044 -38 0.802 -154 250 0.844 -162 1.48 40 0.039 -45 0.839 -185 300 0.901 -165 1.12 33 0.034 -52 0.875 -162 350 0.921 -168 0.86 27 0.030 -57 0.899 -165 400 0.932 -170 0.69 22 0.027 -60 0.915 -168 450 0.944 -172 0.56 18 0.023 -64 0.935 -170 500 0.952 -173 0.47 14 0.019 -66 0.943 -172 550 0.957 -175 0.39 11 0.017 -68 0.951 -173 600 0.962 -176 0.33 8 0.014 -72 0.954 -175 650 0.967 -177 0.29 5 0.012 -70 0.958 -176 700 0.969 -178 0.25 3 0.010 -71 0.958 -178 750 0.970 -180 0.22 1 0.009 -69 0.963 -179 800 0.972 179 0.20 -1 0.008 -71 0.963 179 850 0.972 179 0.18 -2 0.007 -78 0.969 178 900 0.973 178 0.16 -4 0.004 -76 0.972 177 950 0.972 177 0.15 -5 0.002 -46 0.972 176 1000 0.975 176 0.13 -6 0.003 -42 0.973 175 1050 0.975 175 0.12 -7 0.001 14 0.968 174 1100 0.975 174 0.11 -8 0.003 29 0.966 173 1150 0.970 173 0.10 -10 0.003 51 0.967 172 1200 0.973 173 0.10 -10 0.005 65 0.965 171 1250 0.972 172 0.09 -12 0.005 62 0.966 170 1300 0.970 171 0.08 -12 0.007 67 0.963 170 1350 0.970 170 0.08 -12 0.007 67 0.959 169 1400 0.967 170 0.07 -12 0.008 73 0.962 168 1450 0.968 169 0.07 -12 0.010 64 0.953 167 1500 0.965 168 0.06 -15 0.010 76 0.950 166 s 11 ef s 21 ef
11/18 PD54003 - PD54003s common source s-parameter (PD54003) (v ds = 7.5v i ds = 500ma) freq is 11 is 11 ef is 21 is 21 ef is 12 is 12 ef is 22 is 22 ef (mhz) 50 0.779 -162 16.39 88 0.026 4 0.772 -160 100 0.810 -168 7.93 79 0.025 -7 0.768 -168 150 0.836 -171 5.18 73 0.024 -13 0.774 -171 200 0.850 -173 3.81 67 0.023 -16 0.784 -172 250 0.861 -174 2.96 60 0.022 -21 0.795 -173 300 0.871 -175 2.39 55 0.020 -24 0.815 -174 350 0.881 -176 1.97 49 0.018 -27 0.813 -174 400 0.890 -176 1.65 45 0.017 -31 0.845 -175 450 0.901 -177 1.40 40 0.016 -30 0.865 -176 500 0.908 -178 1.20 36 0.015 -34 0.876 176 550 0.915 -179 1.05 32 0.013 -32 0.886 -177 600 0.924 -179 0.92 28 0.012 -34 0.894 -178 650 0.928 180 0.81 25 0.010 -33 0.900 -179 700 0.934 179 0.72 22 0.010 -33 0.906 180 750 0.937 178 0.65 19 0.008 -29 0.912 179 800 0.939 177 0.59 17 0.007 -24 0.920 178 850 0.943 177 0.53 14 0.006 -15 0.928 177 900 0.943 176 0.48 12 0.006 -7 0.932 176 950 0.948 175 0.45 10 0.005 9 0.934 175 1000 0.950 175 0.41 7 0.005 11 0.938 174 1050 0.952 174 0.38 5 0.006 28 0.934 173 1100 0.955 173 0.35 3 0.006 33 0.937 172 1150 0.954 172 0.32 1 0.007 41 0.938 172 1200 0.954 172 0.30 0 0.007 40 0.938 171 1250 0.953 172 0.28 -3 0.008 51 0.940 170 1300 0.952 170 0.26 -4 0.008 53 0.939 169 1350 0.954 170 0.24 -5 0.010 55 0.936 168 1400 0.952 169 0.23 -6 0.011 57 0.943 167 1450 0.952 168 0.22 -7 0.011 59 0.933 167 1500 0.950 168 0.20 -8 0.010 70 0.930 166
PD54003 - PD54003s 12/18 common source s-parameter (PD54003) (v ds = 7.5v i ds = 1a) freq is 11 is 11 ef is 21 is 21 ef is 12 is 12 ef is 22 is 22 ef (mhz) 50 0.802 -166 16.70 88 0.021 0 0.793 -164 100 0.831 -170 8.10 80 0.021 -6 0.790 -171 150 0.855 -173 5.32 75 0.020 -8 0.793 -173 200 0.867 -175 3.94 69 0.019 -13 0.801 -174 250 0.876 -175 3.08 64 0.019 -16 0.807 -175 300 0.883 -177 2.52 59 0.018 -19 0.822 -176 350 0.887 -177 2.09 53 0.017 -22 0.834 -176 400 0.864 -178 1.77 49 0.015 -24 0.844 -177 450 0.903 -178 1.52 44 0.014 -23 0.864 -177 500 0.911 -179 1.32 40 0.013 -26 0.871 -178 550 0.916 -180 1.15 36 0.012 -27 0.880 -179 600 0.922 179 1.01 33 0.010 -25 0.886 -179 650 0.926 179 0.90 30 0.010 -20 0.989 180 700 0.931 178 0.81 27 0.009 -23 0.898 179 750 0.934 177 0.73 24 0.008 -15 0.903 178 800 0.938 177 0.66 21 0.007 -16 0.911 177 850 0.941 176 0.60 18 0.007 2 0.919 176 900 0.944 175 0.55 16 0.007 3 0.923 175 950 0.945 175 0.51 13 0.007 14 0.927 175 1000 0.947 174 0.47 11 0.005 29 0.930 174 1050 0.950 173 0.43 9 0.007 24 0.930 173 1100 0.952 173 0.40 6 0.007 41 0.929 172 1150 0.947 172 0.37 4 0.007 35 0.932 171 1200 0.949 171 0.35 2 0.009 47 0.931 171 1250 0.951 171 0.32 0 0.009 52 0.934 170 1300 0.951 170 0.30 -1 0.009 42 0.931 169 1350 0.948 169 0.28 -2 0.011 51 0.931 168 1400 0.948 169 0.26 -4 0.011 53 0.935 167 1450 0.948 168 0.25 -5 0.011 55 0.927 167 1500 0.945 167 0.23 -6 0.012 64 0.927 165
13/18 PD54003 - PD54003s common source s-parameter (PD54003s) (v ds = 7.5v i ds = 50ma) freq is 11 iis 21 iis 12 is 12 ef is 22 is 22 ef (mhz) 50 0.749 -133 9.42 93 0.063 4 0.702 -130 100 0.760 -151 4.51 74 0.060 -15 0.706 -147 150 0.799 -157 2.81 62 0.055 -26 0.747 -153 200 0.837 -160 1.93 52 0.051 -36 0.790 -157 250 0.869 -163 1.41 43 0.046 -43 0.835 -160 300 0.893 -165 1.08 37 0.041 -49 0.861 -162 350 0.913 -167 0.84 31 0.037 -53 0.885 -165 400 0.932 -169 0.68 26 0.033 -58 0.905 -167 450 0.941 -170 0.55 21 0.029 -61 0.918 -169 500 0.949 -172 0.46 18 0.026 -66 0.931 -170 550 0.961 -173 0.39 14 0.024 -68 0.943 -172 600 0.965 -174 0.33 11 0.021 -69 0.947 -173 650 0.969 -176 0.29 9 0.019 -74 0.954 -174 700 0.970 -177 0.25 6 0.017 -73 0.960 -175 750 0.974 -177 0.22 4 0.016 -73 0.962 -177 800 0.977 -178 0.20 2 0.014 -77 0.965 -177 850 0.979 -179 0.18 1 0.012 -79 0.965 -178 900 0.977 -180 0.16 -1 0.011 -82 0.968 -179 950 0.978 180 0.15 -3 0.010 -80 0.971 -180 1000 0.982 179 0.13 -4 0.009 -82 0.973 179 1050 0.983 178 0.12 -6 0.007 -88 0.974 178 1100 0.982 177 0.13 -7 0.005 -88 0.969 178 1150 0.982 177 0.10 -8 0.005 -83 0.975 177 1200 0.982 176 0.10 -9 0.004 -87 0.975 176 1250 0.984 176 0.09 -11 0.000 -90 0.972 176 1300 0.980 175 0.08 -11 0.020 -81 0.970 175 1350 0.978 175 0.08 -12 0.001 -111 0.974 175 1400 0.977 174 0.07 -12 0.001 -61 0.970 174 1450 0.979 174 0.07 -11 0.001 19 0.971 173 1500 0.976 173 0.06 -13 0.002 138 0.970 173 s 11 ef s 21 ef
PD54003 - PD54003s 14/18 common source s-parameter (PD54003s) (v ds = 7.5v i ds = 500ma) freq is 11 is 11 ef is 21 is 21 ef is 12 is 12 ef is 22 is 22 ef (mhz) 50 0.805 -165 13.88 88 0.025 1 0.806 -164 100 0.838 -170 6.74 81 0.003 -6 0.80372 -171 150 0.863 -172 4.43 76 0.024 -10 0.840 -173 200 0.873 -174 3.27 71 0.024 -15 0.814 -174 250 0.880 -175 2.57 65 0.023 -18 0.827 -175 300 0.884 -176 2.10 60 0.022 -22 0.83481 -175 350 0.891 -176 1.75 56 0.022 -27 0.845 -175 400 0.901 -177 1.49 51 0.020 -28 0.857 -176 450 0.906 -177 1.27 47 0.018 -33 0.863 -176 500 0.914 -178 1.10 43 0.017 -35 0.877 -177 550 0.923 -178 0.97 39 0.017 -37 0.881 -177 600 0.927 -179 0.85 36 0.015 -36 0.892 -177 650 0.931 -179 0.76 33 0.014 -39 0.902 -178 700 0.934 -180 0.68 30 0.013 -38 0.908 -78 750 0.941 180 0.62 27 0.012 -40 0.914 -179 800 0.944 179 0.56 25 0.012 -47 0.918 -180 850 0.948 179 0.51 22 0.010 -47 0.920 180 900 0.949 178 0.46 19 0.009 -42 0.927 179 950 0.951 178 0.43 17 0.008 -46 0.933 178 1000 0.954 177 0.40 15 0.006 -42 0.936 178 1050 0.955 177 0.37 13 0.007 -36 0.937 177 1100 0.959 176 0.34 10 0.006 -38 0.939 177 1150 0.960 176 0.32 9 0.004 -42 0.942 176 1200 0.961 175 0.30 7 0.004 -23 0.943 176 1250 0.965 175 0.28 5 0.004 0 0.942 175 1300 0.960 174 0.26 4 0.0036 2 0.941 175 1350 0.961 174 0.24 2 0.004 20 0.941 174 1400 0.959 173 0.23 1 0.004 30 0.941 173 1450 0.960 173 0.24 1 0.004 40 0.949 173 1500 0.959 172 0.20 0 0.003 50 0.948 172
15/18 PD54003 - PD54003s common source s-parameter (PD54003s) (v ds = 7.5v i ds = 1a) freq is 11 is 11 ef is 21 is 21 ef is 12 is 12 ef is 22 is 22 ef (mhz) 50 0.879 -164 14.04 88 0.021 0 0.828 -168 100 0.879 -172 6.82 82 0.020 -5 0.826 -174 150 0.885 -174 4.50 78 0.020 -9 0.832 -175 200 0.887 -175 3.34 73 0.020 -11 0.831 -176 250 0.890 -176 2.65 68 0.019 -16 0.844 -177 300 0.894 -177 2.18 64 0.019 -18 0.847 -176 350 0.898 -177 1.82 60 0.018 -21 0.857 -177 400 0.907 -178 1.57 55 0.017 -21 0.864 -177 450 0.910 -178 1.35 51 0.016 -25 0.866 -177 500 0.914 -179 1.18 47 0.015 -29 0.877 -178 550 0.922 -179 1.04 44 0.014 -30 0.887 -178 600 0.926 -180 0.93 41 0.014 -30 0.888 -179 650 0.930 180 0.84 38 0.130 -33 0.897 -179 700 0.934 179 0.75 35 0.012 -33 0.905 -180 750 0.938 179 0.68 32 0.011 -34 0.907 180 800 0.940 178 0.62 30 0.010 -33 0.914 179 850 0.946 178 0.57 27 0.010 -30 0.913 179 900 0.944 177 0.52 24 0.009 -27 0.921 178 950 0.946 177 0.48 22 0.008 -28 0.928 177 1000 0.95 176 0.45 19 0.008 -31 0.930 177 1050 0.949 176 0.42 17 0.006 -26 0.933 177 1100 0.953 176 0.39 15 0.006 -19 0.933 176 1150 0.954 175 0.36 13 0.005 -16 0.937 176 1200 0.956 175 0.34 11 0.005 -15 0.938 175 1250 0.957 174 0.32 9 0.004 3 0.934 175 1300 0.955 174 0.30 7 0.003 2 0.934 174 1350 0.955 173 0.28 6 0.005 25 0.937 174 1400 0.955 173 0.26 5 0.005 33 0.935 173 1450 0.957 172 0.25 4 0.005 31 0.943 172 1500 0.954 172 0.23 3 0.004 42 0.943 172
PD54003 - PD54003s 16/18 powerso-10rf formed lead (gull wing) mechanical data mm inch min. typ. max min. typ. max a1 0 0.05 0.1 0. 0.0019 0.0038 a2 3.4 3.5 3.6 0.134 0.137 0.142 a3 1.2 1.3 1.4 0.046 0.05 0.054 a4 0.15 0.2 0.25 0.005 0.007 0.009 a 0.2 0.007 b 5.4 5.53 5.65 0.212 0.217 0.221 c 0.23 0.27 0.32 0.008 0.01 0.012 d 9.4 9.5 9.6 0.370 0.374 0.377 d1 7.4 7.5 7.6 0.290 0.295 0.298 e 13.85 14.1 14.35 0.544 0.555 0.565 e1 9.3 9.4 9.5 0.365 0.37 0.375 e2 7.3 7.4 7.5 0.286 0.292 0.294 e3 5.9 6.1 6.3 0.231 0.24 0.247 f 0.5 0.019 g 1.2 0.047 l 0.8 1 1.1 0.030 0.039 0.042 r1 0.25 0.01 r2 0.8 0.031 t 2 deg 5 deg 8 deg 2 deg 5 deg 8 deg t1 6 deg 6 deg t2 10 deg 10 deg dim. note (1): resin protrusions not included (max value: 0.15 mm per side) critical dimensions: - stand-off (a1) - overall width (l)
17/18 PD54003 - PD54003s powerso-10rf straight lead mechanical data critical dimensions: - overall width (l) note (1): resin protrusions not included (max value: 0.15 mm per side) mm inch min. typ. max min. typ. max a1 1.62 1.67 1.72 0.064 0.065 0.068 a2 3.4 3.5 3.6 0.134 0.137 0.142 a3 1.2 1.3 1.4 0.046 0.05 0.054 a4 0.15 0.2 0.25 0.005 0.007 0.009 a 0.2 0.007 b 5.4 5.53 5.65 0.212 0.217 0.221 c 0.23 0.27 0.32 0.008 0.01 0.012 d 9.4 9.5 9.6 0.370 0.374 0.377 d1 7.4 7.5 7.6 0.290 0.295 0.298 e 15.15 15.4 15.65 0.595 0.606 0.615 e1 9.3 9.4 9.5 0.365 0.37 0.375 e2 7.3 7.4 7.5 0.286 0.292 0.294 e3 5.9 6.1 6.3 0.231 0.24 0.247 f 0.5 0.019 g 1.2 0.047 r1 0.25 0.01 r2 0.8 0.031 t1 6 deg 6 deg t2 10 deg 10 deg dim.
PD54003 - PD54003s 18/18 information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the co nsequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specifications mentioned in this publicati on are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics prod ucts are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectro nics. the st logo is registered trademark of stmicroelectronics a 2001 stmicroelectronics - all rights reserved all other names are the property of their respective owners. stmicroelectronics group of companies australia - brazil - china - finland - france - germany - hong kong - india - italy - japan - malaysia - malta - morocco - singapore - spain - sweden - switzerland - united kingdom - u.s.a. http://www.st.com


▲Up To Search▲   

 
Price & Availability of PD54003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X