Part Number Hot Search : 
TDA725 23A01 EFD17EF 1N5545 8HC908AZ C847B IRF7453 C100ELT
Product Description
Full Text Search
 

To Download PD54003-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/4 target data february, 21 2002 PD54003-01 rf power transistors the ldmost plastic family n-channel enhancement-mode lateral mosfets ? excellent thermal stability ? common source configuration ? p out = 3 w with 12 db gain @ 500 mhz ? new leadless plastic package description the PD54003-01 is a common source n-channel, enhancement-mode lateral field-effect rf power transistor. it is designed for high gain, broad band commercial and industrial applications. it operates at 7 v in common source mode at frequencies of up to 1 ghz. PD54003-01 boasts the excellent gain, linearity and reliability of sts latest ldmos technology mounted in the innovative leadless smd plastic package, powerflat?. PD54003-01s superior linearity performance makes it an ideal solution for portable radio. absolute maximum ratings (t case = 25 c) symbol parameter value unit v (br)dss drain-source voltage 25 v v gs gate-source voltage 20 v i d drain current 4 a p diss power dissipation (@ tc = 70 c) tbd w tj max. operating junction temperature 150 c t stg storage temperature -65 to +150 c thermal data r th(j-c) junction -case thermal resistance tbd c/w order code PD54003-01 branding PD54003-01 powerflat ? (5x5)
PD54003-01 2/4 electrical specification (t case = 25 c) static (per section) dynamic impedance data symbol test conditions min. typ. max. unit i dss v gs = 0 v v ds = 25 v 1 m a i gss v gs = 20 v v ds = 0 v 1 m a v gs(q) v ds = 10 v i d = 50 ma 2.0 5.0 v v ds(on) v gs = 10 v i d = 1 a 1.3 v g fs v ds = 10 v i d = 3.2 a 1.7 mho c iss v gs = 0 v v ds = 7.5 v f = 1 mhz 59 pf c oss v gs = 0 v v ds = 7.5 v f = 1 mhz 43 pf c rss v gs = 0 v v ds = 7.5 v f = 1 mhz 4.0 pf symbol test conditions min. typ. max. unit p out v dd = 7.5 v i dq = 50 ma f = 500 mhz 3w g ps v dd = 7.5 v i dq = 50 ma p out = 3 w f = 500 mhz 10 12 db h d v dd = 7.5 v i dq = 50 ma p out = 3 w f = 500 mhz 50 55 % load mismatch v dd = 9.5 v i dq = 50 ma p out = 3 w f = 500 mhz all phase angles 20:1 vswr typical input impedance typical drain load impedance g d s z dl zin sc13140 pin connection top view freq. mhz z in ( w )z dl ( w ) 480 tbd tbd 500 tbd tbd 520 tbd tbd
3/4 PD54003-01 mm inch min. typ. max min. typ. max a 0.90 1.00 0.035 0.039 a1 0.02 0.05 0.001 0.002 a3 0.24 0.009 b 0.43 0.51 0.58 0.017 0.020 0.023 c 0.64 0.71 0.79 0.025 0.028 0.031 d 5.00 0.197 e 5.00 0.197 e2 2.49 2.57 2.64 0.098 0.101 0.104 e 1.27 0.050 dim. powerflat ? mechanical data ref. 7359038a
PD54003-01 4/4 information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the co nsequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specifications mentioned in this publicati on are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics prod ucts are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectro nics. the st logo is registered trademark of stmicroelectronics a 2002 stmicroelectronics - all rights reserved all other names are the property of their respective owners. stmicroelectronics group of companies australia - brazil - canada - china - finland - france - germany - hong kong - india - israel - italy - japan - malaysia - malta - morocco - singapore - spain - sweden - switzerland - united kingdom - u.s.a. http://www.st.com


▲Up To Search▲   

 
Price & Availability of PD54003-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X