Part Number Hot Search : 
WL2805N D2010 AD1870 HWS415 55100 1078068 BFXXXX C517A99
Product Description
Full Text Search
 

To Download N010-0554-T511 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  standard resistive touch panel specifcation 554 4-wire series rohs compliant n features ? superior quality standard 4 wire resistive analog touch panel ? excellent specifcation and high quality - anti newton ring technology - high reliability materials ? pen/fnger type ? transparency - 80% typical ? rohs compliant input panel panel drive change over switch noise filter mcu control section a/d con - verter interface n part numbers touch panels: n part numbers controller boards: n part numbers interface controller chips: n 2 n b r e b m u n t r a p e p y t 0 7 2 b - 8 5 5 0 - b 6 1 3 2 s r , e r i w - 4 0 3 7 b - 8 5 5 0 - b 6 1 s u , e r i w - 4 n 2 n b r e b m u n t r a p e p y t 6 3 0 v - 9 5 5 0 - 0 1 0 3 2 s r , e r i w - 4 18 0 0 - 0 2 1 1 4 c s u , e r i w - 4 part number size type part number size type n010-0554-t902 15.0 pen/finger n010-0554-t043 6.4 pen/finger (80% ag) n010-0554-t805 12.1 pen/finger n010-0554-t009 5.7 pen/finger n010-0554-t347 10.4 pen/finger n010-0554-t241 4.3 pen finger (86%, as, dpet) n010-0519-t742 8.4 pen/finger n010-0556-t408 3.9 pen/finger n010-0554-t504 8.4 pen/finger n010-0554-t703 3.8 pen/finger N010-0554-T511 8.4 pen/finger n010-0516-t407 3.7 pen/finger n010-0554-t048 6.4 pen/finger (86% clear)
2 554 series n 1.0 application this specifcation applies to the standard fid-554 seriestouch panel (pen/finger type). n 2.0 additional applications complete specifcation document is available upon request for customers with whom we have an approved nda in place. n 3.0 description and block diagram this panel in combination with a control ic chip is used to transfer the co-ordinates of the touched position to the host system (see block diagram above). n 4.0 drawing ( please see the diagram above.) defnitions of the major dimensions indicated on this diagram: effective input area (a) area guaranteed to meet all the characteristics detailed in this specifcation anti-input area (c) an insulating area allowed to protect the touch panel from giving false readings when an enclosure touches the panel. (see fxing instructions) n 5.0 characteristics n 5.1 mechanical operating force 0.05~0.49 n (5 ~ 50gf) measured with a silicon measurement rod r 8 (round type 8mm) silicon rubber hardness 60?c hardness of surface pencil hardness 3h minimum against specifcation jis k-5400 n 5.2 optical transparency 78% min. measured in the effective input area to jis k 7105 using a murakami shikisai kenkyusho type iir 100 meter. haze 5% type measured in the effective input area using a murakami shikisai kenkyusho type iir 100 meter with an anti glare treated n detailed specification unit: mm 87.70 112.10 8.00 6.70 5.40 6.00 4.70 left 15.00 #1 #4 212.20: guaranteed active area 213.20 214.80: boundary line of the top enclosure 216.20: transparent area 5.50 anti-input area 159.40: guaranteed active area 160.40 162.00: boundary line of top enclosure 164.60: transparent area 4.00 5.40 6.70 175.40 7.50 228.20 (8.00) (8.70) 9.50 anti-input area 7.50 anti- input area 8.00 (10.00) 4.00 26.50 10.20 right top bottom 5.000.5 75.001.0 87.700.1 n dimension example (10.4 shown) force silicon rubber rod b c a
3 554 series n 5.3 electrical rated voltage: dc 7v max. resistance x axis: 300 to 850 ? (at the connector) resistance y axis: 100 to 600 ? (at the connector) switch bounce (chattering): 20ms min when using the silicon rubber measurement rod insulation resistance: 10m? minimum at 25kv dc dielectric strength: no problems when at 25kv dc for 1 minute linearity: 2% max. note 1: measurement condition of linearity is corrected within the control ic. in general the location accuracy is specifed as follows: actual co-ordinate point - theoretical co-ordinate point = location accuracy. in general a 9 point co-ordinate calibration system is used to adjust the micro controller accuracy. (20 point can be used in combination with an eeprom design). n 5.4 environmental operating temperature (*): -5?c to 60?c storage temperature: -20?c to 70?c operating humidity: 20% to 85% rh with a maximum wet bulb temperature of 38?c storage humidity: 10% to 90% rh with a maximum wet bulb temperature of 38?c chemical resistance: coating with the following chemicals and storing at room temperature for 2 hours gives no problems. 10% nacl-water solution, ethyl-acetate, ethyl- alcohol, toluene, methyl-ethyl-ketone low air pressure: no issues down to 0.5 x normal air pressure n 5.5 pen life note taking life: 100,000 words minimum input life : 1,000,000 times minimum note 1: words are written in the notes area and the size of the word is 7.5mm x 6.75mm. a word is any alphabet / number / mark. the pen is as shown below and applies a force of 250g. a failure is judged to happen when the current consumption or insulation resistance or dielectric strength are not met as shown in 5.3. the location accuracy with 9 point calibration must be 4.4 mm max. 10mm 9 mm notes effective input area 3.5 ?6.0 ?2.0 9.0 1.0 11 0.01.0 3.0 1.5 ? 4.6 ?2.0 r 0.8 distance co-ordinate point theoretical actual error
4 554 series n 5.6 finger life a fnger is simulated by a silicon rubber plunger r8 (round type 8mm size) hardness 60?c at 200g at frequency 5hz. a failure is judged to happen when the current consumption or insulation resistance or dielectric strength are not met as shown in 5.3. the location accuracy with 9 point calibration must be 4.4 mm max. operating force is 150g max. n 5.7 information on the panel production year 99 00 etc. 9 0 1 the left side number shows production year, eg 1999 0 1 2 the left side number shows production year, eg 2000 [ . . . . . . . . . . . ] the frst dot after the space shows production month, eg may [ . . . . . . . . . . . ] the frst dot after the space shows production month, eg june n 6 packaging n 6.1 packing specification vibration: 10~55 hz at 1 octave per minute 10g 20 cycles with one side 0.75mm drop test: 60cm drop 1 corner, 3 crease lines and 6 faces. 1 each 1 time after the test no glass: faw or crack is seen, and no dent or scratch on the flm. also glass and flm must not separate. n 6.1 packing details each touch panel is placed into a plastic bag and is held in place by a slit cut into the side of the card - board. a second insertion piece is placed into the carton to again add stability. the qty is written on the side of the box. for example the n010-0554- t001 has 80 pieces per box. insert touch panel with bag slit in cardboard 550 type panel illustrated (554 type packed a similar way)
5 554 series n 7.0 reject criteria n o i t p i r c s e d a i r e t i r c t c e j e r t n e d m l i f m m 1 . 0 a e r a 2 m m 5 0 . 0 a e r a 2 m m 1 . 0 < a e r a & 2 m m 5 0 . 0 < a e r a 2 o r e z e b o t : s t n i o p 5 . x a m e b o t : d e i f i c e p s e n o n : n g i e r o f l a i r e t a m n e e w t e b m l i f d n a s s a l g e p y t t o d m m 1 . 0 > a e r a 2 m m 5 0 . 0 a e r a 2 m m 1 . 0 < a e r a & 2 m m 5 0 . 0 < a e r a 2 o r e z e b o t : s t n i o p 5 . x a m e b o t : d e i f i c e p s e n o n : e p y t e n i l m m 1 . 0 a > e r a m m 0 1 < h t g n e l d n a m m 1 . 0 < h t d i w & m m 3 0 . 0 a e r a m m 5 0 . 0 < a e r a o r e z e b o t : t n i o p 1 . x a m e b o t : d e i f i c e p s e n o n : h c t a r c s m m 1 . 0 a e r a m m 0 8 < h t g n e l h t i w m m 1 . 0 < h t d i w & m m 3 0 . 0 a e r a m m 0 3 < h t g n e l h t i w m m 1 . 0 < h t d i w & m m 3 0 . 0 < a e r a o r e z e b o t : t n i o p 1 . x a m e b o t : d e i f i c e p s e n o n : t a o c d r a h r o r u l b t o d g n i s s i m m m 5 . 0 a e r a 2 m m 3 0 . 0 a e r a 2 m m 5 . 0 < a e r a & 2 m m 5 0 . 0 < a e r a 2 o r e z e b o t : s t n i o p 5 . x a m e b o t : d e i f i c e p s e n o n : g n i r n o t w e n 3 ( p m a l t n e c s e r o u l f a r e d n u e d i s m l i f l e n a p m o r f n e e s e b t o n t s u m e s e h t . e d i s s s a l g m r o f d e i f i r e v e b o t t o n . ) p m a l e p y t h t g n e l e v a w w a l f s s a l g e h t . m a r g a i d g n i w o l l o f e h t n i n w o h s t a h t n a h t r e g g i b s i h c i h w w a l f o n e b o t . d e i f i c e p s t o n s i s w a l f f o r e b m u n n 8.0 general points of caution touch panels are made of glass, so care must be taken in handling them. do not stress, pile, bend, lift by the cable or put any stress on the flm, for example moving by flm face vacuum. in order to clean wring dry a cloth which has been emersed in a natural detergent. do not use any organic solvent, acid or alkali solu - tion. watch the edge of the panel when cleaning, again for safety reasons. 2m m 2m m 5m m 3m m
6 554 series n 9.0 connection and mounting the details below indicate the recommended mounting structure for panel and enclosure. the enclosure sup - port to fx the touch panel must be over 1.0mm i width and must be outside the view (t ransparent area). also ensure that the enclosure does not cause miss input by touching the view area. the following diagram shows that the enclosure edge must be between the view area and the guaranteed ac - tive area. ensure space is allocated for the diodes, and we recommend that the material to fx the panel and enclosure is elastic. special design would be required to stop water ingress. the corners of the touch panel are conductive so do not touch any metal parts after mounting. location detect 1. bottom 2. left 3. top 4. right top view (picture, with conductive side down) (drawing) with conductive connector and glass side down. see page 1 for detail of connector exit side which is left. (mating connector type fci or equivalent sfw4r-1stae1-lf: for fpc) 0.8 mm min. connector lcd 1.0 to 3.0 m m circuit board tr ansparent area anti-input area shock absorber to protect the panel (eg rubber) upper case input area shock absorber for protection vi ew area input panel wiring area 1 . 0 x 3 = 3 . 0 0 . 1 0 . 7 0 . 1 5 . 0 0 . 1 5.1 # 1 # 4 stiffener board 10.2
7 554 series n 10.0 panel thickness (typical) thickness of glass 1.1m m stiffener board conductive face 0 . 3 0 0 . 0 5 1 . 4 0 0 . 2 japan fujitsu component limited gotanda-chuo building 3-5, higashigotanda 2-chome, shinagawa-ku tokyo 141 8630, japan tel: (81-3) 5449-7010 fax: (81-3) 5449-2626 email: promothq@fcl.fujitsu.com web: www.fcl.fujitsu.com north and south america fujitsu components america, inc. 250 e. caribbean drive sunnyvale, ca 94089 u.s.a. tel: (1-408) 745-4900 fax: (1-408) 745-4970 email: components@us.fujitsu.com web: http://us.fujitsu.com/components/ europe fujitsu components europe b.v. diamantlaan 25 2132 wv hoofddorp netherlands tel: (31-23) 5560910 fax: (31-23) 5560950 email: info@fceu.fujitsu.com web: emea.fujitsu.com/components/ asia pacifc fujitsu components asia ltd. 102e pasir panjang road #01-01 citilink warehouse complex singapore 118529 tel: (65) 6375-8560 fax: (65) 6273-3021 email: fcal@fcal.fujitsu.com web: http://www.fujitsu.com/sg/services/micro/components/ fujitsu components international headquarter offces ?2007 fujitsu components america, inc. all rights reserved. all trademarks or registered trademarks are the property of their respective owners. fujitsu components america or its affliates do not warrant that the content of datasheet is error free. in a continuing effort to improve our products fujitsu components america, inc. or its affliates reserve the right to change specifcations/datasheets without prior notice. rev. march 16, 2007.


▲Up To Search▲   

 
Price & Availability of N010-0554-T511

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X