Part Number Hot Search : 
SI2124 ERF6B1 SS805 BZX85C75 3PB2540 XRT72L50 311649 P1504
Product Description
Full Text Search
 

To Download MBRD835L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  note: pins 1 & 3 must be electrically connected at the printed circuit board. ds30284 rev. b-2 1 of 2 MBRD835L www.diodes.com  diodes incorporated MBRD835L 8a low vf schottky barrier rectifier features single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%.  case: dpak molded plastic  terminals: solderable per mil-std-202, method 208  polarity: see diagram  marking: type number  weight: 0.4 grams (approx.) mechanical data b c d e g h j k l m a p 123 4 pin 1 pin 3 pin 4, bottomside heat s ink characteristic symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 35 v rms reverse voltage v r(rms) 25 v average rectified forward current @ t c = 88  c i f(av) 8a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 75 a typical thermal resistance junction to case (note 2) r  jc 6.0  c/w typical thermal resistance junction to ambient (note 2) r  ja 80  c/w operating temperature range t j -65 to +125  c storage temperature range t stg -65 to +150 c  guard ring die construction for transient protection  low power loss, high efficiency  high surge capability  very low forward voltage drop  for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications  plastic material: ul flammability classification rating 94v-0 t c u d o r p w e n maximum ratings @ t a = 25  c unless otherwise specified electrical characteristics @ t a = 25  c unless otherwise specified characteristic symbol min typ max unit test condition reverse breakdown voltage (note 1) v (br)r 35  v i r = 1ma forward voltage (note 1) v fm   0.48  0.51 0.41 v i f = 8a, t s = 25  c i f = 8a, t s = 125  c peak reverse current (note 1) i rm   0.1  1.4 35 ma t s = 25  c, v r = 35v t s = 100  c, v r = 35v junction capacitance c j  600  pf f = 1.0mhz, v r = 4.0v dc notes: 1. short duration test pulse used to minimize self-heating effect. 2. mounted on pc board with 14mm 2 (.013mm thick) copper pad areas. dpak dim min max a 6.3 6.7 b  10 c 0.3 0.8 d 2.3 nominal e 2.1 2.5 g 0.4 0.6 h 1.2 1.6 j 5.3 5.7 k 0.5 nominal l 1.3 1.8 m 1.0  p 5.1 5.5 all dimensions in mm
ds30284 rev. b-2 2 of 2 MBRD835L www.diodes.com 0 5 10 15 20 25 30 40 35 i , instantane o us reverse current ( m a) r v , instantaneous reverse voltage (v) r fig. 3 typical reverse characteristics t = +25oc a t=+125oc a t = +100oc a t = +75oc a 10 1 0.1 0.01 0.001 100 0 100 200 300 400 600 500 i , instantane o us f o rward current (a) f v , instantaneous forward voltage (mv) f fig. 2 typical forward characteristics 10 1 0.1 0.01 0.001 0.0001 100 t=+25 c a t = +125 c a t = +100 c a 0 2.5 5.0 10.0 7.5 12.5 15.0 17.5 60 70 80 90 100 110 120 130 i , average f o rward current (a) f(av) t , case temperature (c) c fig. 1 current derating, infinite heatsink t = 125c j i pk i av 100 1000 10,000 0 15 10 25 30 35 20 40 c , juncti o n capacitance (pf) j v , reverse voltage (v) r fig. 4 typical junction capacitance vs. reverse voltage 5 f=1mhz t c u d o r p w e n 0 1 1.5 0.5 2 2.5 3 3.5 5 4 4.5 0 20 10 40 30 50 60 70 80 100 90 110 120 130 i , average f o rward current (a) f(av) t , ambient temperature (c) a fig. 5 current derating, free air t = 125c j surface mounted on minimum recommended pad size dc 0 1 2 3 5 4 6 7 8 0 1.5 4.5 3 6 7.5 9 10.5 12 13.5 15 p , average forward power dissipation (w) f(av) i , average forward current (a) f(av) fi g . 6 forward power dissipation t = 125c j dc


▲Up To Search▲   

 
Price & Availability of MBRD835L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X