Part Number Hot Search : 
BR1020 S886TR LM2901DH MS320 25P10 IRL2910S 3NPO1 MS320
Product Description
Full Text Search
 

To Download LSD1005-6D-XX-PF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  doc. no : qw0905- rev. : a date : - 2007 05 - apr. lsd1005/6d-xx-pf data sheet lsd1005/6d-xx-pf single digit led display (1.0 inch) ligitek electronics co.,ltd. property of ligitek only pb lead-free parts
part no. package dimensions note : 1.all dimension are in millimeters and (lnch) tolerance is 0.25mm unless otherwise noted. 2.specifications are subject to change without notice. 30.5 (1.201") 34.1 (1.343") 25.4 (1.0") 2.54x4= 10.16(0.4") pin no.1 2.4(0.094") 4.8 0.5 lsd1005/6d-xx-pf ligitek ? 0.51 typ 24.0(0.945") lsd1005/6d-xx-pf 10.5(0.413") page1/8 ligitek electronics co.,ltd. property of ligitek only
2 6 741 95 10 d lsd1006d-xx-pf 3,8 b ac 6 72 4 dp g f e 9 15 10 d lsd1005d-xx-pf 3,8 a c b internal circuit diagram lsd1005/6d-xx-pf part no. dp f e g page2/8 ligitek electronics co.,ltd. property of ligitek only
anode f 9 anode g 10 anode b anode a common cathode 7 8 6 cathode b cathode a common anode cathode f cathode g 9 10 7 8 6 page ligitek electronics co.,ltd. property of ligitek only lsd1005d-xx-pf anode d common cathode anode c anode dp 4 5 2 3 anode e pin no. 1 part no. electrical connection lsd1005/6d-xx-pf cathode d cathode e cathode dp cathode c common anode 4 5 2 3 pin no. 1 lsd1006d-xx-pf 3/8
lsd1006d-xx-pf lsd1005d-xx-pf note : 1.the forward voltage data did not including 0.1v testing tolerance. 2. the luminous intensity data did not including 15% testing tolerance. part no min. 3.0 common anode common cathode or anode common cathode red algainp emitted material chip 63020 d ( nm) (nm) typ. 50.0 4.8 3.631.0 max. electrical typ. vf(v) min. iv(mcd) 2:1 iv-m static electricity or power surge will damage the led. use of a conductive wrist band or anti-electrosatic glove is recommended when handing these led. all devices, equipment and machinery must be properly grounded. parameter absolute maximum ratings at ta=25 electrostatic discharge( * ) reverse current per any chip storage temperature operating temperature power dissipation per chip forward current per chip peak forward current per chip (duty 1/10,0.1ms pulse width) part selection and application information(ratings at 25) * ma i f 25 10 75 65 -25 ~ +85 -25 ~ +85 2000 t opr tstg ir i fp pd esd a ma mw v 8srf ratings ligitek electronics co.,ltd. property of ligitek only symbol unit page 4/8 lsd1005/6d-xx-pf part no.
5/8 page ligitek electronics co.,ltd. property of ligitek only if=20ma test condition if=20ma if=20ma if=10ma volt vf unit nm a nm d iv mcd reverse current any chip spectral line half-width forward voltage per chip dominant wavelength luminous intensity per chip parameter test condition for each parameter symbol luminous intensity matching ratio iv-m irvr=5v part no.lsd1005/6d-xx-pf
ambient temperature( ) fig.3 forward voltage vs. temperature f o r w a r d v o l t a g e @ 2 0 m a n o r m a l i z e @ 2 5 -40 0.8 -2020 04060 0.9 1.0 1.2 1.1 fig.4 relative intensity vs. temperature ambient temperature( ) r e l a t i v e i n t e n s i t y @ 2 0 m a n o r m a l i z e @ 2 5 0.0 80100-40-20 020 3.0 2.5 2.0 1.0 1.5 0.5 100 60 4080 typical electro-optical characteristics curve fig.1 forward current vs. forward voltage srf chip f o r w a r d c u r r e n t ( m a ) forward voltage(v) 0.1 1.02.0 1.0 10 3.04.0 100 1000 forward current(ma) fig.2 relative intensity vs. forward current r e l a t i v e i n t e n s i t y n o r m a l i z e @ 2 0 m a 1.5 1.0 0.5 0.0 5.01.010 3.0 2.5 2.0 1001000 ligitek electronics co.,ltd. property of ligitek only fig.5 relative intensity vs. wavelength r e l a t i v e i n t e n s i t y @ 2 0 m a wavelength (nm) 600 550 0.0 0.5 650 1.0 700 6/8 page part no.lsd1005/6d-xx-pf
note:1.wave solder should not be made more than one time. 2.you can just only select one of the soldering conditions as above. 2 /sec max 60 seconds max 0 25 0 preheat 50 temp( c) 120 260 100 time(sec) 150 5 /sec max 260 c3sec max page 7/8 dip soldering preheat: 120 c max preheat time: 60seconds max ramp-up 2 c/sec(max) ramp-down:-5 c/sec(max) solder bath:260 c max dipping time:3 seconds max distance:solder temperature 1/16 inch below seating plane for 3 seconds at 260 c 2.wave soldering profile soldering condition(pb-free) 1.iron: soldering iron:30w max temperature 350 c max soldering time:3 seconds max(one time only) distance:solder temperature 1/16 inch below seating plane for 3 seconds at 260 c ligitek electronics co.,ltd. property of ligitek only part no.lsd1005/6d-xx-pf
8/8 mil-std-202: 208d mil-std-750: 2026 mil-std-883: 2003 jis c 7021: a-2 mil-std-883:1008 jis c 7021: b-10 the purpose of this is the resistance of the device which is laid under condition of high temperature for hours. high temperature storage test 1.ta=105 5 2.t=1000 hrs (-24hrs, +72hrs) 1.ta=105 5 &-40 5 (10min) (10min) 2.total 10 cycles 1.ta=-40 5 2.t=1000 hrs (-24hrs, +72hrs) 1.t.sol=260 5 2.dwell time= 10 1sec. thermal shock test solderability test solder resistance test 1.t.sol=230 5 2.dwell time=5 1sec low temperature storage test high temperature high humidity test 1.ta=65 5 2.rh=90%~95% 3.t=240hrs 2hrs the purpose of this is the resistance of the device to sudden extreme changes in high and low temperature. this test intended to see soldering well performed or not. this test intended to determine the thermal characteristic resistance of the device to sudden exposures at extreme changes in temperature when soldering the lead wire. mil-std-202: 210a mil-std-750: 2031 jis c 7021: a-1 mil-std-202: 107d mil-std-750: 1051 mil-std-883: 1011 the purpose of this test is the resistance of the device under tropical for hours. the purpose of this is the resistance of the device which is laid under condition of low temperature for hours. mil-std-202:103b jis c 7021: b-11 jis c 7021: b-12 test condition 1.under room temperature 2.if=10ma 3.t=1000 hrs (-24hrs, +72hrs) reliability test: test item operating life test description this test is conducted for the purpose of detemining the resistance of a part in electrical and themal stressed. mil-std-750: 1026 mil-std-883: 1005 jis c 7021: b-1 reference standard ligitek electronics co.,ltd. property of ligitek only page part no.lsd1005/6d-xx-pf


▲Up To Search▲   

 
Price & Availability of LSD1005-6D-XX-PF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X