Part Number Hot Search : 
020AD 00023 55005 MX802LH 55C6V8 DDTA113 11101 8000G
Product Description
Full Text Search
 

To Download IRLR3103TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  irlr/u3103 hexfet ? power mosfet s d g v dss = 30v r ds(on) = 0.019 w i d = 55a ? description 11/11/98 parameter max. units i d @ t c = 25c continuous drain current, v gs @ 10v 55 ? i d @ t c = 100c continuous drain current, v gs @ 10v 39 ? a i dm pulsed drain current ?? 220 p d @t c = 25c power dissipation 107 w linear derating factor 0.71 w/c v gs gate-to-source voltage 16 v e as single pulse avalanche energy ?? 240 mj i ar avalanche current ?? 34 a e ar repetitive avalanche energy ?? 11 mj dv/dt peak diode recovery dv/dt ? 5.0 v/ns t j operating junction and -55 to + 175 t stg storage temperature range soldering temperature, for 10 seconds 300 (1.6mm from case ) c absolute maximum ratings parameter typ. max. units r q jc junction-to-case CCC 1.4 r q ja junction-to-ambient (pcb mount) ** CCC 50 c/w r q ja junction-to-ambient CCC 110 thermal resistance d-pak to-252aa i-pak to-251aa l logic-level gate drive l ultra low on-resistance l surface mount (irlr3103) l straight lead (irlu3103) l advanced process technology l fast switching l fully avalanche rated fifth generation hexfets from international rectifier utilize advanced processing techniques to achieve the lowest possible on-resistance per silicon area. this benefit, combined with the fast switching speed and ruggedized device design that hexfet power mosfets are well known for, provides the designer with an extremely efficient device for use in a wide variety of applications. the d-pak is designed for surface mounting using vapor phase, infrared, or wave soldering techniques. the straight lead version (irfu series) is for through- hole mounting applications. power dissipation levels up to 1.5 watts are possible in typical surface mount applications. pd - 91333e www.irf.com 1
irlr/u3103 2 www.irf.com parameter min. typ. max. units conditions v (br)dss drain-to-source breakdown voltage 30 CCC CCC v v gs = 0v, i d = 250a d v (br)dss / d t j breakdown voltage temp. coefficient CCC 0.037 CCC v/c reference to 25c, i d = 1ma CCC CCC 0.019 v gs = 10v, i d = 33a ? CCC CCC 0.024 v gs = 4.5v, i d = 25a ? v gs(th) gate threshold voltage 1.0 CCC CCC v v ds = v gs , i d = 250a g fs forward transconductance 23 CCC CCC s v ds = 25v, i d = 34a ? CCC CCC 25 a v ds = 30v, v gs = 0v CCC CCC 250 v ds = 18v, v gs = 0v, t j = 150c gate-to-source forward leakage CCC CCC 100 na v gs = 16v gate-to-source reverse leakage CCC CCC -100 v gs = -16v q g total gate charge CCC CCC 50 i d = 34a q gs gate-to-source charge CCC CCC 14 nc v ds = 24v q gd gate-to-drain ("miller") charge CCC CCC 28 v gs = 4.5v, see fig. 6 and 13 ?? t d(on) turn-on delay time CCC 9.0 CCC v dd = 15v t r rise time CCC 210 CCC ns i d = 34a t d(off) turn-off delay time CCC 20 CCC r g = 3.4 w, v gs = 4.5v t f fall time CCC 54 CCC r d = 0.43 w, see fig. 10 ?? between lead, 6mm (0.25in.) from package and center of die contact ? c iss input capacitance CCC 1600 CCC v gs = 0v c oss output capacitance CCC 640 CCC pf v ds = 25v c rss reverse transfer capacitance CCC 320 CCC ? = 1.0mhz, see fig. 5 ? electrical characteristics @ t j = 25c (unless otherwise specified) nh i gss s d g l s internal source inductance CCC 7.5 CCC r ds(on) static drain-to-source on-resistance l d internal drain inductance CCC 4.5 CCC i dss drain-to-source leakage current s d g parameter min. typ. max. units conditions i s continuous source current mosfet symbol (body diode) CCC CCC showing the i sm pulsed source current integral reverse (body diode) ?? CCC CCC p-n junction diode. v sd diode forward voltage CCC CCC 1.3 v t j = 25c, i s = 28a, v gs = 0v ? t rr reverse recovery time CCC 81 120 ns t j = 25c, i f = 34a q rr reverse recoverycharge CCC 210 310 nc di/dt = 100a/s ?? t on forward turn-on time intrinsic turn-on time is negligible (turn-on is dominated by l s +l d ) source-drain ratings and characteristics a 55 ? 220 notes: ? v dd = 15v, starting t j = 25c, l = 300h r g = 25 w , i as = 34a. (see figure 12) ? repetitive rating; pulse width limited by max. junction temperature. ( see fig. 11 ) ** when mounted on 1" square pcb (fr-4 or g-10 material ) . for recommended footprint and soldering techniques refer to application note #an-994 ? i sd 34a, di/dt 140a/s, v dd v (br)dss , t j 175c ? this is applied for i-pak, l s of d-pak is measured between lead and center of die contact ? uses irl3103 data and test conditions ? pulse width 300s; duty cycle 2% ? calculated continuous current based on maximum allowable junction temperature; package limitation current = 20a w
irlr/u3103 www.irf.com 3 fig 3. typical transfer characteristics fig 4. normalized on-resistance vs. temperature fig 1. typical output characteristics fig 2. typical output characteristics 1 10 100 1000 0.1 1 10 100 i , drain-to-source current (a) d v , drain-to-source voltage (v) ds a 20s pulse w idth t = 25c j vgs top 15v 12v 10v 8.0v 6.0v 4.0v 3.0v bottom 2.5v 2.5v 1 10 100 1000 0.1 1 10 100 i , drain-to-source current (a) d v , drain-to-source voltage (v) ds a 20s pulse w idth t = 175c vgs top 15v 12v 10v 8.0v 6.0v 4.0v 3.0v bottom 2.5v 2.5v j 1 10 100 1000 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 t = 25c j gs v , gate-to-source volta g e ( v ) d i , drain-to-source current (a) t = 175c j a v = 15v 20s pulse w idth ds 0.0 0.5 1.0 1.5 2.0 -60 -40 -20 0 20 40 60 80 100 120 140 160 180 j t , junction temperature ( c ) r , drain-to-source on resistance ds(on) (norm alized) v = 10v gs a i = 56a d
irlr/u3103 4 www.irf.com fig 8. maximum safe operating area fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage fig 7. typical source-drain diode forward voltage 0 400 800 1200 1600 2000 2400 2800 3200 1 10 100 c, capacitance (pf) ds v , drain-to-source voltage (v) a v = 0v, f = 1mhz c = c + c , c shorted c = c c = c + c gs iss gs gd ds rss gd oss ds gd c iss c oss c rss 0 3 6 9 12 15 0 10203040506070 q , total g ate charge (nc) g v , g ate-to-source voltage (v) gs a for test circuit see figure 13 v = 24v v = 15v i = 34a ds ds d 10 100 1000 0.4 0.8 1.2 1.6 2.0 2.4 2.8 t = 25c j v = 0v gs v , source-to-drain volta g e (v) i , reverse drain current (a) sd sd a t = 175c j 1 10 100 1000 1 10 100 v , drain-to-source voltage (v) ds i , drain current (a) operation in this area limited by r d ds(on) 10s 100s 1ms 10ms a t = 25c t = 175c single pulse c j
irlr/u3103 www.irf.com 5 fig 9. maximum drain current vs. case temperature fig 10a. switching time test circuit v ds 90% 10% v gs t d(on) t r t d(off) t f fig 10b. switching time waveforms v ds pulse width 1 s duty factor 0.1 % r d v gs r g d.u.t. 5.0v + - v dd fig 11. maximum effective transient thermal impedance, junction-to-case 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectan g ular pulse duration ( sec ) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response) 25 50 75 100 125 150 175 0 10 20 30 40 50 60 t , case temperature ( c) i , drain current (a) c d limited by package
irlr/u3103 6 www.irf.com q g q gs q gd v g charge 5.0 v fig 13b. gate charge test circuit fig 13a. basic gate charge waveform fig 12c. maximum avalanche energy vs. drain current d.u.t. v ds i d i g 3ma v gs .3 m f 50k w .2 m f 12v current regulator same type as d.u.t. current sampling resistors + - fig 12b. unclamped inductive waveforms fig 12a. unclamped inductive test circuit t p v (br)dss i as r g i as 0.01 w t p d.u.t l v ds + - v dd driver a 15v 10v 0 100 200 300 400 500 600 25 50 75 100 125 150 175 j e , single pulse avalanche energy (mj) as a starting t , junction temperature (c) v = 15v i top 14a 24a bottom 34a dd d
irlr/u3103 www.irf.com 7 p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-applied voltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - - fig 14. for n-channel hexfets * v gs = 5v for logic level devices peak diode recovery dv/dt test circuit ? ? ? r g v dd dv/dt controlled by r g driver same type as d.u.t. i sd controlled by duty factor "d" d.u.t. - device under test d.u.t circuit layout considerations low stray inductance ground plane low leakage inductance current transformer ? *
irlr/u3103 8 www.irf.com package outline to-252aa outline dimensions are shown in millimeters (inches) to-252aa (d-park) part marking information 6.73 (.265) 6.35 (.250) - a - 4 1 2 3 6.22 (.245) 5.97 (.235) - b - 3x 0.89 (.035) 0.64 (.025) 0.25 (.010) m a m b 4.57 (.180) 2.28 (.090) 2x 1.14 (.045) 0.76 (.030) 1.52 (.060) 1.15 (.045) 1.02 (.040) 1.64 (.025) 5.46 (.215) 5.21 (.205) 1.27 (.050) 0.88 (.035) 2.38 (.094) 2.19 (.086) 1.14 (.045) 0.89 (.035) 0.58 (.023) 0.46 (.018) 6.45 (.245) 5.68 (.224) 0.51 (.020) min. 0.58 (.023) 0.46 (.018) lead assignments 1 - g ate 2 - d ra in 3 - so u r ce 4 - d ra in 10.42 (.410) 9.40 (.370) notes: 1 dimensioning & tolerancing per ansi y14.5m, 1982. 2 controlling dimension : inch. 3 c o n fo r ms to jede c ou tlin e to -252aa. 4 dimensions show n are before solder dip, solder dip max. +0.16 (.006). international re ctifier lo g o assembly lo t code exa mple : this is an irfr120 w ith assem bly lot code 9u1p first portion of part number second portion of part number 120 irfr 9u 1p a
irlr/u3103 www.irf.com 9 package outline to-251aa outline dimensions are shown in millimeters (inches) to-251aa (i-park) part marking information 6.73 (.265) 6.35 (.250) - a - 6.22 (.245) 5.97 (.235) - b - 3x 0.89 (.035) 0.64 (.025) 0.25 (.010) m a m b 2.28 (.090) 1.14 (.045) 0.76 (.030) 5.46 (.215) 5.21 (.205) 1.27 (.050) 0.88 (.035) 2.38 (.094) 2.19 (.086) 1.14 (.045) 0.89 (.035) 0.58 (.023) 0.46 (.018) lead assignments 1 - g ate 2 - d rain 3 - so u rc e 4 - d rain notes: 1 dimensioning & tolerancing per ansi y14.5m, 1982. 2 controlling dimension : inch. 3 c o nf o r ms to jedec o utlin e to -252aa. 4 dimensions show n are before solder dip, so lder dip max. +0.16 (.006). 9.65 (.380) 8.89 (.350) 2x 3x 2.28 (.090) 1.91 (.075) 1.52 (.060) 1.15 (.045) 4 1 2 3 6.45 (.245) 5.68 (.224) 0.58 (.023) 0.46 (.018) international rec tifier lo go assembly lot co de first portion of part numbe r second portion of part number 120 9u 1p example : this is an irfu120 w ith assembly lo t code 9u1p irfu
irlr/u3103 10 www.irf.com tape & reel information to-252aa tr 16.3 ( .641 ) 15.7 ( .619 ) 8.1 ( .318 ) 7.9 ( .312 ) 12.1 ( .476 ) 11.9 ( .469 ) feed direction feed direction 16.3 ( .641 ) 15.7 ( .619 ) trr trl notes : 1. controlling dimension : millimeter. 2. all dimensions are shown in millimeters ( inches ). 3. outline conforms to eia-481 & eia-541. notes : 1. outline conforms to eia-481. 16 mm 13 inc h world headquarters: 233 kansas st., el segundo, california 90245, tel: (310) 322 3331 ir great britain: hurst green, oxted, surrey rh8 9bb, uk tel: ++ 44 1883 732020 ir canada: 15 lincoln court, brampton, ontario l6t3z2, tel: (905) 453 2200 ir germany: saalburgstrasse 157, 61350 bad homburg tel: ++ 49 6172 96590 ir italy: via liguria 49, 10071 borgaro, torino tel: ++ 39 11 451 0111 ir far east: k&h bldg., 2f, 30-4 nishi-ikebukuro 3-chome, toshima-ku, tokyo japan 171 tel: 81 3 3983 0086 ir southeast asia: 1 kim seng promenade, great world city west tower, 13-11, singapore 237994 tel: ++ 65 838 4630 ir taiwan: 16 fl. suite d. 207, sec. 2, tun haw south road, taipei, 10673, taiwan tel: 886-2-2377-9936 http://www.irf.com/ data and specifications subject to change without notice. 11/98


▲Up To Search▲   

 
Price & Availability of IRLR3103TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X