low current red 180 angle ceramic chip cr 50 lr features solid state ceramic chip high power thermal absorbtion superior light uniformity over 180o end?to?end and side?to side stackable to a pitch of 1.3mm solderpads confirm to mil?std 883b red clear lens applications ideal for back?light applications custom configurations maximum ratings (ta=25 o c) characteristic symbol max. unit forward current if 20 ma reverse voltage vr 100 v power dissipation pd 130.00 mw operating temperature topr ?25 ~ +80 o c storage temperature tstg ?25 ~ +120 o c soldering temperature tsol 250 o c soldering time ? for 10 sec. max ? opto?electrical characteristics (ta=25 o c) characteristic symbol test condition min typ max unit forward voltage vf if=20ma ? 2.10 2.30 v reverse current ir vr=5v ? ? 100 ma luminous intensity iv if=20ma 2.30 3.20 ? mcd viewing angle 2q 1/2 ? ? 180 o ? deg. peak wavelength lp if=20ma ? 635 ? nm dominant wavelength ld if=20ma ? 625 ? nm spectral line half width dl if=20ma ? 40 ? nm specifications are subject to change without notice company headquarters 120 broadway menands, new york 12204 toll free: 800.984.5337 fax: 518.432.7454 web: www.marktechopto.com | email: info@marktechopto.com west coast sales office 950 south coast drive, suite 265 costa mesa, california 92626 toll free: 800.984.5337 fax: 714.850.9314
|