Part Number Hot Search : 
N4000A 1N5340 PCHMB MAX189 311YH CM3110 1N727A 1212D
Product Description
Full Text Search
 

To Download BC847BS1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p b l e a d - f r e e ds30222 rev. 9 - 2 1 of 3 bc847bs www.diodes.co m ? diodes incorporated bc847b s dual npn surface mo unt small si gnal transi stor features maximum ratings @ t a = 25c unless otherwise s pecified characteristic symbol value unit collector-base voltage v cbo 50 v collector-emitter voltage v ceo 45 v emitter-base voltage v ebo 5.0 v collector current i c 100 ma peak collector current i cm 200 ma peak base current i bm 200 ma power dissipation (note 1) p d 200 mw thermal resistance, j unction to ambient (note 1) r q ja 500 c/w operating and storage temperature range t j , t stg -65 to +150 c ideally suited for automatic insertion for switching and af amplifier appli cations ultra-small surface mount package lead free/rohs com pliant (note 2) qualified t o aec-q101 standards f or high reliability case: sot-363 case material: molded pl astic. ul flammability classification rating 94v-0 moisture sensitivity: level 1 per j- std-020c terminals: solderable per mil-std-202, method 208 lead free plating (matte tin finish annealed over alloy 42 leadframe). terminal connections: see diagram marking: k1f (see page 2) ordering & date code information: see page 2 weight: 0.006 grams mechanical data a m j l d b c h k g f c 2 b 1 e 1 e 2 b 2 c 1 notes: 1. device mounted on fr-4 pc b, 1 inch x 0.85 inch; pad layout as shown on diodes inc. suggested pad layout document ap02001, which can be found on our website at http:/ /www.diodes.com/datasheets/ap02001.pdf. 2. no purposefully added lead. sot-363 dim min max a 0.10 0.30 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal f 0.30 0.40 h 1.80 2.20 j ? 0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.25 a 8 all dimensions in m m
ds30222 rev. 9 - 2 2 of 3 bc847bs www.diodes.co m electri cal character isti cs @ t a = 25c unless otherwise s pecified characteristic symbol min typ max unit test condition dc current gain (note 3) h fe 200 ? 450 ? v ce = 5.0v, i c = 2.0ma collector-emitter saturation voltage (note 3) v ce (sat) ? ? ? 100 400 mv i c = 10ma, i b = 0.5ma i c = 100ma, i b = 5.0ma base-emitter saturation voltage (note 3) v be (sat) ? 755 ? mv i c = 10ma, i b = 0.5ma base-emitter voltage (note 3) v be 580 665 700 mv v ce = 5.0v, i c = 2.0ma collector cutoff current (note 3) i cbo i cbo ? ? ? 15 5.0 na a v cb = 30v, i e = 0 v cb = 30v, t j = 125c emitter cutoff current (note 3) i ebo ? ? 100 na v eb = 5.0v, i c = 0 gain bandwidth product f t 100 ? ? mhz v ce = 5.0v, i c = 10ma, f = 100mhz collector-base capacitance c cbo ? ? 1.5 pf v cb = 10v, f = 1.0mhz emitter-base capacitance c ebo ? 11 ? pf v eb = 0.5v, f = 1.0mhz month jan feb march apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d date code key k1f = product type mark ing code ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september k1f k 1 f ym y m marking i nformat ion notes: 3. short durat ion pulse test used to minimize self-heating effect. 4. for packaging details, go to our website at http: //www.diodes.com/datasheets/ap02007.pdf . device packaging shipping bc847bs-7-f sot-363 3000/tape & reel orderi ng inform ation (note 4) year 1998 1999 2000 2001 2002 2003 2004 2005 2006 2007 2008 2009 2010 2011 2012 code j k l m n p r s t u v w x y z
ds30222 rev. 9 - 2 3 of 3 bc847bs www.diodes.co m 1 1 0 1 0 0 1 0 0 0 1 .0 1 0 1 0 0 0 .1 0 .0 1 h d c c u r r e n t g a i n f e , i , c o l l e c t o r c u r r e n t ( m a ) c f ig . 2 , d c c u rr e n t g a in v s c o ll e c to r c u rr e n t v = 5 v ce 10 0 c t = 2 5 c a -5 0 c 0 0 .1 0 .2 0 .3 0 .4 0 .5 0 .1 1 .0 1 0 1 0 0 v , c o l l e c t o r s a t u r a t i o n v o l t a g e ( v ) c e i , c o l l e c t o r c u r r e n t ( m a ) c f ig . 3 , c o ll e c to r s a tu ra ti o n v o lt a g e v s c o ll e c to r c u rr e n t i / i = 2 0 c b t = 1 00 c a 25 c -5 0 c 1 0 1 0 0 1 0 0 0 0 .1 1 .0 1 0 1 0 0 f , g a i n b a n d w i d t h p r o d u c t ( m h z ) t i , c o l l e c to r c u r r e n t ( m a ) c f ig . 4 , g a in b a n d w id th p ro d u c t v s c o lle c to r c u rr e n t t = 2 5 c a v = 1 0v ce 5v 2v 0 5 0 1 0 0 1 5 0 2 0 0 2 5 0 0 1 0 0 2 0 0 p , p o w e r d i s s i p a t i o n ( m w ) d t , a m b ie n t t e m p e r a t u r e ( c ) a f ig . 1 , p o w e r d e ra ti n g c u rv e (s ee n ot e 1) notes: 1. device mounted on fr4 printed circuit board . i m p o r t a n t n o t i c e d i o d e s i n c o r p o r a t e d a n d i t s s u b s i d i a r i e s r e s e r v e t h e r i g h t t o m a k e m o d i f i c a t i o n s , e n h a n c e m e n t s , i m p r o v e m e n t s , c o r r e c t i o n s o r o t h e r c h a n g e s w i t h o u t f u r t h e r n o t i c e t o a n y p r o d u c t h e r e i n . d i o d e s i n c o r p o r a t e d d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g o u t o f t h e a p p l i c a t i o n o r u s e o f a n y p r o d u c t d e s c r i b e d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y l i c e n s e u n d e r i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f p r o d u c t s i n s u c h a p p l i c a t i o n s s h a l l a s s u m e a l l r i s k s o f s u c h u s e a n d w i l l a g r e e t o h o l d d i o d e s i n c o r p o r a t e d a n d a l l t h e c o m p a n i e s w h o s e p r o d u c t s a r e r e p r e s e n t e d o n o u r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s . l i f e s u p p o r t d i o d e s i n c o r p o r a t e d p r o d u c t s a r e n o t a u t h o r i z e d f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u p p o r t d e v i c e s o r s y s t e m s w i t h o u t t h e e x p r e s s e d w r i t t e n a p p r o v a l o f t h e p r e s i d e n t o f d i o d e s i n c o r p o r a t e d .


▲Up To Search▲   

 
Price & Availability of BC847BS1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X