Part Number Hot Search : 
KBPC3504 MC12015D 2SC20 STUP012 1820A BR1765 H053B 2SA765
Product Description
Full Text Search
 

To Download ADM8660 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev. b information furnished by analog devices is believed to be accurate and reliable. however, no responsibility is assumed by analog devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. no license is granted by implication or otherwise under any patent or patent rights of analog devices. trademarks and registered trademarks are the property of their respective companies. one technology way, p.o. box 9106, norwood, ma 02062-9106, u.s.a. tel: 781/329-4700 www.analog.com fax: 781/326-8703 ? 2002 analog devices, inc. all rights reserved. adm660/ADM8660 cmos switched-capacitor voltage converters features adm660: inverts or doubles input supply voltage ADM8660: inverts input supply voltage 100 ma output current shutdown function (ADM8660) 2.2  f or 10  f capacitors 0.3 v drop at 30 ma load +1.5 v to +7 v supply low power cmos: 600  a quiescent current selectable charge pump frequency (25 khz/120 khz) pin compatible upgrade for max660, max665, icl7660 available in 16-lead tssop package applications handheld instruments portable computers remote data acquisition op amp power supplies typical circuit configurations + + +1.5v to +7v input c1 10  f c2 10  f inverted negative output adm660 fc cap+ gnd cap v+ osc lv out voltage inverter configuration (adm660) + + +1.5v to +7v input c1 10  f c2 10  f inverted negative output ADM8660 fc cap+ gnd cap v+ lv out sd shutdown control voltage inverter configuration with shutdown (ADM8660) general description the adm660/ADM8660 is a charge-pump voltage converter that can be used to either invert the input supply voltage giving v out = ? in or double it (adm660 only) giving v out = 2  v in . input voltages ranging from +1.5 v to +7 v can be inverted into a negative ?.5 v to ? v output supply. this inverting scheme is ideal for generating a negative rail in single power supply systems. only two small external capacitors are needed for the charge pump. output currents up to 50 ma with greater than 90% efficiency are achievable, while 100 ma achieves greater than 80% efficiency. a frequency control (fc) input pin is used to select either 25 khz or 120 khz charge-pump operation. this is used to optimize capacitor size and quiescent current. with 25 khz selected, a 10 f external capacitor is suitable, while with 120 khz the capacitor may be reduced to 2.2 f. the oscillator frequency on the adm660 can also be controlled with an external capacitor connected to the osc input or by driving this input with an external clock. in applications where a higher supply voltage is desired it is possible to use the adm660 to double the input voltage. with input voltages from 2.5 v to 7 v, output voltages from 5 v to 14 v are achievable with up to 100 ma output current. the ADM8660 features a low power shutdown (sd) pin instead of the external oscillator (osc) pin. this can be used to disable the device and reduce the quiescent current to 300 na. the adm660 is a pin compatible upgrade for the max660, max665, icl7660, and ltc1046. the adm660/ADM8660 is available in 8-lead dip and narrow- body soic. the adm660 is also available in a 16-lead tssop package. adm660/ADM8660 options option adm660 ADM8660 inverting mode y y doubling mode y n external oscillator y n shutdown n y package options r-8 y y n-8 y y ru-16 y n
rev. b C2C adm660/ADM8660?pecifications parameter min typ max unit test conditions/comments input voltage, v+ r l = 1 k w 3.5 7.0 v inverting mode, lv = open 1.5 7.0 v inverting mode, lv = gnd 2.5 7.0 v doubling mode, lv = out supply current no load 0.6 1 ma fc = open (adm660), gnd (ADM8660) 2.5 4.5 ma fc = v+, lv = open output current 100 ma output resistance (adm660) 9 15 w i l = 100 ma output resistance (ADM8660) 9 15 w i l = 100 ma, t a = 25 c output resistance (ADM8660) 16.5 w i l = 100 ma, t a = ?0 c to +85 c charge-pump frequency 25 khz fc = open (adm660), gnd (ADM8660) 120 khz fc = v+ osc input current 5 m af c = open (adm660), gnd (ADM8660) 25 m afc = v+ power efficiency (fc = open) (adm660) 90 94 % r l = 1 k w connected from v+ to out power efficiency (fc = open) (ADM8660) 90 94 % r l = 1 k w connected from v+ to out, t a = +25 c power efficiency (fc = open) (ADM8660) 88.5 % r l = 1 k w connected from v+ to out, t a = ?0 c to +85 c power efficiency (fc = open) (adm660) 90 93 % r l = 500 w connected from out to gnd power efficiency (fc = open) (ADM8660) 90 93 % r l = 500 w connected from out to gnd, t a = +25 c power efficiency (fc = open) (ADM8660) 88.5 % r l = 500 w connected from out to gnd, t a = ?0 c to +85 c power efficiency (fc = open) 81.5 % i l = 100 ma to gnd voltage conversion efficiency 99 99.96 % no load shutdown supply current, i shdn 0.3 5 m a ADM8660, shdn = v+ shutdown input voltage, v shdn 2.4 v shdn high = disabled 0.8 v shdn low = enabled shutdown exit time 500 m si l = 100 ma * c1 and c2 are low esr (<0.2 w ) electrolytic capacitors. high esr degrade performance. specifications subject to change without notice. (v+ = +5 v, c1, c2 = 10  f, * t a = t min to t max , unless otherwise noted.)
rev. b adm660/ADM8660 e3e power dissipation, ru-16 . . . . . . . . . . . . . . . . . . . . . 500 mw (derate 6 mw/ c above +50 c)  ja , thermal impedance . . . . . . . . . . . . . . . . . . . . 158 c/w operating temperature range industrial (a version) . . . . . . . . . . . . . . . . e 40 c to +85 c storage temperature range . . . . . . . . . . . e65 c to +150 c lead temperature range (soldering 10 sec) . . . . . . . . +300 c vapor phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . +215 c infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . +220 c esd rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >2000 v * this is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operation section of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. absolute maximum ratings * (t a = +25 c, unless otherwise noted.) input voltage (v+ to gnd, gnd to out) . . . . . . . . +7.5 v lv input voltage . . . . . . . . . . (out e 0.3 v) to (v+, +0.3 v) fc and osc input voltage . . . . . . . . . . . (out e 0.3 v) or (v+, e6 v) to (v+, +0.3 v) out, v+ output current (continuous) . . . . . . . . . . . 120 ma output short circuit duration to gnd . . . . . . . . . . . 10 secs power dissipation, n-8 . . . . . . . . . . . . . . . . . . . . . . . 625 mw (derate 8.3 mw/ c above +50 c)  ja , thermal impedance . . . . . . . . . . . . . . . . . . . . 120 c/w power dissipation, r-8 . . . . . . . . . . . . . . . . . . . . . . . 450 mw (derate 6 mw/ c above +50 c)  ja , thermal impedance . . . . . . . . . . . . . . . . . . . . 170 c/w ordering guide temperature package model range options * adm660an e40 c to +85 c n-8 adm660ar e40 c to +85 cr-8 adm660aru e40 c to +85 c ru-16 ADM8660an e40 c to +85 c n-8 ADM8660ar e40 c to +85 cr-8 * n = plastic dip; ru = thin shrink small outline; rn = small outline. caution esd (electrostatic discharge) sensitive device. electrostatic charges as high as 4000 v readily accumulate on the human body and test equipment and can discharge without detection. although the adm660/ADM8660 features proprietary esd protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. therefore, proper esd precautions are recommended to avoid performance degradation or loss of functionality.
rev. b e4e adm660/ADM8660 doubler configuration (adm660 only) mnemonic function fc freque ncy control input for internal o scillator and charge pump. with fc = open, f cp = 25 khz; with fc = v+, f cp = 120 khz. cap+ positive charge-pump capacitor terminal. gnd positive input supply. cape negative charge-pump capacitor terminal. out ground. lv low v oltage operation input. connect to out. osc must be left unconnected in this mode. v+ doubled positive output. pin connections 8-lead 1 2 3 4 8 7 6 5 top view (not to scale) adm660 fc out lv osc v+ cap+ gnd cape 1 2 3 4 8 7 6 5 top view (not to scale) ADM8660 fc out lv sd v+ cap+ gnd cape 16-lead 14 13 12 11 16 15 10 9 8 1 2 3 4 7 6 5 top view (not to scale) adm660 nc = no connect nc osc v+ nc nc nc fc cap+ nc out lv gnd cape nc nc nc inverter configuration mnemonic function fc frequency control input for i nternal oscill ator and charge pump. with fc = open (adm660) or connected to gnd (ADM8660), f cp = 25 khz; with fc = v+, f cp = 120 khz. cap+ positive charge-pump capacitor terminal. gnd power supply ground. cape negative charge-pump capacitor terminal. out output, negative voltage. lv low voltage operation input. connect to gnd when input voltage is less than 3.5 v. above 3.5 v, lv may be connected to gnd or left unconnected. osc adm660: oscillator control input. osc is connected to an internal 15 pf capacitor. an external capacitor may be connected to slow the oscillator. an external oscillator may also be used to overdrive osc. the charge-pump freq uency is equal to 1/2 the oscillator frequency. sd ADM8660: shutdown control input. this in- put, when high, is used to disable the charge pump thereby reducing the power consumption. v+ positive power supply input. pin function descriptions
rev. b t ypical performance characteristicseadm660/ADM8660 e5e supply voltage e volts 0 1.5 7 .5 supply current e ma 3.5 5.5 2.5 1.5 3.0 2.0 1.0 0.5 voltage doubler lv = out lv = gnd lv = open tpc 1. power supply current vs. voltage load current e ma e4.2 e3.0 e5.0 e3.8 e4.6 e3.4 0 100 output voltage e volts 20 40 60 80 100 40 0 60 20 80 efficiency e % efficiency v out tpc 2. output voltage and efficiency vs. load current load current e ma 1.6 0 0.8 0.4 1.2 0 100 20 output voltage drop from supply voltage e volts 40 60 80 v+ = +2.5v v+ = +1.5v v+ = +3.5v v+ = +5.5v v+ = +4.5v tpc 3. output voltage drop vs. load current charge-pump frequency e hz 100 90 30 1k 1m 10k 100k 70 60 50 40 80 power efficiency e % i l = 10ma i l = 1ma i l = 50ma i l = 80ma tpc 4. efficiency vs. charge-pump frequency charge-pump frequency e khz 3.5 3.0 0 1 1000 10 supply current e ma 100 1.5 2.0 1.0 0.5 2.5 lv = gnd voltage doubler lv = gnd voltage inverter tpc 5. power supply current vs. charge-pump frequency load current e ma 120 efficiency e % 100 0 0 100 20 40 60 80 80 60 40 20 v+ = +5.5v v+ = +4.5v v+ = +6.5v v+ = +1.5v v+ = +2.5v v+ = +3.5v tpc 6. power efficiency vs. load current
rev. b e6e adm660/ADM8660 charge-pump frequency e khz 4.5 0 1 1000 10 100 1.5 0.5 2.5 5.0 2.0 1.0 3.0 4.0 3.5 load = 1ma output voltage e volts load = 10ma load = 50ma load = 80ma tpc 7. output voltage vs. charge-pump frequency supply voltage e volts 30 output source resistance e  25 0 1.5 6.5 2.5 3.5 4.5 5.5 20 15 10 5 tpc 8. output source resistance vs. supply voltage supply voltage e volts 30 0 1.5 3.5 5.5 20 10 2.5 4.5 6.5 lv = gnd lv = open fc = open osc = open c1, c2 = 10  f charge-pump frequency e khz tpc 9. charge-pump frequency vs. supply voltage temperature e c 35 15 0 e40 charge-pump frequency e khz e20 0 20 4 060 80 30 25 10 5 20 lv = gnd fc = open c1, c2 = 10  f tpc 10. charge-pump frequency vs. temperature capacitance e p f charge-pump frequency e khz 1k 100 0.1 11k 10 100 10 1 fc = open lv = gnd fc = v+ lv = gnd tpc 11. charge-pump frequency vs. external capacitance supply voltage e volts charge-pump frequency e khz 140 0 37 3.5 4 4.5 5 5.5 6 6.5 120 80 60 40 20 100 lv = gnd lv = open fc = v+ osc = open c1,c2 = 2.2  f tpc 12. charge-pump frequency vs. supply voltage
rev. b adm660/ADM8660 e7e temperature e c charge-pump frequency e khz e40 100 e20 0 20 4 06080 160 0 140 80 60 40 20 120 100 lv = gnd fc = v+ c1, c2 = 2.2  f tpc 13. charge-pump frequency vs. temperature temperature e c output source resistance e  60 0 e40 100 e20 0 20 4 06080 50 40 30 20 10 v+ = +1.5v v+ = +3v v+ = +5v tpc 14. output resistance vs. temperature general information the adm660/ADM8660 is a switched capacitor voltage con- verter that can be used to invert the input supply voltage. the adm660 can also be used in a voltage doubling mode. the voltage conversion task is achieved using a switched capacitor technique using two external charge storage capacitors. an on- board oscillator and switching network transfers charge between the charge storage capacitors. the basic principle behind the voltage conversion scheme is illustrated in figures 1 and 2. + + v+ s1 s2 s3 s4 cap+ cape c1 c2 out = ev+  1  2 + 2 oscillator figure 1. voltage inversion principle + + v+ s1 s2 s3 s4 cap+ cape c1 c2 v out = 2v+  1  2 + 2 oscillator v+ figure 2. voltage doubling principle figure 1 shows the voltage inverting configuration, while figure 2 shows the configuration for voltage doubling. an oscillator generating antiphase signals  1 and  2 controls switches s1, s2, and s3, s4. during  1, switches s1 and s2 are closed charging c1 up to the voltage at v+. during  2, s1 and s2 open and s3 and s4 close. with the voltage inverter configuration during  2, the positive terminal of c1 is connected to gnd via s3 and the negative terminal of c1 connects to v out via s4. the net result is voltage inversion at v out wrt gnd. charge on c1 is trans- ferred to c2 during  2. capacitor c2 maintains this voltage during  1. the charge transfer efficiency depends on the on- resistance of the switches, the frequency at which they are being switched, and also on the equivalent series resistance (esr) of the external capacitors. the reason for this is explained in the following section. for maximum efficiency, capacitors with low esr are, therefore, recommended. the voltage doubling configuration reverses some of the con- nections, but the same principle applies. switched capacitor theory of operation as already described, the charge pump on the adm660/ADM8660 uses a switched capacitor technique in order to invert or double the input supply voltage. basic switched capacitor theory is dis cussed below. a switched capacitor building block is illustrated in figure 3. with the switch in position a, capacitor c1 will charge to voltage v1. the total charge stored on c1 is q1 = c1v1. the switch is then flipped to position b discharging c1 to voltage v2. the charge remaining on c1 is q2 = c1v2. the charge transferred to the output v2 is, therefore, the difference between q1 and q2, so  q = q1eq2 = c1 (v1ev2). v1 ab c1 c2 r l v2 figure 3. switched capacitor building block as the switch is toggled between a and b at a frequency f, the charge transfer per unit time or current is: i = f (  q ) = f ( c 1)( v 1e v 2) therefore, i = ( v 1e v 2)/(1 / fc 1) = ( v 1e v 2)/( r eq ) where r eq = 1/fc1 the switched capacitor may, therefore, be replaced by an equivalent resistance whose value is dependent on both the capacitor size and the switching frequency. this explains why lower capacitor values may be used with higher switching frequencies. it should be remembered that as the switching frequency is increased the power consumption will increase due to some charge being lost at each switching cycle. as a result, at high frequencies, the power efficiency starts decreasing. other losses include the resistance of the internal switches and the equivalent series resistance (esr) of the charge storage capacitors. v1 r eq r eq = 1/fc1 v2 c2 r l figure 4. switched capacitor equivalent circuit
rev. b e8e adm660/ADM8660 table ii. ADM8660 charge-pump frequency selection fc osc charge pump c1, c2 gnd open 25 khz 10 f v+ open 120 khz 2.2 f gnd or v+ ext cap see typical characteristics gnd ext clk ext clk frequency/2 + + +1.5v to +7v input c1 c2 inverted negative output adm660 ADM8660 fc cap+ gnd cape v+ osc lv out clk osc cmos gate figure 7. adm660/ADM8660 external oscillator voltage doubling configuration figure 8 shows the adm660 configured to generate increased output voltages. as in the inverting mode, only two external capacitors are required. the doubling function is achieved by reversing some connections to the device. the input voltage is applied to the gnd pin and v+ is used as the output. input voltages from 2.5 v to 7 v are allowable. in this configuration, pins lv, out must be connected to gnd. the unloaded output voltage in this configuration is 2 (v in ). output resistance and ripple are similar to the voltage inverting configuration. note that the ADM8660 cannot be used in the voltage doubling configuration. + 10  f doubled positive output adm660 fc cap+ gnd cape v+ osc lv out + 10  f +2.5v to +7v input figure 8. voltage doubler configuration shutdown input the ADM8660 contains a shutdown input that can be used to disable the device and thus reduce the power consumption. a logic high level on the sd input shuts the device down reducing the quiescent current to 0.3 a. during shutdown, the output voltage goes to 0 v. therefore, ground referenced loads are not powered during this state. when exiting shutdown, it takes several cycles (approximately 500 s) for the charge pump to reach its final value. if the shutdown function is not being used, then sd should be hardwired to gnd. capacitor selection the optimum capacitor value selection depends the charge-pump frequency. with 25 khz selected, 10 f capacitors are recommended, while with 120 khz selected, 2.2 f capacitors may be used. other frequencies allow other capacitor values to be used. for maximum efficiency in all cases, it is recommended that capaci- tors with low esr are used for the charge-pump. low esr capacitors give both the lowest output resistance and lowest ripple voltage. high output resistance degrades the overall power efficiency and causes voltage drops, especially at high output inverting negative voltage generator figures 5 and 6 show the adm660/ADM8660 configured to generate a negative output voltage. input supply voltages from 1.5 v up to 7 v are allowable. for supply voltage less than 3 v, lv must be connected to gnd. this bypasses the internal regulator circuitry and gives best performance in low voltage applications. with supply voltages greater than 3 v, lv may be either connected to gnd or left open. leaving it open facili- tates direct substitution for the icl7660. + + +1.5v to +7v input c1 10  f c2 10  f inverted negative output adm660 fc cap+ gnd cape v+ osc lv out figure 5. adm660 voltage inverter configuration + + +1.5v to +7v input c1 10  f c2 10  f inverted negative output ADM8660 fc cap+ gnd cape v+ lv out sd shutdown control figure 6. ADM8660 voltage inverter configuration oscillator frequency the internal charge-pump frequency may be selected to be either 25 khz or 120 khz using the frequency control (fc) input. with fc unconnected (adm660) or connected to gnd (ADM8660), the internal charge pump runs at 25 khz while, if fc is connected to v+, the frequency is increased by a factor of five. increasing the frequency allows smaller capacitors to be used for equivalent performance or, if the capacitor size is un- changed, it results in lower output impedance and ripple. if a charge-pump frequency other than the two fixed values is desired, this is made possible by the osc input, which can either have a capacitor connected to it or be overdriven by an external clock. refer to the typical performance characteris- tics, which shows the variation in charge-pump frequency versus capacitor size. the charge-pump frequency is one-half the oscil- lator frequency applied to the osc pin. if an external clock is used to overdrive the oscillator, its levels should swing to within 100 mv of v+ and gnd. a cmos driver is, therefore, suitable. when osc is overdriven, fc has no effect but lv must be grounded. note that overdriving is permitted only in the voltage inverter configuration. table i. adm660 charge-pump frequency selection fc osc charge pump c1, c2 open open 25 khz 10 f v+ open 120 khz 2.2 f open or v+ ext cap see typical characteristics open ext clk ext clk frequency/2
rev. b adm660/ADM8660 e9e current levels. the adm660/ADM8660 is tested using low esr, 10 f, capacitors for both c1 and c2. smaller values of c1 increase the output resistance, while increasing c1 will reduce the output resistance. the output resistance is also depen- dent on the internal switches on resistance as well as the capacitors esr, so the effect of increasing c1 becomes negligible past a certain point. figure 9 shows how the output resistance varies with oscillator frequency for three different capacitor values. at low oscillator frequencies, the output impedance is dominated by the 1/f c term. this explains why the output impedance is higher for smaller capacitance values. at high oscillator frequencies, the 1/f c term becomes insignificant and the output impedance is dominated by the internal switches on resistance. from an out- put impedance viewpoint, therefore, there is no benefit to be gained from using excessively large capacitors. oscillator frequency e khz 500 400 0 0.1 100 110 300 200 100 c1 = c2 = 2.2  f c1 = c2 = 1  f c1 = c2 = 10  f output resistance e  figure 9. output impedance vs. oscillator frequency capacitor c2 the output capacitor size c2 affects the output ripple. increas- ing the capacitor size reduces the peak-to-peak ripple. the esr affects both the output impedance and the output ripple. reducing the esr reduces the output impedance and ripple. for convenience it is recommended that both c1 and c2 be the same value. table iii. capacitor selection charge-pump capacitor frequency c1, c2 25 khz 10 f 120 khz 2.2 f power efficiency and oscillator frequency trade-off while higher switching frequencies allow smaller capacitors to be used for equivalent performance, or improved performance with the same capacitors, there is a trade-off to consider. as the oscillator frequency is increased, the quiescent current increases. this happens as a result of a finite charge being lost at each switching cycle. the charge loss per unit cycle at very high frequencies can be significant, thereby reducing the power effi- ciency. since the power efficiency is also degraded at low oscillator frequencies due to an increase in output impedance, this means that there is an optimum frequency band for maximum power transfer. refer to the typical performance characteristics section. bypass capacitor the ac impedance of the adm660/ADM8660 may be reduced by using a bypass capacitor on the input supply. this capacitor should be connected between the input supply and gnd. it will provide instantaneous current surges as required. suitable capacitors of 0.1 f or greater may be used.
rev. b ?0 adm660/ADM8660 8-lead plastic dual-in-line package [pdip] (n-8) dimensions shown in inches and (millimeters) seating plane 0.015 (0.38) min 0.180 (4.57) max 0.150 (3.81) 0.130 (3.30) 0.110 (2.79) 0.060 (1.52) 0.050 (1.27) 0.045 (1.14) 8 1 4 5 0.295 (7.49) 0.285 (7.24) 0.275 (6.98) 0.100 (2.54) bsc 0.375 (9.53) 0.365 (9.27) 0.355 (9.02) 0.150 (3.81) 0.135 (3.43) 0.120 (3.05) 0.015 (0.38) 0.010 (0.25) 0.008 (0.20) 0.325 (8.26) 0.310 (7.87) 0.300 (7.62) 0.022 (0.56) 0.018 (0.46) 0.014 (0.36) controlling dimensions are in inches; millimeter dimensions (in parentheses) are rounded-off inch equivalents for reference only and are not appropriate for use in design compliant to jedec standards mo-095aa 8-lead standard small outline package [soic] narrow body (r-8) dimensions shown in millimeters and (inches) 0.25 (0.0098) 0.19 (0.0075) 1.27 (0.0500) 0.41 (0.0160) 0.50 (0.0196) 0.25 (0.0099)  45  8  0  1.75 (0.0688) 1.35 (0.0532) seating plane 0.25 (0.0098) 0.10 (0.0040) 85 4 1 5.00 (0.1968) 4.80 (0.1890) 4.00 (0.1574) 3.80 (0.1497) 1.27 (0.0500) bsc 6.20 (0.2440) 5.80 (0.2284) 0.51 (0.0201) 0.33 (0.0130) coplanarity 0.10 controlling dimensions are in millimeters; inch dimensions (in parentheses) are rounded-off millimeter equivalents for reference only and are not appropriate for use in design compliant to jedec standards ms-012aa outline dimensions 16-lead thin shrink small outline package [tssop] (ru-16) dimensions shown in millimeters 16 9 8 1 pin 1 seating plane 8  0  4.50 4.40 4.30 6.40 bsc 5.10 5.00 4.90 0.65 bsc 0.15 0.05 1.20 max 0.20 0.09 0.75 0.60 0.45 0.30 0.19 coplanarity 0.10 compliant to jedec standards mo-153ab
rev. b adm660/ADM8660 e11e revision history location page 12/02?data sheet changed from rev. a to rev. b. renumbered tpcs and figures . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . universal edits to specifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 updated absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 updated outline dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
c00082e0e12/02(b) printed in u.s.a. e12e


▲Up To Search▲   

 
Price & Availability of ADM8660

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X